Part Number Hot Search : 
2N7002K NTE3063 AC487 TK412 RL204 2N130 3562A 805SF
Product Description
Full Text Search
 

To Download 74F652SPC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74F651 * 74F652 Transceivers/Registers
March 1988 Revised August 1999
74F651 * 74F652 Transceivers/Registers
General Description
These devices consist of bus transceiver circuits with Dtype flip-flops, and control circuitry arranged for multiplexed transmission of data directly from the input bus or from internal registers. Data on the A or B bus will be clocked into the registers as the appropriate clock pin goes to HIGH logic level. Output Enable pins (OEAB, OEBA) are provided to control the transceiver function.
Features
s Independent registers for A and B buses s Multiplexed real-time and stored data s Choice of non-inverting and inverting data paths 74F651 inverting 74F652 non-inverting
Ordering Code:
Order Number 74F651SC 74F651SPC 74F652SC 74F652SPC Package Number M24B N24C M24B N24C Package Description 24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-100, 0.300 Wide 24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-100, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
(c) 1999 Fairchild Semiconductor Corporation
DS009581
www.fairchildsemi.com
74F651 * 74F652
Logic Symbols
74F651 74F652
IEEE/IEC 74F651
IEEE/IEC 74F652
Unit Loading/Fan Out
Pin Names A0-A7, B0-B7 CPAB, CPBA SAB, SBA OEAB, OEBA Description A and B Inputs/ 3-STATE Outputs Clock Inputs Select Inputs Output Enable Inputs U.L. HIGH/LOW 1.0/1.0 600/106.6 (80) 1.0/1.0 1.0/1.0 1.0/1.0 Input IIH/IIL Output IOH/IOL 20 A/-0.6 mA -12 mA/64 mA (48 mA) 20 A/-0.6 mA 20 A/-0.6 mA 20 A/-0.6 mA
Function Table
Inputs OEAB OEBA CPAB CPBA SAB SBA L L X H L L L L H H H H H H H X L L L H H L H or L H or L H or L Inputs/Outputs (Note 1) A0 thru A7 Input Input Input Output Output Input Output B0 thru B7 Input Operating Mode Isolation Store A and B Data Not Specified Store A, Hold B Output Input Input Output Output Store A in Both Registers Hold A, Store B Store B in Both Registers Real-Time B Data to A Bus Store B Data to A Bus Real-Time A Data to B Bus Stored A Data to B Bus Stored A Data to B Bus and Stored B Data to A Bus
H = HIGH Voltage Level L = LOW Voltage Level
H or L X

X X

X X X
X X X X X X X X L H H
X X X X X X L H X X H
Not Specified Input
H or L
H or L
H or L H or L
X = Immaterial = LOW-to-HIGH Clock Transition
Note 1: The data output functions may be enabled or disabled by various signals at OEAB or OEBA inputs. Data input functions are always enabled, i.e., data at the bus pins will be stored on every LOW-to-HIGH transition on the clock inputs.
www.fairchildsemi.com
2
74F651 * 74F652
Functional Description
In the transceiver mode, data present at the HIGH impedance port may be stored in either the A or B register or both. The select (SAB, SBA) controls can multiplex stored and real-time. The examples in Figure 1 demonstrate the four fundamental bus-management functions that can be performed with the Octal bus transceivers and receivers. Data on the A or B data bus, or both can be stored in the internal D flip-flop by LOW-to-HIGH transitions at the appropriate Clock Inputs (CPAB, CPBA) regardless of the Select or Output Enable Inputs. When SAB and SBA are in the real time transfer mode, it is also possible to store data without using the internal D flip-flops by simultaneously enabling OEAB and OEBA. In this configuration each Output reinforces its Input. Thus when all other data sources to the two sets of bus lines are in a HIGH impedance state, each set of bus lines will remain at its last state.
Note A: Real-Time Transfer Bus B to Bus A
Note B: Real-Time Transfer Bus A to Bus B
OEAB OEBA CPAB CPBA SAB SBA L L X X X L
OEAB OEBA CPAB CPBA SAB SBA H H X X L X
Note C: Storage
Note D: Transfer Storage Data to A or B
OEAB OEBA CPAB CPBA SAB SBA X L L H X H X X X X X X X FIGURE 1. X

OEAB OEBA CPAB CPBA SAB SBA H L H or L H or L H X
3
www.fairchildsemi.com
74F651 * 74F652
Logic Diagrams
74F652
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
74F651
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
www.fairchildsemi.com
4
74F651 * 74F652
Absolute Maximum Ratings(Note 2)
Storage Temperature Ambient Temperature under Bias Junction Temperature under Bias VCC Pin Potential to Ground Pin Input Voltage (Note 3) Input Current (Note 3) Voltage Applied to Output in HIGH State (with VCC = 0V) Standard Output 3-STATE Output Current Applied to Output in LOW State (Max) ESD Last Passing Voltage (Min) twice the rated IOL (mA) 4000V -0.5V to VCC -0.5V to +5.5V -65C to +150C -55C to +125C -55C to +150C -0.5V to +7.0V -0.5V to +7.0V -30 mA to +5.0 mA
Recommended Operating Conditions
Free Air Ambient Temperature Supply Voltage 0C to +70C +4.5V to +5.5V
Note 2: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 3: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Symbol VIH VIL VCD VOH VOL IIH IBVI IBVIT ICEX VID IOD IIL IIH + IOZH IIL + IOZL IOS IZZ ICCH ICCL ICCZ Parameter Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Current Input HIGH Current Breakdown Test Input HIGH Current Breakdown (I/O) Output HIGH Leakage Current Input Leakage Test Output Leakage Circuit Current Input LOW Current Output Leakage Current Output Leakage Current Output Short-Circuit Current Bus Drainage Test Power Supply Current Power Supply Current Power Supply Current 105 118 115 -100 4.75 3.75 -0.6 70 -650 -225 500 135 150 150 10% VCC 10% VCC 2.0 0.55 5.0 7.0 0.5 50 Min 2.0 0.8 -1.2 Typ Max Units V V V V V A A mA A V A mA A A mA A mA mA mA Min Min Min Max Max Max Max 0.0 0.0 Max Max Max Max 0.0V Max Max Max VCC Conditions Recognized as a HIGH Signal Recognized as a LOW Signal IIN = -18 mA (Non I/O Pins) IOH = -15 mA (An, Bn) IOL = 64 mA (A n, Bn) VIN = 2.7V (Non I/O Pins) VIN = 7.0V VIN = 5.5V (An, Bn) VOUT = VCC IID = 1.9 A All Other Pins Grounded VIIOD = 150 mV All Other Pins Grounded VIN = 0.5V (Non I/O Pins) VOUT = 2.7V (An, Bn) VOUT = 0.5V (An, Bn) VOUT = 0V VOUT = 5.25V VO = HIGH VO = LOW VO = HIGH Z
5
www.fairchildsemi.com
74F651 * 74F652
AC Electrical Characteristics
TA = +25C Symbol Parameter VCC = +5.0V CL = 50 pF Min fMAX tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL Max. Clock Frequency Propagation Delay Clock to Bus Propagation Delay Bus to Bus (74F651) Propagation Delay Bus to Bus (74F652) Propagation Delay SBA or SAB to A or B 90 2.0 2.0 2.0 1.0 1.0 1.0 2.0 2.0 7.0 8.0 8.5 7.5 7.0 6.5 8.5 8.0 Max TA = -55C to +125C VCC = +5.0V CL = 50 pF Min 75 2.0 2.0 1.0 1.0 1.0 1.0 2.0 2.0 8.5 9.5 9.0 8.0 8.0 8.0 11.0 10.0 Max TA = 0C to +70C VCC = +5.0V CL = 50 pF Min 90 2.0 2.0 2.0 1.0 1.0 1.0 2.0 2.0 8.0 9.0 9.0 8.0 7.5 7.0 9.5 9.0 Max MHz ns ns ns ns Units
AC Operating Requirements
TA = +25C Symbol Parameter VCC = +5.0V Min tPZH tPZL tPHZ tPLZ tPZH tPZL tPHZ tPLZ tS(H) tS(L) tH(H) tH(L) tW(H) tW(L) Enable Time *OEBA to A Disable Time *OEBA to A Enable Time OEAB to B Disable Time OEAB to B Setup Time, HIGH or LOW, Bus to Clock Hold Time, HIGH or LOW, Bus to Clock Clock Pulse Width HIGH or LOW 2.0 2.0 1.0 2.0 2.0 3.0 2.0 2.0 5.0 5.0 2.0 2.0 5.0 5.0 Max 9.5 12.0 7.5 8.5 9.5 13.0 9.0 10.5 TA = -55C to +125C VCC = +5.0V Min 2.0 2.0 1.0 1.0 2.0 2.0 1.0 1.0 5.0 5.0 2.5 2.5 5.0 5.0 Max 10.0 10.0 9.0 9.0 10.0 12.0 9.0 12.0 TA = 0C to +70C VCC = +5.0V Min 2.0 2.0 1.0 2.0 2.0 3.0 2.0 2.0 5.0 5.0 2.0 2.0 5.0 5.0 Max 10.0 12.5 8.0 9.0 10.0 14.0 10.0 11.0 ns ns ns ns ns Units
www.fairchildsemi.com
6
74F651 * 74F652
Physical Dimensions inches (millimeters) unless otherwise noted
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide Package Number M24B
7
www.fairchildsemi.com
74F651 * 74F652 Transceivers/Registers
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-100, 0.300 Wide Package Number N24C
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 8 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74F652SPC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X