Part Number Hot Search : 
AN4233 DH0165D 180N0 4AA08 HT82323 ILC705M IRFP153R KA78L24A
Product Description
Full Text Search
 

To Download 74ABT125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74ABT125 Quad buffer (3-State)
Product specification Supersedes data of 1996 Mar 05 IC23 Data Handbook 1998 Jan 16
Philips Semiconductors
Philips Semiconductors
Product specification
Quad buffer (3-State)
74ABT125
FEATURES
* Quad bus interface * 3-State buffers * Live insertion/extraction permitted * Output capability: +64mA/-32mA * Latch-up protection exceeds 500mA per Jedec Std 17 * ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The 74ABT125 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive. The 74ABT125 device is a quad buffer that is ideal for driving bus lines. The device features four Output Enables (OE0, OE1, OE2, OE3), each controlling one of the 3-State outputs.
* Power-up 3-State * Inputs are disabled during 3-State mode
QUICK REFERENCE DATA
SYMBOL tPLH tPHL CIN COUT ICCZ PARAMETER Propagation delay An to Yn Input capacitance Output capacitance Total supply current CONDITIONS Tamb = 25C; GND = 0V CL = 50pF; VCC = 5V VI = 0V or VCC Outputs disabled; VO = 0V or VCC Outputs disabled; VCC =5.5V TYPICAL 2.9 4 7 65 UNIT ns pF pF A
ORDERING INFORMATION
PACKAGES 14-Pin Plastic DIP 14-Pin plastic SO 14-Pin Plastic SSOP Type II 14-Pin Plastic TSSOP Type I TEMPERATURE RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C OUTSIDE NORTH AMERICA 74ABT125 N 74ABT125 D 74ABT125 DB 74ABT125 PW NORTH AMERICA 74ABT125 N 74ABT125 D 74ABT125 DB 74ABT125PW DH DWG NUMBER SOT27-1 SOT108-1 SOT337-1 SOT402-1
PIN DESCRIPTION
PIN NUMBER 2, 5, 9, 12 3, 6, 8, 11 1, 4, 10, 13 7 14 SYMBOL A0 - A3 Y0 - Y3 OE0 - OE3 GND VCC Data inputs Data outputs Output enable inputs (active-Low) Ground (0V) Positive supply voltage NAME AND FUNCTION
PIN CONFIGURATION
LOGIC SYMBOL
1 OE0 2 4 OE1 A1 5 10 6 Y1 3 Y0
OE0 A0 Y0 OE1 A1 Y1 GND
1 2 3 4 5 6 7
14 13 12 11 10 9 8
VCC OE3 A3 Y3 OE2 A2 Y2
A0
OE2 A2 9 13 OE3 12 11 Y3 8 Y2
SA00025
A3
SA00026
1998 Jan 16
2
853-1606 18868
Philips Semiconductors
Product specification
Quad buffer (3-State)
74ABT125
LOGIC SYMBOL (IEEE/IEC)
FUNCTION TABLE
INPUTS OUTPUTS An L H X Yn L H Z OEn
1 2 4 5 10 9 13 12
EN
1
3
L L H
6
8
11
H L X Z
= High voltage level = Low voltage level = Don't care = High impedance "off" state
SA00027
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL VCC IIK VI IOK VOUT IOUT Tstg PARAMETER DC supply voltage DC input diode current DC input voltage3 DC output diode current DC output voltage3 DC output current Storage temperature range VO < 0 output in Off or High state output in Low state VI < 0 CONDITIONS RATING -0.5 to +7.0 -18 -1.2 to +7.0 -50 -0.5 to +5.5 128 -65 to 150 UNIT V mA V mA V mA C
NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150C. 3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
LIMITS SYMBOL VCC VI VIH VIL IOH IOL t/v Tamb DC supply voltage Input voltage High-level input voltage Low-level input voltage High-level output current Low-level output current Input transition rise or fall rate Operating free-air temperature range 0 -40 PARAMETER MIN 4.5 0 2.0 0.8 -32 64 10 +85 MAX 5.5 VCC V V V V mA mA ns/V C UNIT
1998 Jan 16
3
Philips Semiconductors
Product specification
Quad buffer (3-State)
74ABT125
DC ELECTRICAL CHARACTERISTICS
LIMITS SYMBOL PARAMETER TEST CONDITIONS Tamb = +25C Min VIK Input clamp voltage VCC = 4.5V; IIK = -18mA VCC = 4.5V; IOH = -3mA; VI = VIL or VIH VOH High-level output voltage VCC = 5.0V; IOH = -3mA; VI = VIL or VIH VCC = 4.5V; IOH = -32mA; VI = VIL or VIH VOL II IOFF IPU/IPD IOZH IOZL ICEX IO ICCH ICCL ICCZ Quiescent supply current Low-level output voltage Input leakage current Power-off leakage current Power-up/down 3-State output current3 3-State output High current 3-State output Low current Output High leakage current Output current1 VCC = 4.5V; IOL = 64mA; VI = VIL or VIH VCC = 5.5V; VI = GND or 5.5V VCC = 0.0V; VO or VI 4.5V VCC = 2.1V; VO = 0.5V; VI GND or VCC; V OE = Don't care VCC = 5.5V; VO = 2.7V; VI = VIL or VIH VCC = 5.5V; VO = 0.5V; VI = VIL or VIH VCC = 5.5V; VO = 5.5V; VI = GND or VCC VCC = 5.5V; VO = 2.5V VCC = 5.5V; Outputs High, VI = GND or VCC VCC = 5.5V; Outputs Low, VI = GND or VCC VCC = 5.5V; Outputs 3-State; VI = GND or VCC Outputs enabled, one data input at 3.4V, other inputs at VCC or GND; VCC = 5.5V ICC Additional supply current per input pin2 Outputs 3-State, one data input at 3.4V, other inputs at VCC or GND; VCC = 5.5V Outputs 3-State, one enable input at 3.4V, other inputs at VCC or GND; VCC = 5.5V -50 2.5 3.0 2.0 Typ -0.9 2.9 3.4 2.4 0.35 0.01 5.0 5.0 1.0 -1.0 5.0 -100 65 12 65 0.5 50 0.5 0.55 1.0 100 50 50 -50 50 -180 250 15 250 1.5 250 1.5 -50 Max -1.2 2.5 3.0 2.0 0.55 1.0 100 50 50 -50 50 -180 250 30 50 1.5 250 1.5 Tamb = -40C to +85C Min Max -1.2 V V V V V A A A A A A mA A mA A mA A mA UNIT
NOTES: 1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second. 2. This is the increase in supply current for each input at 3.4V. 3. This parameter is valid for any VCC between 0V and 2.1V, with a transition time of up to 10msec. From VCC = 2.1V to VCC = 5V 10% a transition time of up to 100sec is permitted.
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500 LIMITS SYMBOL PARAMETER WAVEFORM MIN tPLH tPHL tPZH tPZL tPHZ tPLZ Propagation delay An to Yn Output enable time to High and Low level Output disable time from High and Low level 1 2 2 1.0 1.0 1.0 1.0 1.0 1.5 Tamb = +25C VCC = +5.0V TYP 2.8 3.1 3.2 4.2 4.1 2.8 MAX 4.1 4.6 5.0 6.2 5.4 5.0 Tamb = -40C to +85C VCC = +5.0V 0.5V MIN 1.0 1.0 1.0 1.0 1.0 1.5 MAX 4.6 4.9 5.9 6.8 6.2 5.5 ns ns ns UNIT
1998 Jan 16
4
Philips Semiconductors
Product specification
Quad buffer (3-State)
74ABT125
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
3V OE INPUT 1.5V INPUT 0V tPLH tPHL VOH 1.5V OUTPUT VOL 1.5V tPZH tPHZ Yn OUTPUT tPZL tPLZ 3.5V 1.5V VM VM
VM
VOL + 0.3V VOL VOH VOH - 0.3V
SA00028
Yn OUTPUT
Waveform 1. Waveforms Showing the Input (An) to Output (Yn) Propagation Delays
VM 0V
SA00029
Waveform 2. Waveforms Showing the 3-State Output Enable and Disable Times
TEST CIRCUIT AND WAVEFORMS
7V From Output Under Test CL = 50 pF 500 S1 Open GND 500
Load Circuit
TEST tpd tPLZ/tPZL tPHZ/tPZH
S1 open 7V open
DEFINITIONS Load capacitance includes jig and probe capacitance; CL = see AC CHARACTERISTICS for value.
SA00012
1998 Jan 16
5
Philips Semiconductors
Product specification
Quad buffer (3-State)
74ABT125
DIP14: plastic dual in-line package; 14 leads (300 mil)
SOT27-1
1998 Jan 16
6
Philips Semiconductors
Product specification
Quad buffer (3-State)
74ABT125
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
1998 Jan 16
7
Philips Semiconductors
Product specification
Quad buffer (3-State)
74ABT125
SSOP14: plastic shrink small outline package; 14 leads; body width 5.3 mm
SOT337-1
1998 Jan 16
8
Philips Semiconductors
Product specification
Quad buffer (3-State)
74ABT125
TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1
1998 Jan 16
9
Philips Semiconductors
Product specification
Quad buffer (3-State)
74ABT125
DEFINITIONS
Data Sheet Identification
Objective Specification
Product Status
Formative or in Design
Definition
This data sheet contains the design target or goal specifications for product development. Specifications may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains Final Specifications. Philips Semiconductors reserves the right to make changes at any time without notice, in order to improve design and supply the best possible product.
Preliminary Specification
Preproduction Product
Product Specification
Full Production
Philips Semiconductors and Philips Electronics North America Corporation reserve the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. LIFE SUPPORT APPLICATIONS Philips Semiconductors and Philips Electronics North America Corporation Products are not designed for use in life support appliances, devices, or systems where malfunction of a Philips Semiconductors and Philips Electronics North America Corporation Product can reasonably be expected to result in a personal injury. Philips Semiconductors and Philips Electronics North America Corporation customers using or selling Philips Semiconductors and Philips Electronics North America Corporation Products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors and Philips Electronics North America Corporation for any damages resulting from such improper use or sale. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 Philips Semiconductors and Philips Electronics North America Corporation register eligible circuits under the Semiconductor Chip Protection Act. (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. (print code) Document order number: Date of release: July 1994 9397-750-03613


▲Up To Search▲   

 
Price & Availability of 74ABT125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X