Part Number Hot Search : 
74VHC CPT3307 CXA1846N IRL3202 TD301 67040 ST6020A P2NC60
Product Description
Full Text Search
 

To Download 2SC4093 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET DATA SHEET
SILICON TRANSISTOR
2SC4093
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
DESCRIPTION
The 2SC4093 is an NPN silicon epitaxial transistor designed for low noise amplifier at VHF, UHF and CATV band. It has large dynamic range and good current characteritics, and is contatined in a 4 pins mini-mold package which enables high-isolation gain.
2.90.2 (1.8) 0.85 0.95
PACKAGE DIMENSIONS (Units: mm)
0.4 -0.05 0.4 -0.05 0.4 0.16 -0.06
+0.1
2.8 -0.3 +0.2 1.5 -0.1 2 3 4 5 0 to 0.1 5
+0.2 +0.1
+0.1
FEATURES
* Low Noise NF = 1.1 dB TYP. @ VCE = 10 V, IC = 7 mA, f = 1.0 GHz * High Power Gains
1
0.6 -0.05
+0.1
S21e2 = 13 dB TYP. @ VCE = 10 V, IC = 20 mA, f = 1.0 GHz
ORDERING INFORMATION
PART NUMBER 2SC4093-T1 QUANTITY 3 Kpcs/Reel. PACKING STYLE Embossed tape 8 mm wide. Pin3 (Base), Pin4 (Emitter) face to perforation side of the tape. Embossed tape 8 mm wide. Pin1 (Collector), Pin2 (Emitter) face to perforation side of the tape.
1.1-0.1 0.8
+0.2
5
5
2SC4093-T2
3 Kpcs/Reel.
PIN CONNECTIONS 1. Collector 2. Emitter 3. Base 4. Emitter
* Please contact with responsible NEC person, if you require evaluation sample. Unit sample quantity shall be 50 pcs. (Part No.: 2SC4093)
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current Total Power Dissipation Junction Temperature Storage Temperature VCBO VCEO VEBO IC PT Tj Tstg 20 12 3.0 100 200 150 V V V mA mW
65 to +150
C C
Document No. P10365EJ3V1DS00 (3rd edition) Date Published March 1997 N Printed in Japan
(c)
+0.1 -0.05
(1.9)
1991
2SC4093
ELECTRICAL CHARACTERISTICS (TA = 25 C)
CHARACTERISTIC Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain Bandwidth Product Feed-Back Capacitance Insertion Power Gain Noise Figure SYMBOL ICBO IEBO hFE fT Cre 50 120 7.0 0.6 11 13 1.1 2.0 0.95 MIN. TYP. MAX. 1.0 1.0 250 GHz pF dB dB UNIT TEST CONDITIONS VCB = 10 V, IE = 0 VEB = 10 V, IC = 0 VCE = 10 V, IC = 20 mA VCE = 10 V, IC = 20 mA VCB = 10 V, IE = 0, f = 1.0 MHz VCE = 10 V, IC = 20 mA, f = 1.0 GHz VCE = 10 V, IC = 7 mA, f = 1.0 GHz
A A
S21e2
NF
Classification of hFE
Rank Marking Range R26/RBF * R26 50 to 100 R27/RBG * R27 80 to 160 R28/RBH * R28 125 to 250 * Old Specification / New Specification
hEF Test Condtitions: VCE = 10 V, IC = 20 mA
2
2SC4093
TYPICAL CHARACTERISTICS (TA = 25 C)
TOTAL POWER DISSIPATION vs. AMBIENT TEMPERATURE PT-Total Power Dissipation-mW Free Air Cre-Feed-back Capacitance-pF 200 2 FEED-BACK CAPACITANCE vs. COLLECTOR TO BASE VOLTAGE f = 1.0 GHz
1
0.5
100
0.2
0
50
100
150
0.1 1
2
5
10
20
TA-Ambient Temperature-C DC CURRENT GAIN vs. COLLECTOR CURRENT 200 VCE = 10 V 20
VCB-Collector to Base Voltage-V INSERTION GAIN vs. COLLECTOR CURRENT VCE = 10 V f = 1.0 GHz |S21e|2-Insertion Gain-dB
100 hFE-DC Current Gain
50
10
20
10 0.5
1
5
10
50
0 0.5
1
2
5
10
20
50
IC-Collector Current-mA GAIN BANDWIDTH PRODUUT vs. COLLECTOR CURRENT 20 fT-Gain Bandwidth Product-MHz VCE = 10 V Gmax-Maximum Gain-dB |S21e|2-Insetion Gain -dB 10 5 30
IC-Collector Current-mA INSERTION GAIN, MAXIMUM GAIN vs. FREQUENCY VCE = 10 V IC = 20 mA Gmax 20 |S21e|2
2 1 0.6 1 2 5 10 20 40
10
0 0.1
0.2
0.5 f-Frequency-GHz
1.0
2.0
IC-Collector Current-mA
3
2SC4093
NOISE FIGURE vs. COLLECTOR CURRENT 7 6 NF-Noise Figure-dB 5 4 3 2 1 0 0.5 VCE = 10 V f = 1.0 GHz
1
5
10
50 70
IC-Collector Current-mA
S-PARAMETER
VCE =10 V, IC = 5 mA, ZO = 50
f (MHz) 200 400 600 800 1000 1200 1400 1600 1800 2000
S11
0.730 0.583 0.522 0.518 0.519 0.539 0.552 0.555 0.570 0.582
S11 76.5 118.8 146.2 166.5
178.3 166.6 157.4 149.0 140.9 134.0
S21
11.712 7.379 5.551 4.026 3.406 2.744 2.512 2.122 2.028 1.740
S21
129.6 105.6 92.2 80.8 71.9 63.1 55.2 48.5 41.9 36.4
S12
0.048 0.056 0.072 0.072 0.088 0.089 0.106 0.111 0.134 0.135
S12
47.2 43.2 38.6 40.5 40.5 44.3 45.6 44.8 49.3 47.3
S22
0.772 0.600 0.526 0.471 0.441 0.428 0.406 0.388 0.380 0.367
S22 28.1 34.9 37.7 39.8 41.6 45.4 49.4 56.1 61.8 68.0
VCE = 10 V, IC = 20 mA, ZO = 50
f (MHz) 200 400 600 800 1000 1200 1400 1600 1800 2000
S11
0.454 0.395 0.384 0.408 0.420 0.442 0.455 0.468 0.486 0.502
S11 114.9 153.0 172.8
173.4 162.6 154.7 147.7 141.2 133.9 128.7
S21
19.635 10.412 7.454 5.318 4.450 3.571 3.253 2.737 2.618 2.237
S21
111.0 93.3 84.4 75.5 68.8 61.4 54.6 49.0 43.0 38.4
S12
0.033 0.041 0.060 0.073 0.094 0.103 0.127 0.137 0.165 0.170
S12
46.1 58.1 55.6 61.1 58.2 58.7 55.3 53.1 52.1 48.4
S22
0.497 0.359 0.315 0.283 0.256 0.247 0.227 0.212 0.198 0.186
S22 42.5 41.2 41.0 42.5 43.2 47.8 53.0 62.2 67.4 75.5
4
2SC4093
S-PARAMETER
S11e, S22e-FREQUENCY VCE = 10 V freq. = 0.2 to 2 GHz (Step 200 MHz) 1 0.6 2
0.2 S11e
2.0 GHz
5
0.2
0.6
0
1
2.0 GHz
IC = 20 mA S22e
-0.2
IC = 5 mA IC = 20 mA 0.2 GHz IC = 5 mA -0.6 -1 -2 0.2 GHz -5
S21e-FREQUENCY VCE = 10 V freq. = 0.2 to 2 GHz (Step 200 MHz) 90 120 IC = 20 mA 150 IC = 5 mA S21e 0.2 GHz 30 150 60
S12e-FREQUENCY VCE = 10 V freq. = 0.2 to 2 GHz (Step 200 MHz) 90 120 S12e 60
IC = 20 mA
2.0 GHz
30
IC = 5 mA 2.0 GHz 0 4 8 S21 S21 12 16 20 0 180 0 0.2 GHz 0.04 0.08 0.12 0.16 0.2 0
2.0 GHz 180
-150
-30
-150
-30
-120 -90
-60
-120 -90
-60
5
2SC4093
[MEMO]
6
2SC4093
[MEMO]
7
2SC4093
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96. 5


▲Up To Search▲   

 
Price & Availability of 2SC4093

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X