Part Number Hot Search : 
FDN361 B090A9M RFP50N06 AD771 SST25 S61089 110CA N4002
Product Description
Full Text Search
 

To Download 22RIA40M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2403 rev. A 07/00
22RIA SERIES
MEDIUM POWER THYRISTORS Stud Version
Features
Improved glass passivation for high reliability and exceptional stability at high temperature High di/dt and dv/dt capabilities Standard package Low thermal resistance Metric threads version available Types up to 1600V V DRM / V RRM
22A
Typical Applications
Medium power switching Phase control applications Can be supplied to meet stringent military, aerospace and other high-reliability requirements
Major Ratings and Characteristics
Parameters
IT(AV) @ TC IT(RMS) ITSM
2
10 to 120
22 85 35
22RIA 140 to 160
22 85 35 340 355 575 525 1400 to 1600 110
Units
A C A A A A2 s A2 s V s C
@ 50Hz @ 60Hz
400 420 793 724 100 to 1200
It
@ 50Hz @ 60Hz
VDRM/VRRM tq TJ typical
- 65 to 125
Case Style TO-208AA (TO-48)
www.irf.com
1
22RIA Series
Bulletin I2403 rev. A 07/00
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number Code
10 20 40 60 22RIA 80 100 120 140 160
V DRM /V RRM , max. repetitive peak and off-state voltage (1) V
100 200 400 600 800 1000 1200 1400 1600
VRSM , maximum nonrepetitive peak voltage (2) V
150 300 500 700 900 1100 1300 1500 1700
I DRM /I RRM max.
@ TJ = TJ max.
mA
20
10
(1) Units may be broken over non-repetitively in the off-state direction without damage, if dI/dt does not exceed 20A/s (2) For voltage pulses with tp 5ms
On-state Conduction
Parameter
IT(AV) IT(RMS) ITSM Max. average on-state current @ Case temperature Max. RMS on-state current Max. peak, one-cycle non-repetitive surge current
22RIA 10 to 120
22 85 35 400 420 335 355
140 to 160
22 85 35 340 355 285 300 575 525 405 370 5750 1.01 1.17 12.24 10.35 --1.80
Units
A C A A
Conditions
180 sinusoidal conduction
t = 10ms t = 8.3ms t = 10ms t = 8.3ms
No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max.
I2t
Maximum I2t for fusing
793 724 560 515
A2s
t = 10ms t = 8.3ms t = 10ms t = 8.3ms
I2t
Maximum I2t for fusing voltage
7930 0.83 0.95 14.9 13.4 1.70 ---
A2s V
t = 0.1 to 10ms, no voltage reapplied, TJ = TJ max. (16.7% x x IT(AV) < I < x IT(AV)), TJ = TJ max. (I > x IT(AV)), TJ = TJ max.
VT(TO)1 Low level value of threshold VT(TO)2 High level value of threshold voltage rt1 rt2 VTM Low level value of on-state slope resistance High level value of on-state slope resistance Max. on-state voltage
m
(16.7% x x IT(AV) < I < x IT(AV)), TJ = TJ max. (I > x IT(AV)), TJ = TJ max.
V
Ipk= 70 A, TJ = 25C TJ = 25C. Anode supply 6V, resistive load,
IH IL
Maximum holding current Latching current
130 200
mA
2
www.irf.com
22RIA Series
Bulletin I2403 rev. A 07/00
Switching
Parameter
di/dt Max. rate of rise of turned-on current VDRM 600V VDRM 800V VDRM 1000V VDRM 1600V tgt trr tq Typical turn-on time Typical reverse recovery time 200 180 160 150 0.9 4 s TJ = 25C, at = rated VDRM/VRRM, TJ = 125C TJ = TJ max., ITM = IT(AV), tp > 200s, di/dt = -10A/s Typical turn-off time 110 TJ = TJ max., ITM = IT(AV), tp > 200s, VR = 100V, di/dt = -10A/s, dv/dt = 20V/s linear to 67% VDRM, gate bias 0V-100W (*) tq = 10sup to 600V, tq = 30s up to 1600V available on special request. A/s
22RIA
Units
Conditions
TJ = TJ max., VDM = rated VDRM Gate pulse = 20V, 15, tp = 6s, tr = 0.1s max. ITM = (2x rated di/dt) A
Blocking
Parameter
dv/dt Max. critical rate of rise of off-state voltage
22RIA
100 300 (*)
Units
V/s
Conditions
TJ = TJ max. linear to 100% rated VDRM TJ = TJ max. linear to 67% rated VDRM
(**) Available with: dv/dt = 1000V/s, to complete code add S90 i.e. 22RIA160S90.
Triggering
Parameter
PGM IGM -VGM IGT Maximum peak gate power PG(AV) Maximum average gate power Max. peak positive gate current Maximum peak negative gate voltage DC gate current required to trigger 90 60 35 VGT DC gate voltage required to trigger IGD VGD DC gate current not to trigger DC gate voltage not to trigger 3.0 2.0 1.0 2.0 0.2 V V mA V mA TJ = - 65C TJ = 25C TJ = 125C TJ = - 65C TJ = 25C TJ = 125C TJ = TJ max., VDRM = rated value TJ = TJ max. VDRM = rated value Max. gate current/ voltage not to trigger is the max. value which will not trigger any unit with rated VDRM anode-to-cathode applied Max. required gate trigger current/ voltage are the lowest value which will trigger all units 6V anode-tocathode applied
22RIA
8.0 2.0 1.5 10
Units Conditions
W A V TJ = TJ max. TJ = TJ max. TJ = TJ max.
www.irf.com
3
22RIA Series
Bulletin I2403 rev. A 07/00
Thermal and Mechanical Specification
Parameter
TJ Tstg Max. operating temperature range Max. storage temperature range
22RIA
- 65 to 125 - 65 to 125 0.86
Units Conditions
C C K/W DC operation
R thJC Max. thermal resistance, junction to case R thCS Max. thermal resistance, case to heatsink T Mounting torque to nut
0.35
K/W
Mounting surface, smooth, flat and greased
to device 25 0.29 2.8 lbf-in kgf.m Nm g (oz) See Outline Table Lubricated threads (Non-lubricated threads)
20(27.5) 0.23(0.32) 2.3(3.1) wt Approximate weight Case style
14 (0.49)
TO-208AA (TO-48)
RthJC Conduction
(The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction Rectangular conduction Units
0.21 0.25 0.31 0.45 0.76 0.15 0.25 0.34 0.47 0.76 K/W
Conditions
TJ = TJ max.
Ordering Information Table
Device Code
22
1
RIA 160
2 3
M
4
S90
5
1 2 3 4
-
Current code Essential part number Voltage code: Code x 10 = VRRM (See Voltage Rating Table) None = Stud base TO-208AA (TO-48) 1/4" 28UNF-2A M = Stud base TO-208AA (TO-48) M6 X 1
5
-
Critical dv/dt: None = 300V/s (Standard value) S90 = 1000V/s (Special selection)
4
www.irf.com
22RIA Series
Bulletin I2403 rev. A 07/00
Outline Table
Case Style TO-208AA (TO-48)
All dimensions in millimeters (inches)
Maximum Allowable Case Temperature (C)
Maximum Allowable Case Temperature (C)
130
22RIA Series (100 to 1200V) R thJC (DC) = 0.86 K/W
130
22RIA Series (100 to 1200V) RthJC (DC) = 0.86 K/W
120
120
110
Conduction Angle
110
Conduction Period
100
30
100
60
30 60 90 120 180 DC 0 10 20 30 40
90
90
120 180
90
80
0
5
10
15
20
25
80
Average On-state Current (A)
Average On-state Current (A)
Fig. 1 - Current Ratings Characteristic
Fig. 2 - Current Ratings Characteristic
www.irf.com
5
22RIA Series
Bulletin I2403 rev. A 07/00
Maximum Average On-state Power Loss (W ) 40 35 30 25 20 15 10 5 0 0 5 10
Conduction Angle
180 120 90 60 30 RMS Limit
Rt
2
K/ W
A hS
= /W 1K
3K /W
4K /W 5K /W
aR elt -D
22RIA Series (100 to 1200V) TJ = 125C 15 20
7K /W 10 K /W
25 0
25
50
75
100
125
Average On-state Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 3 - On-state Power Loss Characteristics
Maximum Average On-state Power Loss (W) 50 45 40 35 30 DC 180 120 90 60 30
Rt
A hS
2
K/ W
= 1 W K/
25 RMS Limit 20 15 10 5 0 0 5 10 15
Conduction Period
3K /W 4K /W
a elt -D R
5K /W 7K /W
10 K/W
22RIA Series (100 to 1200V) TJ = 125C 20 25 30 35 0
25
50
75
100
125
Average On-state Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 4 - On-state Power Loss Characteristics
375 Peak Half Sine Wave On-state Current (A) 350 325 300 275 250 225 200 175 150 1 22RIA Series (100 to 1200V) 10 100
Peak Half Sine Wave On-state Current (A)
At Any Rated Load Condition And With Rated VRRM Applied Following Surge. Initial T = 125C J @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
400 375 350 325 300 275 250 225 200 175
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Control Of Conduction May Not Be Maintained. Initial T = 125C J No Voltage Reapplied Rated VRRMReapplied
22RIA Series (100 to 1200V) 0.1 Pulse Train Duration (s) 1
150 0.01
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
6
www.irf.com
22RIA Series
Bulletin I2403 rev. A 07/00
1000 Instantaneous On-state Current (A)
100
10
TJ= 25C TJ = 125C 22RIA Series (100 to 1200V) 1 1.5 2 2.5 3
1 0.5
Instantaneous On-state Voltage (V)
Fig. 7 - Forward Voltage Drop Characteristics
Maximum Allowable Case Temperature (C) Maximum Allowable Case Temperature (C) 130 130
22RIA Series (1400 to 1600V) R thJC (DC) = 0.86 K/W
22RIA Series (1400 to 1600V) R thJC (DC) = 0.86 K/W
120
120
110 30 60
Conduction Angle
110
Conduction Period
100
100
30 60 90 120 180 DC 0 10 20 30 40
90 90 120 180
90
80
0
5
10
15
20
25
80
Average On-state Current (A)
Average On-state Current (A)
Fig. 8 - Current Ratings Characteristics
Maximum Average On-state Power Loss (W ) 40 35 30 25 RMS Limit 20 15
Conduction Angle
Fig. 9 - Current Ratings Characteristics
180 120 90 60 30
2. 5
3K /W 4K /W 5K /W
2 K/ W K/ W
5 1. W K/
/W 1K
S R th
A
K/W .5 =0 R elta -D
7K /W
10 K /W
10 5 0 0 5 10
22RIA Series (1400 to 1600V) TJ= 125C 15 20 25 0 25 50 75 100 125
Average On-state Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 10 - On-state Power Loss Characteristics
www.irf.com
7
22RIA Series
Bulletin I2403 rev. A 07/00
Maximum Average On-state Power Loss (W) 55 50 45 40 35 30 25 RMS Limit 20 15 10 5 0 0 5 10 15
Conduction Period
DC 180 120 90 60 30
hS Rt
1 W K/
K/ W 2K /W 2.5 K 3 K /W /W 4K /W 5K /W 7 K/ W
10 K/W
1. 5
A
= W K/ 0.5 aR elt -D
22RIA Series (1400 to 1600V) TJ = 125C 20 25 30
35 0
25
50
75
100
125
Average On-state Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 11 - On-state Power Loss Characteristics
300 Peak Half Sine Wave On-state Current (A) 280 260 240 220 200 180 160 140 1 22RIA Series (1400 to 1600V) 10 100
At Any Rated Load Condition And With Rated V RRM Applied Following Surge. Initial T = 125C J @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
340 Peak Half Sine Wave On-state Current (A) 320 300 280 260 240 220 200 180 160 140
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Control Of Conduction May Not Be Maintained. Initial TJ= 125C No Voltage Reapplied Rated RRM Reapplied V
22RIA Series (1400 to 1600V) 0.1 Pulse Train Duration (s) 1
120 0.01
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 12 - Maximum Non-Repetitive Surge Current
1000 Instantaneous On-state Current (A) TJ= 25C 100
Fig. 13 - Maximum Non-Repetitive Surge Current
TJ = 125C
10
22RIA Series (1400 to 1600V) 1 0 1 2 3 4 5 6
Instantaneous On-state Voltage (V)
Fig. 14 - Forward Voltage Drop Characteristics
8
www.irf.com
22RIA Series
Bulletin I2403 rev. A 07/00
Transient Thermal Impedance Z thJC (K/W) 1 Steady State Value R thJC = 0.86 K/W (DC Operation)
0.1
22RIA Series
0.01 0.001
0.01
0.1 Square Wave Pulse Duration (s)
1
10
Fig. 15 - Thermal Impedance ZthJC Characteristics
100 Instantaneous Gate Voltage (V) Rectangular gate pulse a) Recommended load line for rated di/dt : 10V, 20ohms tr <=0.5 s, tp >= 6 s b) Recommended load line for <=30% rated di/dt : 10V, 65ohms 10 tr<=1 s, tp >= 6 s (b)
Tj = -65 C Tj = 25 C
(1) PGM = 16W, (2) PGM = 30W, (3) PGM = 60W, (4) PGM = 60W, (a)
tp = 4ms tp = 2ms tp = 1ms tp = 1ms
Tj = 125 C
1 VGD IGD 0.01
(1)
(2) (3)
(4)
0.1 0.001
22RIA Series Frequency Limited by PG(AV) 0.1 1 10 100
Instantaneous Gate Current (A)
Fig. 16 - Gate Characteristics
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332. EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408. IR CANADA: 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801. IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933. IR ITALY: Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220. IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086. IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630. IR TAIWAN: 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936. http://www.irf.com Fax-On-Demand: +44 1883 733420 Data and specifications subject to change without notice.
www.irf.com
9


▲Up To Search▲   

 
Price & Availability of 22RIA40M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X