Part Number Hot Search : 
XY6112P AD9502CM MC130 APL2100 BD506 IRU431L 1000A BD506
Product Description
Full Text Search
 

To Download Z86E47 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
Z86E47-ROM CPS DC-4157-01
PRELIMINARY CUSTOMER PRODUCT SPECIFICATION
Z86E47 OTP ROM
CMOS Z8(R) 8-BIT MICROCONTROLLER
GENERAL DESCRIPTION
The Z86E47 Digital Television Controller (DTC) introduce a new level of sophistication to single-chip architecture. The Z86E47 is a member of the Z8 single-chip microcontroller family with 16 Kbytes of OTP (One-TimeProgrammable) ROM and 236 bytes of RAM. The device is housed in a 64-pin DIP package, and is CMOS compatible. The part features ROMs for program storage and character generation. The Z86E47 microcontroller may be used in prototyping, low volume applications or where code development is required. Zilog's DTC offers fast execution, efficient use of memory, sophisticated interrupts, input/output bit manipulation capabilities, and easy hardware/software system expansion along with low cost and low power consumption. The device provides an ideal performance and reliability solution for consumer and industrial television applications. The Z86E47 architecture utilizes Zilog's advanced SuperintegrationTM design methodology. The device has an 8-bit internal data path controlled by a Z8 microcontroller, On-Screen Display (OSD) logic circuits/Pulse Width Modulators (PWM). On-chip peripherals include five register/ memory mapped I/O ports (Ports 2, 3, 4, 5, and 6), Interrupt control logic (1 software, 2 external and 3 internal interrupts) and a standby mode recovery input port (Port 3, pin P30). The OSD control circuits support eight rows by 20 columns for 128 kinds of characters. The character color is specified by row. One of the eight rows is assigned to show two kinds of colors for bar type displays such as volume control. The OSD is capable of displaying high resolution (11x15 dot pattern) characters. A 14-bit PWM port provides enough voltage resolution for a voltage synthesizer tuning system. Seven 6-bit PWM ports are used for controlling audio signal level. Five 8-bit PWM ports are used to vary picture levels. DTC applications demand powerful I/O capabilities. The Z86E47 fulfills this with 35 I/O pins dedicated to input and output. These lines are grouped into five ports, and are configurable under software control to provide timing, status signals, parallel I/O and an address/data bus for interfacing to external memory. There are three basic address spaces available to support this wide range of configurations: Program Memory, Register File and Data Memory. The Data Memory address space contains a number of control registers for the PWMs, OSD, and I/O Ports 4, 5, and 6. Specifically, there are 13 PWM and eight OSD control registers mapped into the external memory address space. Three I/O registers for Ports 4, 5, and 6 reside in data memory space as well. The Register File is composed of 236 bytes of general purpose register, two I/O Port registers and 15 control and status registers. To unburden the program from coping with the real-time problems such as counting/timing and data communication, the DTC's offer two on-chip counter/timers with a large number of user selectable modes (see block diagram). Note: All Signals with a preceding front slash, "/", are active Low, e.g.: B//W (WORD is active Low); /B/W (BYTE is active Low, only).
DC-4157-01
(2-18-94)
1
PRELIMINARY
Z86E47-ROM CPS DC-4157-01
PRODUCT RECOMMENDATIONS
Zilog recommends the following programming equipment for use with this one-time-programmable product.
Device Z86E4700ZDP
Zilog Support Tool Z86E47 Programming Adapter
Recommended Hardware A
Some non-Zilog programmers may have different programming waveforms, voltages and timings and not all programmers may meet the programming requirements of Zilog's one-time-programmable products.
If difficulty is encountered in programming a Zilog OTP product, please contact your local Zilog sales office.
XTAL1 XTAL2 /RESET
RESET Oscillator WDT Counter Timer Counter Timer
16K Byte Program ROM Port 2 Z8 CPU Core
P30 P31 P34 P35 P36 P40 P41 P42 P43 P44 P45 P46 P47 P50 P51 P52 P53 P54 P55 P56 P57 P60 P61 P62 P63 P64 P65 AFCIN
P27 P26 P25 P24 P23 P22 P21 P20
Port 3/ Interrupt 256 Byte Register File PWM 1 14 -bit PWM 1 PWM 2 PWM 3 PWM 4 PWM 5 PWM 6 PWM 7 PWM 8 PWM 9 PWM 10 PWM 11 PWM 12 PWM 13
Port4 Port 0 A8:15 Port 1 AD0:7
PWM 2 to PWM 8 6-bit
PWM 9 to PWM 13 8-bit Port 5
160 Byte Character RAM Port 6 4 KByte Character ROM
On Screen Display
OSCIN OSCOUT HSYNC VSYNC VRED VGREEN VBLUE VBLANK
Functional Block Diagram
2
PRELIMINARY
Z86E47-ROM CPS DC-4157-01
PIN CONFIGURATION
PWM5 PWM4 PWM3 PWM2 PWM1 P35 P36 P34 P31 P30 XTAL1 XTAL2 /RESET P60 GND P61 P62 VCC P63 P64 P65 AFCIN P50 P51 P52 P53 P54 P55 P56 P57 OSCIN OSCOUT 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 Z86E47 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 PWM6 PWM7 PWM8 PWM9 PWM10 PWM11 PWM12 PWM13 P27 P26 P25 P24 P23 GND P22 P21 VCC P20 P47 P46 P45 P44 P43 P42 P41 P40 VBLANK VBLUE VGREEN VRED VSYNC HSYNC
Z86E47 OTP ROM Plastic DIP
3
PRELIMINARY
Z86E47-ROM CPS DC-4157-01
ABSOLUTE MAXIMUM RATINGS
Stress greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; operation of the device at any condition above those indicated in the operational sections of these specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Symbol VCC VI VI VO IOH IOH IOL IOL IOL TA TSTG
Parameters Power Supply Voltage Input Voltage Input Voltage Output Voltage Output Current High Output Current High Output Current Low Output Current Low Output Current Low,all total Operating Temperature Storage Temperature
Min -0.3 -0.3 -0.3 -0.3
Max +7 VCC + 0.3 VCC + 0.3 VCC + 8.0 -10 -100 20 40 200
Units V V V V mA mA mA mA mA C
Notes
[1] [2] 1 pin all total 1 pin [3] (1 pin)
-65
+150
Notes: [1] Port 2 open-drain [2] PWM open-drain outputs [3] Port 5
Voltage on all pins with respect to GND. See Ordering Information
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test conditions as noted. All voltages are referenced to GND. Positive current flows into the referenced pin (see Test Load Diagram).
From Output Under Test
VDD
RLL
150 pF
RLH
Test Load Diagram
CAPACITANCE TA=25C, VCC=GND=0 V, Freq=1.0 MHz, unmeasured pins to GND.
Parameter Input capacitance Output capacitance I/O capacitance AFCIN input capacitance Max 10 20 25 10 Units pF pF pF pF
4
PRELIMINARY
Z86E47-ROM CPS DC-4157-01
DC CHARACTERISTICS TA=0C to +70C; VCC=+4.5 V to +5.5 V; FOSC=4 MHz
Symbol Parameter VIL VILC VIH VIHC VHY VPU VOL Input Voltage Low Input XTAL/Osc In Low Input Voltage High Input XTAL/Osc in High Schmitt Hysteresis Maximum Pull-up Voltage Output Voltage Low TA=0C to +70C Min Max 0 0.7 VCC 0.8 VCC 0.1 VCC 12 0.4 0.4 0.4 1.5 0.45 VCC 0.75 VCC -80 3.0 3.0 35 6 10 0.2 VCC 0.07 VCC VCC VCC Typical @ 25C Units Conditions 1.48 0.98 3.0 3.2 0.8 0.16 0.19 0.19 1.00 1.9 3.12 4.75 -46 0.01 0.02 22 3.2 0 V V V V V V V V V V V V V A A A mA mA A External Clock Generator Driven External Clock Generator Driven [2] IOL=1.00 mA IOL=3.2 mA, [1] IOL=0.75 mA [2] IOL=10 mA [1]
V00-01 V01-11 VOH IIR IIL IOL ICC ICC1 ICC2
AFC Level 01 In AFC Level 11 In Output Voltage High Reset Input Current Input Leakage Tri-State Leakage Supply Current
0.5 VCC VCC-0.4 -3.0 -3.0
IOH= -0.75 mA VRL=0 V 0 V,VCC 0 V,VCC All inputs at rail All inputs at rail All inputs at rail [3]
Notes: [1] Port 5 [2] PWM Open-Drain [3] XTAL1 Disconnected
AC CHARACTERISTICS Timing Diagrams
1
3
7
5
XTAL1
Tin
3 2
2
4 6
External Clock
Counter Timer
5
PRELIMINARY
Z86E47-ROM CPS DC-4157-01
IRQn
8
9
Interrupt Request
Vcc
10
11
Internal /RESET
12
External /RESET
Power On Reset
HSYNC
13
14
OSC2
On Screen Display
6
PRELIMINARY
Z86E47-ROM CPS DC-4157-01
AC CHARACTERISTICS TA=0 C to +70 C; VCC=+4.5 V to +5.5 V; FOSC=4 MHz,
No 1 2 3 4 5 6 7 8A 8B 9 10 11 12 13 14 15 Symbol TpC TrC,TfC TwC TwTinL TwTinH TpTin TrTin,TfTin TwIL TwIL TwIH TdPOR TdLVIRES TwRES TdHsOI TdHsOh TdWDT Parameter Input clock period Clock input raise and fall Input clock width Timer input low width Timer input high width Timer input period Timer input raise and fall Int req input low Int request input high Power On Reset delay Low voltage detect to InInternal RESET condition Reset minimum width Hsync start to Vosc stop Hsync end to Vosc start WDT Refresh Time Min 250 125 70 3 TpC 8 TpC 100 70 3 TpC 3 TpC 25 200 5 TpC 2 TpV ns ns Max 1000 15 Unit ns ns ns ns
100
ms ns
3 TpV 1 TpV 12
ms
Notes: [1] Refer to DC Characteristics for details on switching levels. * Units in nanoseconds
7
PRELIMINARY
Pre-Characterization Product: The product represented by this CPS is newly introduced and Zilog has not completed the full characterization of the product. The CPS states what Zilog knows about this product at this time, but additional features or non-conformance with some aspects of the CPS may be found,
Z86E47-ROM CPS DC-4157-01
either by Zilog or its customers in the course of further application and characterization work. In addition, Zilog cautions that delivery may be uncertain at times, due to start-up yield issues.
(c) 1993 by Zilog, Inc. All rights reserved. No part of this document may be copied or reproduced in any form or by any means without the prior written consent of Zilog, Inc. The information in this document is subject to change without notice. Devices sold by Zilog, Inc. are covered by warranty and patent indemnification provisions appearing in Zilog, Inc. Terms and Conditions of Sale only. Zilog, Inc. makes no warranty, express, statutory, implied or by description, regarding the information set forth herein or regarding the freedom of the described devices from intellectual property infringement. Zilog, Inc. makes no warranty of merchantability or fitness for any purpose. Zilog, Inc. shall not be responsible for any errors that may appear in this document. Zilog, Inc. makes no commitment to update or keep current the information contained in this document.
Zilog's products are not authorized for use as critical components in life support devices or systems unless a specific written agreement pertaining to such intended use is executed between the customer and Zilog prior to use. Life support devices or systems are those which are intended for surgical implantation into the body, or which sustains life whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. Zilog, Inc. 210 East Hacienda Ave. Campbell, CA 95008-6600 Telephone (408) 370-8000 Telex 910-338-7621 FAX 408 370-8056
8


▲Up To Search▲   

 
Price & Availability of Z86E47

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X