Part Number Hot Search : 
M2100 SBL20 87208 EE08617 010003 E4981A TFS90C BL8545
Product Description
Full Text Search
 

To Download Z86C15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Z86C15 CP96KEY0603
CUSTOMERPROCUREMENTSPECIFICATION
Z86C15
CMOS Z8(R) 8-BIT MCU KEYBOARDCONTROLLER
FEATURES
ROM (Kbytes) 4 RAM* (Bytes) 236 I/O Lines 32 Speed (MHz) 5 Pin Count / Package 40 DIP 44 PLCC 44 QFP
n
Six Vectored, Priority Interrupts from Six Different Sources Two Programmable 8-Bit Counter/Timers, Each with 6-Bit Programmable Prescaler Power-On Reset (POR) Timer, Hardware Watch-Dog Timer (WDT) Digital Inputs CMOS Levels with Internal Pull-Up Resistors Four Direct Connect LED Drive Ports On-Chip RC Oscillator, 4 MHz to 5 MHz
n
* General-Purpose
n
n n n n
4.5- to 5.5-Volt Operating Range
n
0C to 70C Operating Temperature Range Expanded Register File Low-Power Consumption: 30 mW @ 5 MHz Typical
n n
GENERAL DESCRIPTION
The Z86C15 Keyboard Controller is a full-featured member of the Z8 (R) microcontroller family offering a unique register-to-register architecture that avoids accumulator bottlenecks and is more code efficient than RISC processors. For applications demanding powerful I/O capabilities, the Z86C15 provides 32 pins dedicated to input and output. These lines are grouped into four ports, each port consisting of eight lines, and are configurable under software control to provide timing, status signals, and serial or parallel I/O ports. Two on-chip counter/timers, with a large number of userselectable modes, are available to relieve the system of administering real-time tasks, such as counting/timing and I/O datacommunications. Six different internal or external interrupt sources are maskable and prioritized so a vectored address is provided for efficient interrupt subroutine handling and multitasking functions. The Z86C15 achieves low-EMI by means of several modifications in the output drivers and clock circuitry of the device. By means of an expanded register file, the designer has access to three additional system control registers that provide extra peripheral devices, I/O ports, and register addresses (see Functional Block Diagram).
Notes: All Signals with a preceding front slash, "/", are active Low, e.g., B//W (WORD is active Low); /B/W (BYTE is active Low, only). Power connections follow conventional descriptions below: Connection Power Ground Circuit VCC GND Device VDD VSS
CP96KEY0603 (3/96)
1
Z86C15 CP96KEY0603
GENERAL DESCRIPTION (Continued)
CLKOUT
Output Input
Vcc
GND
Port 3
RCIN
Machine Timing & Inst. Control WDT ALU POR
Counter/ Timers (2)
Flags Program Memory Register Pointer
Interrupt Control
Register File 258 x 8-Bit
Program Counter
Port 2 4 I/O (Bit Programmable)
Port 0 4
Port 1 8 I/O (Byte Programmable)
I/O (Nibble Programmable)
Z86C15 Functional Block Diagram
2
/WDTOUT
/RESET
Z86C15 CP96KEY0603
PIN IDENTIFICATION
VCC CLKOUT RCIN P37 P30 /RESET AGND *NC /WDTOUT P35 GND P32 P00 P01 P02 P03 P04 P05 P06 P07 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Z86C15 DIP 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 P36 P31 P27 P26 P25 P24 P23 P22 P21 P20 P33 P34 P17 P16 P15 P14 P13 P12 P11 P10
*Note: Pin 8 is connected to the chip, although it is used only for testing. This pin must float.
40-Pin DIP Pin Configuration
40-Pin DIP Pin Identification Pin # 1 2 3 4 5 6 7 *8 9 10 Symbol VCC CLKOUT RCIN P37 P30 /RESET AGND NC /WDTOUT P35 Function Power Supply Z8 System Clock RC Oscillator Clock Port 3, Pin 7 Port 3, Pin 0 Reset Analog Ground Not Connected Watch-Dog Timer Port 3, Pin 5 Direction Input Output Input Output Input Input Pin # 11 12 13-20 21-28 29 30 31-38 39 40 Symbol GND P32 P00-P07 P10-P17 P34 P33 P20-P27 P31 P36 Function Direction
Ground Port 3, Pin 2 Input Port 0, Pins 0,1,2,3,4,5,6,7 In/Output Port 1, Pins 0,1,2,3,4,5,6,7 In/Output Port 3, Pin 4 Output Port Port Port Port 3, Pin 3 Input 2, Pins 0,1,2,3,4,5,6,7 In/Output 3, Pin 1 Input 3, Pin 6 Output
Output Output
3
Z86C15 CP96KEY0603
PIN IDENTIFICATION (Continued)
CLKOUT
RCIN
VCC
P30
P37
P36
P31
P27
P26
6 /RESET AGND *N/C /WDTOUT P35 GND P32 P00 P01 P02 N/C 7 8 9 10 11 12 13 14 15 16 17
5
4
3
2
1 44 43 42 41 40 39 38 37 36 35 N/C P24 P23 P22 P21 P20 P33 P34 P17 P16 P15
Z86C15 PLCC
P25
34 33 32 31 30 29
18 19 20 21 22 23 24 25 26 27 28
N/C
P03
P04
P05
P06
P07
P10
P12
P13
*Note: Pin 9 is connected to the chip, although it is used only for testing. This pin must float.
44-Pin PLCC Pin Assignments
44-Pin PLCC Pin Identification Pin # 1 2 3 4 5 6 7 8 *9 10 11 12 13 Symbol VCC CLKOUT RCIN P37 P30 N/C /RESET AGND N/C /WDTOUT P35 GND P32 Function Power Supply Z8 System Clock RC Oscillator Clock Port 3, Pin 7 Port 3, Pin 0 Not Connected Reset Analog Ground Not Connected Watch-Dog Timer Port 3, Pin 5 Ground Port 3, Pin 2 Direction Input Output Input Output Input Input Pin # 14-16 17 18-22 23-27 28 29-31 32 33 34-38 39 40-42 43 44 Symbol P00-P02 N/C P03-P07 P10-P14 N/C P15-P17 P34 P33 P20-P24 N/C P25-P27 P31 P36 Function Port Not Port Port Not Port Port Port Port Not Port Port Port 0, Pins 0, 1, 2 Connected 0, Pins 3, 4, 5, 6, 7 1, Pins 0, 1, 2, 3, 4 Connected 1, Pins 5, 6, 7 3, Pin 4 3, Pin 3 2, Pins 0, 1, 2, 3, 4 Connected 2, Pins 5, 6, 7 3, Pin 1 3, Pin 6 Direction In/Output In/Output In/Output In/Output Output Input In/Output In/Output Input Output
Output Output Input
4
P14
P11
N/C
Z86C15 CP96KEY0603
CLKOUT VCC P36 P31
N/C P30 P37 RCIN
P27
44 43 42 41 40 39 38 37 36 35 34 /RESET AGND *N/C /WDTOUT P35 GND P32 P00 P01 P02 N/C 1 2 3 4 5 6 7 8 9 10 11 33 32 31 30 N/C P24 P23 P22 P21 P20 P33 P34 P17 P16 P15
Z86C15 QFP
12 13 14 15 16 17 18 19 20 21 22
P03 P04 P05 P06
P07
P10
P11 P12 P13 P14
*Note: Pin 3 is connected to the chip, although it is used only for testing. This pin must float.
44-Pin QFP Pin Assignments
44-Pin QFP Pin Identification Pin # Symbol 1 2 *3 4 5 6 7 8-10 11 12-16 17-21 22 23-25 /RESET AGND N/C /WDTOUT P35 GND P32 P00-P02 N/C P03-P07 P10-P14 N/C P15-P17 Function Reset Analog Ground Not Connected Watch-Dog Timer Port 3, Pin 5 Ground Port 3, Pin 2 Port 0, Pins 0, 1, 2 Not Connected Port Port Not Port 0, Pins 3,4,5,6,7 1, Pins 0,1,2,3,4 Connected 1, Pins 5, 6,7 Direction Input Pin # Symbol 26 27 28-32 33 34-36 37 38 39 40 41 42 43 44 P34 P33 P20-P24 N/C P25-P27 P31 P36 VCC CLKOUT RCIN P37 P30 N/C Function Port Port Port Not 3, Pin 4 3, Pin 3 2, Pins 0, 1, 2, 3, 4 Connected Direction Output Input In/Output In/Output Input Output Output Input Output Input
Output Output Input In/Output Input In/Output In/Output In/Output
N/C
P26 P25
29 28 27 26 25 24 23
Port 2, Pins 5, 6, 7 Port 3, Pin 1 Port 36 Power Supply Z8 System Clock RC Oscillator Clock Port 3, Pin 7 Port 3, Pin 0 Not Connected
5
Z86C15 CP96KEY0603
ABSOLUTE MAXIMUM RATINGS
Symbol VCC TSTG TA Description Supply Voltage* Storage Temp Oper Ambient Temp Min -0.3 -65 0 Max Units +7.0 +150 +105 V C C Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; operation of the device at any condition above those indicated in the operational sections of these specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Notes: * Voltage on all pins with respect to GND.
STANDARD TEST CONDITIONS
Standard Test Conditions. The characteristics listed here apply for standard test conditions as noted. All voltages are referenced to GND. Positive current flows into the referenced pin (Test Load).
From Output Under T est
150 pF
Test Load Diagram
CAPACITANCE TA = 25C; VCC = GND = 0V; f = 1.0 MHz; unmeasured pins returned to GND.
Parameter Input Capacitance Output Capacitance I/O Capacitance Max 12 pF 12 pF 12 pF
FREQUENCY Frequency 4 MHz - 5 MHz Tolerance 10% Frequency tolerance limit only applies to the packaged device and not die or wafer.
6
Z86C15 CP96KEY0603
DC CHARACTERISTICS (Z86C15) VCC = 5.0V 10% @ 0C to +70C
Sym VCH VCL VIH VIL VRH VRL VOH VOH VOL VOL IOL IIL IOL ICC POR ICC1 ICC2 RP RP RP Parameter Clock Input High Voltage Clock Input Low Voltage Input High Voltage Input Low Voltage Reset Input High Voltage Reset Input Low Voltage Output High Voltage Output High Voltage Output Low Voltage Output Low Voltage Output Low Input Leakage Output Leakage VCC Supply Current Power On Reset Standby Current Standby Current Pull Up Resistor Pull Up Resistor (P26-P27) Pull Up Resistor (Reset) Min Max Typical @ 25C Unit 2.5 1.5 2.5 1.5 2.1 1.7 3.1 V V V V V V V V V V mA A A mA ms mA A Kohm Kohm Kohm Condition Driven by External Clock Generator Driven by External Clock Generator
0.7 VCC VCC to +0.3V GND -0.3 0.2 VCC 0.7 VCC VCC + 0.3 GND -0.3 0.2VCC 0.8 VCC GND -0.3 VCC -0.4 VCC 0.6 8 -1 -1 84 VCC 0.2 VCC 0.8 .4 20 1 1 12 196 4 20 14.04 3 80
IOH = -2.0 mA IOH = -2.0 mA (See note [1] below.) IOL = 4 mA (See note [1] below.) IOL= 4 mA VOL= VCC -2.2 V (See note [1] below.) VIN = 0V, 5.25V (See note [2] beow.) VIN = 0V, 5.25V @ 5.0 MHz HALT mode VIN = 0V, VCC @ 5 MHz STOP mode VIN = 0V
<1 <1 6 140 2.0 10.4 2.4 60
6.76 1.8 40
Note: [1] Ports P37-P34. These may be used for LEDs or as general-purpose outputs requiring high sink current. [2] Input pin without pull-up resistor.
7
Z86C15 CP96KEY0603
AC ELECTRICAL CHARACTERISTICS (Z86C15) Additional Timing Table
TA = 0C to +70C 5 MHz Min Max 125 37 70 2.5TpC 4TpC 100 70 3TpC 3TpC 20 5TpC 5TpC 2 4 8 32 ms ms ms ms ns ns 100000 25
No 1 2 3 4 5 6 7 8A 8B 9 10
Symbol TpC TrC,TfC TwC TwTinL TwTinH TpTin TrTin TwIL TwIL TwIH Twsm
Parameter Input Clock Period Clock Input Rise & Fall Times Input Clock Width Timer Input Low Width Timer Input High Width Timer Input Period Timer Input Rise & Fall Timer Int. Request Low Time Int. Request Low Time Int. Request Input High Time STOP Mode Recovery Width Spec
VCC Note [4] 5.0V 5.0V 5.0V 5.0V 5.0V 5.0V 5.0V 5.0V 5.0V 5.0V 5.0V 5.0V
Units ns ns ns ns
Notes [1] [1] [1] [1] [1] [1] [1] [1,2] [1,3] [1,2] Reg. SMR - D5=0 Reg. SMR - D5=1 [4] [5] [6] [7] [8]
ns
11 12
Tost Twdt
Oscillator Startup Time Watch-Dog Timer Delay Time
5.0V 5.0V 5.0V 5.0V 5.0V
Notes: [1] Timing Reference uses 0.7 VCC for a logic 1 and 0.2 VCC for a logic 0. [2] Interrupt request via Port 3 (P31-P33). [3] Interrupt request via Port 3 (P30). [4] SMR-D5 = 0. [5] D1 = 0, D0 = 0.{Reg. WDTMR) [6] D1 = 0, D0 = 1.{Reg. WDTMR) [7] D1 = 1, D0 = 0.{Reg. WDTMR) [8] D1 = 1, D0 = 1.{Reg. WDTMR)
8
Z86C15 CP96KEY0603
AC ELECTRICAL CHARACTERISTICS Additional Timing Diagram
1 3
Clock
2 7 7 2 3
TIN
4 6 5
IRQN
8 9
Clock Setup
11
Stop Mode Recovery Source
10
9
Z86C15 CP96KEY0603
(c) 1995 by Zilog, Inc. All rights reserved. No part of this document may be copied or reproduced in any form or by any means without the prior written consent of Zilog, Inc. The information in this document is subject to change without notice. Devices sold by Zilog, Inc. are covered by warranty and patent indemnification provisions appearing in Zilog, Inc. Terms and Conditions of Sale only. Zilog, Inc. makes no warranty, express, statutory, implied or by description, regarding the information set forth herein or regarding the freedom of the described devices from intellectual property infringement. Zilog, Inc. makes no warranty of merchantability or fitness for any purpose. Zilog, Inc. shall not be responsible for any errors that may appear in this document. Zilog, Inc. makes no commitment to update or keep current the information contained in this document.
Zilog's products are not authorized for use as critical components in life support devices or systems unless a specific written agreement pertaining to such intended use is executed between the customer and Zilog prior to use. Life support devices or systems are those which are intended for surgical implantation into the body, or which sustains life whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. Zilog, Inc. 210 East Hacienda Ave. Campbell, CA 95008-6600 Telephone (408) 370-8000 Telex 910-338-7621 FAX 408 370-8056 Internet: http://www.zilog.com
10


▲Up To Search▲   

 
Price & Availability of Z86C15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X