Part Number Hot Search : 
KBPC1005 P1C4F RSS070 IRFC130R VCX162 PST9332U 14D331K OV6620
Product Description
Full Text Search
 

To Download Z86C03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Z86C03/C06 CMOS Z8 (R) 8-BIT CCPTM CONSUMER CONTROLLER PROCESSORS
CUSTOMERPROCUREMENTSPECIFICATION
Z86C03/C06
CMOS Z8(R) 8-BIT CCPTM CONSUMERCONTROLLERPROCESSORS
FEATURES
Part Z86C03 Z86C06
s s s s
ROM 512 bytes 1 Kbyte
RAM 60 124
Speed 8 MHz 12 MHz
s s s s s s
Software-Enabled Watch-Dog Timer Power-On Reset Timer Two Standby Modes: STOP and HALT Two Comparators with Programmable Interrupt Polarity 14 Input/Output Lines (Two with Comparator Inputs) On-Chip Oscillator that Accepts a Crystal, Ceramic Resonator, LC, RC, or External Clock Drive. Serial Peripheral Interface (SPI) (Z86C06 Only) Software Programmable Low EMI Mode ROM Protect Option Auto Latches
18-Pin Package (DIP, SOIC) 3.0 to 5.5 Volt Operating Range Operating Temperature: -40C to +105C Fast Instruction Pointer: 1.5 s @ 8 MHz (C03); 1.0 s @ 12 MHz (C06) Multiple Expanded Register File Control Registers and Two SPI Registers (Z86C06 only) One/Two Programmable 8-Bit Counter/Timers, Each with a 6-Bit Programmable Prescaler Six Vectored, Priority Interrupts from Six Different Sources
s
s s
s
s s
s
GENERAL DESCRIPTION
The Z86C03/C06 CCP TM (Consumer Controller Processors) are members of Zilog's the Z8(R) single-chip microcontroller family with enhanced wake-up circuitry, programmable watch-dog timers and low noise/EMI options. These enhancements result in a more efficient, costeffective design and provide the user with increased design flexibility over the standard Z8 microcontroller core. With 512 and 1K bytes of ROM and 60 and 124 bytes of general-purpose RAM, respectively, these low cost, low power consumption CMOS microcontrollers offer fast execution, efficient use of memory, sophisticated interrupts, input/output bit manipulation capabilities, and easy hardware/software system expansion. The Z86C03/C06 CCP architecture is characterized by Zilog's 8-bit microcontroller core with the addition of an Expanded Register File to allow easy access to register mapped peripheral and I/O circuits. The Z86C03/C06 offers a flexible I/O scheme, an efficient register and address space structure, and a number of ancillary features that are useful in many consumer, automotive, and industrial applications. For applications demanding powerful I/O capabilities, the Z86C03/C06 provides 14 pins dedicated to input and output. These lines are grouped into two ports and are configurable under software control to provide timing, status signals, or parallel I/O.
DS95DZ80300
1
Z86C03/C06 CMOS Z8(R) 8-BIT CCPTM CONSUMER CONTROLLER PROCESSORS
GENERAL DESCRIPTION (Continued)
Three basic address spaces are available to support this wide range of configurations: Program Memory, Register File, and Expanded Register File. The Register File is composed of 61/125 bytes of General-Purpose Registers, two I/O Port registers, and 12/14 Control and Status registers. The Expanded Register File consists of three control registers in the Z86C03, and four control registers, a SPI Receive Buffer, and a SPI compare register in the Z86C06. With powerful peripheral features such, as on-board comparators, counter/timer(s), Watch-Dog Timer (WDT), and Serial Peripheral Interface (SPI) (C06 only), the Z86C03/ C06 meets the needs of a variety of sophisticated controller applications (Figure 1).
Notes: All Signals with a preceding front slash, "/", are active Low, e.g.: B//W (WORD is active Low); /B/W (BYTE is active Low, only). Power connections follow conventional descriptions below: Connection Power Ground Circuit VCC GND Device VDD VSS
Output
Input
Vcc
GND
XTAL
Port 3
Machine Timing & Inst. Control ALU WDT POR ,
1/2 Counter/ Timers
FLAG Interrupt Control Register Pointer Two Analog Comparators Register File 78/145 x 8Bit
Prg. Memory 512/1K x 8Bit
Program Counter
Serial * Peripheral Interface
Z86C03 has one counter/timer. * Serial Peripheral Interface for the Z86C06 only. Port 2
I/O (Bit Programmable)
Figure 1. Z86C03/C06 Functional Block Diagram
DS95DZ80300
2
Z86C03/C06 CMOS Z8 (R) 8-BIT CCPTM CONSUMER CONTROLLER PROCESSORS
PIN DESCRIPTION
Table 1. 18-Pin DIP and SOIC Pin Identification
P24 P25 P26 P27 VCC XTAL2 XTAL1 P31 P32 1 2 3 4 5 6 7 8 9 18 17 16 Z86C03 15 and Z86C06 14 DIP 13 12 11 10 P23 P22 P21 P20 GND P36 P35 P34 P33
No 1-4 5 6 7 8-10 11-13 14 15-18
Symbol P24-27 VCC XTAL2 XTAL1 P31-33 P34-36 GND P20-23
Function
Direction
Port 2, pins 4, 5, 6, 7 In/Output Power Supply Crystal Oscillator Clock Output Crystal Oscillator Clock Input Port 3, pins 1, 2, 3 Port 3, pins 4, 5, 6 Ground Port 2, pins 0, 1, 2, 3 Fixed Input Fixed Output In/Output
Figure 2. 18-Pin DIP Pin Configuration
P24 P25 P26 P27 Vcc XTAL2 XTAL1 P31 P32
1 2 3 4 5 6 7 8 9
18 17 16
P23 P22 P21 P20 GND P36 P35 P34 P33
Z86C03 and Z86C06 SOIC
15 14 13 12 11 10
Figure 3. 18-Pin SOIC Pin Configuration
DS95DZ80300
3
Z86C03/C06 CMOS Z8(R) 8-BIT CCPTM CONSUMER CONTROLLER PROCESSORS
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VIHM TSTG TA Description Min Max +7.0 12 +150 Units V V C C Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; operation of the device at any condition above those indicated in the operational sections of these specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage* -0.3 Max Input Voltage** Storage Temp -65 Oper Ambient Temp
Notes: * Voltage on all pins with respect to GND. * Applies to Port pins only and must limit current * going into or out of Port pins to 250 A maximum. See Ordering Information
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test conditions as noted. All voltages are referenced to Ground. Positive current flows into the referenced pin.
CAPACITANCE
TA = 25 C, VCC = GND = 0V, f = 1.0 MHz, unmeasured pins returned to GND. Parameter Input Capacitance Output Capacitance I/O Capacitance Min 0 0 0 Max 12 pF 20 pF 25 pF
150 pF
Figure 4. Test Load Configuration
VCC SPECIFICATION
VCC = 3.0V to 5.5V
DS95DZ80300
4
Z86C03/C06 CMOS Z8 (R) 8-BIT CCPTM CONSUMER CONTROLLER PROCESSORS
DC ELECTRICAL CHARACTERISTICS
TA = 0C to +70C Min Max 7 7 0.9VCC 0.9VCC VSS-0.3 VSS-0.3 0.7VCC 0.7VCC VSS-0.3 VSS-0.3 VCC-0.4 VCC-0.4 0.8 0.4 VCC-0.4 VCC-0.4 0.8 0.4 1.0 1.0 25 25 -1.0 -1.0 -1.0 -1.0 1.0 1.0 1.0 1.0 6 11.0 8.0 15 3.0 6.0 4.5 9.0 VCC+0.3 VCC+0.3 0.2VCC 0.2VCC VCC+0.3 VCC+0.3 0.2VCC 0.2VCC 2.4 3.9 1.6 2.7 1.8 2.8 1.0 1.5 3.1 4.8 0.35 0.18 3.1 4.8 0.2 0.1 0.4 0.5 10 10
Symbol Parameter MaxInputVoltage VH C ClockInputHigh Voltage
VCC Note [3] 3.3V 5.0V 3.3V 5.0V
Typical @ 25C Units V V V V V V V V V V V V V V V V V V V V m V m V A A A A m A m A m A m A
Conditions IIN250A IIN250A
Notes [7] [7]
DrivenbyExternal ClockGenerator DrivenbyExternal ClockGenerator DrivenbyExternal ClockGenerator DrivenbyExternal ClockGenerator
VL C
ClockInputLow Voltage
3.3V 5.0V
VH I VL I VH O VL O VOH1 VOL1 VOL2
InputHighVoltage InputLowVoltage
3.3V 5.0V 3.3V 5.0V
OutputHighVoltage 3.3V (LowEMIMode) 5.0V OutputLowVoltage 3.3V (LowEMIMode) 5.0V OutputHighVoltage 3.3V 5.0V OutputLowVoltage 3.3V 5.0V OutputLowVoltage 3.3V 5.0V
IOH=-500A IOH=-500A IOL=+1.0mA IOL=+1.0mA IOH=-2.0mA IOH =-2.0mA IOL =+4.0 mA IOL =+4.0 mA IOL=6mA, 3 Pin Max IOL=+12mA, 3 Pin Max [12] [12] [12] [12] [12] [12]
VOFFSET IIL
ComparatorInput OffsetVoltage InputLeakage (Input bias current ofcomparator) OutputLeakage SupplyCurrent
3.3V 5.0V 3.3V 5.0V 3.3V 5.0V 3.3V 5.0V 3.3V 5.0V
VIN=OV,VCC VIN=OV,VCC VIN=OV,VCC VIN=OV,VCC @8MHz @8MHz @12MHz @12MHz
[8] [8]
IOL ICC
[4,5] [9] [4,5] [9] [4,5] [9] [4,5] [9]
DS95DZ80300
5
Z86C03/C06 CMOS Z8(R) 8-BIT CCPTM CONSUMER CONTROLLER PROCESSORS
DC ELECTRICAL CHARACTERISTICS (Continued)
TA = 0C to +70C Min Max 3.0 5 4.5 7.0 1.4 3.5 2.0 4.5 10 10 350 865 7.0 20.0 -4.0 -9.0 7 3 1.50 24 13 2.65 VCC-1.5 6 2 1.2 TA = -40C to +105C Min Max 3.0 5 4.5 7.0 1.4 3.5 2.0 4.5 20 20 360 875 14.0 30.0 -8.0 -16.0 25 14 2.95 VCC-1.5
Symbol Parameter ICC1 StandbyCurrent
VCC Note [3] 3.3V 5.0V 3.3V 5.0V 3.3V 5.0V 3.3V 5.0V
Typical @ 25C 0.7 1.5 1.0 2.0 0.6 1.3 0.7 1.5 1.0 3.0 180 400 4.0 13 -3 -7 13 6.5 2.4
Units m A m A m A m A m A m A m A m A A A A A A A A A ms ms V V
Conditions HALTModeVIN=OV, VCC@8MHz HALTModeVIN=OV, VCC@8MHz HALTModeVIN=OV, VCC@12MHz HALTModeVIN=OV, VCC@12MHz ClockDivideby16 @8MHz ClockDivideby16 @8MHz ClockDivideby16 @12MHz ClockDivideby16 @12MHz
Notes [4, 5] [10] [4, 5] [10] [1] [4, 5] [10] [4, 5] [10] [4, 5] [10] [4, 5] [10] [4, 5] [10] [4, 5] [10]
ICC2
StandbyCurrent
3.3V 5.0V 3.3V 5.0V
STOPModeVIN=OV, [6] [10] VCCWDTisnotRunning STOPModeVIN =OV, [6] [10] VCCWDTisnotRunning STOPModeVIN =OV, [6] [9] VCCWDTisRunning STOPModeVIN =OV, [6] [9] VCCWDTisRunning OVIALL
AutoLatchLow Current AutoLatchHigh Current PowerOnReset VCCBrownOut Voltage ComparatorInput CommonMode VoltageRange
3.3V 5.0V
IALH TPOR VO B VICR
3.3V 5.0V 3.3V 5.0V
2MHzmaxInt.CLKFreq.[13]
Notes: [1] ICC1 Typ Max Unit Freq Clock Driven 0.3 5.0 mA 8 MHz Crystal or Ceramic Resonator 3.0 5.0 mA 8 MHz [2] VSS = 0V = GND [3] 5.0V 0.5V, 3.0V 0.3V. [4] All outputs unloaded, I/O pins floating, inputs at rail. [5] C L1 = C L2 = 47 pF [6] Same as note [4] except inputs at VCC.
[7] [8] [9] [10] [11] [12] [13]
The input current must be limited to a maximum of 250 A or less. Input bias current for comparitor inputs P31, P32, P33. Internal on-board RC is driving WDT. WDT is not running. System clock is external XTAL frequency divided by 2. Standard mode (not Low EMI Mode). The VBO voltage increases as the temperature decreases.
DS95DZ80300
6
Z86C03/C06 CMOS Z8 (R) 8-BIT CCPTM CONSUMER CONTROLLER PROCESSORS
AC ELECTRICAL CHARACTERISTICS
1 3
Clock
2 7 7 2 3
T
IN
4 6 5
IRQ
N
8 9
Clock Setup
11
Source
10
Figure 5. Additional Timing
AC ELECTRICAL CHARACTERISTICS
No Symbol Parameter VC C Note[3] 3.3V 5.0V 3.3V 5.0V 3.3V 5.0V 3.3V 5.0V 37 37 100 70 5TpC 5TpC T A = 0C To +70C 8 MHz 12 MHz Min Max Min Max 125 125 D C D C 25 25 26 26 100 70 5TpC 5TpC 83 83 D C D C 15 15 37 37 100 70 5TpC 5TpC TA = -40C To +105C 8 MHz 12 MHz Min Max Min Max 125 125 D C D C 25 25 26 26 100 70 5TpC 5TpC 83 83 D C D C 15 15 Units Notes
1 2 3 4 5
TpC TrC,TfC TC w TwTinL TwTinH
InputClockPeriod ClockInputRise andFallTimes InputClockWidth TimerInputLowWidth
ns ns ns ns ns ns ns ns
[1] [1] [1] [1] [1] [1] [1] [1] [1] [7] [1] [7]
TimerInputHighWidth 3.3V 5.0V
DS95DZ80300
7
Z86C03/C06 CMOS Z8(R) 8-BIT CCPTM CONSUMER CONTROLLER PROCESSORS
AC ELECTRICAL CHARACTERISTICS (Continued)
No Symbol Parameter VC C Note[3] 3.3V 5.0V 3.3V 5.0V 8 TI wL Int.RequestInput LowTime Int.RequestInput HighTime STOPModeRecovery WidthSpec 3.3V 5.0V 9 TI wH 3.3V 5.0V 10 Twsm 3.3V 5.0V 11 Tost OscillatorStartupTime 3.3V 5.0V 12 Twdt WatchdogTimer RefreshTime 3.3V 5.0V 3.3V 5.0V 3.3V 5.0V 3.3V 5.0V 15 5 30 16 60 30 250 120 100 70 5TpC 5TpC 12 12 5TpC 5TpC 15 5 30 16 60 30 250 120 TA = 0C To +70C 8MHz 12MHz Min Max Min Max 8TpC 8TpC 100 100 100 70 5TpC 5TpC 12 12 5TpC 5TpC 12 3 25 12 50 25 200 100 8TpC 8TpC 100 100 100 70 5TpC 5TpC 12 12 5TpC 5TpC 12 3 25 12 50 25 200 100 ms ms ms ms ms ms ms TA = -40C To +105C 8MHz 12MHz Min Max Min Max 8TpC 8TpC 100 100 100 70 5TpC 5TpC 12 12 5TpC 5TpC ns [5] D0 = 0 [6] D1 = 0 [6] D0 = 1 [6] D1 = 0 [6] D0 = 0 [6] D1 = 1 [6] D0 = 1 [6] D1 = 1 [6] ns ns Reg. [4] 8TpC 8TpC 100 100 ns ns ns ns Units Notes
6 7
TpTin TrTin, TtTin
TimerInputPeriod TimerInputRise andFallTimer
[1] [7] [1] [7] [1] [1] [1,2] [1,2] [1,2] [7] [1,2] [7]
Notes: [1] Timing Reference uses 0.9 VCC for a logic 1 and 0.1 VCC for a logic 0. [2] Interrupt request via Port 3 (P31-P33) [3] 5.0V 0.5V, 3.3V 0.3V [4] SMR-D5 = 0 (Stop mode delay off) [5] Reg. WDTMR [6] Internal RC Oscillator only. [7] System clock is XTAL frequency divided by 2.
DS95DZ80300
8
Z86C03/C06 CMOS Z8 (R) 8-BIT CCPTM CONSUMER CONTROLLER PROCESSORS
(c) 1996 by Zilog, Inc. All rights reserved. No part of this document may be copied or reproduced in any form or by any means without the prior written consent of Zilog, Inc. The information in this document is subject to change without notice. Devices sold by Zilog, Inc. are covered by warranty and patent indemnification provisions appearing in Zilog, Inc. Terms and Conditions of Sale only. Zilog, Inc. makes no warranty, express, statutory, implied or by description, regarding the information set forth herein or regarding the freedom of the described devices from intellectual property infringement. Zilog, Inc. makes no warranty of merchantability or fitness for any purpose. Zilog, Inc. shall not be responsible for any errors that may appear in this document. Zilog, Inc. makes no commitment to update or keep curent the information contained in this document.
Zilog's products are not authorized for use as critical components in life support devices or systems unless a specific written agreement pertaining to such intended use is executed between the customer and Zilog prior to use. Life support devices or systems are those which are intended for surgical implantation into the body, or which sustains life whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. Zilog, Inc. 210 East Hacienda Ave. Campbell, CA 95008-6600 Telephone (408) 370-8000 FAX 408 370-8056 Internet: http://www.zilog.com
DS95DZ80300
9


▲Up To Search▲   

 
Price & Availability of Z86C03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X