Part Number Hot Search : 
C5750X7R 2SD90 07K460 13156 CMF85A E001700 1006F TZJ18
Product Description
Full Text Search
 

To Download TC74VCX163245FT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74VCX163245FT
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCX163245FT
16-Bit Dual Supply Bus Transceiver
The TC74VCX163245FT is a dual supply, advanced high-speed CMOS 16-bit dual supply voltage interface bus transceiver fabricated with silicon gate CMOS technology. It is also designed with over voltage tolerant inputs and outputs up to 3.6 V. Designed for use as an interface between a 1.8-V or 2.5-V bus and a 2.5-V or 3.6-V bus in mixed 1.8-V or 2.5-V/2.5-V or 3.6-V supply systems. The B-port interfaces with the 1.8-V or 2.5-V bus, the A-port with the 2.5-V or 3.6-V bus. The direction of data transmission is determined by the level of the DIR input. The enable input (OE) can be used to disable the Weight: 0.25 g (typ.) device so that the buses are effectively isolated. All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Features
* * Bidirectional interface between 1.8-V and 2.5 V, 1.8-V and 3.6-V or 2.5 V and 3.6-V buses High-speed operation: tpd = 7.0 ns (max) (VCCB = 1.8 0.15 V, VCCA = 2.5 0.2 V) : tpd = 7.1 ns (max) (VCCB = 1.8 0.15 V, VCCA = 3.3 0.3 V) : tpd = 4.6 ns (max) (VCCB = 2.5 0.2 V, VCCA = 3.3 0.3 V) * Output current: IOH/IOL = 24 mA (min) (VCC = 3.0 V) : IOH/IOL = 18 mA (min) (VCC = 2.3 V) : IOH/IOL = 6 mA (min) (VCC = 1.65 V) * * * * Latch-up performance: 300 mA ESD performance: Machine model > 200 V : Human body model > 2000 V Package: TSSOP (thin shrink small outline package) 3.6-V tolerant function and power-down protection provided on all inputs and outputs
Note 1: Do not apply a signal to any bus pins when it is in the output mode. Damage may result. All floating (high impedance) bus pins must have their input level fixed by means of pull-up or pull-down resistors.
1
2001-10-17
TC74VCX163245FT
Pin Assignment (top view) IEC Logic Symbol
48 1 25 24
1DIR 1B1 1B2 GND 1B3 1B4 VCCB 1B5 1B6
1 2 3 4 5 6 7 8 9
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
1OE
1OE
1DIR 1A1 1A2 GND 1A3 1A4 VCCA 1A5 1A6 GND 1A7 1A8 2A1 2A2 GND 2A3 2A4 VCCA 2A5 2A6 GND 2A7 2A8
2OE 2OE
2DIR
G3 3 EN1 (BA) 3 EN2 (AB) G6 6 EN4 (BA) 6 EN5 (AB) 1 2 2 3 5 6 8 9 11 12 13 14 16 17 19 20 22 23 1B1 1B2 1B3 1B4 1B5 1B6 1B7 1B8 2B1 2B2 2B3 2B4 2B5 2B6 2B7 2B8
1A1 1A2 1A3 1A4 1A5 1A6 1A7 1A8 2A1 2A2 2A3 2A4 2A5 2A6 2A7 2A8
47 46 44 43 41 40 38 37 36 35 33 32 30 29 27 26
GND 10 1B7 11 1B8 12 2B1 13 2B2 14 GND 15 2B3 16 2B4 17 VCCB 18 2B5 19 2B6 20 GND 21 2B7 22 2B8 23 2DIR 24
4 5
2
2001-10-17
TC74VCX163245FT
Truth Table
Inputs
1OE
Function 1DIR L H X Bus 1A1-1A8 Output Input Z Bus 1B1-1B8 Input Output Outputs
L L H
A=B B=A Z
Inputs
2OE
Function 2DIR L H X Bus 2A1-2A8 Output Input Z Bus 2B1-2B8 Input Output Outputs
L L H
A=B B=A Z
X: Don't care Z: High impedance
3
2001-10-17
TC74VCX163245FT
Block Diagram
VCCB VCCA
1DIR
1OE
Logic level converter
1B1
1A1
1B8
Same as above block
1A8
VCCB
VCCA
2DIR
2OE
Logic level converter
2B1
2A1
2B8
Same as above block
2A8
4
2001-10-17
TC74VCX163245FT
Maximum Ratings
Characteristics Power supply voltage DC input voltage (DIR, OE ) VIN (Note 2) Symbol VCCB VCCA Rating -0.5 to 4.6 -0.5 to 4.6 -0.5 to 4.6 -0.5 to 4.6 (Note 3) VI/OB DC bus I/O voltage VI/OA -0.5 to VCCB + 0.5 (Note 4) -0.5 to 4.6 (Note 3) -0.5 to VCCA + 0.5 (Note 4) Input diode current Output diode current DC output current IIK II/OK IOUTB IOUTA DC VCC/ground current per supply pin Power dissipation Storage temperature ICCB ICCA PD Tstg -50 50 50 50 100 100 400 -65 to 150 (Note 5) mA mA mA V Unit V
V
mA mW C
Note 2: Don't supply a voltage to VCCA pin when VCCB is in the OFF state. Note 3: Output in OFF state Note 4: High or low state. IOUT absolute maximum rating must be observed. Note 5: VOUT < GND, VOUT > VCC
5
2001-10-17
TC74VCX163245FT
Recommended Operating Conditions
Characteristics Power supply voltage Input voltage (DIR, OE ) VIN 0 to 3.6 0 to 3.6 VI/OB Bus I/O voltage VI/OA (Note 6) V V Symbol VCCB VCCA Rating 1.65 to 2.7 2.3 to 3.6 Unit V
0 to VCCB (Note 7) 0 to 3.6 (Note 6)
0 to VCCA (Note 7) 18 6 24 18 (Note 8) (Note 9) mA (Note 10) (Note 11) C ns/V
IOUTB Output current IOUTA Operating temperature Input rise and fall time Topr dt/dv
-40 to 85 0 to 10 (Note 12)
Note 6: Output in OFF state Note 7: High or low state Note 8: VCCB = 2.3 to 2.7 V Note 9: VCCB = 1.65 to 1.95 V Note 10: VCCA = 3.0 to 3.6 V Note 11: VCCA = 2.3 to 2.7 V Note 12: VIN = 0.8 to 2.0 V, VCCB = 2.5 V, VCCA = 3.0 V
6
2001-10-17
TC74VCX163245FT
Electrical Characteristics DC Characteristics (VCCB = 1.8 0.15 V, VCCA = 2.5 0.2 V)
Characteristics Symbol Test Condition VCCB (V) 1.8 0.15 1.8 0.15 1.8 0.15 1.8 0.15 IOHB = -100 mA 1.8 0.15 IOHB = -6 mA VIN = VIH or VIL VOHA IOHA = -18 mA IOLB = 100 mA VIN = VIH or VIL VOLA VIN = VIH or VIL VOUT = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN (DIR, OE ) = 0 to 3.6 V VIN, VOUT = 0 to 3.6 V VINA = VCCA or GND VINB = VCCB or GND VINA = VCCA or GND VINB = VCCB or GND VCCB < (VIN, VOUT) < 3.6 V = VCCA < (VIN, VOUT) < 3.6 V = = VINB = VCCB - 0.6 V per input VINA = VCCA - 0.6 V per input IOLB = 6 mA IOLA = 100 mA IOLA = 18 mA 1.65 VCCA (V) 2.5 0.2 2.5 0.2 2.5 0.2 2.5 0.2 2.5 0.2 2.5 0.2 2.5 0.2 2.3 2.5 0.2 2.5 0.2 2.5 0.2 2.3 2.5 0.2 Ta = -40~85C Min 0.65 VCC 1.6 3/4 3/4 VCCB - 0.2 1.25 VCCA - 0.2 1.7 3/4 3/4 3/4 3/4 3/4 Max 3/4 3/4 0.35 VCC 0.7 3/4 3/4 3/4 3/4 0.2 0.3 V 0.2 0.6 10 mA 1.8 0.15 1.8 0.15 0 1.8 0.15 2.5 0.2 2.5 0.2 0 2.5 0.2 3/4 3/4 3/4 3/4 10 5.0 10 20 mA 1.8 0.15 1.8 0.15 1.8 0.15 1.8 0.15 1.8 0.15 2.5 0.2 2.5 0.2 2.5 0.2 2.5 0.2 2.5 0.2 3/4 3/4 3/4 3/4 3/4 20 20 20 750 750 mA mA V V Unit
H-level input voltage
VIHB VIHA
DIR, OE , Bn An DIR, OE , Bn An
V
L-level input voltage
VILB VILA VOHB
H-level output voltage
IOHA = -100 mA 1.8 0.15 1.8 0.15 1.8 0.15 1.65 1.8 0.15 1.8 0.15 1.8 0.15
VOLB L-level output voltage
IOZB 3-state output OFF state current IOZA Input leakage current Power-off leakage current IIN IOFF ICCB
ICCA Quiescent supply current ICCB ICCA ICCTB ICCTA
mA mA mA
7
2001-10-17
TC74VCX163245FT
DC Characteristics (VCCB = 1.8 0.15 V, VCCA = 3.3 0.3 V)
Characteristics Symbol Test Condition VCCB (V) 1.8 0.15 1.8 0.15 1.8 0.15 1.8 0.15 IOHB = -100 mA 1.8 0.15 IOHB = -6 mA VIN = VIH or VIL VOHA IOHA = -24 mA IOLB = 100 mA VIN = VIH or VIL VOLA VIN = VIH or VIL VOUT = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN (DIR, OE ) = 0 to 3.6 V VIN, VOUT = 0 to 3.6 V VINA = VCCA or GND VINB = VCCB or GND VINA = VCCA or GND VINB = VCCB or GND VCCB < (VIN, VOUT) < 3.6 V = VCCA < (VIN, VOUT) < 3.6 V = = VINB = VCCB - 0.6 V per input VINA = VCCA - 0.6 V per input IOLB = 6 mA IOLA = 100 mA IOLA = 24 mA 1.65 VCCA (V) 3.3 0.3 3.3 0.3 3.3 0.3 3.3 0.3 3.3 0.3 3.3 0.3 3.3 0.3 3.0 3.3 0.3 3.3 0.3 3.3 0.3 3.0 3.3 0.3 Ta = -40~85C Min 0.65 VCC 2.0 3/4 3/4 VCCB - 0.2 1.25 VCCA - 0.2 2.2 3/4 3/4 3/4 3/4 3/4 Max 3/4 3/4 0.35 VCC 0.8 3/4 3/4 3/4 3/4 0.2 0.3 V 0.2 0.55 10 mA 1.8 0.15 1.8 0.15 0 1.8 0.15 3.3 0.3 3.3 0.3 0 3.3 0.3 3/4 3/4 3/4 3/4 10 5.0 10 20 mA 1.8 0.15 1.8 0.15 1.8 0.15 1.8 0.15 1.8 0.15 3.3 0.3 3.3 0.3 3.3 0.3 3.3 0.3 3.3 0.3 3/4 3/4 3/4 3/4 3/4 20 20 20 750 750 mA mA V V Unit
H-level input voltage
VIHB VIHA
DIR, OE , Bn An DIR, OE , Bn An
V
L-level input voltage
VILB VILA VOHB
H-level output voltage
IOHA = -100 mA 1.8 0.15 1.8 0.15 1.8 0.15 1.65 1.8 0.15 1.8 0.15 1.8 0.15
VOLB L-level output voltage
IOZB 3-state output OFF state current IOZA Input leakage current Power-off leakage current IIN IOFF ICCB
ICCA Quiescent supply current ICCB ICCA ICCTB ICCTA
mA mA mA
8
2001-10-17
TC74VCX163245FT
DC Characteristics (VCCB = 2.5 0.2 V, VCCA = 3.3 0.3 V)
Characteristics Symbol VIHB VIHA L-level input voltage VILB VILA VOHB H-level output voltage VOHA VIN = VIH or VIL IOHA = -100 mA IOHA = -24 mA IOLB = 100 mA VIN = VIH or VIL VOLA VIN = VIH or VIL VOUT = 0 to 3.6 V VIN = VIH or VIL VOUT = 0 to 3.6 V VIN (DIR, OE ) = 0 to 3.6 V VIN, VOUT = 0 to 3.6 V VINA = VCCA or GND VINB = VCCB or GND VINA = VCCA or GND VINB = VCCB or GND VCCB < (VIN, VOUT) < 3.6 V = VCCA < (VIN, VOUT) < 3.6 V = = VINB = VCCB - 0.6 V per input VINA = VCCA - 0.6 V per input IOLB = 18 mA IOLA = 100 mA IOLA = 24 mA Test Condition DIR, OE , Bn An DIR, OE , Bn An IOHB = -100 mA IOHB = -18 mA VCCB (V) 2.5 0.2 2.5 0.2 2.5 0.2 2.5 0.2 2.5 0.2 2.3 2.5 0.2 2.5 0.2 2.5 0.2 2.3 2.5 0.2 2.5 0.2 2.5 0.2 VCCA (V) 3.3 0.3 3.3 0.3 3.3 0.3 3.3 0.3 3.3 0.3 3.3 0.3 3.3 0.3 3.0 3.3 0.3 3.3 0.3 3.3 0.3 3.0 3.3 0.3 Ta = -40~85C Min 1.6 2.0 3/4 3/4 VCCB - 0.2 1.7 VCCA - 0.2 2.2 3/4 3/4 3/4 3/4 3/4 Max 3/4 3/4 0.7 V 0.8 3/4 3/4 3/4 3/4 0.2 0.6 V 0.2 0.55 10 mA 2.5 0.2 2.5 0.2 0 2.5 0.2 3.3 0.3 3.3 0.3 0 3.3 0.3 3/4 3/4 3/4 3/4 10 5.0 10 20 mA 2.5 0.2 2.5 0.2 2.5 0.2 2.5 0.2 2.5 0.2 3.3 0.3 3.3 0.3 3.3 0.3 3.3 0.3 3.3 0.3 3/4 3/4 3/4 3/4 3/4 20 20 20 750 750 mA mA V V Unit
H-level input voltage
VOLB L-level output voltage
IOZB 3-state output OFF state current IOZA Input leakage current Power-off leakage current IIN IOFF ICCB
ICCA Quiescent supply current ICCB ICCA ICCTB ICCTA
mA mA mA
9
2001-10-17
TC74VCX163245FT
AC Characteristics (Ta = -40~85C, Input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 W) VCCB = 1.8 0.15 V, VCCA = 2.5 0.2 V
Characteristics Propagation delay time (Bn (R) An) 3-state output enable time ( OE (R) An) 3-state output disable time ( OE (R) An) Propagation delay time (An (R) Bn) 3-state output enable time ( OE (R) Bn) 3-state output disable time ( OE (R) Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Min 0.8 Max 5.8 Unit
Figure 1, Figure 2
Figure 1, Figure 3
0.8
6.9
ns
Figure 1, Figure 3
0.8
6.4
Figure 1, Figure 2
1.5
7.0
Figure 1, Figure 3
1.5
11.0
ns
Figure 1, Figure 3
0.8
7.0
(Note 12)
3/4
0.5
ns
Note 13: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
VCCB = 1.8 0.15 V, VCCA = 3.3 0.3 V
Characteristics Propagation delay time (Bn (R) An) 3-state output enable time ( OE (R) An) 3-state output disable time ( OE (R) An) Propagation delay time (An (R) Bn) 3-state output enable time ( OE (R) Bn) 3-state output disable time ( OE (R) Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Min 0.6 Max 5.5 Unit
Figure 1, Figure 2
Figure 1, Figure 3
0.6
6.9
ns
Figure 1, Figure 3
0.6
7.1
Figure 1, Figure 2
1.5
7.1
Figure 1, Figure 3
1.5
10.3
ns
Figure 1, Figure 3
0.8
7.1
(Note 12)
3/4
0.5
ns
Note 13: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
10
2001-10-17
TC74VCX163245FT
VCCB = 2.5 0.2 V, VCCA = 3.3 0.3 V
Characteristics Propagation delay time (Bn (R) An) 3-state output enable time ( OE (R) An) 3-state output disable time ( OE (R) An) Propagation delay time (An (R) Bn) 3-state output enable time ( OE (R) Bn) 3-state output disable time ( OE (R) Bn) Output to output skew Symbol tpLH tpHL tpZL tpZH tpLZ tpHZ tpLH tpHL tpZL tpZH tpLZ tpHZ tosLH tosHL Test Condition Min 0.6 Max 4.4 Unit
Figure 1, Figure 2
Figure 1, Figure 3
0.6
4.8
ns
Figure 1, Figure 3
0.6
4.9
Figure 1, Figure 2
0.8
4.6
Figure 1, Figure 3
0.8
6.2
ns
Figure 1, Figure 3
0.8
4.9
(Note 12)
3/4
0.5
ns
Note 13: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
Dynamic Switching Characteristics (Ta = 25C, Input: tr = tf = 2.0 ns, CL = 30 pF)
Characteristics Symbol Test Condition VCCB (V) VCCA (V) 1.8 B(R)A Quiet output maximum dynamic VOL A(R)B VOLP VIH = VCC, VIL = 0 V 1.8 2.5 1.8 1.8 2.5 1.8 B(R)A Quiet output minimum dynamic VOL A(R)B VOLV VIH = VCC, VIL = 0 V 1.8 2.5 1.8 1.8 2.5 1.8 B(R)A Quiet output minimum dynamic VOH A(R)B VOHV VIH = VCC, VIL = 0 V 1.8 2.5 1.8 1.8 2.5 2.5 3.3 3.3 2.5 3.3 3.3 2.5 3.3 3.3 2.5 3.3 3.3 2.5 3.3 3.3 2.5 3.3 3.3 0.25 0.25 0.6 0.6 0.8 0.8 -0.25 -0.25 -0.6 -0.6 -0.8 -0.8 1.3 1.3 1.7 V 1.7 2.0 2.0 V V Typ. Unit
11
2001-10-17
TC74VCX163245FT
Capacitive Characteristics (Ta = 25C)
Characteristics Input capacitance Output capacitance Symbol CIN CI/O CPDA Test Circuit 3/4 3/4 3/4 Test Condition VCCB (V) VCCA (V) DIR, OE An, Bn A B (DIR = "H") B A (DIR = "L") A B (DIR = "H") B A (DIR = "L") 2.5 2.5 2.5 2.5 2.5 2.5 3.3 3.3 3.3 3.3 3.3 3.3 7 8 2 23 pF 26 2 pF pF Typ. Unit
Power dissipation capacitance (Note 13)
CPDB
3/4
Note 14: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC/16 (per bit)
12
2001-10-17
TC74VCX163245FT
AC Test Circuit
6.0 V or VCC 2 Open GND Measure CL RL CL = 30 pF RL = 500 W Parameter tpLH, tpHL tpLZ, tpZL tpHZ, tpZH 6.0 V VCC 2 Switch Open @VCC = 3.3 0.3 V @VCC = 2.5 0.2 V @VCC = 1.8 0.15 V GND
Switch RL Output
Figure 1 AC Waveform
tr 2.0 ns Input (An, Bn) tf 2.0 ns 90% VM 10% VIH GND
Output (Bn, An) tpLH
VOH VM tpHL VOL
Figure 2
tr 2.0 ns Output Enable Control ( OE ) tpLZ Output (An, Bn) Low to Off to Low tpHZ
tpLH, tpHL
tf 2.0 ns 90% VM 10% tpZL 3.0 V or VCC VM VX tpZH VOL VOH VM GND VIH GND
Output (An, Bn) High to Off to High Outputs enabled
VY
Outputs disabled
Outputs enabled
Figure 3
Symbol VIH VM VX VY 3.3 0.3 V 2.7 V 1.5 V
tpLZ, tpHZ, tpZL, tpZH
VCC 2.5 0.2 V VCC VCC/2 VOL + 0.15 V VOH - 0.15 V 1.8 0.15 V VCC VCC/2 VOL + 0.15 V VOH - 0.15 V
VOL + 0.3 V VOH - 0.3 V
13
2001-10-17
TC74VCX163245FT
Package Dimensions
Weight: 0.25 g (typ.)
14
2001-10-17
TC74VCX163245FT
RESTRICTIONS ON PRODUCT USE
000707EBA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The products described in this document are subject to the foreign exchange and foreign trade laws. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
15
2001-10-17


▲Up To Search▲   

 
Price & Availability of TC74VCX163245FT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X