Part Number Hot Search : 
74C48N BC856S STYNXXX 18P1100 YT5166 DR77097 5C100 34262P
Product Description
Full Text Search
 

To Download TC3532 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC3532
REV.4_04/12/2004
4.9 - 6 GHz 29dBm MMIC
FEATURES * * * * * * P-1 dB: 29 dBm Small Signal Gain: 21 dB Power Added Efficiency: 25 % IP3: 39 dBm Match to 50 operation Bias condition: 400 mA @ 8 V
PHOTO ENLARGEMENT
DESCRIPTION The TC3532 is a 2 stage PHEMT MMIC power amplifier. It is designed for use in low cost, high volume, 4.9~6 GHz band applications. The MMIC is matched to 50 operation. No external matching component is required. It provides a typical gain of 21 dB and P1dB power of more than 29 dBm. Typical bias condition is 8V at 400 mA. The MMIC is packaged in a Ceramic 10 Pins package. The copper based carrier of the package allows direct soldering of the device to the PCB. APPLICATIONS * Wireless Internet Access
ELECTRICAL SPECIFICATIONS (Ta = 25 C)
SYMBOL FREQ SSG GOF P-1 dB P-3 dB IP3 VSWR, IN VDD IDD IDP-1 DESCRIPTION Frequency Range Small Signal Gain Small Signal Gain Flatness Output Power at 1 dB Gain Compression Output Power at 3 dB Gain Compression Third Order Intercept Point Input VSWR Supply Voltage Current Supply Without RF Current Supply @ Pout=P-1 dB Power Added Efficiency MIN 4.9 19 28 29 37 TYP 21 0.5 29 30 39 2:1 8 400 400 25 MAX 6 0.75 UNITS GHz dB dB dBm dBm dBm Volt mA mA %
450
a
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science- Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 P1/1
TC3532
REV.4_04/12/2004
TEST CIRCUITS Evaluation Board Schematic
NC NC
NC NC
TC3532
NC NC
EVALUATION BOARD
DXF file of the PCB can be downloaded from our web-site at www.transcominc.com.tw
Vd
PCB Material: RO4003 ER = 3.38 Thickness = 20 mil Unit: mil
C4 C3
C1 C2 TC3532
RF IN
RF OUT
1156
Application Notes: For better heat sinking and grounding, it's recommended to have the via holes beneath TC3532 filled with solder and have two screws besides TC3532 installed on the PCB area.
996
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 P2/2
TC3532
REV.4_04/12/2004
Evaluation Board Parts List
Part Type Reference Designator
Capacitor Capacitor Capacitor C1, C2 C3 C4
Description
Manufacturer
Part Number
GRM39Y5V104Z25V GRM39C0G102J50V
0.1 uF 0603 Murata 1000pF 0603 Murata 4.7uF Tantalum Cap.
CONNECTION DIAGRAM AND PIN DESCRIPTIONS
NC NC RF IN 50 ohm LINE NC NC
1 2 3 4 5
10 Vd 9 8 7 6 NC NC 50 ohm LINE RF OUT
Pin # 3 9, 10 8 Others
Name RF IN Vd RF OUT NC
Description RF input MMIC Drain bias RF output (internally DC blocked) No Connection
PHYSICAL DIMENSIONS (Unit: inches)
H J C
DIMENSION MINIMUM NOMINAL MAXIMUM
F
E
TC3532
B A
0.002MAX
G
D
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science- Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 P3/3
I
A B C D E F G H I J
0.054 0.007 0.017 0.267 0.047 0.247 0.267 0.007 0.020 0.073 0
0.057 0.008 0.020 0.270 0.050 0.250 0.270 0.008 0.080
0.060 0.009 0.023 0.273 0.053 0.253 0.273 0.009 0.040 0.087 7


▲Up To Search▲   

 
Price & Availability of TC3532

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X