Part Number Hot Search : 
07231438 DS21Q354 B41794 MM74C A1208 PWR1211 GB4060D 0ZB6T
Product Description
Full Text Search
 

To Download SZ10B0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SZ103D - SZ10D0
VZ : 3.3 - 200 Volts PD : 1 Watt
FEATURES :
* Complete Voltage Range 3.3 to 200 Volts * High peak reverse power dissipation * High reliability * Low leakage current
SURFACE MOUNT SILICON ZENER DIODES
SMA (DO-214AC)
1.1 0.3
5.0 0.15
4.5 0.15
1.2 0.2 2.6 0.15 2.1 0.2
0.2 0.07
MECHANICAL DATA
* Case : SMA (DO-214AC) Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Lead formed for Surface mount * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.064 gram
2.0 0.2
Dimensions in millimeter
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified
Rating
DC Power Dissipation at TL = 50 C (Note1) Maximum Forward Voltage at IF = 200 mA Junction Temperature Range Storage Temperature Range
Symbol
PD VF TJ Ts
Value
1.0 1.2 - 55 to + 150 - 55 to + 150
Unit
Watt Volts C C
Note : (1) TL = Lead temperature at 5.0 mm2 ( 0.013 mm thick ) copper land areas.
Fig. 1 POWER TEMPERATURE DERATING CURVE PD, MAXIMUM DISSIPATION (WATTS) 1.25 1.00 0.75 0.50 0.25 0 0 25 50 75 100 125 150 175 5.0 mm2 ( 0.013 mm thick ) copper land areas.
TL, LEAD TEMPERATURE (C)
UPDATE : SEPTEMBER 9, 2000
ELECTRICAL CHARACTERISTICS
Rating at = 25 C ambient temperature unless otherw ise specified Nominal Zener Voltage VZ @ IZT IZT (V) (mA) 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 76.0 69.0 64.0 58.0 53.0 49.0 45.0 41.0 37.0 34.0 31.0 28.0 25.0 23.0 21.0 19.0 17.0 15.5 14.0 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.8 2.5 2.3 2.0 1.9 1.7 1.6 1.4 1.2 Maximum Zener Impedance ZZK @ IZK () 400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 4000 4500 5000 6000 6500 7000 8000 Maximum Reverse Leakage Current IR @ VR (V) (A) 100 100 50 10 10 10 10 10 50 50 50 50 50 50 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0 83.6 91.2 98.8 114.0 121.6 136.8 152.0 Maximum DC Zener Current IZM (mA) 276 252 234 217 193 178 162 146 133 121 110 100 91 83 76 69 61 57 50 45 41 38 34 30 27 25 23 22 19 18 16 14 13 12 11 10 9.0 8.6 7.8 7.0 6.4 5.8 5.2 4.7
TYPE
ZZT @ IZT () 10 10 9.0 9.0 8.0 7.0 5.0 2.0 3.5 4.0 4.5 5.0 7.0 8.0 9.0 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350 450 550 700 1000 1100 1200 1500
IZK (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
SZ103D SZ103G SZ103J SZ104D SZ104H SZ105B SZ105G SZ106C SZ106I SZ107F SZ108C SZ109B SZ1010 SZ1011 SZ1012 SZ1013 SZ1015 SZ1016 SZ1018 SZ1020 SZ1022 SZ1024 SZ1027 SZ1030 SZ1033 SZ1036 SZ1039 SZ1043 SZ1047 SZ1051 SZ1056 SZ1062 SZ1068 SZ1075 SZ1082 SZ1091 SZ10B0 SZ10B1 SZ10B2 SZ10B3 SZ10B5 SZ10B6 SZ10B8 SZ10D0
Note : ( 1 ) The type number listed have a standard tolerance on the nominal zener voltage of 10%, altered the fourth number of type from " 0 " for 10% tolerance to be " 5 " for 5.0% tolerance. ( 2 ) " SZ " w ill be omitted in marking on the diode.


▲Up To Search▲   

 
Price & Availability of SZ10B0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X