Part Number Hot Search : 
C4064V JAN2N TLP716 LM117 M62427 ERD15F CL432BLP 930911
Product Description
Full Text Search
 

To Download STK12C68-5KF35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STK12C68
STK12C68-M SMD#5962-94599 8K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
FEATURES
* 25ns, 35ns, 45ns and 55ns Access Times * "Hands-off" Automatic STORE with External 68F Capacitor on Power Down * STORE to Nonvolatile Elements Initiated by Hardware, Software or AutoStoreTM on Power Down * RECALL to SRAM Initiated by Software or Power Restore * 10mA Typical ICC at 200ns Cycle Time * Unlimited READ, WRITE and RECALL Cycles * 1,000,000 STORE Cycles to Nonvolatile Elements (Commercial/Industrial) * 100-Year Data Retention in Nonvolatile Elements (Commercial/Industrial) * Commercial, Industrial and Military Temperatures * 28-Pin SOIC, DIP and LCC Packages
DESCRIPTION
The Simtek STK12C68 is a fast static RAM with a nonvolatile element incorporated in each static memory cell. The SRAM can be read and written an unlimited number of times, while independent, nonvolatile data resides in Nonvolatile Elements. Data transfers from the SRAM to the Nonvolatile Elements (the STORE operation) can take place automatically on power down. A 68F or larger capacitor tied from VCAP to ground guarantees the STORE operation, regardless of power-down slew rate or loss of power from "hot swapping". Transfers from the Nonvolatile Elements to the SRAM (the RECALL operation) take place automatically on restoration of power. Initiation of STORE and RECALL cycles can also be software controlled by entering specific read sequences. A hardware STORE may be initiated with the HSB pin.
BLOCK DIAGRAM
VCCX VCAP POWER CONTROL
PIN CONFIGURATIONS
VCAP A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 VSS
1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15
QUANTUM TRAP 128 x 512
A5
ROW DECODER
A6 A7 A8 A9 A11 A12
DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7
STORE STATIC RAM ARRAY 128 x 512 RECALL
STORE/ RECALL CONTROL
HSB
VCCX W HSB A8 A9 A11 G A10 E DQ7 DQ6 DQ5 DQ4 DQ3
28 - LCC
SOFTWARE DETECT A0 - A12
28 - DIP 28 - SOIC
INPUT BUFFERS
COLUMN I/O COLUMN DEC
PIN NAMES
A0 - A12 DQ0 -DQ7 E W Address Inputs Data In/Out Chip Enable Write Enable Output Enable Hardware Store Busy (I/O) Power (+ 5V) Capacitor Ground
A0 A1 A2 A3 A4 A10
G E W
G HSB VCCX VCAP VSS
October 2003
1
Document Control # ML0008 rev 0.4
STK12C68
ABSOLUTE MAXIMUM RATINGSa
Voltage on Input Relative to Ground . . . . . . . . . . . . . -0.5V to 7.0V Voltage on Input Relative to VSS . . . . . . . . . .-0.6V to (VCC + 0.5V) Voltage on DQ0-7 or HSB . . . . . . . . . . . . . . . .-0.5V to (VCC + 0.5V) Temperature under Bias. . . . . . . . . . . . . . . . . . . . . .-55C to 125C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65C to 150C Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W DC Output Current (1 output at a time, 1s duration) . . . . . . . 15mA
Note a: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only, and functional operation of the device at conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
DC CHARACTERISTICS
SYMBOL ICC b
1
(VCC = 5.0V 10%)e
INDUSTRIAL/ MILITARY MIN MAX 90 75 65 55 3 10 2 28 24 21 19 2.5 1 5 2.2 VSS - .5 2.4 VCC + .5 0.8 mA mA mA mA mA mA mA mA mA mA mA mA A A V V V 0.4 0.4 -40/-55 85/125 V V C tAVAV = 25ns tAVAV = 35ns tAVAV = 45ns tAVAV = 55ns All Inputs Don't Care, VCC = max W (V CC - 0.2V) All Others Cycling, CMOS Levels All Inputs Don't Care tAVAV = 25ns, E VIH tAVAV = 35ns, E VIH tAVAV = 45ns, E VIH tAVAV = 55ns, E VIH E (V CC - 0.2V) All Others VIN 0.2V or (VCC - 0.2V) VCC = max VIN = VSS to VCC VCC = max VIN = VSS to VCC, E or G VIH All Inputs All Inputs IOUT = - 4mA except HSB IOUT = 8mA except HSB IOUT = 3mA UNITS NOTES
PARAMETER
COMMERCIAL MIN MAX 85 75 65 55 3 10 2 27 23 20 19 1.5 1 5 2.2 VSS - .5 2.4 0.4 0.4 0 70 VCC + .5 0.8
Average VCC Current
ICC c
2 3
Average VCC Current during STORE Average VCC Current at tAVAV = 200ns 5V, 25C, Typical Average VCAP Current during AutoStoreTM Cycle Average VCC Current (Standby, Cycling TTL Input Levels)
ICC b ICC
c
4
ISB d
1
ISB d
2
VCC Standby Current (Standby, Stable CMOS Input Levels) Input Leakage Current Off-State Output Leakage Current Input Logic "1" Voltage Input Logic "0" Voltage Output Logic "1" Voltage Output Logic "0" Voltage Logic "0" Voltage on HSB Output Operating Temperature
IILK IOLK VIH VIL VOH VOL VBL TA
Note b: Note c: Note d: Note e:
ICC and ICC are dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded. 1 3 ICC and ICC are the average currents required for the duration of the respective STORE cycles (tSTORE ) . 2 4 E VIH will not produce standby current levels until any nonvolatile cycle in progress has timed out. VCC reference levels throughout this datasheet refer to VCCX if that is where the power supply connection is made, or VCAP if VCCX is connected to ground.
AC TEST CONDITIONS
Input Pulse Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 3V Input Rise and Fall Times. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5ns Input and Output Timing Reference Levels . . . . . . . . . . . . . . . 1.5V Output Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Figure 1
5.0V
480 Ohms OUTPUT 255 Ohms 30 pF INCLUDING SCOPE AND FIXTURE
CAPACITANCEf
SYMBOL CIN COUT PARAMETER Input Capacitance Output Capacitance
(TA = 25C, f = 1.0MHz)
MAX 8 7 UNITS pF pF CONDITIONS V = 0 to 3V V = 0 to 3V
Note f:
These parameters are guaranteed but not tested.
Figure 1: AC Output Loading
October 2003
2
Document Control # ML0008 rev 0.4
STK12C68
SRAM READ CYCLES #1 & #2
NO. 1 2 3 4 5 6 7 8 9 10 11 SYMBOLS #1, #2 tELQV tAVAVg tAVQVh tGLQV tAXQXh tELQX tEHQZi tGLQX tGHQZi tELICCHf tEHICCLf Alt. tACS tRC tAA tOE tOH tLZ tHZ tOLZ tOHZ tPA tPS PARAMETER Chip Enable Access Time Read Cycle Time Address Access Time Output Enable to Data Valid Output Hold after Address Change Chip Enable to Output Active Chip Disable to Output Inactive Output Enable to Output Active Output Disable to Output Inactive Chip Enable to Power Active Chip Disable to Power Standby 0 25 0 10 0 35 5 5 10 0 10 0 45 25 25 10 5 5 10 0 12 0 55 STK12C68-25 MIN MAX 25 35 35 15 5 5 12 0 12 STK12C68-35 MIN MAX 35 45 45 20 5 5 12 MIN
(VCC = 5.0V 10%)e
STK12C68-45 MAX 45 55 55 35 STK12C68-55 MIN MAX 55 UNITS ns ns ns ns ns ns ns ns ns ns ns
Note g: W and HSB must be high during SRAM READ cycles. Note h: Device is continuously selected with E and G both low. Note i: Measured 200mV from steady state output voltage.
SRAM READ CYCLE #1: Address Controlledg, h
2 tAVAV ADDRESS 5 tAXQX DQ (DATA OUT) 3 tAVQV
DATA VALID
SRAM READ CYCLE #2: E Controlledg
tAVAV ADDRESS tELQV E
6 tELQX 7 1 1 1 2
tEHICCL
tEHQZ
G
8 tGLQX
tGLQV
4
tGHQZ
9
DQ (DATA OUT)
10 tELICCH ACTIVE
DATA VALID
ICC
STANDBY
October 2003
3
Document Control # ML0008 rev 0.4
STK12C68
SRAM WRITE CYCLES #1 & #2
NO. 12 13 14 15 16 17 18 19 20 21 SYMBOLS #1 tAVAV tWLWH tELWH tDVWH tWHDX tAVWH tAVWL tWHAX tWLQZ i, j tWHQX #2 tAVAV tWLEH tELEH tDVEH tEHDX tAVEH tAVEL tEHAX Alt. tWC tWP tCW tDW tDH tAW tAS tWR tWZ tOW PARAMETER Write Cycle Time Write Pulse Width Chip Enable to End of Write Data Set-up to End of Write Data Hold after End of Write Address Set-up to End of Write Address Set-up to Start of Write Address Hold after End of Write Write Enable to Output Disable Output Active after End of Write 5 STK12C68-25 MIN 25 20 20 10 0 20 0 0 10 5 MAX STK12C68-35 MIN 35 25 25 12 0 25 0 0 13 5 MAX
(VCC = 5.0V 10%)e
STK12C68-45 MIN 45 30 30 15 0 30 0 0 14 5 MAX STK12C68-55 MIN 55 45 45 25 0 45 0 0 15 MAX UNITS ns ns ns ns ns ns ns ns ns ns
Note j: If W is low when E goes low, the outputs remain in the high-impedance state. Note k: E or W must be VIH during address transitions. Note l: HSB must be high during SRAM WRITE cycles.
SRAM WRITE CYCLE #1: W Controlledk, l
12 tAVAV ADDRESS 14 tELWH E 17 tAVWH 13 tWLWH 15 tDVWH DATA IN 20 tWLQZ
PREVIOUS DATA DATA VALID
19 tWHAX
tAVWL W
18
16 tWHDX
DATA OUT
HIGH IMPEDANCE
21 tWHQX
SRAM WRITE CYCLE #2: E Controlledk, l
12 tAVAV ADDRESS 18 tAVEL E 14 tELEH 19 tEHAX
17 tAVEH W
13 tWLEH 15 tDVEH 16 tEHDX
DATA VALID HIGH IMPEDANCE
DATA IN DATA OUT
October 2003
4
Document Control # ML0008 rev 0.4
STK12C68
HARDWARE MODE SELECTION
E H L L X W X H L X HSB H H H L A12 - A0 (hex) X X X X 0000 1555 0AAA 1FFF 10F0 0F0F 0000 1555 0AAA 1FFF 10F0 0F0E MODE Not Selected Read SRAM Write SRAM Nonvolatile STORE Read SRAM Read SRAM Read SRAM Read SRAM Read SRAM Nonvolatile STORE Read SRAM Read SRAM Read SRAM Read SRAM Read SRAM Nonvolatile RECALL I/O Output High Z Output Data Input Data Output High Z Output Data Output Data Output Data Output Data Output Data Output High Z Output Data Output Data Output Data Output Data Output Data Output High Z POWER Standby Active Active lCC
2
NOTES
o
m
L
H
H
Active
n, o
lCC
2
L
H
H
Active
n, o
Note m: HSB STORE operation occurs only if an SRAM WRITE has been done since the last nonvolatile cycle. After the STORE (if any) completes, the part will go into standby mode, inhibiting all operations until HSB rises. Note n: The six consecutive addresses must be in the order listed. W must be high during all six consecutive cycles to enable a nonvolatile cycle. Note o: I/O state assumes G < VIL. Activation of nonvolatile cycles does not depend on state of G.
HARDWARE STORE CYCLE
NO. 22 23 24 25 26 SYMBOLS Standard tSTORE tDELAY tRECOVER tHLHX tHLBL Alternate tHLHZ tHLQZ tHHQX STORE Cycle Duration Time Allowed to Complete SRAM Cycle Hardware STORE High to Inhibit Off Hardware STORE Pulse Width Hardware STORE Low to Store Busy PARAMETER
(VCC = 5.0V 10%)e
STK12C68 MIN MAX 10 1 700 15 300 UNITS NOTES ms s ns ns ns i, p i, q p, r
Note p: E and G low for output behavior. Note q: E and G low and W high for output behavior. Note r: tRECOVER is only applicable after tSTORE is complete.
HARDWARE STORE CYCLE
25 tHLHX HSB (IN) 24 tRECOVER 22 tSTORE
HSB (OUT)
26 tHLBL
HIGH IMPEDANCE HIGH IMPEDANCE
23 tDELAY DQ (DATA OUT)
DATA VALID DATA VALID
October 2003
5
Document Control # ML0008 rev 0.4
STK12C68
AutoStoreTM/POWER-UP RECALL
NO. 27 28 29 30 31 32 SYMBOLS Standard tRESTORE tSTORE tVSBL tDELAY VSWITCH VRESET tBLQZ tHLHZ Alternate PARAMETER Power-up RECALL Duration STORE Cycle Duration Low Voltage Trigger (VSWITCH) to HSB Low Time Allowed to Complete SRAM Cycle Low Voltage Trigger Level Low Voltage Reset Level 1 4.0 4.5 3.9
(VCC = 5.0V 10%)e
STK12C68 MIN MAX 550 10 300 UNITS s ms ns s V V NOTES s p, q, t l p
Note s: tRESTORE starts from the time VCC rises above VSWITCH. Note t: HSB is asserted low for 1s when VCAP drops through VSWITCH. If an SRAM WRITE has not taken place since the last nonvolatile cycle, HSB will be released and no STORE will take place.
AutoStoreTM/POWER-UP RECALL
VCC 31 VSWITCH 32 VRESET
AutoStoreTM
POWER-UP RECALL 27 tRESTORE HSB
29 tVSBL
28 tSTORE
30 tDELAY W
DQ (DATA OUT)
POWER-UP RECALL
BROWN OUT NO STORE (NO SRAM WRITES) NO RECALL (VCC DID NOT GO BELOW VRESET)
BROWN OUT AutoStoreTM NO RECALL (VCC DID NOT GO BELOW VRESET)
BROWN OUT AutoStoreTM RECALL WHEN VCC RETURNS ABOVE VSWITCH
October 2003
6
Document Control # ML0008 rev 0.4
STK12C68
SOFTWARE-CONTROLLED STORE/RECALL CYCLEv
NO. 33 34 35 36 37 SYMBOLS Standard tAVAV tAVEL tELEH tELAX tRECALL Alternate tRC tAS tCW PARAMETER STORE/RECALL Initiation Cycle Time Address Set-up Time Clock Pulse Width Address Hold Time RECALL Duration STK12C68-25 MIN 25 0 20 20 20 MAX STK12C68-35 MIN 35 0 25 20 20 MAX MIN 45 0 30 20 20
(VCC = 5.0V 10%)e
STK12C68-45 MAX STK12C68-55 MIN 55 0 30 20 20 MAX UNITS NOTES ns ns ns ns s p u u u
Note u: The software sequence is clocked with E controlled READs. Note v: The six consecutive addresses must be in the order listed in the Hardware Mode Selection Table: (0000, 1555, 0AAA, 1FFF, 10F0, 0F0F) for a STORE cycle or (0000, 1555, 0AAA, 1FFF, 10F0, 0F0E) for a RECALL cycle. W must be high during all six consecutive cycles.
SOFTWARE STORE/RECALL CYCLE: E Controlledv
tAVAV ADDRESS
34 ADDRESS #1 33
tAVAV
ADDRESS #6
33
tAVEL E
tELEH
35
tELAX tSTORE DQ (DATA OUT)
DATA VALID DATA VALID 28 37 / tRECALL
36
HIGH IMPEDANCE
October 2003
7
Document Control # ML0008 rev 0.4
STK12C68
DEVICE OPERATION
The STK12C68 has two separate modes of operation: SRAM mode and nonvolatile mode. In SRAM mode, the memory operates as a standard fast static RAM. In nonvolatile mode, data is transferred from SRAM to Nonvolatile Elements (the STORE operation) or from Nonvolatile Elements to SRAM (the RECALL operation). In this mode SRAM functions are disabled.
POWER-UP RECALL
During power up, or after any low-power condition (VCAP < VRESET), an internal RECALL request will be latched. When VCAP once again exceeds the sense voltage of VSWITCH, a RECALL cycle will automatically be initiated and will take tRESTORE to complete. If the STK12C68 is in a WRITE state at the end of power-up RECALL, the SRAM data will be corrupted. To help avoid this situation, a 10K Ohm resistor should be connected either between W and system VCC or between E and system VCC.
NOISE CONSIDERATIONS
The STK12C68 is a high-speed memory and so must have a high-frequency bypass capacitor of approximately 0.1F connected between VCAP and VSS, using leads and traces that are as short as possible. As with all high-speed CMOS ICs, normal careful routing of power, ground and signals will help prevent noise problems.
SOFTWARE NONVOLATILE STORE
The STK12C68 software STORE cycle is initiated by executing sequential E controlled READ cycles from six specific address locations. During the STORE cycle an erase of the previous nonvolatile data is first performed, followed by a program of the nonvolatile elements. The program operation copies the SRAM data into nonvolatile memory. Once a STORE cycle is initiated, further input and output are disabled until the cycle is completed. Because a sequence of READs from specific addresses is used for STORE initiation, it is important that no other READ or WRITE accesses intervene in the sequence, or the sequence will be aborted and no STORE or RECALL will take place. To initiate the software STORE cycle, the following READ sequence must be performed:
1. 2. 3. 4. 5. 6. Read address Read address Read address Read address Read address Read address 0000 (hex) 1555 (hex) 0AAA (hex) 1FFF (hex) 10F0 (hex) 0F0F (hex) Valid READ Valid READ Valid READ Valid READ Valid READ Initiate STORE cycle
SRAM READ
The STK12C68 performs a READ cycle whenever E and G are low and W and HSB are high. The address specified on pins A0-12 determines which of the 8,192 data bytes will be accessed. When the READ is initiated by an address transition, the outputs will be valid after a delay of tAVQV (READ cycle #1). If the READ is initiated by E or G, the outputs will be valid at tELQV or at tGLQV, whichever is later (READ cycle #2). The data outputs will repeatedly respond to address changes within the tAVQV access time without the need for transitions on any control input pins, and will remain valid until another address change or until E or G is brought high, or W or HSB is brought low.
SRAM WRITE
A WRITE cycle is performed whenever E and W are low and HSB is high. The address inputs must be stable prior to entering the WRITE cycle and must remain stable until either E or W goes high at the end of the cycle. The data on the common I/O pins DQ0-7 will be written into the memory if it is valid tDVWH before the end of a W controlled WRITE or tDVEH before the end of an E controlled WRITE. It is recommended that G be kept high during the entire WRITE cycle to avoid data bus contention on common I/O lines. If G is left low, internal circuitry will turn off the output buffers tWLQZ after W goes low.
The software sequence must be clocked with E controlled READs. Once the sixth address in the sequence has been entered, the STORE cycle will commence and the chip will be disabled. It is important that READ cycles and not WRITE cycles be used in the sequence, although it is not necessary that G be low for the sequence to be valid. After the tSTORE cycle time has been fulfilled, the SRAM will again be activated for READ and WRITE operation.
October 2003
8
Document Control # ML0008 rev 0.4
STK12C68
SOFTWARE NONVOLATILE RECALL
A software RECALL cycle is initiated with a sequence of READ operations in a manner similar to the software STORE initiation. To initiate the RECALL cycle, the following sequence of E controlled READ operations must be performed:
1. 2. 3. 4. 5. 6. Read address Read address Read address Read address Read address Read address 0000 (hex) 1555 (hex) 0AAA (hex) 1FFF (hex) 10F0 (hex) 0F0E (hex) Valid READ Valid READ Valid READ Valid READ Valid READ Initiate RECALL cycle
Figure 2 shows the proper connection of capacitors for automatic store operation. A charge storage capacitor having a capacity of between 68F and 220F ( 20%) rated at 6V should be provided. In system power mode (Figure 3), both VCCX and VCAP are connected to the + 5V power supply without the 68F capacitor. In this mode the AutoStoreTM function of the STK12C68 will operate on the stored system charge as power goes down. The user must, however, guarantee that VCCX does not drop below 3.6V during the 10ms STORE cycle. If an automatic STORE on power loss is not required, then VCCX can be tied to ground and + 5V applied to VCAP (Figure 4). This is the AutoStoreTM Inhibit mode, in which the AutoStoreTM function is disabled. If the STK12C68 is operated in this configuration, references to VCCX should be changed to VCAP throughout this data sheet. In this mode, STORE operations may be triggered through software control or the HSB pin. It is not permissable to change between these three options "on the fly". In order to prevent unneeded STORE operations, automatic STOREs as well as those initiated by externally driving HSB low will be ignored unless at least one WRITE operation has taken place since the most recent STORE or RECALL cycle. Softwareinitiated STORE cycles are performed regardless of whether a WRITE operation has taken place. An optional pull-up resistor is shown connected to HSB. This can be used to signal the system that the AutoStoreTM cycle is in progress.
Internally, RECALL is a two-step procedure. First, the SRAM data is cleared, and second, the nonvolatile information is transferred into the SRAM cells. After the tRECALL cycle time the SRAM will once again be ready for READ and WRITE operations. The RECALL operation in no way alters the data in the Nonvolatile Elements. The nonvolatile data can be recalled an unlimited number of times.
AutoStoreTM OPERATION
The STK12C68 can be powered in one of three modes. During normal AutoStoreTM operation, the STK12C68 will draw current from VCCX to charge a capacitor connected to the VCAP pin. This stored charge will be used by the chip to perform a single STORE operation. After power up, when the voltage on the VCAP pin drops below VSWITCH, the part will automatically disconnect the VCAP pin from VCCX and initiate a STORE operation.
10k
0.1F Bypass
10k
10k
1 28 27 26 14 15
10k
10k
1
28 27 26
1
28 27 26
68F 6v, 20%
+
0.1F Bypass
0.1F Bypass
14 14 15
15
Figure 2: AutoStoreTM Mode
Figure 3: System Power Mode
Figure 4: AutoStoreTM Inhibit Mode
*If HSB is not used, it should be left unconnected.
October 2003
9
Document Control # ML0008 rev 0.4
10k
STK12C68
HSB OPERATION
The STK12C68 provides the HSB pin for controlling and acknowledging the STORE operations. The HSB pin is used to request a hardware STORE cycle. When the HSB pin is driven low, the STK12C68 will conditionally initiate a STORE operation after tDELAY; an actual STORE cycle will only begin if a WRITE to the SRAM took place since the last STORE or RECALL cycle. The HSB pin acts as an open drain driver that is internally driven low to indicate a busy condition while the STORE (initiated by any means) is in progress.
SRAM READ and WRITE operations that are in
PREVENTING STORES
The STORE function can be disabled on the fly by holding HSB high with a driver capable of sourcing 30mA at a VOH of at least 2.2V, as it will have to overpower the internal pull-down device that drives HSB low for 20s at the onset of a STORE. When the STK12C68 is connected for AutoStoreTM operation (system VCC connected to VCCX and a 68F capacitor on VCAP) and VCC crosses VSWITCH on the way down, the STK12C68 will attempt to pull HSB low; if HSB doesn't actually get below VIL, the part will stop trying to pull HSB low and abort the STORE attempt.
progress when HSB is driven low by any means are given time to complete before the STORE operation is initiated. After HSB goes low, the STK12C68 will continue SRAM operations for tDELAY. During tDELAY, multiple SRAM READ operations may take place. If a WRITE is in progress when HSB is pulled low it will be allowed a time, tDELAY, to complete. However, any SRAM WRITE cycles requested after HSB goes low will be inhibited until HSB returns high. The HSB pin can be used to synchronize multiple STK12C68s while using a single larger capacitor. To operate in this mode the HSB pin should be connected together to the HSB pins from the other STK12C68s. An external pull-up resistor to + 5V is required since HSB acts as an open drain pull down. The VCAP pins from the other STK12C68 parts can be tied together and share a single capacitor. The capacitor size must be scaled by the number of devices connected to it. When any one of the STK12C68s detects a power loss and asserts HSB, the common HSB pin will cause all parts to request a STORE cycle (a STORE will take place in those STK12C68s that have been written since the last nonvolatile cycle). During any STORE operation, regardless of how it was initiated, the STK12C68 will continue to drive the HSB pin low, releasing it only when the STORE is complete. Upon completion of the STORE operation the STK12C68 will remain disabled until the HSB pin returns high. If HSB is not used, it should be left unconnected.
HARDWARE PROTECT
The STK12C68 offers hardware protection against inadvertent STORE operation and SRAM WRITEs during low-voltage conditions. When VCAP < VSWITCH, all externally initiated STORE operations and SRAM WRITEs are inhibited. AutoStoreTM can be completely disabled by tying VCCX to ground and applying + 5V to VCAP . This is the AutoStoreTM Inhibit mode; in this mode, STOREs are only initiated by explicit request using either the software sequence or the HSB pin.
LOW AVERAGE ACTIVE POWER
The STK12C68 draws significantly less current when it is cycled at times longer than 50ns. Figure 5 shows the relationship between ICC and READ cycle time. Worst-case current consumption is shown for both CMOS and TTL input levels (commercial temperature range, VCC = 5.5V, 100% duty cycle on chip enable). Figure 6 shows the same relationship for WRITE cycles. If the chip enable duty cycle is less than 100%, only standby current is drawn when the chip is disabled. The overall average current drawn by the STK12C68 depends on the following items: 1) CMOS vs. TTL input levels; 2) the duty cycle of chip enable; 3) the overall cycle rate for accesses; 4) the ratio of READs to WRITEs; 5) the operating temperature; 6) the Vcc level; and 7) I/O loading.
October 2003
10
Document Control # ML0008 rev 0.4
STK12C68
100 100
Average Active Current (mA)
60
Average Active Current (mA)
80
80
60 TTL CMOS 20
40 TTL 20 CMOS 0 50 100 150 Cycle Time (ns) 200
40
0 50 100 150 Cycle Time (ns) 200
Figure 5: Icc (max) Reads
Figure 6: Icc (max) Writes
October 2003
11
Document Control # ML0008 rev 0.4
STK12C68 ORDERING INFORMATION STK12C68 - 5 P F 45 I Temperature Range
Blank = Commercial (0 to 70C) I = Industrial (-40 to 85C) M = Military (-55 to 125C)
Access Time
25 = 25ns 35 = 35ns 45 = 45ns 55 = 55ns
Lead Finish (Plastic only)
Blank = 85%Sn/15%Pb F = 100% Sn (Matte Tin)
Package
P = Plastic 28-pin 300 mil DIP W= Plastic 28-pin 600 mil DIP S = Plastic 28-pin 350 mil SOIC C = Ceramic 28-pin 300 mil DIP (gold lead finish) K = Ceramic 28-pin 300 mil DIP (solder dip finish) L = Ceramic 28 pin LCC
Retention / Endurance
Blank = Comm/Ind (100 years/106cycles)
5962-94599 01 MX X
5 = Military (10 years/105cycles)
Lead Finish
A = Solder DIP lead finish C = Gold lead DIP finish X = Lead finish "A" or "C" is acceptable
Package
MX = Ceramic 28 pin 300-mil DIP MY = Ceramic 28 pin LCC
Access Time
01 = 55ns 02 = 45ns 03 = 35ns
October 2003
12
Document Control # ML0008 rev 0.4
STK12C68
Document Revision History
Revision 0.0 0.1 0.2 0.3 0.4
Date December 2002 January 2003 July 2003 September 2003 October 2003
Summary Combined commercial, industrial and military datasheets. Removed 20 nsec device. Added 35 nsec SMD to order information Added "28 - SOIC" label to page 1 pinout drawing Added lead-free lead finish Restored "W" 600 mil DIP package to ordering information
October 2003
13
Document Control # ML0008 rev 0.4


▲Up To Search▲   

 
Price & Availability of STK12C68-5KF35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X