Part Number Hot Search : 
005000 1N4004 DME2838 AD830 LHLC08 SG2525AJ C100LVEL 50000
Product Description
Full Text Search
 

To Download SSM2017 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Excellent Noise Performance: 950 pV/Hz or 1.5 dB Noise Figure Ultralow THD: < 0.01% @ G = 100 Over the Full Audio Band Wide Bandwidth: 1 MHz @ G = 100 High Slew Rate: 17 V/ s typ Unity Gain Stable True Differential Inputs Subaudio 1/f Noise Corner 8-Pin Mini-DIP with Only One External Component Required Very Low Cost Extended Temperature Range: -40 C to +85 C APPLICATIONS Audio Mix Consoles Intercom/Paging Systems Two-Way Radio Sonar Digital Audio Systems
Self-Contained Audio Preamplifier SSM2017
FUNCTIONAL BLOCK DIAGRAM
V+
SSM2017
V- +IN -IN RG1 RG2 5k 5k X1 5k X1
5k
5k 5k REFERENCE
OUT
V-
PIN CONNECTIONS Epoxy Mini-DIP (P Suffix)
RG1 1 -IN 2 8 RG2 V+ OUT REFERENCE
SSM2017
TOP VIEW (Not to Scale)
7 6 5
GENERAL DESCRIPTION
+IN 3 V- 4
The SSM2017 is a latest generation audio preamplifier, combining SSM preamplifier design expertise with advanced processing. The result is excellent audio performance from a selfcontained 8-pin mini-DIP device, requiring only one external gain set resistor or potentiometer. The SSM2017 is further enhanced by its unity gain stability. Key specifications include ultralow noise (1.5 dB noise figure) and THD (<0.01% at G = 100), complemented by wide bandwidth and high slew rate. Applications for this low cost device include microphone preamplifiers and bus summing amplifiers in professional and consumer audio equipment, sonar, and other applications requiring a low noise instrumentation amplifier with high gain capability.
16-Pin Wide Body SOL (S Suffix)
NC RG1 NC -IN +IN NC V- NC 1 2 3 4 5 6 7 8 NC = NO CONNECT 16 15 14 NC RG2 NC V+ NC OUT REFERENCE NC
SSM2017
TOP VIEW TOP VIEW (Not to Scale) (Not to Scale)
13 12 11 10 9
REV. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 World Wide Web Site: http://www.analog.com Fax: 617/326-8703 (c) Analog Devices, Inc., 1997
(V = V and SSM2017-SPECIFICATIONS fications15apply at-40=C+25T C.)+85 C, unless otherwise noted. Typical speciT
S A A
Parameter DISTORTION PERFORMANCE Total Harmonic Distortion Plus Noise
Symbol
Conditions TA = +25C VO = 7 V rms RL = 5 k G = 1000, f = 1 kHz G = 100, f = 1 kHz G = 10, f = 1 kHz G = 1, f = 1 kHz f = 1 kHz, G = 1000 f = 1 kHz; G = 100 f = 1 kHz; G = 10 f = 1 kHz; G = 1 f = 1 kHz, G = 1000 G = 10 RL = 4.7 k CL = 50 pF TA = +25C G = 1000 G = 100 G = 10 G=1
Min
Typ
Max
Units
THD+N
0.012 0.005 0.004 0.008 0.95 1.95 11.83 107.14 2 10 17
% % % % nV/Hz nV/Hz nV/Hz nV/Hz pA/Hz V/s
NOISE PERFORMANCE Input Referred Voltage Noise Density
en
Input Current Noise Density DYNAMIC RESPONSE Slew Rate
in SR
Small Signal Bandwidth
BW-3 dB
200 1000 2000 4000 0.1 1.2 6 25 0.002 2.5 80 60 40 26 20 80 60 40 26 8 112 92 74 54 54 124 118 101 82 1 30 5.3 7.1 11.0 12.3 -40 2 4.7 50 50
kHz kHz kHz kHz mV A A dB dB dB dB dB dB dB dB dB V M M M M V mV k k pF mA sec
INPUT Input Offset Voltage Input Bias Current Input Offset Current Common-Mode Rejection
VIOS IB Ios CMR
Power Supply Rejection
PSR
VCM = 0 V VCM = 0 V VCM = 8 V G = 1000 G = 100 G = 10 G = 1, TA = +25C G = 1, TA = - 40C to +85C VS = 6 V to 18 V G = 1000 G = 100 G = 10 G=1 Differential, G = 1000 G=1 Common Mode, G = 1000 G=1 RL = 2 k; TA = +25C TA = +25C TA = -40C to +85C
Input Voltage Range Input Resistance
IVR RIN
OUTPUT Output Voltage Swing Output Offset Voltage Minimum Resistive Load Drive Maximum Capacitive Load Drive Short Circuit Current Limit Output Short Circuit Duration GAIN Gain Accuracy
VO VOOS
500
ISC
Output-to-Ground Short
10 10 k G-1 TA = +25C RG = 10 , G = 1000 RG = 101 , G = 100 RG = 1.1 k, G = 10 RG = , G = 1
RG =
Maximum Gain REFERENCE INPUT Input Resistance Voltage Range Gain to Output POWER SUPPLY Supply Voltage Range Supply Current
Specifications subject to change without notice.
G
0.25 0.20 0.20 0.05 70 10 8 1
1 1 1 0.5
dB dB dB dB dB k V V/V
VS ISY
6 VCM = 0 V, RL =
10.6
22 14.0
V mA
-2-
REV. C
SSM2017 Typical Performance Characteristics
Figure 1. Typical THD+Noise* at G = 1, 10, 100, 1000; VO = 7 V rms, VS = 15 V, RL = 5 k; TA = +25C
*80 kHz low-pass filter used for Figures 1-2.
Figure 2. Typical THD+ Noise * at G = 2, 10, 100, 1000; VO = 10 V rms, VS = 18 V, RL = 5 k; TA = +25C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . Supply Voltage Output Short Circuit Duration . . . . . . . . . . . . . . . . . . . 10 sec Storage Temperature Range (P, Z Packages) -65C to +150C Junction Temperature (TJ) . . . . . . . . . . . . . -65C to +150C Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300C Operating Temperature Range . . . . . . . . . . . . -40C to +85C Thermal Resistance* 8-Pin Hermetic DIP (Z): JA = 134; JC = 12 . . . . . . C/W 8-Pin Plastic DIP (P): JA = 96; JC = 37 . . . . . . . . . . C/W 16-Pin SOIC (S): JA = 92; JC = 27 . . . . . . . . . . . . . C/W
*JA is specified for worst case mounting conditions, i.e., JA is specified for device in socket for cerdip and plastic DIP; JA is specified for device soldered to printed circuit board for SOL package.
ORDERING GUIDE
Model SSM2017P SSM2017S SSM2017S-REEL Temperature Range* -40C to +85C -40C to +85C -40C to +85C Package Description 8-Pin Plastic DIP 16-Lead SOL 16-Lead SOL Package Option N-8 R-16 R-16
*XIND = -40C to +85C.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the SSM2017 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. C
-3-
SSM2017
Figure 3. Voltage Noise Density vs. Frequency
Figure 4. RTI Voltage Noise Density vs. Gain
Figure 5. Output Impedance vs. Frequency
Figure 6. Maximum Output Swing vs. Frequency
Figure 7. Maximum Output Voltage vs. Load Resistance
Figure 8. Input Voltage Range vs. Supply Voltage
Figure 9. Output Voltage Range vs. Supply Voltage
Figure 10. CMRR vs. Frequency
Figure 11. +PSRR vs. Frequency
-4-
REV. C
SSM2017
Figure 12. -PSRR vs. Frequency
Figure 13. VIOS vs. Temperature
Figure 14. VIOS vs. Supply Voltage
Figure 15. VOOS vs. Temperature
Figure 16. VOOS vs. Supply Voltage
Figure 17. IB vs. Temperature
Figure 18. IB vs. Supply Voltage
Figure 19. ISY vs. Temperature
Figure 20. ISY vs. Supply Voltage
REV. C
-5-
SSM2017
G=
V OUT = 10 k +1 (+In) - (In) RG
Figure 21. Bandwidth of the SSM2017 for Various Values of Gain
NOISE PERFORMANCE
Basic Circuit Connections
GAIN
The SSM2017 only requires a single external resistor to set the voltage gain. The voltage gain, G, is:
10 k +1 RG
G=
and
RG =
10 k G -1
The SSM2017 is a very low noise audio preamplifier exhibiting a typical voltage noise density of only 1 nV/Hz at 1 kHz. The exceptionally low noise characteristics of the SSM2017 are in part achieved by operating the input transistors at high collector currents since the voltage noise is inversely proportional to the square root of the collector current. Current noise, however, is directly proportional to the square root of the collector current. As a result, the outstanding voltage noise performance of the SSM2017 is obtained at the expense of current noise performance. At low preamplifier gains, the effect of the SSM2017's voltage and current noise is insignificant. The total noise of an audio preamplifier channel can be calculate by:
En =
en 2 +(in RS )2 + et 2
For convenience, Table I lists various values of RG for common gain levels.
Table I. Values of RG for Various Gain Levels
AV 1 3.2 10 31.3 100 314 1000
dB 0 10 20 30 40 50 60
RG NC 4.7k 1.1k 330 100 32 10 where:
En = total input referred noise en = amplifier voltage noise in = amplifier current noise RS = source resistance et = source resistance thermal noise. For a microphone preamplifier, using a typical microphone impedance of 150 the total input referred noise is: en = 1 nV/Hz @ 1 kHz, SSM2017 en in = 2 pA/Hz @ 1 kHz, SSM2017 in RS = 150 , microphone source impedance et = 1.6 nV/Hz @ 1 kHz, microphone thermal noise En =(1 nVHz)2 + 2 (pA/Hz x 150 )2 + (1.6 nV/Hz)2 = 1.93 nV/Hz @ 1 kHz. This total noise is extremely low and makes the SSM2017 virtually transparent to the user.
The voltage gain can range from 1 to 3500. A gain set resistor is not required for unity gain applications. Metal-film or wirewound resistors are recommended for best results. The total gain accuracy of the SSM2017 is determined by the tolerance of the external gain set resistor, RG, combined with the gain equation accuracy of the SSM2017. Total gain drift combines the mismatch of the external gain set resistor drift with that of the internal resistors (20 ppm/C typ). Bandwidth of the SSM2017 is relatively independent of gain as shown in Figure 21. For a voltage gain of 1000, the SSM2017 has a small-signal bandwidth of 200 kHz. At unity gain, the bandwidth of the SSM2017 exceeds 4 MHz.
-6-
REV. C
SSM2017
INPUTS
The SSM2017 has protection diodes across the base emitter junctions of the input transistors. These prevent accidental avalanche breakdown, which could seriously degrade noise performance. Additional clamp diodes are also provided to prevent the inputs from being forced too far beyond the supplies.
Although the SSM2017's inputs are fully floating, care must be exercised to ensure that both inputs have a dc bias connection capable of maintaining them within the input common-mode range. The usual method of achieving this is to ground one side of the transducer as in Figure 22a, but an alternative way is to float the transducer and use two resistors to set the bias point as in Figure 22b. The value of these resistors can be up to 10 k, but they should be kept as small as possible to limit commonmode pickup. Noise contribution by resistors themselves is negligible since it is attenuated by the transducer's impedance. Balanced transducers give the best noise immunity and interface directly as in Figure 22c.
REFERENCE TERMINAL
a. Single Ended
The output signal is specified with respect to the reference terminal, which is normally connected to analog ground. The reference may also be used for offset correction or level shifting. A reference source resistance will reduce the common-mode rejection by the ratio of 5 k/RREF. If the reference source resistance is 1 , then the CMR will be reduced to 74 dB (5 k/1 = 74 dB).
COMMON-MODE REJECTION
b. Pseudo Differential
Ideally, a microphone preamplifier responds only to the difference between the two input signals and rejects common-mode voltages and noise. In practice, there is a small change in output voltage when both inputs experience the same common-mode voltage change; the ratio of these voltages is called the commonmode gain. Common-mode rejection (CMR) is the logarithm of the ratio of differential-mode gain to common-mode gain, expressed in dB.
PHANTOM POWERING
A typical phantom microphone powering circuit is shown in Figure 23. Z1 through Z4 provide transient overvoltage protection for the SSM2017 whenever microphones are plugged in or unplugged.
c. True Differential Figure 22. Three Ways of Interfacing Transducers for High Noise Immunity
Figure 23. SSM2017 in Phantom Powered Microphone Circuit
REV. C
-7-
SSM2017
BUS SUMMING AMPLIFIER
In addition to is use as a microphone preamplifier, the SSM2017 can be used as a very low noise summing amplifier. Such a circuit is particularly useful when many medium impedance outputs are summed together to produce a high effective noise gain.
C1534-24-4/91
The principle of the summing amplifier is to ground the SSM2017 inputs. Under these conditions, Pins 1 and 8 are ac virtual grounds sitting about 0.55 V below ground. To remove the 0.55 V offset, the circuit of Figure 24 is recommended. A2 forms a "servo" amplifier feeding the SSM2017's inputs. This places Pins l and 8 at a true dc virtual ground. R4 in conjunction with C2 remove the voltage noise of A2, and in fact just about any operational amplifier will work well here since it is removed from the signal path. If the dc offset at Pins l and 8 is not too critical, then the servo loop can be replaced by the diode biasing scheme of Figure 24. If ac coupling is used throughout, then Pins 2 and 3 may be directly grounded.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Figure 24. Bus Summing Amplifier
8-Pin Plastic DIP (P) Package
8-Pin Hermetic DIP (Z) Package
16-Pin SOIC (S) Package
-8-
REV. C
PRINTED IN U.S.A.


▲Up To Search▲   

 
Price & Availability of SSM2017

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X