Part Number Hot Search : 
FQP8N80C BAR64 3KBP10M EMK13H AS170 SMK0850F 80321 FP200
Product Description
Full Text Search
 

To Download SP504MCF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
SP504 WAN Multi-Mode Serial Transceiver
+5V Only Seven (7) Drivers and Seven (7) Receivers Driver and Receiver Tri-State Control Reduced V.35 Termination Network Pin Compatible with the SP503 Software Selectable Interface Modes: -RS-232E (V.28) -RS-422A (V.11, X.21) -RS-449 (V.11 & V.10) -RS-485 -V.35 -EIA-530 (V.11 & V.10) -EIA-530A (V.11 & V.10) -V.36 DESCRIPTION... The SP504 is a single chip device that supports eight (8) physical serial interface standards for Wide Area Network Connectivity. The SP504 is fabricated using a low power BiCMOS process technology, and incorporates a Sipex patented (5,306,954) charge pump allowing +5V only operation. Seven (7) drivers and seven (7) receivers can be configured via software for any of the above interface modes at any time. The SP504 is suited for DTE-DCE applications. The SP504 requires only one external resistor per V.35 driver for compliant V.35 operation.
Vcc
22F, 16V
SWITCHABLE V.35 TERMINATION RESISTOR NETWORKS
C1+
22F, 16V 22F, 16V
Vdd
C1C2+ C2-
Programmable Charge Pump
Vss
22F, 16V
RxD RXC CTS DSR DCD
RxD TxD
TxD DTR RTS RL LL ST TT
RxC DTR
CTS
SP504
RTS
DSR RL
DCD LL
RI
RI ST
SCT
SCT TT
Receiver Decode
Driver Decode
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
1
SPECIFICATIONS
TA = +25C and VCC = +5.0V unless otherwise noted.
MIN. LOGIC INPUTS VIL VIH LOGIC OUTPUTS VOL VOH RS-485 DRIVER TTL Input Levels VIL VIH Outputs HIGH Level Output LOW Level Output Differential Output Balance Offset Open Circuit Voltage Output Current Short Circuit Current Transition Time Max. Transmission Rate Propagation Delay tPHL tPLH Differential Driver Skew RS-485 RECEIVER TTL Output Levels VOL VOH Input HIGH Threshold LOW Threshold Common Mode Range HIGH Input Current LOW Input Current Receiver Sensitivity Input Impedance Max. Transmission Rate Propagation Delay tPHL tPLH Differential Receiver Skew V.35 DRIVER TTL Input Levels VIL VIH Outputs Differential Output Source Impedance Short-Circuit Impedance Voltage Output Offset Transition Time Max. Transmission Rate
TYP.
MAX. 0.8
UNITS Volts Volts Volts Volts
CONDITIONS
2.0 0.4 2.4
IOUT= +3.2mA IOUT= -1.0mA
0.8 2.0 +6.0 -0.3 1.5 0.2 +2.5 6.0 28.0 250 20 10 50 50 80 80 20 100 100 40 40 5.0
Volts Volts Volts Volts Volts Volts Volts Volts mA mA ns Mbps ns ns ns
RL=54, CL=50pF |VT| - |VT| RL=54 Terminated in -7V to +10V Rise/fall time, 10%-90% RL=54; Figure 3a TA @ 25C & VCC = +5V only Figures 3a and 5; RL=54 CL=50pF | tPHL - tPLH |; TA @ +25C
0.4 2.4 +0.2 -7.0 -7.0 +12 -0.2 +12.0 0.2 12 10 80 80 110 110 30 180 180
Volts Volts Volts Volts Volts Volts k Mbps ns ns ns (a)-(b) (a)-(b) Refer to Rec. input graph Refer to Rec. input graph Over -7V to +12V common mode range Figure 3a TA = 25C & VCC = +5V only Figures 3a and 7; A is inverting and B is non-inverting. | tPHL - tPLH |; TA @ +25C All outputs measured w/ 150 termination resistor connected to the noninverting outputs as shown in Figure 18. RL=100 VOUT = -2V to +2V; A = B 48kbps data rate.; TA@ 25C RL=100
0.8 2.0 0.44 50 135 -0.6 10 0.66 150 165 +0.6 60
Volts Volts Volts ns Mbps
100 150 35
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
2
SPECIFICATIONS (Continued)
TA = +25C and VCC = +5.0V unless otherwise noted.
MIN. V.35 DRIVER Propagation Delay tPHL tPLH Differential Driver Skew V.35 RECEIVER TTL Output Levels VOL VOH Input Differential Threshold Input Impedance Short-Circuit Impedance Max. Transmission Rate Propagation Delay tPHL tPLH Differential Receiver Skew RS-422 DRIVER (V.11) TTL Input Levels VIL VIH Outputs Open Circuit Voltage,VO Differential Output, VT Balance Offset Short Circuit Current Power Off Current Transition Time Max. Transmission Rate Propagation Delay tPHL tPLH Differential Driver Skew RS-422 RECEIVER (V.11) TTL Output Levels VOL VOH Input HIGH Threshold LOW Threshold Common Mode Range HIGH Input Current LOW Input Current Receiver Sensitivity Input Impedance Max. Transmission Rate Propagation Delay tPHL tPLH Differential Receiver Skew RS-232 DRIVER (V.28) TTL Input Level VIL VIH
TYP.
MAX.
UNITS
CONDITIONS TA @ 25C & VCC = +5V only Figures 3b and 5 | tPHL - tPLH |; TA @ +25C
50 50
80 80 30
100 100 40
ns ns ns
0.4 2.4 90 135 10 100 100 80 100 150 130 130 30 110 165 200 200
Volts Volts mV Mbps ns ns ns
VIN = +2V to -2V TA @ 25C & VCC = +5V only Figure 3b and 7; A is inverting and B is non-inverting. | tPHL - tPLH |; TA @ +25C
0.8 2.0 2.0 0.5VO 6.0 5.0 0.67VO 0.4 +3.0 150 100 40 100 100 40
Volts Volts Volts Volts Volts Volts Volts mA A ns Mbps ns ns ns RL=3.9k RL=100 TA @ +25C |VT| - |VT| Vout = 0V Vcc = 0V, Vout = 0.25V Rise/fall time, 10%-90% RL=100; Figure 3a TA @ 25C & VCC = +5V only Figure 3a and 5; RDIFF=100 | tPHL - tPLH |; TA @ +25C
20 10 50 50 80 80 20
0.4 2.4 +0.2 -6.0 -7.0 +6.0 -0.2 +7.0 0.3 4 10 80 80 110 110 30 180 180
Volts Volts Volts Volts Volts Volts k Mbps ns ns ns (a)-(b) (a)-(b) Refer to Rec. input graph Refer to Rec. input graph VCM = +7V to -7V VIN = +10V to -10V TA @ 25C & VCC = +5V only Figure 3a and 7; A is inverting and B is non-inverting. | tPHL - tPLH |; TA @ +25C
0.8 2.0
Volts Volts
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
3
SPECIFICATIONS (Continued)
TA = +25C and VCC = +5.0V unless otherwise noted.
MIN. RS-232 DRIVER (V.28) Outputs HIGH Level Output LOW Level Output Open Circuit Voltage Short Circuit Current Power Off Impedance Slew Rate Transition Time Max. Transmission Rate Propagation Delay tPHL tPLH RS-232 RECEIVER (V.28) TTL Output Levels VOL VOH Input HIGH Threshold LOW Threshold Receiver Open Circuit Bias Input Impedance Max. Transmission Rate Propagation Delay tPHL tPLH RS-423 DRIVER (V.10) TTL Input Levels VIL VIH Output Open Circuit Voltage, VO HIGH Level Output, VT LOW Level Output, VT Short Circuit Current Power Off Current Transition Time Max. Transmission Rate Propagation Delay tPHL tPLH RS-423 RECEIVER (V.10) TTL Output Levels VOL VOH Input HIGH Threshold LOW Threshold HIGH Input Current LOW Input Current Receiver Sensitivity Input Impedance Max. Transmission Rate 120 0.5 0.5
TYP.
MAX.
UNITS
CONDITIONS
+5.0 -15.0 -15 300
+15 -5.0 +15 100 30 1.56 230.4 1 1 4 4
Volts Volts Volts mA V/s s kbps s s
RL=3k, VIN=0.8V RL=3k, VIN=2.0V VOUT = 0V Vcc = 0V, Vout = 2.0V RL=3k, CL= 50pF VCC = +5.0V, TA @ +25C RL=3k, CL=2500pF ; between 3V, TA @ +25C RL=3k, CL=2500pF TA @ 25C & VCC = +5V only Measured from 1.5V of VIN to 50% of VOUT; RL=3k
0.4 2.4 0.8 3 120 0.05 0.05 1.7 1.2 5 230.4 0.25 0.25 3.0 +2.0 7 1 1
Volts Volts Volts Volts Volts k kbps s s
VIN = +15V to -15V TA @ 25C & VCC = +5V only Measured from 50% of VIN to 1.5V of VOUT.
0.8 2.0 4.0 +3.6 -6.0 0.9VOC 6.0 +6.0 -3.6 150 100 100 0.5 0.5 2 2
Volts Volts Volts Volts Volts Volts mA A ns kbps s s RL=3.9k RL=450; VOUT 0.9VOC RL=450; VOUT 0.9VOC TA =+25C,, VCC = +5.0V VOUT = 0V, VCC = +5.0V VCC = 0V, VOUT= 0.25V Rise/fall time, between 3V RL=450 TA @ 25C & VCC = +5V only Measured from 1.5V of VIN to 50% of VOUT; RL=450
120 0.05 0.05
0.4 2.4 +0.3 -7.0 +7.0 -0.3 0.3 4 120
Volts Volts Volts Volts Volts k kbps Refer to Rec. input graph Refer to Rec. input graph VCM = +7V to -7V VIN = +10V to -10V
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
4
SPECIFICATIONS (Continued)
TA = +25C and VCC = +5.0V unless otherwise noted.
MIN. RS-423 RECEIVER (V.10) Propagation Delay tPHL tPLH POWER REQUIREMENTS VCC ICC (no interface selected) (RS-232 Mode) (RS-422 Mode) (RS-449 Mode) (EIA-530 Mode) (EIA-530A Mode) (RS-485 Mode) (V.35 Mode) (V.36 Mode)
TYP.
MAX.
UNITS
CONDITIONS TA @ 25C & VCC = +5V only Measured from 50% of VIN to 1.5V of VOUT
0.05 0.05 4.75
0.2 0.2 5.00 30 140 320 320 320 320 370 210 310
1 1 5.25
s s Volts mA mA mA mA mA mA mA mA mA
VCC =5.0V fIN = 120kbps. Drivers loaded. fIN = 2Mbps. Drivers loaded. fIN = 2Mbps. Drivers loaded. fIN = 2Mbps. Drivers loaded. fIN = 2Mbps. Drivers loaded. fIN = 2Mbps. Drivers loaded. fIN = 2Mbps. Drivers loaded. fIN = 2Mbps. Drivers loaded.
ENVIRONMENTAL AND MECHANICAL Operating Temperature Range 0 +70 Storage Temperature Range -65 +150 Package 80-pin QFP
C C
RECEIVER INPUT GRAPHS
RS-422 RECEIVER +3.25mA
RS-423 RECEIVER +3.25mA
-10V
-3V +3V +10V
-10V
-3V +3V +10V
Maximum Input Current versus Voltage -3.25mA
-3.25mA
Maximum Input Current versus Voltage
RS-485 RECEIVER +1.0mA
-7V
-3V +6V +12V
-0.6mA
1 Unit Load Maximum Input Current versus Voltage
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
5
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections of the specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability. VCC............................................................................+7V Input Voltages: Logic...............................-0.3V to (VCC+0.5V) Drivers............................-0.3V to (VCC+0.5V) Receivers...........................................15V Output Voltages: Logic................................-0.3V to (VCC+0.5V) Drivers................................................14V Receivers........................-0.3V to (VCC+0.5V) Storage Temperature..........................-65C to +150C Power Dissipation.........................................2000mW
Package Derating: oJA....................................................46 C/W oJC...................................................16 C/W
STORAGE CONSIDERATIONS
Due to the relatively large package size of the 80-pin quad flat-pack, storage in a low humidity environment is preferred. Large high density plastic packages are moisture sensitive and should be stored in Dry Vapor Barrier Bags. Prior to usage, the parts should remain bagged and stored below 40C and 60%RH. If the parts are removed from the bag, they should be used within 48 hours or stored in an environment at or below 20%RH. If the above conditions cannot be followed, the parts should be baked for four hours at 125C in order remove moisture prior to soldering. Sipex ships the 80-pin QFP in Dry Vapor Barrier Bags with a humidity indicator card and desiccant pack. The humidity indicator should be below 30%RH.
OTHER AC CHARACTERISTICS
TA = +70C to 0C and VCC = +4.75V to +5.25V unless otherwise noted.
PARAMETER MIN. TYP. MAX. UNITS DRIVER DELAY TIME BETWEEN ACTIVE MODE AND TRI-STATE MODE RS-232 MODE tPZL; Tri-state to Output LOW 0.70 5.0 s tPZH; Tri-state to Output HIGH tPLZ; Output LOW to Tri-state tPHZ; Output HIGH to Tri-state RS-423 MODE tPZL; Tri-state to Output LOW tPZH; Tri-state to Output HIGH tPLZ; Output LOW to Tri-state tPHZ; Output HIGH to Tri-state RS-422, RS-485 MODES tPZL; Tri-state to Output LOW tPZH; Tri-state to Output HIGH tPLZ; Output LOW to Tri-state tPHZ; Output HIGH to Tri-state V.35 MODE tPZL; Tri-state to Output LOW tPZH; Tri-state to Output HIGH 0.40 0.20 0.40 2.0 2.0 2.0 s s s
CONDITIONS
CL = 100pF, Fig. 4 ; S2 closed CL = 100pF, Fig. 4 ; S2 closed CL = 100pF, Fig. 4 ; S2 closed CL = 100pF, Fig. 4 ; S2 closed CL = 100pF, Fig. 4 ; S2 closed CL = 100pF, Fig. 4 ; S2 closed CL = 100pF, Fig. 4 ; S2 closed CL = 100pF, Fig. 4 ; S2 closed CL = 100pF, Fig. 4 & 6; S1 closed CL = 100pF, Fig. 4 & 6; S2 closed CL = 15pF, Fig. 4 & 6; S1 closed CL = 15pF, Fig. 4 & 6; S2 closed CL = 100pF, Fig. 4 & 6; S1 closed CL = 100pF, Fig. 4 & 6; S2 closed
0.15 0.20 0.20 0.15
2.0 2.0 2.0 2.0
s s s s
2.80 0.10 0.10 0.10
10.0 2.0 2.0 2.0
s s s s
2.60 0.10
10.0 2.0
s s
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
6
OTHER AC CHARACTERISTICS (Continued)
TA = +70C to 0C and VCC = +4.75V to +5.25V unless otherwise noted.
PARAMETER V.35 MODE tPLZ; Output LOW to Tri-state tPHZ; Output HIGH to Tri-state
MIN.
TYP. 0.10 0.15
MAX. 2.0 2.0
UNITS s s
CONDITIONS CL = 15pF, Fig. 4 & 6; S1 closed CL = 15pF, Fig. 4 & 6; S2 closed
RECEIVER DELAY TIME BETWEEN ACTIVE MODE AND TRI-STATE MODE RS-232 MODE tPZL; Tri-state to Output LOW 0.12 2.0 s CL = 100pF, Fig. 2 ; S1 closed tPZH; Tri-state to Output HIGH 0.10 2.0 s CL = 100pF, Fig. 2 ; S2 closed tPLZ; Output LOW to Tri-state 0.10 2.0 s CL = 100pF, Fig. 2 ; S1 closed tPHZ; Output HIGH to Tri-state 0.10 2.0 s CL = 100pF, Fig. 2 ; S2 closed RS-423 MODE tPZL; Tri-state to Output LOW 0.10 2.0 s CL = 100pF, Fig. 2 ; S1 closed tPZH; Tri-state to Output HIGH 0.10 2.0 s CL = 100pF, Fig. 2 ; S2 closed tPLZ; Output LOW to Tri-state 0.10 2.0 s CL = 100pF, Fig. 2 ; S1 closed tPHZ; Output HIGH to Tri-state 0.10 2.0 s CL = 100pF, Fig. 2 ; S2 closed RS-422/RS-485 MODES tPZL; Tri-state to Output LOW 0.10 2.0 s CL = 100pF, Fig. 2 & 8 ; S1 closed tPZH; Tri-state to Output HIGH 0.10 2.0 s CL = 100pF, Fig. 2 & 8 ; S2 closed tPLZ; Output LOW to Tri-state 0.10 2.0 s CL = 15pF, Fig. 2 & 8 ; S1 closed tPHZ; Output HIGH to Tri-state 0.10 2.0 s CL = 15pF, Fig. 2 & 8; S2 closed V.35 MODE tPZL; Tri-state to Output LOW 0.10 2.0 s CL = 100pF, Fig. 2 & 8; S1 closed tPZH; Tri-state to Output HIGH 0.10 2.0 s CL = 100pF, Fig. 2 & 8; S2 closed tPLZ; Output LOW to Tri-state 0.10 2.0 s CL = 15pF, Fig. 2 & 8; S1 closed tPHZ; Output HIGH to Tri-state 0.10 2.0 s CL = 15pF, Fig. 2 & 8; S2 closed TRANSCEIVER TO TRANSCEIVER SKEW RS-232 Driver RS-232 Receiver RS-422 Driver RS-422 Receiver RS-423 Driver RS-423 Receiver V.35 Driver V.35 Receiver [ (tphl - tplh)Trcvr1 - (tphl - tplh)TrcvrX ] 20 50 ns VCC = +5.0V, TA @ +25C 20 ns 20 50 ns VCC = +5.0V, TA @ +25C 20 ns 20 50 ns VCC = +5.0V, TA @ +25C 20 ns 20 50 ns VCC = +5.0V, TA @ +25C 20 ns
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
7
A R VOD R B
Figure 1. Driver DC Test Load Circuit
Receiver Output CRL
Test Point S1 1K S2
1K VCC
VOC
Figure 2. Receiver Timing Test Load Circuit
CL1 DI A B CL2 RL
A RO B 15pF
DI
A B
A RO B 15pF
Figure 3a. Driver/Receiver Timing Test Circuit
Figure 3b. Timing Test Ckt. (V.35 mode only for SP504)
Output Under Test
500 CL
S1
VCC
S2
Figure 4. Driver Timing Test Load #2 Circuit
Note : Figures 3a and 3b shown above are used for evaluating maximum transmission rate. For 10Mbps transmission rate, an input signal of 5MHz is applied to the driver input. In order for a valid transmission rate, the driver output must adhere to the output electrical specifications (VOH & VOL) and an acceptable duty cycle for the protocol tested. The receiver outputs are checked for proper TTL/CMOS VOH & VOL levels and an acceptable output duty cycle. Rev: A Date:1/27/04 SP504 Multi-Mode Serial Transceivers (c) Copyright 2004 Sipex Corporation
8
+3V DRIVER INPUT 0V A DRIVER OUTPUT B
f = 1MHz; tR < 10ns; tF < 10ns 1.5V tPLH VO 1/2VO tSKEW tPHL 1/2VO tSKEW 1.5V
DIFFERENTIAL VO+ OUTPUT 0V VA - VB VO-
Figure 5. Driver Propagation Delays
tF
tR
+3V TDECX 0V 5V A, B VOL VOH A, B 0V
f = 1MHz; tR < 10ns; tF < 10ns 1.5V tZL 2.3V Output normally LOW 1.5V tLZ 0.5V 0.5V tHZ
2.3V tZH
Output normally HIGH
Figure 6. Driver Enable and Disable Times
VOD2+ A-B VOD2- VOH RECEIVER OUT VOL
f = 1MHz; tR 10ns; tF 10ns 0V INPUT 0V
1.5V tPHL
OUTPUT tPLH
1.5V
Figure 7. Receiver Propagation Delays
Note : Figures 5 and 7 shown above are corrected from the original SP504 datahseet. Both figures were incorrect on the original datasheet where the driver output from Figure 5 and the receiver output from Figure 7 are inverted signals.
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
9
+3V RDECX 0V 5V RECEIVER OUT VIL VIH RECEIVER OUT 0V
1.5V
f = 1MHz; tR < 10ns; tF < 10ns tZL Output normally LOW
1.5V tLZ 0.5V 0.5V tHZ
1.5V
1.5V tZH
Output normally HIGH
Figure 8. Receiver Enable and Disable Times
- 0V DRIVER INPUT DRIVER INPUT - 0V - 0V - 0V
DRIVER OUTPUT
DRIVER OUTPUT
Figure 9. Typical RS-232 Driver Output Waveform
Figure 10. Typical RS-423 Driver Output Waveform
DRIVER INPUT - 0V - 0V
DRIVER INPUT DRIVER OUTPUT - 0V - 0V
DRIVER OUTPUT
Figure 11. Typical RS-422/485 Driver Output Waveform
Figure 12. Typical V.35 Driver Output Waveform
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
10
PINOUT...
77 SCT(b)
Pin 61 -- SD(a) -- Analog Out -- Send data, inverted; sourced from TxD.
76 SCT(a) 69 DM(b) 68 DM(a) 71 RD(b) 70 RD(a) 67 CS(b) 66 CS(a) 61 SD(a) 65 TT(b) 63 TT(a) 75 GND 72 GND 64 GND 78 DSR 79 SCT 74 VCC 73 VCC 62 VCC
80 CTS
Pin 63 -- TT(a) -- Analog Out -- Terminal Timing, inverted; sourced from TxC
60 GND 59 SD(b) 58 TR(a) 57 GND 56 TR(b) 55 VCC 54 RS(a) 53 GND
RxD 1 RDEC0 2 RDEC1 3 RDEC2 4 RDEC3 5 TTEN 6 SCTEN 7 N/C 8 TDEC3 9 TDEC2 10 TDEC1 11 TDEC0 12 DTR 13 TxD 14 TxC 15 RTS 16 RL 17 V35_STAT 18 DCD 19 RxC 20
Pin 65 -- TT(b) -- Analog Out -- Terminal Timing, non-inverted; sourced from TxC. Pin 70 -- RD(a) -- Receive Data, analog input; inverted; source for RxD. Pin 71 -- RD(b) -- Receive Data; analog input; non-inverted; source for RxD. Pin 76 -- SCT(a) -- Serial Clock Transmit; analog input, inverted; source for SCT. Pin 77 -- SCT(b) -- Serial Clock Transmit: analog input, non-inverted; source for SCT Pin 79 -- SCT -- Serial Clock Transmit; TTL output; sources from SCT(a) and SCT(b) inputs.
SP504
52 RS(b) 51 LL(a) 50 GND 49 LL(b) 48 VCC 47 RL(a) 46 GND 45 RL(b) 44 ST(b) 43 GND 42 ST(a) 41 VCC
IC(a) 39
RT(a) 37
RR(a) 35
PIN ASSIGNMENTS... CLOCK AND DATA GROUP Pin 1 -- RxD -- Receive Data; TTL output, sourced from RD(a) and RD(b) inputs. Pin 14 -- TxD -- TTL input ; transmit data source for SD(a) and SD(b) outputs. Pin 15 -- TxC -- Transmit Clock; TTL input for TT driver outputs. Pin 20 -- RxC -- Receive Clock; TTL output sourced from RT(a) and RT(b) inputs. Pin 22 -- ST -- Send Timing; TTL input; source for ST(a) and ST(b) outputs. Pin 37 -- RT(a) -- Receive Timing; analog input, inverted; source for RxC. Pin 38 -- RT(b) -- Receive Timing; analog input, non-inverted; source for RxC. Pin 42 -- ST(a) -- Send Timing; analog output, inverted; sourced from ST. Pin 44 -- ST(b) -- Send Timing; analog output, non-inverted; sourced from ST. Pin 59 -- SD(b) -- Analog Out -- Send data, non-inverted; sourced from TxD.
STEN 23
RR(b) 36
RT(b) 38
GND 29 C1- 30 C2- 31
GND 34
IC(b) 40
LL 24
RI 21
VCC 25 C1+ 26
VDD 27 C2+ 28
VCC 33
ST 22
VSS 32
CONTROL LINE GROUP Pin 13 -- DTR -- Data Terminal Ready; TTL input; source for TR(a) and TR(b) outputs. Pin 16 -- RTS -- Ready To Send; TTL input; source for RS(a) and RS(b) outputs. Pin 17 -- RL -- Remote Loopback; TTL input; source for RL(a) and RL(b) outputs. Pin 18 -- V35_STAT -- V.35 Status; TTL output; outputs logic high when in V.35 mode. Pin 19 -- DCD-- Data Carrier Detect; TTL output; sourced from RR(a) and RR(b) inputs. Pin 21 -- RI -- Ring Indicate; TTL output; sourced from IC(a) and IC(b) inputs. Pin 24 -- LL -- Local Loopback; TTL input; source for LL(a) and LL(b) outputs. Pin 35 -- RR(a)-- Receiver Ready; analog input, inverted; source for DCD. Pin 36 -- RR(b)-- Receiver Ready; analog input, non-inverted; source for DCD. Pin 39 -- IC(a)-- Incoming Call; analog input, inverted; source for RI.
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
11
Pin 40 -- IC(b)-- Incoming Call; analog input,non-inverted; source for RI. Pin 45 -- RL(b) -- Remote Loopback; analog output, non-inverted; sourced from RL. Pin 47 -- RL(a) -- Remote Loopback; analog output inverted; sourced from RL. Pin 49-- LL(b) -- Local Loopback; analog output, non-inverted; sourced from LL. Pin 51 -- LL(a) -- Local Loopback; analog output, inverted; sourced from LL. Pin 52 -- RS(b) -- Ready To Send; analog output, non-inverted; sourced from RTS. Pin 54 -- RS(a) -- Ready To Send; analog output, inverted; sourced from RTS. Pin 56 -- TR(b) -- Terminal Ready; analog output, non-inverted; sourced from DTR. Pin 58 -- TR(a) -- Terminal Ready; analog output, inverted; sourced from DTR. Pin 66 -- CS(a)-- Clear To Send; analog input, inverted; source for CTS. Pin 67 -- CS(b)-- Clear To Send; analog input, non-inverted; source for CTS. Pin 68 -- DM(a)-- Data Mode; analog input, inverted; source for DSR. Pin 69 -- DM(b)-- Data Mode; analog input, non-inverted; source for DSR Pin 78 -- DSR-- Data Set Ready; TTL output; sourced from DM(a), DM(b) inputs. Pin 80 -- CTS-- Clear To Send; TTL output; sourced from CS(a) and CS(b) inputs.
Pins 12-9 -- TDEC0 - TDEC3 -- Transmitter decode register; configures transmitter modes; TTL inputs. Pin 23 -- STEN -- Enables ST driver; active low; TTL input.
POWER SUPPLIES Pins 25, 33, 41, 48, 55, 62, 73, 74 -- VCC -- +5V input. Pins 29, 34, 43, 46, 50, 53, 57, 60, 64, 72, 75 -- GND -- Ground. Pin 27 -- VDD +10V Charge Pump Capacitor -- Connects from VDD to VCC. Suggested capacitor size is 22F, 16V. Pin 32 -- VSS -10V Charge Pump Capacitor -- Connects from ground to VSS. Suggested capacitor size is 22F, 16V. Pins 26 and 30 -- C1+ and C1- -- Charge Pump Capacitor -- Connects from C1+ to C1-. Suggested capacitor size is 22F, 16V. Pins 28 and 31 -- C2+ and C2- -- Charge Pump Capacitor -- Connects from C2+ to C2-. Suggested capacitor size is 22F, 16V. NOTE: NC pins should be left floating; internal signals may be present.
CONTROL REGISTERS Pins 2-5 -- RDEC0 - RDEC3 -- Receiver decode register; configures receiver modes; TTL inputs. Pin 6 -- TTEN -- Enables TT driver, active low; TTL input. Pin 7 -- SCTEN -- Enables SCT receiver; active high; TTL input.
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
12
FEATURES... The SP504 is a highly integrated serial transceiver that allows software control of its interface modes. Similar to the SP503, the SP504 offers the same hardware interface modes for RS-232 (V.28), RS-422A (V.11), RS-449, RS485, V.35, EIA-530 and includes V.36 and EIA-530A. The interface mode selection is done via an 8-bit switch; four (4) bits control the drivers and four (4) bits control the receivers. The SP504 is fabricated using low power BiCMOS process technology, and incorporates a Sipex patented (5,306,954) charge pump allowing +5V only operation. Each device is packaged in an 80-pin JEDEC Quad FlatPack package. The SP504 is ideally suited for wide area network connectivity based on the interface modes offered and the driver and receiver configurations. The SP504 has seven (7) independent drivers and seven (7) independent receivers. In V.35 mode, the SP504 includes the necessary components and termination resistors internal within the device for compliant V.35 operation. THEORY OF OPERATION The SP504 is made up of five separate circuit blocks -- the charge pump, drivers, receivers, decoder and switching array. Each of these circuit blocks is described in more detail below. Charge-Pump The SP504's charge pump design is based on the SP503 where Sipex's patented charge pump design (5,306,954) uses a four-phase voltage shifting technique to attain symmetrical 10V power supplies. In addition, the SP504 charge pump incorporates a "programmable" feature that produces an output of 10V or 5V for VSS and VDD depending on the mode of operation. The charge pump still requires external capacitors to store the charge. Figure 17a shows the waveform found on the positive side of capacitor C2, and Figure 17b shows the negative side of capcitor C2. There is a free-running oscillator that controls the four phases of the voltage shifting. A description of each phase follows. The SP504 charge pump is used for RS-232 where the output voltage swing is typically 10V and also used for RS-423. However, RS-
423 requires the voltage swing on the driver output be between 4V to 6V during an open circuit (no load). The charge pump would need to be regulated down from 10V to 5V. A typical 10V charge pump would require external clamping such as 5V zener diodes on VDD and VSS to ground. The 5V output has symmetrical levels as in the 10V output. The 5V is used in the following modes where RS-423 levels are used: RS-449, EIA-530, EIA-530A and V.36. Phase 1 (10V) -- VSS charge storage -- During this phase of the clock cycle, the positive side of capacitors C1 and C2 are initially charged to +5V. The Cl+ is then switched to ground and the charge on C1- is transferred to C2-. Since C2+ is connected to +5V, the voltage potential across capacitor C2 is now 10V. Phase 1 (5V) -- VSS & VDD charge storage and transfer -- With the C1 and C2 capacitors initially charged to +5V, Cl+ is then switched to ground and the charge on C1- is transferred to the VSS storage capacitor. Simultaneously the C2- is switched to ground and the 5V charge on C2+ is transferred to the VDD storage capacitor.
VCC = +5V
+5V C1
+ -
C4
+ -
C2 -5V
+ -
VDD Storage Capacitor
-
+
VSS Storage Capacitor
-5V
C3
Figure 13a. Charge Pump Phase 1 for 10V.
VCC = +5V
+5V C1
+ -
C4
+ -
C2
+ -
VDD Storage Capacitor
-5V
- +
VSS Storage Capacitor
C3
Figure 13b. Charge Pump Phase 1 for 5V.
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
13
VCC = +5V
VCC = +5V
C4
+ -
C4
C1
+ -
C2
+ -
VDD Storage Capacitor
C1
+ + -
-
C2
+ -
VDD Storage Capacitor
-10V
-
+
VSS Storage Capacitor
-5V
-
+
VSS Storage Capacitor
C3
C3
Figure 14a. Charge Pump Phase 2 for 10V.
VCC = +5V
Figure 14b. Charge Pump Phase 2 for 5V.
VCC = +5V
+5V C1
+ -
C4
+ -
+10V
C4
+ -
C2 -5V
+ -
VDD Storage Capacitor
C1
+ -
C2
+ -
VDD Storage Capacitor
-
+
VSS Storage Capacitor
-
+
VSS Storage Capacitor
-5V
C3
C3
Figure 15. Charge Pump Phase 3.
Figure 16. Charge Pump Phase 4.
Phase 2 (10V) -- VSS transfer -- Phase two of the clock connects the negative terminal of C2 to the VSS storage capacitor and the positive terminal of C2 to ground, and transfers the generated -l0V or the generated -5V to C3. Simultaneously, the positive side of capacitor C 1 is switched to +5V and the negative side is connected to ground. Phase 2 (5V) -- VSS & VDD charge storage -- C1+ is reconnected to VCC to recharge the C1 capacitor. C2+ is switched to ground and C2- is connected to C3. The 5V charge from Phase 1 is now transferred
to the VSS storage capacitor. VSS receives a continuous charge from either C1 or C2. With the C1 capacitor charged to 5V, the cycle begins again. Phase 3 -- VDD charge storage -- The third phase of the clock is identical to the first phase -- the charge transferred in C1 produces -5V in the negative terminal of C1, which is applied to the negative side of capacitor C2. Since C2+ is at +5V, the voltage potential across C2 is l0V. For the 5V output, C2+ is connected to ground so that the potential on C2 is only +5V.
+10V C2+ GND GND C2- -10V (b) (a)
+5V C2+ GND
GND C2- -5V
Figure 17. Charge Pump Waveforms
Rev: A Date:1/27/04 SP504 Multi-Mode Serial Transceivers (c) Copyright 2004 Sipex Corporation
14
Since both VDD and VSS are separately generated from VCC in a no-load condition, VDD and VSS will be symmetrical. Older charge pump approaches that generate V- from V+ will show a decrease in the magnitude of V- compared to V+ due to the inherent inefficiencies in the design. The clock rate for the charge pump typically operates at 15kHz. The external capacitors must be a minimum of 22F with a 16V breakdown rating. External Power Supplies For applications that do not require +5V only, external supplies can be applied at the V+ and V- pins. The value of the external supply voltages must be no greater than l0.5V. The tolerance should be 5% from 10V. The current drain for the supplies is used for RS-232 and RS-423 drivers. For the RS-232 driver, the current requirement will be 3.5mA per driver. The RS-423 driver worst case current drain will be 11mA per driver. Power sequencing is required for the SP504. The supplies must be sequenced accordingly: +10V, +5V and -10V. An external circuit would be needed for proper power supply sequencing. Consult factory for application circuitry. Drivers The SP504 has seven (7) enhanced independent drivers. Control for the mode selection is done via a four-bit control word. The drivers are prearranged such that for each mode of operation, the relative position and functionality of the drivers are set up to accommodate the selected interface mode. As the mode of the drivers is changed, the electrical characteristics will change to support the requirements of clock, data, and control line signal levels. Table 1 shows the mode of each driver in the different interface modes that can be selected. There are four basic types of driver circuits -- RS-232, RS-423, RS-485 and V.35. The RS-232 drivers output single-ended signals with a minimum of 5V (with 3k and 2500pF loading), and can operate up to 120kbps.
The RS-232 drivers are used in RS-232 mode for all signals, and also in V.35 mode where they are used as the control line signals such as DTR and RTS. The RS-423 drivers are also single-ended signals with a minimum voltage output of 3.6V (with 450 loading) and can operate up to 120kbps. Open circuit VOL and VOH measurements are 4.0V to 6.0V. The RS-423 drivers are used in RS-449, EIA-530, EIA-530A and V.36 modes as Category II signals from each of their corresponding specifications. The third type of driver produces a differential signal that can maintain RS-485, 1.5V differential output levels with a worst case load of 54. The signal levels and drive capability of the RS-485 drivers allow the drivers to also support RS-422 (V.11) requirements of 2V differential output levels with 100 loads. The RS-422 drivers are used in RS-449, EIA-530, EIA-530A and V.36 modes as Category I signals which are used for clock and data. The fourth type of driver is the V.35 driver. V.35 levels require 0.55V driver output signals with a load of 100. The SP504 drivers simplify existing V.35 implementations that use external termination schemes. The drivers were specifically designed to comply with the requirements of V.35 as well as the driver output impedance values of V.35. The drivers achieve the 50 to 150 source impedance. However, an external 150 resistor to ground must be connected to the non-inverting outputs; SD(b), ST(b), and TT(b), in order to comply with the 135 to 165 short-circuit impedance for V.35. The V.35 driver itself is disabled and transparent when the decoder is in all other modes. All of the differential drivers; RS-485, RS-422, and V.35, can operate up to 10Mbps. The driver inputs are both TTL or CMOS compatible. Since there are no pull-up or pull-down resistors on the driver inputs, they should be tied to a known logic state in order to define the driver output.
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
15
Receivers The SP504 has seven (7) independent receivers which can be programmed for the different interface modes. Control for the mode selection is done via a 4-bit control word that is independent from the driver control word. The coding for the drivers and receivers is identical. Therefore, if the modes for the drivers and receivers are supposed to be identical in the application, the control lines can be tied together. Like the drivers, the receivers are pre-arranged for the specific requirements of the interface. As the operating mode of the receivers is changed, the electrical characteristics will change to support the requirements of clock, data, and control line receivers. Table 2 shows the mode of each receiver in the different interface modes that can be selected. There are three basic types of receiver circuits -- RS-232, RS-423, and RS-485. The RS-232 receiver is a single-ended input with a threshold of 0.8V to 2.4V. The RS-232 receiver has an operating voltage range of 15V and can receive signals up to 120kbps. The input sensitivity complies with EIA-RS-232 and V.28 at +3V to -3V. The input impedance is 3k to 7k. RS-232 receivers are used in RS232 mode for all data, clock and control signals. They are also used in V.35 mode for control line signals such as CTS and DSR. The RS-423 receivers are also single-ended but have an input threshold as low as 200mV. The input impedance is guaranteed to be greater than 4k, with an operating voltage range of 7V. The RS-423 receivers can operate up to 120kbps. RS-423 receivers are used in RS-449, EIA-530, EIA-530A and V.36 modes as Category II signals as indicated by their corresponding specifications. The third type of receiver is a differential which supports RS-485. The RS-485 receiver has an input impedance of 15k and a differential threshold of 200mV. Since the characteristics of an RS-422 (V.11) receiver are actually subsets of RS-485, the receivers for RS-422 requirements are covered by the RS-485 receivers.
RS-422 receivers are used in RS-449, EIA-530, EIA-530A and V.36 as Category I signals for receiving clock, data, and some control line signals. The differential receivers can receive data up to 10Mbps. The RS-485 receivers are also used for the V.35 mode. Unlike the older implementations of differential or V.35 receivers, the SP504 contains an internal resistor termination network that ensures a V.35 input impedance of 100 (10) and a short-circuit impedance of 150 (15). The traditional V.35 implementations required external termination resistors to acheive the proper V.35 impedances. The internal network is connected via low on-resistance FET switches when the decoder is changed to V.35 mode. The termination network is transparent when all other modes are selected. The V.35 receivers can operate up to 10Mbps. All receivers include a fail-safe feature that outputs a logic HIGH when the receiver inputs are open. For single-ended RS-232 receivers, there are internal 5k pull-down resistors on the inputs which produces a logic HIGH ("1") at the receiver outputs. The single-ended RS-423 receivers produce a logic LOW ("0") on the output when the inputs are open. This is due to a pullup device connected to the input. The differential receivers have the same internal pull-up device on the non-inverting input which produces a logic HIGH ("1") at the receiver output. The three differential receivers when configured in V.35 mode (RxD, RxC & SCT) do not have fail-safe because the internal termination resistor network is connected. Decoder The SP504 has the ability to change the interface mode of the drivers or receivers via an 8-bit switch. The decoder for the drivers and receivers is not latched; it is merely a combinational logic switch. The control word can be externally latched either HIGH or LOW to write the appropriate code into the SP504. The codes shown in Tables 1 and 2 are the only specified, valid modes for the SP504. Undefined codes may represent other interface modes not specified (consult the fac-
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
16
tory for more information). The drivers are controlled with the data bits labeled TDEC3- TDEC0. All of the drivers can be put into tristate mode by writing 0000 to the driver decode switch. The three drivers TxD, ST and TxC, have a 150 pull-down resistor to ground connected at the (b) output. This resistor is part of the V.35 driver circuitry and should be connected when in V.35 mode. Tri-state is possible for all drivers in RS-232 mode. The receivers are controlled with data bits RDEC3-RDEC0; the code 0000 written to the receivers will place the outputs into tri-state mode. The 0000 decoder word will override the enable control line for the one receiver (SCT). Using the V.35_STAT Pin The SP504 includes a V.35 status pin where the V35_STAT pin (pin 18) is a logic HIGH ("1") when the decoder is set to V.35 mode. The pin is a logic LOW ("0") when in all other modes including tri-state (decoder set at "0000"). Pin 18 allows the user to easily add FET switches or solid state relays to connect the external 150 resistor for V.35 operation. V35_STAT can be connected to the gate of the FET switches or the control of the relays so that the 150 resistors are connected to the non-inverting output of the three V.35 drivers. The output current of the V35_STAT pin is that of a typical TTL load of -3.2mA. The electrical specifications are similar to the SP504 receiver outputs. This feature would reduce additional logic required by older traditional methods. NET1/NET2 Testing and Compliancy Many system designers are required to certify their system for use in the European public network. Electrical testing is performed in adherence to the NET (Norme Europeenne de Telecommunication) which specifies the ITU Series V specifications. The SP504 adheres to all the required physical layer testing for NET1 and NET2. Consult factory for details.
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
17
SP504 Driver Mode Selection
Pin Label TDEC 3-TDEC0 SD(a) SD(b) TR(a) TR(b) RS(a) RS(b) RL(a) RL(b) LL(a) LL(b) ST(a) ST(b) TT(a) TT(b) Mode: 0000 tri-state tri-state tri-state tri-state tri-state tri-state tri-state tri-state tri-state tri-state tri-state tri-state tri-state tri-state RS232 0010 V.28 tri-state V.28 tri-state V.28 tri-state V.28 tri-state V.28 tri-state V.28 tri-state V.28 tri-state V.35 1110 V.35- V.35+ V.28 tri-state V.28 tri-state V.28 tri-state V.28 tri-state V.35- V.35+ V.35- V.35+ RS422 0100 V.11- V.11+ V.11- V.11+ V.11- V.11+ V.11- V.11+ V.11- V.11+ V.11- V.11+ V.11- V.11+ RS485 0101 RS485- RS485+ RS485- RS485+ RS485- RS485+ RS485- RS485+ RS485- RS485+ RS485- RS485+ RS485- RS485+ RS449 1100 V.11- V.11+ V.11- V.11+ V.11- V.11+ V.10 tri-state V.10 tri-state V.11- V.11+ V.11- V.11+ EIA530 1101 V.11- V.11+ V.11- V.11+ V.11- V.11+ V.10 tri-state V.10 tri-state V.11- V.11+ V.11- V.11+ EIA-530A 1111 V.11- V.11+ V.10 tri-state V.11- V.11+ V.11- V.11+ V.10 tri-state V.11- V.11+ V.11- V.11+ V.36 0110 V.11- V.11+ V.10 tri-state V.10 tri-state V.10 tri-state V.10 tri-state V.11- V.11+ V.11- V.11+
Table 1. Driver Mode Selection
SP504 Receiver Mode Selection
Pin Label RDEC3-RDEC 0 RD(a) RD(b) RT(a) RT(b) CS(a) CS(b) DM(a) DM(b) RR(a) RR(b) IC(a) IC(b) SCT(a) SCT(b)
Mode: 0000 >12k to GND
RS232 0010 V.28
V.35 1110 V.35- V.35+ V.35- V.35+ V.28
RS422 0100 V.11- V.11+ V.11- V.11+ V.11- V.11+ V.11- V.11+ V.11- V.11+ V.11- V.11+ V.11- V.11+
RS485 0101 RS485- RS485+ RS485- RS485+ RS485- RS485+ RS485- RS485+ RS485- RS485+ RS485- RS485+ RS485- RS485+
RS449 1100 V.11- V.11+ V.11- V.11+ V.11- V.11+ V.11- V.11+ V.11- V.11+ V.10 >12k to GND V.11- V.11+
EIA530 1101 V.11- V.11+ V.11- V.11+ V.11- V.11+ V.11- V.11+ V.11- V.11+ V.10 >12k to GND V.11- V.11+
EIA-530A 1111 V.11- V.11+ V.11- V.11+ V.11- V.11+ V.10
V.36 0110 V.11- V.11+ V.11- V.11+ V.10 >12k to GND V.10
>12k to GND >12k to GND >12k to GND V.28
>12k to GND >12k to GND >12k to GND V.28
>12k to GND >12k to GND >12k to GND >12k to GND V.28 V.28
>12k to GND >12k to GND >12k to GND >12k to GND V.28 V.28
>12k to GND >12k to GND V.11- V.11+ V.10 >12k to GND V.11- V.11+ V.10 >12k to GND V.10 >12k to GND V.11- V.11+
>12k to GND >12k to GND >12k to GND >12k to GND V.28 V.28 >12k to GND V.35- V.35+
>12k to GND >12k to GND >12k to GND V.28
>12k to GND >12k to GND
Table 2. Receiver Mode Selection
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
18
1N5819 22F
22F
22F
+5V
10F
25
VCC
27
26
30 28
C1- C2+
31
C2VSS
22F
VDD C1+
Charge Pump
32 14 TxD 61 SD(a) 59 SD(b) 150 13 DTR 58 TR(a) 56 TR(b)
A
RD(a) 70 RxD 1 RD(b) 71 RT(a) 37 RxC 20 RT(b) 38 CS(a) 66 CTS 80 CS(b) 67 DM(a) 68 DSR 78 DM (b) 69 RR(a) 35 DCD 19
A -- Receiver Tri-State circuitry & V.35 termination resistor circuitry for RxD, RxC & SCT. B -- Driver Tri-State circuitry & V.35 termination circuitry for TxD, TxC & ST.
B
16 RTS 54 RS(a) 52 RS(b) 17 RL 47 RL(a) 45 RL(b) 24 LL 51 LL(a) 49 LL(b) 22 ST 42 ST(a) 44 ST(b) 23 STEN 15 TxC 63 TT(a) 65 TT(b) 6 TTEN 150 150
RR(b) 36 IC(a) 39 RI 21 IC(b) 40 SCT(a) 76 SCT 79 SCTEN 7 SCT(b) 77
RS-422 Mode Input Word
5 4 3 2 9 10 11 12
RDEC TDEC
X X
0 1 0 0 0 1 0 0
External Latch
SP504
(SEE PAGE 12 FOR GROUND PINS)
For V.35 Termination, needs to be connected
for proper V.35 operation. A low onresistance (1) FET or switch can be used to connect and disconnect the resistor from the non-inverting output.
Figure 18. Typical Operation Circuit
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
19
MODE: RS-232 DRIVER RECEIVER TDEC3 TDEC2 TDEC1 TDEC0 RDEC3 RDEC2 RDEC1 RDEC0 0 0 1 0 0 0 1 0
RD(a) 70 RxD 1 RT(a) 37 RxC 20 CS(a) 66 CTS 80 DM(a) 68 DSR 78 RR(a) 35 DCD 19 IC(a) 39 RI 21 SCT(a) 76 SCT 79 SCTEN 7 14 TxD 61 SD(a) 13 DTR 58 TR(a) 16 RTS 54 RS(a) 17 RL 47 RL(a) 24 LL 51 LL(a) 22 ST 42 ST(a) 23 STEN 15 TxC 63 TT(a) 6 TTEN
RECEIVERS
DRIVERS
STEN 1 0
ST Disabled Enabled
TTEN TT SCTEN 1 Disabled 1 0 Enabled 0
SCT Enabled Disabled
Figure 19. Mode Diagram -- RS-232
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
20
MODE: V.35 DRIVER RECEIVER TDEC3 TDEC2 TDEC1 TDEC0 RDEC3 RDEC2 RDEC1 RDEC0 1 1 1 0 1 1 1 0
RD(a) 70 RxD 1 RD(b) 71 RT(a) 37 RxC 20 RT(b) 38 CS(a) 66 CTS 80 DM(a) 68 DSR 78 RR(a) 35 DCD 19 IC(a) 39 RI 21 SCT(a) 76 15 TxC SCT 79 SCTEN 7 SCT(b) 77 63 TT(a) 65 TT(b) 6 TTEN 14 TxD 61 SD(a) 59 SD(b) 13 DTR 58 TR(a) 16 RTS 54 RS(a) 17 RL 47 RL(a) 24 LL 51 LL(a) 22 ST 42 ST(a) 44 ST(b) 23 STEN
RECEIVERS
DRIVERS
STEN 1 0
ST Disabled Enabled
TTEN TT SCTEN 1 Disabled 1 0 Enabled 0
SCT Enabled Disabled
Figure 20. Mode Diagram -- V.35
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
21
MODE: RS-422 DRIVER RECEIVER TDEC3 TDEC2 TDEC1 TDEC0 RDEC3 RDEC2 RDEC1 RDEC0 0 1 0 0 0 1 0 0
RD(a) 70 RxD 1 RD(b) 71 RT(a) 37 RxC 20 RT(b) 38 CS(a) 66 CTS 80 CS(b) 67 DM(a) 68 DSR 78 DM (b) 69 RR(a) 35 DCD 19 RR(b) 36 IC(a) 39 RI 21 IC(b) 40 SCT(a) 76 SCT 79 SCTEN 7 SCT(b) 77 17 RL 47 RL(a) 45 RL(b) 24 LL 51 LL(a) 49 LL(b) 22 ST 42 ST(a) 44 ST(b) 23 STEN 15 TxC 63 TT(a) 65 TT(b) 6 TTEN 14 TxD 61 SD(a) 59 SD(b) 13 DTR 58 TR(a) 56 TR(b) 16 RTS 54 RS(a) 52 RS(b)
RECEIVERS
DRIVERS
STEN 1 0
ST Disabled Enabled
TTEN TT SCTEN 1 Disabled 1 0 Enabled 0
SCT Enabled Disabled
Figure 21. Mode Diagram -- RS-422
Rev: A Date:1/27/04 SP504 Multi-Mode Serial Transceivers (c) Copyright 2004 Sipex Corporation
22
MODE: RS-449 DRIVER RECEIVER TDEC3 TDEC2 TDEC1 TDEC0 RDEC3 RDEC2 RDEC1 RDEC0 1 1 0 0 1 1 0 0
RD(a) 70 RxD 1 RD(b) 71 RT(a) 37 RxC 20 RT(b) 38 CS(a) 66 CTS 80 CS(b) 67 DM(a) 68 DSR 78 DM (b) 69 RR(a) 35 DCD 19 RR(b) 36 IC(a) 39 RI 21 SCT(a) 76 SCT 79 SCTEN 7 SCT(b) 77 22 ST 42 ST(a) 44 ST(b) 23 STEN 15 TxC 63 TT(a) 65 TT(b) 6 TTEN 47 RL(a) 24 LL 51 LL(a) 14 TxD 61 SD(a) 59 SD(b) 13 DTR 58 TR(a) 56 TR(b) 16 RTS 54 RS(a) 52 RS(b) 17 RL
RECEIVERS
DRIVERS
STEN 1 0
ST Disabled Enabled
TTEN TT SCTEN 1 Disabled 1 0 Enabled 0
SCT Enabled Disabled
Figure 22. Mode Diagram -- RS-449
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
23
MODE: RS-485 DRIVER RECEIVER TDEC3 TDEC2 TDEC1 TDEC0 RDEC3 RDEC2 RDEC1 RDEC0 0 1 0 1 0 1 0 1
RD(a) 70 RxD 1 RD(b) 71 RT(a) 37 RxC 20 RT(b) 38 CS(a) 66 CTS 80 CS(b) 67 DM(a) 68 DSR 78 DM (b) 69 RR(a) 35 DCD 19 RR(b) 36 IC(a) 39 RI 21 IC(b) 40 SCT(a) 76 SCT 79 SCTEN 7 SCT(b) 77 17 RL 47 RL(a) 45 RL(b) 24 LL 51 LL(a) 49 LL(b) 22 ST 42 ST(a) 44 ST(b) 23 STEN 15 TxC 63 TT(a) 65 TT(b) 6 TTEN 14 TxD 61 SD(a) 59 SD(b) 13 DTR 58 TR(a) 56 TR(b) 16 RTS 54 RS(a) 52 RS(b)
RECEIVERS
DRIVERS
STEN 1 0
ST Disabled Enabled
TTEN TT SCTEN 1 Disabled 1 0 Enabled 0
SCT Enabled Disabled
Figure 23. Mode Diagram -- RS-485
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
24
MODE: EIA-530 DRIVER RECEIVER TDEC3 TDEC2 TDEC1 TDEC0 RDEC3 RDEC2 RDEC1 RDEC0 1 1 0 1 1 1 0 1
RD(a) 70 RxD 1 RD(b) 71 RT(a) 37 RxC 20 RT(b) 38 CS(a) 66 CTS 80 CS(b) 67 DM(a) 68 DSR 78 DM (b) 69 RR(a) 35 DCD 19 RR(b) 36 IC(a) 39 RI 21 SCT(a) 76 SCT 79 SCTEN 7 SCT(b) 77 22 ST 42 ST(a) 44 ST(b) 23 STEN 15 TxC 63 TT(a) 65 TT(b) 6 TTEN 47 RL(a) 24 LL 51 LL(a) 14 TxD 61 SD(a) 59 SD(b) 13 DTR 58 TR(a) 56 TR(b) 16 RTS 54 RS(a) 52 RS(b) 17 RL
RECEIVERS
DRIVERS
STEN 1 0
ST Disabled Enabled
TTEN TT SCTEN 1 Disabled 1 0 Enabled 0
SCT Enabled Disabled
Figure 24. Mode Diagram -- EIA-530
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
25
MODE: EIA-530A DRIVER RECEIVER TDEC3 TDEC2 TDEC1 TDEC0 RDEC3 RDEC2 RDEC1 RDEC0 1 1 1 1 1 1 1 1
RD(a) 70 RxD 1 RD(b) 71 RT(a) 37 RxC 20 RT(b) 38 CS(a) 66 CTS 80 CS(b) 67 DM(a) 68 DSR 78 RR(a) 35 51 LL(a) DCD 19 RR(b) 36 IC(a) 39 RI 21 SCT(a) 76 SCT 79 SCTEN 7 SCT(b) 77 22 ST 42 ST(a) 44 ST(b) 23 STEN 15 TxC 63 TT(a) 65 TT(b) 6 TTEN 14 TxD 61 SD(a) 59 SD(b) 13 DTR 58 TR(a) 16 RTS 54 RS(a) 52 RS(b) 17 RL 47 RL(a) 45 RL(b) 24 LL
RECEIVERS
DRIVERS
STEN ST TTEN TT SCTEN SCT STEN ST TTEN TT SCTEN SCT 1 Disabled Disabled 1 1 Disabled Disabled 1 1 Enabled *Enabled 1 Enabled 0 0 Enabled Enabled 0 0 Disabled *Disabled 0 0 Enabled
Figure 25. Mode Diagram -- EIA-530A
Rev: A Date:1/27/04 SP504 Multi-Mode Serial Transceivers (c) Copyright 2004 Sipex Corporation
26
MODE: V.36 DRIVER RECEIVER TDEC3 TDEC2 TDEC1 TDEC0 RDEC3 RDEC2 RDEC1 RDEC0 0 1 1 0 0 1 1 0
RD(a) 70 RxD 1 RD(b) 71 RT(a) 37 RxC 20 RT(b) 38 CS(a) 66 CTS 80 DM(a) 68 DSR 78 RR(a) 35 DCD 19 IC(a) 39 RI 21 SCT(a) 76 15 TxC SCT 79 SCTEN 7 SCT(b) 77 63 TT(a) 65 TT(b) 6 TTEN 14 TxD 61 SD(a) 59 SD(b) 13 DTR 58 TR(a) 16 RTS 54 RS(a) 17 RL 47 RL(a) 24 LL 51 LL(a) 22 ST 42 ST(a) 44 ST(b) 23 STEN
RECEIVERS
DRIVERS
STEN ST TTEN TT SCT STEN ST TTEN SCTEN SCT Disabled 1 1 Disabled Disabled 1 1 Enabled *Enabled 11 Disabled Enabled 0 0 Enabled Enabled 0 0 Disabled *Disabled 00 Enabled
Figure 26. Mode Diagram -- V.36
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
27
TIMING
DATA CONTROL
The SP332 in Figure 29 is configured for two single-ended drivers and one diffferential receiver. For a DTE design, the two drivers are used for LL and RL signals and the receiver is used for the TM signal. This configuration was selected because the two RS-232 drivers can be
SEL A SEL B LOOPBACK SHUTDOWN 0 0 1 0 0 1 1 0
CONTROL CONTROL
1
RS-449 Interchange Circuits Table
1 0 1 0
1 1 1 0
26 TI1
T1
TX1 6 TX2 7 TX3 4
26 TI1
T1
TX1 6
26 TI1
TX2 7
TX1 6 T1 TX2 7
26 TI1
TX1 6 T1 TX2 7
27 TI2 28 TI3
T2 T3
27 TI2
T2
28 TI3
28 TI3 TX3 4 T3 TX4 3
T3
TX3 4 28 TI3 TX3 4 T3 TX4 3
1 TI4
T4
TX4 3
1 TI4
T4
TX4 3
19 RX1 20 RX2
R1
RI1 15
19 RX1
R1
RI1 15
19 RX1
RI2 16
RI1 15 R1 RI2 16
19 RX1
RI1 15 R1 RI2 16
R2 21 RX3 R3
RI2 16
20 RX2
R2
RI3 17
21 RX3 RI3 17 R3 RI4 18
21 RX3
R3
RI3 17 21 RX3 RI3 17 R3 RI4 18
22 RX4
R4
RI4 18
22 RX4
R4
RI4 18
Figure 28. Mode selection for the SP332
Rev: A Date:1/27/04 SP504 Multi-Mode Serial Transceivers (c) Copyright 2004 Sipex Corporation
28
SECONDARY CHANNEL
A programmable transceiver such as the SP332 is a convenient solution in a design that requires extra single ended or differential drivers/receivers. As shown in Figure 28, the SP332 can be configured to four different variations.
CONTROL
PRIMARY CHANNEL
ADDITIONAL TRANSCEIVERS WITH THE SP504 Serial ports usually can have two data signals (SD, RD), three clock signals (TT, ST, RT), and at least eight control signals (CS, RS, etc.). EIARS-449 contains twenty six signal types for a DB-37 connector. A DB-37 serial port design may require thirteen drivers and fourteen receivers1. Although many applications do not use all these signals, some applications may need to support extra functions such as diagnostics. The SP504 supports enough transceivers for the primary channels of data, clock and control signals. Configuring LL, RL and TM would require two additional drivers and one receiver if designing for a DTE (one driver and two receivers for a DCE).
used for RS-423 by connecting a zener clamping diode to ground on the two driver outputs. The diodes will limit the voltage swing on the outputs so that the VOC = 4V to 6V adheres to the RS-423 specification. The differential receiver can be easily configured to RS-423 by grounding the non-inverting input. The receiver will adhere to the RS-423 specifications.
CIRCUIT MNEMONIC SG SC RC I S I C TR DM SD RD TT ST RT RS CS RR SQ NS SF SR S I SSD SRD SRS SCS SRR L L RL TM SS SB SIGNAL GROUND SEND COMMON RECEIVE COMMON TERMINAL IN SERVICE INCOMING CALL TERMINAL READY DATA MODE SEND DATA RECEIVE DATA TERMINAL TIMING SEND TIMING RECEIVE TIMING REQUEST TO SEND CLEAR TO SEND RECEIVER READY SIGNAL QUALITY NEW SIGNAL SELECT FREQUENCY SIGNAL RATE SELECTOR SIGNAL RATE INDICATOR SECONDARY SEND DATA SECONDARY RD SECONDARY RS SECONDARY CS SECONDARY RR LOCAL LOOPBACK REMOTE LOOPBACK TEST MODE SELECT STANDBY STANDBY INDICATOR CIRCUIT NAME CIRCUIT DIRECTION ------------TO DCE FROM DCE TO DCE FROM DCE TO DCE FROM DCE TO DCE FROM DCE TO DCE FROM DCE FROM DCE TO DCE FROM DCE FROM DCE FROM DCE TO DCE TO DCE TO DCE FROM DCE TO DCE FROM DCE TO DCE FROM DCE FROM DCE TO DCE TO DCE FROM DCE TO DCE FROM DCE CIRCUIT TYPE
COMMON CONTROL
DATA
1N5819 22F +5V 10F 22F 25
VCC
22F
27
VDD
26
30
28
31
32 61
22F
C1+
C1V C2+ C2- SS
DB-37 Connector
Drivers
TxD 14 DTR 13 RTS 16 TxC 15 ST 22 RL 17 LL 24
59 58 56 54 52 63 65 42 44 47 45 51 49 70 71 37 38 66 67 68 69 35 36 39 40 76 77
see pinout diagram for various ground pins
4 22 12 30 7 25 17 35
16 34
Receivers
RxD 1 RxC 20 CTS 80 DSR 78 DCD 19 RI 21 SCT 79
6 24 8 26 9 27 11 29 13 31 15 5 23
"1100" for RS-449 mode
TDEC3--TDEC0 (pins 9-12) RDEC3--RDEC0 (pins 5-2)
SP504CF
+5V 9 C1+ 12 C111 C2+ 13 26 C25
0.1F 0.1F
VCC
V+
10
10F 0.1F
V- 14
0.1F
SP332
T1 T2 T3 R1 R2 R3
SEL A SEL B LOOPBACK
6
LL RL
10 14
27
7 3
Note: The SP332 will require clamping diodes on the driver outputs to limit the voltage to 6V and comply with the RS-423 driver output specification of VOC = 4V to 6V and VOUT 3.6V with a 450 load.
28
4 15
19
20
16 18 17 23 8
21
TM
18
0 1
24 2
1
Figure 29. Adding extra differential and single-ended transceivers using the SP332
Rev: A Date:1/27/04 SP504 Multi-Mode Serial Transceivers (c) Copyright 2004 Sipex Corporation
29
PACKAGE: 80 Pin MQFP
D D1 D2 PIN 1
c
0.30" RAD. TYP.
0.20" RAD. TYP.
C L
E1 E E2 0 MIN.
5-16
0-7 5-16 C L L L1 A2 b e A1 A Seating Plane
DIMENSIONS Minimum/Maximum (mm) SYMBOL A A1 A2 b D D1 D2 E E1 E2 e N
80-PIN MQFP JEDEC MS-22 (BEC) Variation MIN 0.00 1.80 0.22 17.20 BSC 14.00 BSC 12.35 REF 17.20 BSC 14.00 BSC 12.35 REF 0.65 BSC 80 2.00 NOM MAX 2.45 0.25 2.20 0.40
COMMON DIMENTIONS SYMBL MIN c L L1 0.11 0.73 0.88 NOM MAX 23.00 1.03
1.60 BASIC
80 PIN MQFP (MS-022 BC)
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
30
ORDERING INFORMATION
Model Temperature Range Package Types SP504MCF ........................................................................ 0C to +70C ...................................................... 80-pin JEDEC (BE-2 Outline) MQFP
REVISION HISTORY
DATE 1/27/04 REVISION A DESCRIPTION Implemented tracking revision.
Corporation
ANALOG EXCELLENCE
Sipex Corporation Headquarters and Sales Office 233 South Hillview Drive Milpitas, CA 95035 TEL: (408) 934-7500 FAX: (408) 935-7600 Sales Office 22 Linnell Circle Billerica, MA 01821 TEL: (978) 667-8700 FAX: (978) 670-9001
Rev: A Date:1/27/04
SP504 Multi-Mode Serial Transceivers
(c) Copyright 2004 Sipex Corporation
31


▲Up To Search▲   

 
Price & Availability of SP504MCF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X