Part Number Hot Search : 
MM3Z5V6 UPD75208 2SC47 SP8861HP MS7200L M3900622 AP1625W NJ8821
Product Description
Full Text Search
 

To Download SP207EA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
SP200/204/205/206/207/208/211/213
+5V High-Speed RS-232 Transceivers with 0.1F Capacitors
0.1F External Charge Pump Capacitors 120kbps Data Rate Standard SOIC and SSOP Packages Multiple Drivers and Receivers Single 5V Supply Operation 1A Shutdown Mode WakeUp Feature in Shutdown Mode Tri-State Receiver Outputs Meets All RS-232 and V.28 Specifications Improved Driver Output Capacity for Mouse Applications 10kV ESD Protection*
DESCRIPTION... The SP200 Series are multi-channel RS-232 line transceivers in a variety of configurations to fit most communication needs. All models in this Series feature low-power CMOS construction and Sipex patented (5,306,954) on-board charge pump circuitry to generate the 10V RS-232 voltage levels, using 0.1F charge pump capacitors to save board space and reduce circuit cost. The SP200, SP205, SP206, SP207B, SP211 and SP213 models feature a low-power shutdown mode, which reduces power supply drain to 1A. A WakeUp function keeps the receivers active in the shutdown mode.
Number of RS-232 Model Drivers Receivers SP200 5 0 SP204 4 0 SP205 5 5 SP205B 5 5 SP206 4 3 SP206B 4 3 SP207 5 3 SP207B 5 3 SP208 4 4 SP211 4 5 SP211B 4 5 SP213 4 5 No. of Receivers No. of External Active in Shutdown 0.1F Capacitors 0 4 0 4 0 None 5 None 0 4 3 4 0 4 3 4 0 4 0 4 5 4 2 4 Shutdown WakeUp TTL Tri-State Yes No No No No No Yes No Yes Yes Yes Yes Yes No Yes Yes Yes Yes No No No Yes Yes Yes No No No Yes No Yes Yes Yes Yes Yes Yes Yes
Table 1. Model Selection Table *All driver outputs and receiver inputs characterized per MIL-STD-883C Method 3015.7
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
(c) Copyright 2000 Sipex Corporation
1
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these or any other above those indicated in the operation sections of the specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability. VCC ............................................................................................ +6V V+ ................................................................. (VCC - 0.3V) to +13.2V V- ........................................................................................... 13.2V Input Voltages TIN ................................................................... -0.3V to (VCC +0.3V) RIN ........................................................................................... 20V Output Voltages TOUT .......................................................... (V+, +0.3V) to (V-, -0.3V) ROUT ................................................................. -0.3V to (VCC +0.3V) Short Circuit Duration on TOUT ....................................... Continuous Power Dissipation Plastic DIP .......................................................................... 375mW (derate 7mW/C above +70C) Small Outline ...................................................................... 375mW (derate 7mW/C above +70C)
SPECIFICATIONS
VCC at nominal ratings; 0.1F charge pump capacitors; TMIN to TMAX, unless otherwise noted.
PARAMETER TTL INPUTS Logic Threshold VIL VIH Logic Pullup Current Maximum Data Rate TTL OUTPUTS Compatibility VOL VOH Leakage Current RS-232 OUTPUT Output Voltage Swing
MIN.
TYP.
MAX.
UNIT
CONDITIONS TIN, EN, SD
0.8 2.0 15 120 TTL/CMOS 0.4 3.5 0.05 10 200
Volts Volts A kbps
TIN = 0V CL = 2,500pF, RL = 3k
Volts Volts A
IOUT = 3.2mA; VCC = +5V IOUT = -1.0mA
EN = VCC; 0V VOUT VCC ; TA = +25C
5
7 25 +15 1.2 1.7 0.5 5 1.5 30 5 400 250 2.4 1.0 7
Volts Ohms mA Volts Volts Volts Volts k s V/s V/s ns ns
Output Resistance 300 Output Short Circuit Current RS-232 INPUT Voltage Range -15 Voltage Threshold LOW 0.8 HIGH Hysteresis 0.2 Resistance 3 DYNAMIC CHARACTERISTICS Propagation Delay Instantaneous Slew Rate Transition Region Slew Rate Output Enable Time Output Disable Time
All transmitter outputs loaded with 3k to ground VCC = 0V; VOUT = 2V Infinite duration
VCC = 5V, TA = +25C VCC = 5V, TA = +25C VCC = +5V 15V; TA = +25C RS-232-to-TTL CL = 50pF, RL = 3-7k; TA = +25C CL = 2,500pF, RL = 3k; measured from +3V to -3V or -3V to +3V
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
(c) Copyright 2000 Sipex Corporation
2
SPECIFICATIONS
VCC at nominal ratings; 0.1F charge pump capacitors; TMIN to TMAX, unless otherwise noted.
PARAMETER MIN. POWER REQUIREMENTS VCC SP200, SP205, SP207 and SP207B 4.75 All other parts 4.50 ICC
TYP.
MAX.
UNIT
CONDITIONS
5.00 5.00 4 20 1
5.25 5.50 10
Volts Volts mA mA A TA = +25C No load; VCC = 10% All transmitters RL = 3k TA = +25C
Shutdown Current 10 ENVIRONMENTAL AND MECHANICAL Operating Temperature Commercial, -C 0 +70 Extended, -E -40 +85 Storage Temperature -65 +125 Package -A Shrink (SSOP) small outline -T Wide (SOIC) small outline
C C C
Transmitter Output RL=3k, CL=5,000pF
Transmitter Output RL=3k, CL=2,500pF
Receiver Output
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
(c) Copyright 2000 Sipex Corporation
3
PINOUT
T3OUT T1OUT T2OUT T2IN T1IN GND VCC C 1+ V+ C1-
1 2 3 4
20 19 18 17
T4OUT T5IN NC SD T5OUT T4IN T3IN V- C2 - C2+
T1OUT T2OUT T2IN T1IN GND VCC C 1+ V+
1 2 3
16 15 14
T3OUT T4OUT T4IN T3IN V- C 2- C 2+ C 1-
T4 OUT T3OUT T1OUT T2OUT R2IN R2OUT T2IN T1IN R1OUT R1IN GND VCC
1 2 3 4 5
24 23 22 21 20
R3 IN R3OUT T5IN SD EN T5OUT R4IN R4OUT T4IN T3IN R5OUT R5IN
SP204
4 5 6 7 8
13 12 11 10 9
SP200
5 6 7 8 9 10
16 15 14 13 12 11
SP205
6 7 8 9 10 11 12
19 18 17 16 15 14 13
T4 OUT T3OUT T1OUT T2OUT R2IN R2OUT T2IN T1IN R1OUT R1IN GND VCC
1 2 3 4 5 6 7 8 9 10 11 12
24 23 22 21 20 19 18 17 16 15 14 13
R3 IN R3OUT T5IN SD EN T5OUT R4IN R4OUT T4IN T3IN R5OUT R5IN
T3 OUT T1OUT T2OUT R1IN R1OUT T2IN T1IN GND VCC C 1+ V+ C1-
1 2 3 4 5
24 23 22 21 20
T4 OUT R2IN R2OUT SD EN T4IN T3IN R3OUT R3IN V- C2- C2+
T3 OUT T1OUT T2OUT R1IN R1OUT T2IN T1IN GND VCC C 1+ V+ C1-
1 2 3 4 5 6 7 8 9 10 11 12
24 23 22 21 20 19 18 17 16 15 14 13
T4 OUT R2IN R2OUT SD EN T4IN T3IN R3OUT R3IN V- C2 - C2+
SP205B
SP206B
SP206
6 7 8 9 10 11 12
19 18 17 16 15 14 13
T3 OUT T1OUT T2OUT R1IN R1OUT T2IN T1IN GND VCC C 1+ V+ C1-
1 2 3 4 5
24 23 22 21 20
T4 OUT R2IN R2OUT T5IN T5OUT T4IN T3IN R3OUT R3IN V- C2 - C2+
T3 OUT T1OUT T2OUT R2IN R2OUT T2IN T1IN R1OUT R1IN GND VCC C 1+ V+ C1-
1 2 3 4 5 6
28 27 26 25 24 23
T4 OUT NC T5IN SHUTDOWN (SD) EN T5OUT NC T4IN T3IN R3OUT R3IN V- C2- C2+
T2 OUT T1OUT R2IN R2OUT T1IN R1OUT R1IN GND VCC C 1+ V+ C1-
1 2 3 4 5
24 23 22 21 20
T3 OUT R3IN R3OUT T4IN T4OUT T3IN T2IN R4OUT R4IN V- C2- C2+
SP207
SP208
6 7 8 9 10 11 12
19 18 17 16 15 14 13
6 7 8 9 10 11 12
19 18 17 16 15 14 13
SP207B
7 8 9 10 11 12 13 14
22 21 20 19 18 17 16 15
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
(c) Copyright 2000 Sipex Corporation
4
PINOUT
T3 OUT T1OUT T2OUT R2IN R2OUT T2IN T1IN R1OUT R1IN GND VCC C 1+ V+ C1-
1 2 3 4 5 6
28 27 26 25 24 23
T4 OUT R3IN R3OUT SHUTDOWN (SD) EN R4IN R4OUT T4IN T3IN R5OUT R5IN V- C2 - C2+
T3 OUT T1OUT T2OUT R2IN R2OUT T2IN T1IN R1OUT R1IN GND VCC C 1+ V+ C1-
1 2 3 4 5 6
28 27 26 25 24 23
T4 OUT R3IN R3OUT SHUTDOWN (SD) EN R4IN R4OUT T4IN T3IN R5OUT R5IN V- C2 - C 2+
SP211B
7 8 9 10 11 12 13 14
22 21 20 19 18 17 16 15
7 8 9 10 11 12 13 14
22 21 20 19 18 17 16 15
FEATURES... The SP200 Series multi-channel RS-232 line transceivers provide a variety of configurations to fit most communication needs, especially those applications where 12V is not available. All models in this Series feature low-power CMOS construction and Sipex proprietary onboard charge pump circuitry to generate the 10V RS-232 voltage levels. The ability to use 0.1F charge pump capacitors saves board space and reduces circuit cost. Different models within the Series provide different driver/receiver combinations to match any application requirement. The SP200, SP205, SP206, SP207B, SP211 and SP213 models feature a low-power shutdown mode, which reduces power supply drain to 1A. The WakeUp function keeps the receiv-
SP211
T3 OUT T1OUT T2OUT R2IN R2OUT T2IN T1IN R1OUT R1IN GND VCC C 1+ V+ C1-
1 2 3 4 5 6
28 27 26 25 24 23
T4 OUT R3IN R3OUT SHUTDOWN (SD) EN R4IN R4OUT T4IN T3IN R5OUT R5IN V- C2 - C 2+
SP213
7 8 9 10 11 12 13 14
22 21 20 19 18 17 16 15
ers active in the shutdown mode, unless disabled by the EN pin. Models with a "B" suffix are equipped with the WakeUp function. Models in the Series are available in 28-pin SO (wide) and SSOP (shrink) small outline packages. Devices can be specified for commercial (0C to +70C) and industrial/extended (-40C to +85C) operating temperatures. THEORY OF OPERATION Charge-Pump The charge pump is a Sipex patented design (5,306,954) and uses a unique approach compared to older less-efficient designs. The charge pump still requires four external capacitors, but uses a four-phase voltage shifting technique to
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
(c) Copyright 2000 Sipex Corporation
5
VCC = +5V
+5V C1
+ -
C4
+ - +
C2
+ - -
VDD Storage Capacitor VSS Storage Capacitor
-5V
-5V
C3
Figure 1. Charge Pump -- Phase 1
attain symmetrical 10V power supplies. Figure 3a shows the waveform found on the positive side of capcitor C2, and Figure 3b shows the negative side of capcitor C2. There is a free-running oscillator that controls the four phases of the voltage shifting. A description of each phase follows. Phase 1 -- VSS charge storage --During this phase of the clock cycle, the positive side of capacitors C1 and C2 are initially charged to +5V. Cl+ is then switched to ground and the charge in C1- is transferred to C2-. Since C2+ is connected to +5V, the voltage potential across capacitor C2 is now 10V. Phase 2 -- VSS transfer -- Phase two of the clock connects the negative terminal of C2 to the VSS storage capacitor and the positive terminal of C2 to ground, and transfers the generated -l0V to C3. Simultaneously, the positive side of capacitor C 1 is switched to +5V and the negative side is connected to ground. Phase 3 -- VDD charge storage -- The third phase of the clock is identical to the first phase -- the charge
VCC = +5V
transferred in C1 produces -5V in the negative terminal of C1, which is applied to the negative side of capacitor C2. Since C2+ is at +5V, the voltage potential across C2 is l0V. Phase 4 -- VDD transfer -- The fourth phase of the clock connects the negative terminal of C2 to ground, and transfers the generated l0V across C2 to C4, the VDD storage capacitor. Again, simultaneously with this, the positive side of capacitor C1 is switched to +5V and the negative side is connected to ground, and the cycle begins again. Since both V+ and V- are separately generated from VCC; in a no-load condition V+ and V- will be symmetrical. Older charge pump approaches that generate V- from V+ will show a decrease in the magnitude of V- compared to V+ due to the inherent inefficiencies in the design. The clock rate for the charge pump typically operates at 15kHz. The external capacitors can be as low as 0.1F with a 16V breakdown voltage rating. The SP200 Series devices are made up of three basic circuit blocks -- 1) transmitter/driver, 2) receiver and 3) the Sipex proprietary charge
C4
+ - +
C1
+ -
C2
+ - -
VDD Storage Capacitor VSS Storage Capacitor
-10V
C3
Figure 2. Charge Pump -- Phase 2
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
(c) Copyright 2000 Sipex Corporation
6
+10V a) C
+ 2
GND GND b) C
- 2
-10V
Figure 3. Charge Pump Waveforms
pump. Each model within the Series incorporates variations of these circuits to achieve the desired configuration and performance. Transmitter/Driver The drivers are inverting transmitters, which accept either TTL or CMOS inputs and output the RS-232 signals with an inverted sense relative to the input logic levels. Typically, the RS-232 output voltage swing is 9V with no load, and 5V minimum with full load. The transmitter outputs are protected against infinite short-circuits to ground without degradation in reliability. The drivers of the SP200, SP205, SP205B, SP206, SP206B, SP207B, SP211, SP211B and SP213 can be tri-stated by using the SHUTDOWN function. In the "power off" state, the output impedance will remain greater than 300 Ohms, again satisfying the RS-232 specifications. Should the input of the
VCC = +5V
driver be left open, an internal 400kOhm pullup resistor to VCC forces the input high, thus committing the output to a low state. The slew rate of the transmitter output is internally limited to a maximum of 30V/s in order to meet the EIA standards (EIA RS-232D 2.1.7, Paragraph 5). The transition of the loaded output from high to low also meets the monotonicity requirements of the standard. Receivers The receivers convert RS-232 input signals to inverted TTL signals. Since the input is usually from a transmission line where long cable lengths and system interference can degrade the signal, the inputs have a typical hysteresis margin of 500mV. This ensures that the receiver is virtually immune to noisy transmission lines. Should an input be left unconnected, a 5kOhm pulldown resistor to ground will commit the output of the receiver to a high state.
+5V C1
+ -
C4
+ - +
C2
+ - -
VDD Storage Capacitor VSS Storage Capacitor
-5V
-5V
C3
Figure 4. Charge Pump -- Phase 3
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
(c) Copyright 2000 Sipex Corporation
7
VCC = +5V
+10V C1
+ -
C4
+ - +
C2
+ - -
VDD Storage Capacitor VSS Storage Capacitor
C3
Figure 5. Charge Pump -- Phase 4
SHUTDOWN MODE The SP200, SP205, SP205B, SP206, SP206B, SP207B, SP211, SP211B and SP213 all feature a control input which will disable the device and reduce the power supply current to less than 10A, making the parts ideal for battery-powered systems. In the "shutdown" mode the receivers and transmitters will both be tri-stated. The V+ output of the charge pump will discharge to VCC, and the V- output will discharge to ground. Products with the WakeUp function can enable or disable the receivers during shutdown. For complete shutdown to occur and the 10A power drain to be realized, the following conditions must be met: SP200, SP205/B, SP206/B, SP207B and SP211/B: * +5V must be applied to the SD pin * ENABLE must be either 0V, +5.0V or not connected * the transmitter inputs must be either +5.0V or not connected * VCC must be +5V * Receiver inputs must be >0V and <+5V
SP213: * 0V must be applied to the SD pin * ENABLE must be either 0V, +5.0V or not connected * the transmitter inputs must be either +5.0V or not connected * VCC must be +5V * Receiver inputs must be >0V and <+5V
ENABLE The SP205/B, SP206/B, SP207/B, SP211 and SP213 all feature an enable input, which allows the receiver outputs to be either tri-stated or enabled. This can be especially useful when the receiver is tied directly to a microprocessor data bus. For the SP205/B, SP206/B, SP207/B and SP211, enable is active low; that is, 0V applied to the ENABLE pin will enable the receiver outputs. For the SP213, enable is active high; that is, +5V applied to the ENABLE pin will enable the receiver outputs.
SD 0 0 1 1
EN 0 1 0 1
SP213 Only SD EN 1 1 1 0 0 1 0 0
Power Up/Down Up Up Down Down
Receiver Outputs Enable Tri-state Enable Tri-state
Table 2. Wake-Up Truth Table
WAKEUP FUNCTION The SP205B, SP206B, SP207B, SP211B and SP213 have a wake-up feature that keeps two or more receivers in an enabled state when the device is in the shutdown mode. The SP213 has two receivers active (R4 and R5), while the SP205B, SP207B and SP211B have all receivers active during shutdown. With only the receivers active during shutdown, the devices draw 5-10A of supply current.
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
(c) Copyright 2000 Sipex Corporation
8
A typical application of this function would be where a modem is interfaced to a computer in a power-down mode. The ring indicator signal from the modem could be passed through an active receiver in the SP2XXB/SP213 that is itself in the shutdown mode. The ring indicator signal would propagate through the SP2XXB/ SP213 to the power management circuitry of the
computer to power up the microprocessor and the SP2XXB/SP213 drivers. After the supply voltage to the SP2XXB/SP213 reaches +5.0V, the SHUTDOWN pin can be disabled, taking the SP2XXB/SP213 out of the shutdown mode. All receivers that are active during shutdown maintain 500mV (typ.) of hysteresis.
POWER UP WITH SD ACTIVE (Charge pump in shutdown mode) t 0 (POWERUP) +5V R OUT DATA VALID 0V t WAIT ENABLE SD DISABLE POWER UP WITH SD DISABLED (Charge pump in active mode) t 0 (POWERUP) +5V R OUT DATA VALID 0V t ENABLE
ENABLE SD DISABLE
EXERCISING WAKE-UP FEATURE t 0 (POWERUP) +5V R OUT DATA VALID 0V t ENABLE SD DISABLE t WAIT VCC = +5V 10%; TA = 25C t WAIT = 2ms typical, 3ms maximum t ENABLE = 1ms typical, 2ms maximum
Figure 6. Wake-Up Timing
DATA VALID t ENABLE ENABLE
DATA VALID t ENABLE DISABLE
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
(c) Copyright 2000 Sipex Corporation
9
Specification Mode of Operation No. of Drivers and Receivers Allowed on One Line Maximum Cable Length Maximum Data Rate Driver output Maximum Voltage Driver Output Signal Level Loaded Unloaded Driver Load Impedance Max. Driver Output Current (High Impedance State) Power On Power Off Slew Rate Receiver Input Voltage Range Receiver Input Sensitivity Receiver Input Resistance
RS-232D Single-Ended 1 Driver 1 Receiver 50 feet 20kbps 25V 5V 15V 3 - 7kohm
RS-423A Single-Ended 1 Driver 10 Receivers 4,000 feet 100kbps 6V 3.6V 6V 450 ohm
RS-422 Differential 1 Driver 10 Receivers 4,000 feet 10Mbps -0.25V to +6V 2V 5V 100 ohm
RS-485 Differential 32 Drivers 32 Receivers 4,000 feet 10Mbps -7V to +12V 1.5V 5V 54 ohm
RS-562 Single-Ended 1 Driver 1 Receiver C 2,500pF @ <20kbps; C 1,000pF @ >20kbps 64kbps -3.7V to +13.2V 3.7V 13.2V 3-7kohm
VMAX/300 30V/s max. 15V 3V 3-7kohm
100A Controls Provided 12V 200mV 4kohm min.
100A
100A 100A 30V/s max.
-7V to +7V 200mV 4kohm min.
-7V to +12V 200mV 12kohm min.
15V 3V 3-7kohm
Table 3. EIA Standard Definitions
EIA STANDARDS The Electronic Industry Association (EIA) developed several standards of data transmission which are revised and updated in order to meet the requirements of the industry. In data processing, there are two basic means of communicating between systems and components. The RS-232 standard was first introduced in 1962 and, since that time, has become an industry standard. The RS-232 is a relatively slow data exchange protocol, with a maximum baud rate of only 20kbaud, which can be transmitted over a maximum copper wire cable length of 50 feet. The SP200 through SP213 Series of data communications interface products have been designed
to meet both the EIA protocol standards, and the needs of the industry.
10kV ESD PROTECTION
The SP200 Series is equipped with Sipex-proprietary ESD protection circuitry on all RS-232 inputs and outputs. The SP200 Series has been characterized using MIL-STD-883C Method 3015.7 Human Body Model. Each device in the family can withstand up to 10kV of static discharge on all RS-232 inputs and outputs. All other pins of each device will maintain 2kV of ESD protection.
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
(c) Copyright 2000 Sipex Corporation
10
TYPICAL APPLICATION CIRCUITS
+5V INPUT 7 0.1F 6.3V 8 0.1F 6.3V + C1 + VCC V+ 9 0.1F + 6.3V 0.1F 16V +
+5V INPUT 6 0.1F 6.3V 7 0.1F 6.3V + C1 + VCC V+ 8 0.1F + 6.3V 0.1F 16V +
10 C - 1 + 11 C + 2 V- 13
9C- 1 + 10 C + 2 V- 12
0.1F 16V
SP200
12 C2 - 400kOHM
0.1F 16V
SP204
11 C2 - 400kOHM
TTL/CMOS INPUTS
T1 IN
5 400kOHM
T1
2
T1 OUT
TTL/CMOS INPUTS
400kOHM T2 IN 3 400kOHM T3 IN 13 400kOHM T4 IN 14 T4 15 T4 OUT T3 16 T3 OUT T2 2 T2 OUT
T2 IN
4 400kOHM
T2
3
T2 OUT
T3 IN
14 400kOHM
T3
1
T3 OUT
T4 IN
15 400kOHM
T4
20
T4 OUT
T5 IN
19
T5
16
T5 OUT
NC
18 6 GND
17
SD
5 GND
RS-232 OUTPUTS
+5V INPUT 12 0.1F 6.3V VCC
+5V INPUT 12 0.1F 6.3V VCC
SP205
400kOHM T1 IN 8 400kOHM T1 3 T1 OUT
T1 IN 8
SP205B
400kOHM T1 400kOHM T2 IN 7 400kOHM T3 IN 15 400kOHM T4 IN 16 400kOHM T5 IN 22 T5 19 T5 OUT T4 1 T4 OUT T3 2 T3 OUT T2 4 T2 OUT 3 T1 OUT
TTL/CMOS INPUTS
TTL/CMOS INPUTS
T2 IN
7 400kOHM
T2
4
T2 OUT
T3 IN
15 400kOHM
T3
2
T3 OUT
T4 IN
16 400kOHM
T4
1
T4 OUT
T5 IN
22
T5
19
T5 OUT
RS-232 OUTPUTS
TTL/CMOS OUTPUTS
TTL/CMOS OUTPUTS
R1 OUT
9
R1 5kOHM R2 5kOHM R3 5kOHM R4 5kOHM R5 5kOHM 11 GND
10
R1 IN
R1 OUT*
9
R1 5kOHM R2 5kOHM R3 5kOHM R4 5kOHM R5 5kOHM
10
R1 IN*
R2 OUT
R2 IN
RS-232 INPUTS
6
5
R2 OUT*
R2 IN*
R3 OUT
23
24
R3 IN
R3 OUT*
23
24
R3 IN*
R4 OUT
17
18
R4IN
R4 OUT*
17
18
R4IN*
R5 OUT EN
14 20
13
R5 IN
R5 OUT* EN
14 20
13
R5 IN*
21
21
SD
*Receivers active during shutdown 11 GND
SD
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
(c) Copyright 2000 Sipex Corporation
11
RS-232 INPUTS
6
5
RS-232 OUTPUTS
RS-232 OUTPUTS
T1 IN
4
T1
1
T1 OUT
TYPICAL APPLICATION CIRCUITS
+5V INPUT 9 0.1F 6.3V 10 0.1F 6.3V + C1 + VCC V+ 11 0.1F + 6.3V 0.1F 16V +
+5V INPUT 9 0.1F 6.3V 10 0.1F 6.3V + C1 + VCC V+ 11 0.1F + 6.3V 0.1F 16V +
12 C - 1 + 13 C + 2 V- 15
12 C - 1 + 13 C + 2 V- 15
0.1F 16V
SP206
14 C2 - 400kOHM
0.1F 16V
SP206B
14 C2 - 400kOHM
TTL/CMOS INPUTS
TTL/CMOS INPUTS
RS-232 OUTPUTS
400kOHM T2 IN 6 400kOHM T3 IN 18 400kOHM T4 IN 19 T4 24 T4 OUT T3 1 T3 OUT T2 3 T2 OUT
400kOHM T2 IN 6 400kOHM T3 IN 18 400kOHM T4 IN 19 T4 24 T4 OUT T3 1 T3 OUT T2 3 T2 OUT
TTL/CMOS OUTPUTS
RS-232 INPUTS
R1 OUT
R1 5kOHM R2 5kOHM R3 5kOHM 8 GND
R1 IN
R1 OUT*
R1 5kOHM R2 5kOHM R3 5kOHM 8 GND
R1 IN*
R2 OUT
22
23
R2 IN
R2 OUT*
22
23
R2 IN*
R3 OUT EN
17 20
16
R3 IN SD
R3 OUT* EN
17 20
16
R3 IN* SD
21
21
*Receivers active during shutdown
+5V INPUT 9 0.1F 6.3V 10 0.1F 6.3V + C1 + VCC V+ 11 0.1F + 6.3V 0.1F 16V +
+5V INPUT 11 0.1F 6.3V 12 0.1F 6.3V + C1 + VCC V+ 13 0.1F + 6.3V 0.1F 16V +
12 C - 1 + 13 C + 2 V- 15
14 C - 1 + 15 C + 2 V- 17
0.1F 16V
SP207
14 C2 - 400kOHM
0.1F 16V
SP207B
16 C2 - 400kOHM
T1 IN
7 400kOHM
T1
2
T1 OUT
T1 IN
7 400kOHM
T1
2
T1 OUT
TTL/CMOS INPUTS
RS-232 INPUTS RS-232 INPUTS RS-232 OUTPUTS
5
4
TTL/CMOS OUTPUTS
5
4
TTL/CMOS INPUTS
RS-232 OUTPUTS
T2 IN
6 400kOHM
T2
3
T2 IN
6 400kOHM
T2
3
T2 OUT
T2 OUT
T3 IN
18 400kOHM
T3
1
T3 IN
20 400kOHM
T3
1
T3 OUT
T3 OUT
T4 IN
19 400kOHM
T4
24
T4 IN
21 400kOHM
T4
28
T4 OUT
T4 OUT
T5 IN
T5
T5 OUT
TTL/CMOS OUTPUTS
21
20
T5 IN
26
T5
23
T5 OUT
TTL/CMOS OUTPUTS
R1 OUT*
8
R1 5kOHM R2 5kOHM R3 5kOHM 10 GND
9
R1 IN*
R1 OUT
5
R1 5kOHM R2 5kOHM R3 5kOHM 8 GND
4
R1 IN
RS-232 INPUTS
R2 OUT*
5
4
R2 IN*
R2 OUT
22
23
R2 IN
R3 OUT* EN
19 24
18 25
R3 IN* SD
R3 OUT
17
16
R3 IN
*Receivers active during shutdown
The SP207B is offered in a 28-pin SOIC or 28-pin SSOP package.
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
(c) Copyright 2000 Sipex Corporation
12
RS-232 OUTPUTS
T1 IN
7
T1
2
T1 OUT
T1 IN
7
T1
2
T1 OUT
TYPICAL APPLICATION CIRCUITS
+5V INPUT 9 0.1F 6.3V 10 0.1F 6.3V + C1 + VCC V+ 11 0.1F + 6.3V 0.1F 16V +
+5V INPUT 11 0.1F 6.3V 12 0.1F 6.3V + C1 + VCC V+ 13 0.1F + 6.3V 0.1F 16V +
12 C - 1 + 13 C + 2 V- 15
14 C - 1 + 15 C + 2 V- 17
0.1F 16V
SP208
14 C2 - 400kOHM
0.1F 16V
SP211
16 C2 - 400kOHM
TTL/CMOS INPUTS
TTL/CMOS INPUTS
RS-232 OUTPUTS
T1 IN
5 400kOHM
T1
2
T1 OUT
400kOHM T2 IN 6 400kOHM T3 IN 20 400kOHM T4 IN 21 T4 28 T4 OUT T3 1 T3 OUT T2 3 T2 OUT
T2 IN
18 400kOHM
T2
1
T2 OUT
T3 IN
19 400kOHM
T3
24
T3 OUT
T4 IN
21
T4
20
T4 OUT
TTL/CMOS OUTPUTS
R1 OUT
6
R1 5kOHM R2 5kOHM R3 5kOHM R4 5kOHM 8 GND
7
R1 IN
RS-232 INPUTS
R1 OUT
8
R1 5kOHM R2 5kOHM R3 5kOHM R4 5kOHM R5 5kOHM 10 GND
9
R1 IN
R2 OUT
R2 IN
R3 OUT
22
23
R3 IN
R3 OUT
26
27
R3 IN
R4 OUT
17
16
R4 IN
R4 OUT
22
23
R4IN
R5 OUT EN
19 24
18
R5 IN
25
SD
+5V INPUT 11 0.1F 6.3V 12 0.1F 6.3V + C1 + VCC V+ 13 0.1F + 6.3V 0.1F 16V + +5V INPUT 11 0.1F 6.3V 12 0.1F 6.3V + C1 + VCC V+ 13 0.1F + 6.3V 0.1F 16V +
14 C - 1 + 15 C + 2 V- 17
14 C - 1 + 15 C + 2 V- 17
0.1F 16V
SP211B
16 C2 - 400kOHM
0.1F 16V
SP213
16 C2 - 400kOHM
TTL/CMOS INPUTS
RS-232 OUTPUTS
T1 IN
7 400kOHM
T1
2
T1 OUT
TTL/CMOS INPUTS
T2 IN
6 400kOHM
T2
3
400kOHM T2 IN 6 400kOHM T3 IN 20 400kOHM T4 IN 21 T4 28 T4 OUT T3 1 T3 OUT T2 3 T2 OUT
T2 OUT
T3 IN
20 400kOHM
T3
1
T3 OUT
T4 IN
21
T4
28
T4 OUT
R1 OUT*
8
R1 5kOHM R2 5kOHM R3 5kOHM R4 5kOHM R5 5kOHM 10 GND
9
R1 IN* R1 OUT
8
TTL/CMOS OUTPUTS
R1 5kOHM R2 5kOHM R3 5kOHM R4 5kOHM R5 5kOHM 10 GND
9
R1 IN
R2 OUT
R2 IN
R3 OUT*
26
27
R3 IN*
R3 OUT
26
27
R3 IN
R4 OUT*
22
23
R4IN*
R4 OUT*
22
23
R4IN*
R5 OUT* EN
19 24
18
R5 IN*
R5 OUT* 25 EN SD
19 24
18
R5 IN*
25
SD
*Receivers active during shutdown
*Receivers active during shutdown
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
(c) Copyright 2000 Sipex Corporation
13
RS-232 INPUTS
R2 OUT*
R2 IN*
RS-232 INPUTS
5
4
TTL/CMOS OUTPUTS
5
4
RS-232 OUTPUTS
T1 IN
7
T1
2
T1 OUT
RS-232 INPUTS
R2 OUT
4
3
R2 IN
TTL/CMOS OUTPUTS
5
4
RS-232 OUTPUTS
T1 IN
7
T1
2
T1 OUT
ORDERING INFORMATION
RS-232 Transceivers:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type SP207CA .......... 5 ............................. 3 ................................ 0C to +70C .............................. 24-pin SSOP SP207CP .......... 5 ............................. 3 ................................ 0C to +70C ...................... 24-pin Plastic DIP SP207CT .......... 5 ............................. 3 ................................ 0C to +70C ............................... 24-pin SOIC SP207EA .......... 5 ............................. 3 ............................ -40C to +85C .............................. 24-pin SSOP SP207EP .......... 5 ............................. 3 ............................ -40C to +85C ...................... 24-pin Plastic DIP SP207ET .......... 5 ............................. 3 ............................ -40C to +85C ............................... 24-pin SOIC SP208CA .......... 4 ............................. 4 ................................ 0C to +70C .............................. 24-pin SSOP SP208CP .......... 4 ............................. 4 ................................ 0C to +70C ...................... 24-pin Plastic DIP SP208CT .......... 4 ............................. 4 ................................ 0C to +70C ............................... 24-pin SOIC SP208EA .......... 4 ............................. 4 ............................ -40C to +85C .............................. 24-pin SSOP SP208EP .......... 4 ............................. 4 ............................ -40C to +85C ...................... 24-pin Plastic DIP SP208ET .......... 4 ............................. 4 ............................ -40C to +85C ............................... 24-pin SOIC
RS-232 Transmitters:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type SP204CP .......... 4 ............................. 0 ................................ 0C to +70C ...................... 16-pin Plastic DIP SP204CT .......... 4 ............................. 0 ................................ 0C to +70C ............................... 16-pin SOIC SP204EP .......... 4 ............................. 0 ............................ -40C to +85C ...................... 16-pin Plastic DIP SP204ET .......... 4 ............................. 0 ............................ -40C to +85C ............................... 16-pin SOIC
RS-232 Transmitters with Low-Power Shutdown:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type SP200CP .......... 5 ............................. 0 ................................ 0C to +70C ...................... 20-pin Plastic DIP SP200CT .......... 5 ............................. 0 ................................ 0C to +70C ............................... 20-pin SOIC SP200EP .......... 5 ............................. 0 ............................ -40C to +85C ...................... 20-pin Plastic DIP SP200ET .......... 5 ............................. 0 ............................ -40C to +85C ............................... 20-pin SOIC
RS-232 Transceivers with Low-Power Shutdown and Tri-state Enable:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type SP205CP .......... 5 ............................. 5 ................................ 0C to +70C ... 24-pin Plastic Double-Width DIP SP205EP .......... 5 ............................. 5 ............................ -40C to +85C ... 24-pin Plastic Double-Width DIP SP206CA .......... 4 ............................. 3 ................................ 0C to +70C .............................. 24-pin SSOP SP206CP .......... 4 ............................. 3 ................................ 0C to +70C ...................... 24-pin Plastic DIP SP206CT .......... 4 ............................. 3 ................................ 0C to +70C ............................... 24-pin SOIC SP206EA .......... 4 ............................. 3 ............................ -40C to +85C .............................. 24-pin SSOP SP206EP .......... 4 ............................. 3 ............................ -40C to +85C ...................... 24-pin Plastic DIP SP206ET .......... 4 ............................. 3 ............................ -40C to +85C ............................... 24-pin SOIC SP211CA .......... 4 ............................. 5 ................................ 0C to +70C .............................. 28-pin SSOP SP211CT .......... 4 ............................. 5 ................................ 0C to +70C ............................... 28-pin SOIC SP211EA .......... 4 ............................. 5 ............................ -40C to +85C .............................. 28-pin SSOP SP211ET .......... 4 ............................. 5 ............................ -40C to +85C ............................... 28-pin SOIC
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
(c) Copyright 2000 Sipex Corporation
14
ORDERING INFORMATION
RS-232 Transceivers with Low-Power Shutdown, Tri-state Enable, and Wake-Up Function:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type SP205BCP ....... 5 ....... 5, with 5 active in Shutdown .......... 0C to +70C .... 24-pin Plastic Double-WidthDIP SP205BEP ........ 5 ....... 5, with 5 active in Shutdown ...... -40C to +85C ... 24-pin Plastic Double-Width DIP SP206BCA ....... 4 ....... 3, with 3 active in Shutdown .......... 0C to +70C .............................. 24-pin SSOP SP206BCP ....... 4 ....... 3, with 3 active in Shutdown .......... 0C to +70C ...................... 24-pin Plastic DIP SP206BCT ........ 4 ....... 3, with 3 active in Shutdown .......... 0C to +70C ............................... 24-pin SOIC SP206BEA ........ 4 ....... 3, with 3 active in Shutdown ...... -40C to +85C .............................. 24-pin SSOP SP206BET ........ 4 ....... 3, with 3 active in Shutdown ...... -40C to +85C ............................... 24-pin SOIC SP207BCA ....... 5 ....... 3, with 3 active in Shutdown .......... 0C to +70C .............................. 28-pin SSOP SP207BCT ........ 5 ....... 3, with 3 active in Shutdown .......... 0C to +70C ............................... 28-pin SOIC SP207BEA ........ 5 ....... 3, with 3 active in Shutdown ...... -40C to +85C .............................. 28-pin SSOP SP207BET ........ 5 ....... 3, with 3 active in Shutdown ...... -40C to +85C ............................... 28-pin SOIC SP211BCA ....... 4 ....... 5, with 5 active in Shutdown .......... 0C to +70C .............................. 28-pin SSOP SP211BCT ........ 4 ....... 5, with 5 active in Shutdown .......... 0C to +70C ............................... 28-pin SOIC SP211BEA ........ 4 ....... 5, with 5 active in Shutdown ...... -40C to +85C .............................. 28-pin SSOP SP211BET ........ 4 ....... 5, with 5 active in Shutdown ...... -40C to +85C ............................... 28-pin SOIC SP213CA .......... 4 ....... 5, with 2 active in Shutdown .......... 0C to +70C .............................. 28-pin SSOP SP213CT .......... 4 ....... 5, with 2 active in Shutdown .......... 0C to +70C ............................... 28-pin SOIC SP213EA .......... 4 ....... 5, with 2 active in Shutdown ...... -40C to +85C .............................. 28-pin SSOP SP213ET .......... 4 ....... 5, with 2 active in Shutdown ...... -40C to +85C ............................... 28-pin SOIC
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation Headquarters and Sales Office 22 Linnell Circle Billerica, MA 01821 TEL: (978) 667-8700 FAX: (978) 670-9001 e-mail: sales@sipex.com Sales Office 233 South Hillview Drive Milpitas, CA 95035 TEL: (408) 934-7500 FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
(c) Copyright 2000 Sipex Corporation
15


▲Up To Search▲   

 
Price & Availability of SP207EA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X