Part Number Hot Search : 
M32F3 05002 NDB408A MMBT5089 BR404 1013B F1621 MAX2470
Product Description
Full Text Search
 

To Download SP207E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
SP207E-SP213E
+5V High Performance RS232 Transceivers
s s s s s s s s s s Single +5V Supply Operation 0.1F External Charge Pump Capacitors Typical 230kbps Transmission Rates Standard SOIC and SSOP Packages Lower Supply Current Than Competition (typical 3mA) 1A Shutdown Mode WakeUp Feature in Shutdown Mode Tri-State Receiver Outputs Meets All EIA-232 and ITU V.28 Specifications Improved ESD Specifications:
+15kV Human Body Model +15kV IEC1000-4-2 Air Discharge +8kV IEC1000-4-2 Contact Discharge
DESCRIPTION The SP200E Series are enhanced multi-channel RS-232 line transceivers with improved electrical performance. The SP200E family is pin-to-pin compatible with our previous SP200 family as well as popular industry standards. As with the orignal SP200 family, all models in this Series feature low-power CMOS construction and Sipex-patented (5,306,954) on-board charge pump circuitry to generate the 10V RS-232 voltage levels, using 0.1F charge pump capacitors to save board space and reduce circuit cost. The SP211E and SP213E models feature a low-power shutdown mode, which reduces power supply drain to 1A. Enhancements include lower power supply current at 3mA typical (no load) and superior ESD performance. The ESD tolerance has been improved on this family to over 15kV for both Human Body Model and IEC1000-4-2 Air Discharge test methods.
Number of RS232 Model Drivers Receivers SP207E 5 3 SP208E 4 4 SP211E 4 5 SP213E 4 5 Table 1. Model Selection Table
No. of Receivers No. of External Active in Shutdown 0.1F Capacitors 0 4 0 4 0 4 2 4
Shutdown WakeUp TTL Tri-State No No No No No No Yes No Yes Yes Yes Yes
SP207EDS/09
SP207E Series High Performance Transceivers
(c) Copyright 2000 Sipex Corporation
1
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these or any other above those indicated in the operation sections of the specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability. VCC .................................................................. +6V V+ ....................................... (VCC - 0.3V) to +13.2V V- ................................................................ 13.2V Input Voltages TIN .......................................... -0.3V to (VCC +0.3V) RIN ................................................................ 20V Output Voltages TOUT ................................ (V+, +0.3V) to (V-, -0.3V) ROUT ....................................... -0.3V to (VCC +0.3V) Short Circuit Duration on TOUT .............. Continuous
Power Dissipation Per Package
24-pin SSOP (derate 11.2mW/oC above +70oC)....900mW 24-pin PDIP (derate 15.9mW/oC above +70oC)....1300mW 24-pin SOIC (derate 12.5mW/oC above +70oC)...1000mW 28-pin SSOP (derate 11.2mW/oC above +70oC)....900mW 28-pin SOIC (derate 12.7mW/oC above +70oC)...1000mW
SPECIFICATIONS
. VCC at nominal ratings; 0.1F charge pump capacitors; TMIN to TMAX, unless otherwise noted.
PARAMETER TTL INPUTS Logic Threshold VIL VIH Logic Pullup Current Maximum Transmssion Rate TTL OUTPUTS Compatibility VOL VOH Leakage Current
MIN.
TYP.
MAX.
UNIT
CONDITIONS TIN, EN, SD
0.8 2.0 120 15 230 TTL/CMOS 0.4 3.5 0.05 +10 200
Volts Volts A kbps
TIN = 0V CL = 1000pF, RL = 3K
Volts Volts A
0V ROUT VCC ; SP211 EN = 0V; SP213 EN = VCC TA = +25C
IOUT = 3.2mA; VCC = +5V IOUT = -1.0mA
RS232 OUTPUT Output Voltage Swing
+5
+7 +25 +15 1.2 1.7 0.5 5 1.5 0.5 2.8 1.0 7
Volts mA Volts Volts Volts Volts k s s V/s s ns ns
Output Resistance 300 Output Short Circuit Current RS232 INPUT Voltage Range -15 Voltage Threshold Low 0.8 High Hysteresis 0.2 Resistance 3 DYNAMIC CHARACTERISTICS Driver Propagation Delay Receiver Propagation Delay Instantaneous Slew Rate Transition Time Output Enable Time Output Disable Time
All transmitter outputs loaded with 3K to ground VCC = 0V; VOUT = +2V Infinite duration, VOUT = 0V
VCC = 5V, TA = +25C VCC = 5V, TA = +25C VCC = +5V VIN =+15V; TA = +25C TTL-to-RS-232 RS-232-to-TTL CL = 50pF, RL = 3-7K; TA = +25C; from +3V CL = 2,500pF, RL = 3K; measured from +3V to -3V or -3V to +3V
1.5 30 1.5
400 250
SP207EDS/09
SP207E Series High Performance RS232 Transceivers
(c) Copyright 2000 Sipex Corporation
2
SPECIFICATIONS
VCC at nominal ratings; 0.1F charge pump capacitors; TMIN to TMAX, unless otherwise noted.
PARAMETER POWER REQUIREMENTS VCC SP207 All other parts ICC
MIN.
TYP.
MAX.
UNIT
CONDITIONS
4.75 4.50
5.00 5.00 3 15 1
5.25 5.50 6
Volts Volts mA mA A C C C TA = +25C No load; VCC = 10% All transmitters RL = 3K TA = +25C
Shutdown Current 10 ENVIRONMENTAL AND MECHANICAL Operating Temperature Commercial, -C 0 +70 Extended, -E -40 +85 Storage Temperature -65 +125 Package -A Shrink (SSOP) small outline -T Wide (SOIC) small outline -P Narrow (PDIP) Plastic Dual-In-Line
Transmitter Output @ 120kbps RL=3K, CL=1,000pF
Transmitter Output @ 120kbps RL=3K, CL=2,500pF
Transmitter Output @ 240kbps RL=3K, CL=1,000pF
Transmitter Output @ 240kbps RL=3K, CL=2,500pF
SP207EDS/09
SP207E Series High Performance Transceivers
(c) Copyright 2000 Sipex Corporation
3
PINOUT
T3 OUT T1OUT T2OUT R1IN R1OUT T2IN T1IN GND VCC C1+ V+ C1-
1 2 3 4 5 6 7 8 9 10 11 12
24 23 22 21 20
T4 OUT R2IN R2OUT T5IN T5OUT T4IN T3IN R3OUT R3IN V- C2- C2+
T2 OUT T1OUT R2IN R2OUT T1IN R1OUT R1IN GND VCC C1+ V+ C1-
1 2 3 4 5 6 7 8 9 10 11 12
24 23 22 21 20
T3 OUT R3IN R3OUT T4IN T4OUT T3IN T2IN R4OUT R4IN V- C2- C2+
SP207E
SP208E
19 18 17 16 15 14 13
19 18 17 16 15 14 13
T3 OUT T1OUT T2OUT R2IN R2OUT T2IN T1IN R1OUT R1IN GND VCC C1+ V+ C1-
1 2 3 4 5 6
28 27 26 25 24 23
T4 OUT R3IN R3OUT SHUTDOWN (SD) EN R4IN R4OUT T4IN T3IN R5OUT R5IN V- C2- C2+
T3 OUT T1OUT T2OUT R2IN R2OUT T2IN T1IN R1OUT R1IN GND VCC C1+ V+ C1-
1 2 3 4 5 6
28 27 26 25 24 23
T4 OUT R3IN R3OUT SHUTDOWN (SD) EN R4IN R4OUT T4IN T3IN R5OUT R5IN V- C2- C2+
SP211E
SP213E
7 8 9 10 11 12 13 14
22 21 20 19 18 17 16 15
7 8 9 10 11 12 13 14
22 21 20 19 18 17 16 15
SP207EDS/09
SP207E Series High Performance RS232 Transceivers
(c) Copyright 2000 Sipex Corporation
4
FEATURES As in the original RS-232 multi-channel products, the SP207E Series multi-channel RS-232 line transceivers provide a variety of configurations to fit most communication needs, especially those applications where +12V is not available. All models in this Series feature low-power CMOS construction and SIPEX- proprietary on-board charge pump circuitry to generate the +10V RS-232 voltage levels. The ability to use 0.1F charge pump capacitors saves board space and reduces circuit cost. Different models within the Series provide different driver/receiver combinations to match any application requirement. The SP211 and SP213E models feature a low- power shutdown mode, which reduces power supply drain to 1A. The SP213E includes a Wake-Up function which keeps two receivers active in the shutdown mode, unless disabled by the EN pin. The family is available in 28-pin SO (wide) and SSOP (shrink) small outline packages. Devices can be specified for commercial (0C to +70C) and industrial/extended (-40C to +85C) operating temperatures. THEORY OF OPERATION The SP207E Series devices are made up of three basic circuit blocks -- 1) transmitter/ driver, 2) receiver and 3) the SIPEX- proprietary charge pump. Each model within the Series incorporates variations of these circuits to achieve the desired configuration and performance.
Charge-Pump The charge pump is a Sipex-patented design (5,306,954) and uses a unique approach compared to older less-efficient designs. The charge pump still requires four external capacitors, but uses a four-phase voltage shifting technique to attain symmetrical 10V power supplies. Figure 3a shows the waveform found on the positive side of capcitor C2, and Figure 3b shows the negative side of capcitor C2. There is a free-running oscillator that controls the four phases of the voltage shifting. A description of each phase follows. Phase 1 -- VSS charge storage --During this phase of the clock cycle, the positive side of capacitors C1 and C2 are initially charged to +5V. Cl+ is then switched to ground and the charge in C1- is transferred to C2-. Since C2+ is connected to +5V, the voltage potential across capacitor C2 is now 10V. Phase 2 -- VSS transfer -- Phase two of the clock connects the negative terminal of C2 to the VSS storage capacitor and the positive terminal of C2 to ground, and transfers the generated -l0V to C 3. Simultaneously, the positive side of capacitor C 1 is switched to +5V and the negative side is connected to ground. Phase 3 -- VDD charge storage -- The third phase of the clock is identical to the first phase -- the charge transferred in C1 produces -5V in the negative terminal of C1, which is applied to the negative side of capacitor C2. Since C2+ is at +5V, the voltage potential across C2 is l0V.
VCC = +5V
+5V C1
+ -
C4
+ - +
C2
+ - -
VDD Storage Capacitor VSS Storage Capacitor
-5V
-5V
C3
Figure 1. Charge Pump -- Phase 1
SP207EDS/09
SP207E Series High Performance Transceivers
(c) Copyright 2000 Sipex Corporation
5
VCC = +5V
C4
+ - +
C1
+ -
C2
+ - -
VDD Storage Capacitor VSS Storage Capacitor
-10V
C3
Figure 2. Charge Pump -- Phase 2
Phase 4 -- VDD transfer -- The fourth phase of the clock connects the negative terminal of C2 to ground, and transfers the generated l0V across C2 to C4, the VDD storage capacitor. Again, simultaneously with this, the positive side of capacitor C1 is switched to +5V and the negative side is connected to ground, and the cycle begins again. Since both V+ and V- are separately generated from VCC; in a no-load condition V+ and V- will be symmetrical. Older charge pump approaches that generate V- from V+ will show a decrease in the magnitude of V- compared to V+ due to the inherent inefficiencies in the design. The clock rate for the charge pump typically operates at 15kHz. The external capacitors can be as low as 0.1F with a 16V breakdown voltage rating.
Transmitter/Driver The drivers are inverting transmitters, which accept either TTL or CMOS inputs and output the RS-232 signals with an inverted sense relative to the input logic levels. Typically, the RS-232 output voltage swing is +9V with no load, and +5V minimum with full load. The transmitter outputs are protected against infinite short-circuits to ground without degradation in reliability. The drivers of the SP211E, and SP213E can be tri-stated by using the SHUTDOWN function. In the "power-off" state, the output impedance will remain greater than 300 ohms, again satisfying the RS-232 specifications. Should the input of the driver be left open, an internal 400Kohm pullup resistor to VCC forces the input high, thus committing the output to a low state. The slew rate of the transmitter output is internally limited to a maximum of 30V/s in order to meet the EIA standards (EIA RS-232D 2.1.7, Paragraph 5). The transition of the loaded output from high to low also meets the monotonicity requirements of the standard.
+10V a) C2
+
GND GND b) C2
-
-10V
Figure 3. Charge Pump Waveforms
SP207EDS/09 SP207E Series High Performance RS232 Transceivers (c) Copyright 2000 Sipex Corporation
6
VCC = +5V
+5V C1
+ -
C4
+ - +
C2
+ - -
VDD Storage Capacitor VSS Storage Capacitor
-5V
-5V
C3
Figure 4. Charge Pump -- Phase 3
VCC = +5V
+10V C1
+ -
C4
+ - +
C2
+ - -
VDD Storage Capacitor VSS Storage Capacitor
C3
Figure 5. Charge Pump -- Phase 4
Receivers The receivers convert RS-232 input signals to inverted TTL signals. Since the input is usually from a transmission line where long cable lengths and system interference can degrade the signal, the inputs have a typical hysteresis margin of 500mV. This ensures that the receiver is virtually immune to noisy transmission lines. Should an input be left unconnected, a 5k pulldown resistor to ground will commit the output of the receiver to a high state. SHUTDOWN MODE The SP211E, and SP213E all feature a control input which will disable the device and reduce the power supply current to less than 10A, making the parts ideal for battery-powered systems. In the "shutdown" mode the receivers and transmitters will both be tri-stated. The V+ output of the charge pump will discharge to VCC, and the V- output will discharge to ground. Products with the Wake-Up function can enable or disable the receivers during shutdown.
For complete shutdown to occur and the 10A power drain to be realized, the following conditions must be met: SP211E: * +5V must be applied to the SD pin * ENABLE must be either 0V, +5.0V or not connected * the transmitter inputs must be either +5.0V or not connected * VCC must be +5V * Receiver inputs must be >0V and <+5V SP213E: * 0V must be applied to the SD pin * ENABLE must be either 0V, +5.0V or not connected * the transmitter inputs must be either +5.0V or not connected * VCC must be +5V * Receiver inputs must be >0V and <+5V
SP207EDS/09
SP207E Series High Performance Transceivers
(c) Copyright 2000 Sipex Corporation
7
ENABLE The SP211E and SP213E all feature an enable input, which allows the receiver outputs to be either tri-stated or enabled. This can be especially useful when the receiver is tied directly to a microprocessor data bus. For the SP211E, enable is active low; that is, 0V applied to the ENABLE pin will enable the receiver outputs. For the SP213E, enable is active high; that is, +5V applied to the ENABLE pin will enable the receiver outputs.
SD 0 0 1 1
EN 0 1 0 1
SP213E Only Power SD EN Up/Down 1 1 Up 1 0 Up 0 1 Down 0 0 Down
Receiver Outputs Enable Tri-state Enable Tri-state
Table 2. Wake-Up Truth Table
POWER UP WITH SD ACTIVE (Charge pump in shutdown mode) t 0 (POWERUP) +5V R OUT DATA VALID 0V t WAIT ENABLE SD DISABLE POWER UP WITH SD DISABLED (Charge pump in active mode) t 0 (POWERUP) +5V R OUT DATA VALID 0V t ENABLE
ENABLE SD DISABLE
EXERCISING WAKE-UP FEATURE t 0 (POWERUP) +5V R OUT DATA VALID 0V t ENABLE SD DISABLE t WAIT VCC = +5V 10%; TA = 25C t WAIT = 2ms typical, 3ms maximum t ENABLE = 1ms typical, 2ms maximum
Figure 6. Wake-Up Timing
SP207EDS/09 SP207E Series High Performance RS232 Transceivers (c) Copyright 2000 Sipex Corporation
DATA VALID t ENABLE ENABLE
DATA VALID t ENABLE DISABLE
8
WAKEUP FUNCTION The SP213E has a wake-up feature that keeps two receivers (R4 and R5) in an enabled state when the device is in the shutdown mode. With only the receivers active during shutdown, the devices draw 5-10A of supply current. A typical application of this function would be where a modem is interfaced to a computer in a power-down mode. The ring indicator signal from the modem could be passed through an active receiver in the SP213E that is itself in the shutdown mode. The ring indicator signal would propagate through the SP213E to the power management circuitry of the computer to power up the microprocessor and the SP213E drivers. After the supply voltage to the SP213E reaches +5.0V, the SHUTDOWN pin can be disabled, taking the SP213E out of the shutdown mode. All receivers that are active during shutdown maintain 500mV (typ.) of hysteresis. ESD TOLERANCE The SP207E Family incorporates ruggedized ESD cells on all driver output and receiver input pins. The ESD structure is improved over our previous family for more rugged applications and environments sensitive to electro-static discharges and associated transients. The improved ESD tolerance is at least +15kV without damage nor latch-up.
There are different methods of ESD testing applied:
a) MIL-STD-883, Method 3015.7 b) IEC1000-4-2 Air-Discharge c) IEC1000-4-2 Direct Contact
The Human Body Model has been the generally accepted ESD testing method for semiconductors. This method is also specified in MIL-STD-883, Method 3015.7 for ESD testing. The premise of this ESD test is to simulate the human body's potential to store electro-static energy and discharge it to an integrated circuit. The simulation is performed by using a test model as shown in Figure 7. This method will test the IC's capability to withstand an ESD transient during normal handling such as in manufacturing areas where the ICs tend to be handled frequently. The IEC-1000-4-2, formerly IEC801-2, is generally used for testing ESD on equipment and systems. For system manufacturers, they must guarantee a certain amount of ESD protection since the system itself is exposed to the outside environment and human presence. The premise with IEC1000-4-2 is that the system is required to withstand an amount of static electricity when ESD is applied to points and surfaces of the equipment that are accessible to personnel during normal usage. The transceiver IC receives most of the ESD current when the ESD source is applied to the connector pins. The test circuit for IEC1000-4-2 is shown on Figure 8. There are two methods within IEC10004-2, the Air Discharge method and the Contact Discharge method.
RC RC SW1 SW1
DC Power Source
RS RS SW2 SW2 CS CS
Device Under Test
Figure 7. ESD Test Circuit for Human Body Model
SP207EDS/09
SP207E Series High Performance Transceivers
(c) Copyright 2000 Sipex Corporation
9
Contact-Discharge Module
RC RC SW1 SW1
DC Power Source
RS RS
RV SW2 SW2
CS CS
Device Under Test
RS and RV add up to 330 for IEC1000-4-2. 330 for
Figure 8. ESD Test Circuit for IEC1000-4-2
With the Air Discharge Method, an ESD voltage is applied to the equipment under test (EUT) through air. This simulates an electrically charged person ready to connect a cable onto the rear of the system only to find an unpleasant zap just before the person touches the back panel. The high energy potential on the person discharges through an arcing path to the rear panel of the system before he or she even touches the system. This energy, whether discharged directly or through air, is predominantly a function of the discharge current rather than the discharge voltage. Variables with an air discharge such as approach speed of the object carrying the ESD potential to the system and humidity will tend to change the discharge current. For example, the rise time of the discharge current varies with the approach speed. The Contact Discharge Method applies the ESD current directly to the EUT. This method was devised to reduce the unpredictability of the ESD arc. The discharge current rise time is constant since the energy is directly transferred without the air-gap arc. In situations such as hand held systems, the ESD charge can be directly discharged to the equipment from a person already holding the equipment. The current is transferred on to the keypad or the serial port of the equipment directly and then travels through the PCB and finally to the IC.
30A
15A
0A t=30ns t Figure 9. ESD Test Waveform for IEC1000-4-2 t=0ns
The circuit model in Figures 7 and 8 represent the typical ESD testing circuit used for all three methods. The CS is initially charged with the DC power supply when the first switch (SW1) is on. Now that the capacitor is charged, the second switch (SW2) is on while SW1 switches off. The voltage stored in the capacitor is then applied through RS, the current limiting resistor, onto the device under test (DUT). In ESD tests, the SW2 switch is pulsed so that the device under test receives a duration of voltage.
SP207EDS/09
SP207E Series High Performance RS232 Transceivers
i
(c) Copyright 2000 Sipex Corporation
10
For the Human Body Model, the current limiting resistor (RS) and the source capacitor (CS) are 1.5k an 100pF, respectively. For IEC-1000-4-2, the current limiting resistor (RS) and the source capacitor (CS) are 330 an 150pF, respectively. The higher CS value and lower RS value in the IEC1000-4-2 model are more stringent than the Human Body Model. The larger storage capacitor injects a higher voltage to the test point when SW2 is switched on. The lower current limiting resistor increases the current charge onto the test point. EIA STANDARDS The Electronic Industry Association (EIA) developed several standards of data transmission which are revised and updated in order to meet the requirements of the industry. In data processing, there are two basic means of communicating between systems and components. The RS--232 standard was first introduced in 1962 and, since that time, has become an industry standard.
The RS-232 is a relatively slow data exchange protocol, with a maximum baud rate of only 20kbps, which can be transmitted over a maximum copper wire cable length of 50 feet. The SP207E through SP213E Series of data communications interface products have been designed to meet both the EIA protocol standards, and the needs of the industry.
DEVICE PIN TESTED
Driver Outputs Receiver Inputs
HUMAN BODY MODEL
+15kV +15kV
Air Discharge
+15kV +15kV
IEC1000-4-2 Direct Contact
+8kV +8kV
Level
4 4
Table 3. Transceiver ESD Tolerance Levels
Specification Mode of Operation No. of Drivers and Receivers Allowed on One Line Maximum Cable Length Maximum Data Rate Driver output Maximum Voltage Driver Output Signal Level Loaded Unloaded Driver Load Impedance Max. Driver Output Current (High Impedance State) Power On Power Off Slew Rate Receiver Input Voltage Range Receiver Input Sensitivity Receiver Input Resistance
RS-232D Single-Ended 1 Driver 1 Receiver 50 feet 20Kb/s 25V 5V 15V 3 - 7Kohm
RS-423A Single-Ended 1 Driver 10 Receivers 4,000 feet 100Kb/s 6V 3.6V 6V 450 ohm
RS-422 Differential 1 Driver 10 Receivers 4,000 feet 10Mb/s -0.25V to +6V 2V 5V 100 ohm
RS-485 Differential 32 Drivers 32 Receivers 4,000 feet 10Mb/s -7V to +12V 1.5V 5V 54 ohm
RS-562 Single-Ended 1 Driver 1 Receiver C 2,500pF @ <20Kbps; C 1,000pF @ >20Kbps 64Kb/s -3.7V to +13.2V 3.7V 13.2V 3-7Kohm
VMAX/300 30V/s max. 15V 3V 3-7Kohm
100A Controls Provided 12V 200mV 4Kohm min.
100A
100A 100A 30V/s max. 15V 3V 3-7Kohm
-7V to +7V 200mV 4Kohm min.
-7V to +12V 200mV 12Kohm min.
Table 4. EIA Standard Definitions
SP207EDS/09
SP207E Series High Performance Transceivers
(c) Copyright 2000 Sipex Corporation
11
TYPICAL APPLICATION CIRCUITS...SP207E TO SP213E
+5V INPUT 9 0.1F 6.3V 10 0.1F 6.3V + C1 + VCC V+ 11 0.1F + 6.3V 0.1F 16V +
+5V INPUT 9 0.1F 6.3V 10 0.1F 6.3V + C1 + VCC V+ 11 0.1F + 6.3V 0.1F 16V +
12 C - 1 + 13 C + 2 V- 15
12 C - 1 + 13 C + 2 V- 15
0.1F 16V
SP207E
14 C2 - 400KOHM
0.1F 16V
SP208E
14 C2 - 400KOHM
TTL/CMOS INPUTS
T1 IN
7 400KOHM
T1
2
T1 OUT
TTL/CMOS INPUTS
T2 IN
6 400KOHM
T2
3
RS-232 OUTPUTS
400KOHM T2 IN 18 400KOHM T3 IN 19 400KOHM T4 IN 21 T4 20 T4 OUT T3 24 T3 OUT T2 1 T2 OUT
T2 OUT
T3 IN
18 400KOHM
T3
1
T3 OUT
T4 IN
19 400KOHM
T4
24
T4 OUT
T5 IN
T5 OUT
TTL/CMOS OUTPUTS
21
T5
20
TTL/CMOS OUTPUTS
R1 OUT
6
R1 5KOHM R2 5KOHM R3 5KOHM R4 5KOHM 8 GND
7
R1 IN
R1 OUT
5
R1 5KOHM R2 5KOHM R3 5KOHM 8 GND
4
RS-232 INPUTS
R1 IN
R2 OUT
4
3
R2 IN
R2 OUT
22
23
R2 IN
R3 OUT
22
23
R3 IN
R3 OUT
17
16
R3 IN
R4 OUT
17
16
R4 IN
+5V INPUT 11 0.1F 6.3V 12 0.1F 6.3V + C1 + VCC V+ 13 0.1F + 6.3V 0.1F 16V +
+5V INPUT 11 0.1F 6.3V 12 0.1F 6.3V + C1 + VCC V+ 13 0.1F + 6.3V 0.1F 16V +
14 C - 1 + 15 C + 2 V- 17
14 C - 1 + 15 C + 2 V- 17
0.1F 16V
SP211E
16 C2 - 400KOHM
0.1F 16V
SP213E
16 C2 - 400KOHM
TTL/CMOS INPUTS
TTL/CMOS INPUTS
RS-232 OUTPUTS
400KOHM T2 IN 6 400KOHM T3 IN 20 400KOHM T4 IN 21 T4 28 T4 OUT T3 1 T3 OUT T2 3 T2 OUT
400KOHM T2 IN 6 400KOHM T3 IN 20 400KOHM T4 IN 21 T4 28 T4 OUT T3 1 T3 OUT T2 3 T2 OUT
R1 OUT
8
R1 5KOHM R2 5KOHM R3 5KOHM R4 5KOHM R5 5KOHM 10 GND
9
R1 IN
R1 OUT
8
R1 5KOHM R2 5KOHM R3 5KOHM R4 5KOHM R5 5KOHM
9
R1 IN
TTL/CMOS OUTPUTS
TTL/CMOS OUTPUTS
RS-232 INPUTS
R2 OUT
R2 IN
R2 OUT
R2 IN
R3 OUT
26
27
R3 IN
R3 OUT
26
27
R3 IN
R4 OUT
22
23
R4IN
R4 OUT*
22
23
R4IN*
R5 OUT EN
19 24
18
R5 IN
R5 OUT* EN
19 24
18
R5 IN*
25
25
SD
*Receivers active during shutdown 10 GND
SD
SP207EDS/09
SP207E Series High Performance RS232 Transceivers
(c) Copyright 2000 Sipex Corporation
12
RS-232 INPUTS
5
4
5
4
RS-232 OUTPUTS
T1 IN
7
T1
2
T1 OUT
T1 IN
7
T1
2
T1 OUT
RS-232 INPUTS
RS-232 OUTPUTS
T1 IN
5
T1
2
T1 OUT
PACKAGE: PLASTIC SHRINK SMALL OUTLINE (SSOP)
E H
D A O e B A1 L
DIMENSIONS (Inches) Minimum/Maximum (mm) A A1 B D E e H L O
24-PIN 0.068/0.078 (1.73/1.99) 0.002/0.008 (0.05/0.21) 0.010/0.015 (0.25/0.38) 0.317/0.328 (8.07/8.33) 0.205/0.212 (5.20/5.38) 0.0256 BSC (0.65 BSC) 0.301/0.311 (7.65/7.90) 0.022/0.037 (0.55/0.95) 0/8 (0/8)
28-PIN 0.068/0.078 (1.73/1.99) 0.002/0.008 (0.05/0.21) 0.010/0.015 (0.25/0.38) 0.397/0.407 (10.07/10.33) 0.205/0.212 (5.20/5.38) 0.0256 BSC (0.65 BSC) 0.301/0.311 (7.65/7.90) 0.022/0.037 (0.55/0.95) 0/8 (0/8)
SP207EDS/09
SP207E Series High Performance Transceivers
(c) Copyright 2000 Sipex Corporation
13
PACKAGE: PLASTIC SMALL OUTLINE (SOIC) (WIDE)
E H
D A O e B A1 L
DIMENSIONS (Inches) Minimum/Maximum (mm) A A1 B D E e H L O
24-PIN 0.093/0.104 (2.352/2.649) 0.004/0.012 (0.102/0.300) 0.013/0.020 (0.330/0.508) 0.599/0.614 (15.20/15.59) 0.291/0.299 (7.402/7.600) 0.050 BSC (1.270 BSC) 0.394/0.419 (10.00/10.64) 0.016/0.050 (0.406/1.270) 0/8 (0/8)
28-PIN 0.093/0.104 (2.352/2.649) 0.004/0.012 (0.102/0.300) 0.013/0.020 (0.330/0.508) 0.697/0.713 (17.70/18.09) 0.291/0.299 (7.402/7.600) 0.050 BSC (1.270 BSC) 0.394/0.419 (10.00/10.64) 0.016/0.050 (0.406/1.270) 0/8 (0/8)
SP207EDS/09
SP207E Series High Performance RS232 Transceivers
(c) Copyright 2000 Sipex Corporation
14
PACKAGE: PLASTIC DUAL-IN-LINE (NARROW)
E1 E
D1 = 0.005" min. (0.127 min.) D
A1 = 0.015" min. (0.381min.) A = 0.210" max. (5.334 max). A2 C O eA = 0.300 BSC (7.620 BSC) L
e = 0.100 BSC (2.540 BSC)
B1 B
ALTERNATE END PINS (BOTH ENDS)
DIMENSIONS (Inches) Minimum/Maximum (mm) A2 B B1 C D E E1 L O
24-PIN 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356) 1.230/1.280 (31.24/32.51) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0/ 15 (0/15)
SP207EDS/09
SP207E Series High Performance Transceivers
(c) Copyright 2000 Sipex Corporation
15
ORDERING INFORMATION
RS232 Transceivers:
Model .................... Drivers .......................... Receivers ..................................... Temperature Range ................................. Package Type SP207ECA ................. 5 ....................................... 3 ................................................... 0C to +70C ............................................... 24-pin SSOP SP207ECP ................. 5 ....................................... 3 ................................................... 0C to +70C ....................................... 24-pin Plastic DIP SP207ECT ................. 5 ....................................... 3 ................................................... 0C to +70C ................................................ 24-pin SOIC SP207EEA ................. 5 ....................................... 3 ............................................... -40C to +85C ............................................... 24-pin SSOP SP207EEP ................. 5 ....................................... 3 ............................................... -40C to +85C ....................................... 24-pin Plastic DIP SP207EET ................. 5 ....................................... 3 ............................................... -40C to +85C ................................................ 24-pin SOIC SP208ECA ................. SP208ECP ................. SP208ECT ................. SP208EEA ................. SP208EEP ................. SP208EET ................. 4 ....................................... 4 ....................................... 4 ....................................... 4 ....................................... 4 ....................................... 4 ....................................... 4 ................................................... 0C 4 ................................................... 0C 4 ................................................... 0C 4 ............................................... -40C 4 ............................................... -40C 4 ............................................... -40C to to to to to to +70C ............................................... 24-pin SSOP +70C ....................................... 24-pin Plastic DIP +70C ................................................ 24-pin SOIC +85C ............................................... 24-pin SSOP +85C ....................................... 24-pin Plastic DIP +85C ................................................ 24-pin SOIC
RS232 Transceivers with Low-Power Shutdown and Tri-state Enable:
Model .................... Drivers .......................... Receivers ..................................... Temperature Range ................................. Package Type SP211ECA ................. 4 ....................................... 5 ................................................... 0C to +70C ............................................... 28-pin SSOP SP211ECT ................. 4 ....................................... 5 ................................................... 0C to +70C ................................................ 28-pin SOIC SP211EEA ................. 4 ....................................... 5 ............................................... -40C to +85C ............................................... 28-pin SSOP SP211EET ................. 4 ....................................... 5 ............................................... -40C to +85C ................................................ 28-pin SOIC
RS232 Transceivers with Low-Power Shutdown, Tri-state Enable, andWake-Up Function:
Model .................... Drivers .......................... Receivers ..................................... Temperature Range ................................. Package Type SP213ECA ................. 4 ................. 5, with 2 active in Shutdown ............................ 0C to +70C ............................................... 28-pin SSOP SP213ECT ................. 4 ................. 5, with 2 active in Shutdown ............................ 0C to +70C ................................................ 28-pin SOIC SP213EEA ................. 4 ................. 5, with 2 active in Shutdown ........................ -40C to +85C ............................................... 28-pin SSOP SP213EET ................. 4 ................. 5, with 2 active in Shutdown ........................ -40C to +85C ................................................ 28-pin SOIC
Please consult the factory for pricing and availability on a Tape-On-Reel option.
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation Headquarters and Sales Office 22 Linnell Circle Billerica, MA 01821 TEL: (978) 667-8700 FAX: (978) 670-9001 e-mail: sales@sipex.com Sales Office 233 South Hillview Drive Milpitas, CA 95035 TEL: (408) 934-7500 FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
SP207EDS/09
SP207E Series High Performance RS232 Transceivers
(c) Copyright 2000 Sipex Corporation
16


▲Up To Search▲   

 
Price & Availability of SP207E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X