Part Number Hot Search : 
12319 BDS943 GPJ10K 0401023 AMS4041A AN6655S MM1252B MC12074D
Product Description
Full Text Search
 

To Download SM5023 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM5023 series Miniature-package Crystal Oscillator Module ICs
OVERVIEW
The SM5023 series are 3rd overtone crystal oscillator module ICs. They feature built-in oscillator capacitors with excellent frequency response. As cutoff frequency can be configured by using an external feedback resistor Rfo, a favorable 3rd overtone oscillation can be realized with a few external components. The oscillator circuit characteristics are optimized for a 3rd overtone oscillation by round blank. They also feature a built-in output buffer with high output drive capability and are available in miniature 6-pin package, making them ideal as DIP-type crystal oscillators.
FEATURES
I
PACKAGE DIMENSIONS
(Unit: mm)
0.20MIN + 0.2 1.6 - 0.1 2.8 0.2
1.9 0.2 2.9 0.2 0.4 0.1
+ 0.1 0.15 - 0.05
I
I I
I
I
I
I I I
Operating supply voltage range * 3V operation: 2.7 to 3.6V * 5V operation: 4.5 to 5.5V 4MHz to 70MHz operating frequency range (Oscillation frequency is settable by external components) -40 to 85C operating temperature range Oscillator capacitors CG, CD built-in (BNxH version only) Cutoff frequency setting using external feedback resistor Rfo Output drive capability * 8mA (VDD = 2.7V) * 16mA (VDD = 4.5V) Output three-state function built-in * High impedance output in standby mode CMOS output duty level (1/2VDD) Molybdenum-gate CMOS process Package: SOT23-6 (SM5023xxxH)
0.20 M
0.95 0.1
APPLICATIONS
I
DIP-type crystal oscillator modules
SERIES CONFIGURATION
Version Operating Supply voltage range [V] 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 2.7 to 3.6 4.5 to 5.5 Recommended operating frequency range1 [MHz] 22 to 70 50 to 70 4 to 70 Oscillator circuit constants gm ratio Built-in capacitance CG [pF] 8 8 - CD [pF] 15 12 - Rf [k] - - - Output duty level Standby mode Oscillator Output state Hi-Z Hi-Z Hi-Z
SM5023BNDH SM5023BNEH SM5023CNDH
3 4 3
1.1 0.1
0 to 0.10
CMOS CMOS CMOS
Operation Operation Operation
1. The 3rd overtone frequency range using an external resistor to set the cutoff frequency. The recommended operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscillator frequency band is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the oscillation characteristics of components must be carefully evaluated.
ORDERING INFORMATION
Device SM5023xxxH Package SOT23-6 NIPPON PRECISION CIRCUITS INC.--1
SM5023 series
PINOUT
(Top view)
INHN XT VSS
1 2 3
6 5 4
XTN VDD Q
PIN DESCRIPTION
Name INHN XT XTN VSS Q VDD I/O I I O - O - Description Output state control input. High impedance when LOW. Pull-up resistor built-in. Amplifier input Amplifier output Ground Output. fO (XT pin input frequency) Supply voltage Crystal connection pins. Crystal is connected between XT and XTN.
BLOCK DIAGRAM
VDD VSS XTN
CDo
X'tal
Rfo
CG
CD
XT
CGo
Q
INHN
INHN = LOW active
NIPPON PRECISION CIRCUITS INC.--2
SM5023 series
FUNCTIONAL DESCRIPTION
Standby Function
When INHN goes LOW, the oscillator output on Q becomes high impedance.
INHN HIGH (or open) LOW Q fO High impedance Oscillator Normal operation Normal operation
Current consumption and Output waveform with NPC's standard crystal
f [MHz]
R [] 18.62 20.53 22.17 22.20 25.42
L [mH] 16.24 11.34 7.40 5.05 4.18
Ca [fF] 1.733 1.396 1.370 1.388 1.254
Cb [pF] 5.337 3.989 4.105 4.226 5.170
Cb
30 40 50 60
L
Ca
R
70
NIPPON PRECISION CIRCUITS INC.--3
SM5023 series
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Parameter Supply voltage range Input voltage range Output voltage range Operating temperature range Storage temperature range Output current Power dissipation Symbol VDD VIN VOUT Topr TSTG IOUT PD Rating -0.5 to +7.0 -0.5 to VDD + 0.5 -0.5 to VDD + 0.5 -40 to +85 -55 to +125 20 250 Unit V V V C C mA mW
Recommended Operating Conditions
3V operation: SM5023BNDH, BNEH, CNDH VSS = 0V, f 70MHz, CL 15pF unless otherwise noted.
Parameter Operating supply voltage Input voltage Operating temperature Symbol VDD VIN TOPR 2.7 VSS -20 Rating - - - 3.6 VDD +80 Unit V V C
5V operation: SM5023BNDH, CNDH VSS = 0V, f 50MHz, CL 50pF unless otherwise noted. VSS = 0V, f 70MHz, CL 15pF unless otherwise noted.
Parameter Operating supply voltage Input voltage Operating temperature Symbol VDD VIN TOPR 4.5 VSS -40 Rating - - - 5.5 VDD +85 Unit V V C
NIPPON PRECISION CIRCUITS INC.--4
SM5023 series
Electrical Characteristics
3V operation: SM5023BNDH, BNEH, CNDH VDD = 2.7 to 3.6V, VSS = 0V, Ta = -20 to +80C unless otherwise noted.
Rating Parameter HIGH-level output voltage LOW-level output voltage HIGH-level input voltage LOW-level input voltage Output leakage current Symbol VOH VOL VIH VIL IZ IDD RUP CG Built-in capacitance CD Design value. A monitor pattern on a wafer is tested. Condition min Q: Measurement cct 1, VDD = 2.7V, IOH = 8mA Q: Measurement cct 2, VDD = 2.7V, IOL = 8mA INHN INHN Q: Measurement cct 2, INHN = LOW, VDD = 3.3V VOH = VDD VOL = VSS 2.1 - 2.0 - - - - 25 SM5023BNDH SM5023BNEH SM5023BNDH SM5023BNEH 7.44 13.95 11.16 typ 2.4 0.3 - - - - 15 100 8 15 12 max - 0.5 - 0.5 10 10 30 250 8.56 16.05 12.84 V V V V A A mA k pF pF pF Unit
Current consumption INHN pull-up resistance
Measurement cct 3, load cct 1, INHN = open, CL = 15pF, f = 70MHz Measurement cct 4 Design value. A monitor pattern on a wafer is tested.
5V operation: SM5023BNDH, CNDH VDD = 4.5 to 5.5V, VSS = 0V, Ta = -40 to +85C unless otherwise noted.
Rating Parameter HIGH-level output voltage LOW-level output voltage HIGH-level input voltage LOW-level input voltage Output leakage current Symbol VOH VOL VIH VIL IZ IDD1 Current consumption IDD2 INHN pull-up resistance RUP CG Built-in capacitance CD Design value. A monitor pattern on a wafer is tested. SM5023BNDH 13.95 15 16.05 pF Measurement cct 4 Design value. A monitor pattern on a wafer is tested. SM5023BNDH Condition min Q: Measurement cct 1, VDD = 4.5V, IOH = 16mA Q: Measurement cct 2, VDD = 4.5V, IOL = 16mA INHN INHN Q: Measurement cct 2, INHN = LOW, VDD = 5.5V VOH = VDD VOL = VSS CL = 15pF f = 70MHz CL = 50pF f = 50MHz 3.9 - 2.0 - - - - - 25 7.44 typ 4.2 0.3 - - - - 20 25 100 8 max - 0.5 - 0.8 10 10 40 50 250 8.56 V V V V A A mA mA k pF Unit
Measurement cct 3, load cct 1, INHN = open
NIPPON PRECISION CIRCUITS INC.--5
SM5023 series
Switching Characteristics
3V operation: SM5023BNDH, BNEH, CNDH VDD = 2.7 to 3.6V, VSS = 0V, Ta = -20 to +80C unless otherwise noted.
Rating Parameter Output rise time Output fall time Output duty cycle1 Output disable delay time Output enable delay time Symbol tr1 tf1 Duty1 tPLZ tPZL Condition min Measurement cct 5, load cct 1, 0.1VDD to 0.9VDD , CL = 15pF Measurement cct 5, load cct 1, 0.9VDD to 0.1VDD , CL = 15pF Measurement cct 5, load cct 1, VDD = 3.0V, Ta = 25C, CL = 15pF, f 70MHz Measurement cct 5, load cct 1, VDD = 3.0V, Ta = 25C, CL = 15pF - - 45 - - typ 2.5 2.5 - - - max 5 5 55 100 100 ns ns % ns ns Unit
1. The duty cycle characteristic is checked the sample chips of each production lot.
5V operation: SM5023BNDH, CNDH VDD = 4.5 to 5.5V, VSS = 0V, Ta = -40 to +85C unless otherwise noted.
Rating Parameter Symbol tr1 tr2 Output fall time tf1 tf2 Duty1 Output duty cycle1 Duty2 Output disable delay time Output enable delay time tPLZ tPZL Measurement cct 5, load cct 1, VDD = 5.0V, Ta = 25C Condition min Output rise time Measurement cct 5, load cct 1, 0.1VDD to 0.9VDD Measurement cct 5, load cct 1, 0.9VDD to 0.1VDD CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF f 70MHz CL = 50pF f 50MHz - - - - 45 45 - - typ 1.5 3 1.5 3 - - - - max 3 ns 6 3 ns 6 55 55 100 100 % % ns ns Unit
Measurement cct 5, load cct 1, VDD = 5.0V, Ta = 25C, CL = 15pF
1. The duty cycle characteristic is checked the sample chips of each production lot.
NIPPON PRECISION CIRCUITS INC.--6
SM5023 series
MEASUREMENT CIRCUITS
Measurement cct 1 Measurement cct 4
+5V VDD VDD Signal Generator R1 C1 XT R3 XTN VSS IPR Q R2 VSS INHN RUP = VDD IPR
Q output
VOH 0V
A
2.0Vp-p, 10MHz sine wave input signal (3V operation) 3.5Vp-p, 10MHz sine wave input signal (5V operation) C1: 0.001F R1: 50 R2: 263 (3V operation) 244 (5V operation) R3: 100k
Measurement cct 5
Measurement cct 2
XT
VDD
Q
CGo Rfo CDo
X'tal
XTN
VSS INHN
IOL, IZ VDD Q INHN VSS IZ
A V VOL
Crystal oscillation Rfo: 1.5k (3V, 70MHz operation) 3.9k (5V, 70MHz operation) 5.6k (5V, 50MHz operation) SM5023CNDH: CGo = 8pF, CDo = 15pF
Measurement cct 3
Load cct 1
Q output CL
A
VDD
IDD
(Including probe capacitance)
Signal Generator R1
C1 XT Q
XTN
VSS
CL = 15pF: tr1, tf1, Duty1, IDD1 CL = 50pF: tr2, tf2, Duty2, IDD2
2.0Vp-p, 70MHz sine wave input signal (3V operation) 3.5Vp-p, 70MHz sine wave input signal (5V operation) C1: 0.001F R1: 50
NIPPON PRECISION CIRCUITS INC.--7
SM5023 series
Switching Time Measurement Waveform
Output duty level, tr, tf
Q output
0.9VDD 0.1VDD TW
0.9VDD 0.1VDD
DUTY measurement voltage (0.5V DD)
tr
Output duty cycle
tf
Q output
TW T
DUTY measurement voltage (0.5VDD) DUTY= TW/ T 100 (%)
Output Enable/Disable Delay
INHN
VIL
VIH
tPLZ Q output
INHN input waveform
tPZL
tr = tf
10ns
NIPPON PRECISION CIRCUITS INC.--8
SM5023 series
Please pay your attention to the following points at time of using the products shown in this document. The products shown in this document (hereinafter "Products") are not intended to be used for the apparatus that exerts harmful influence on human lives due to the defects, failure or malfunction of the Products. Customers are requested to obtain prior written agreement for such use from NIPPON PRECISION CIRCUITS INC. (hereinafter "NPC"). Customers shall be solely responsible for, and indemnify and hold NPC free and harmless from, any and all claims, damages, losses, expenses or lawsuits, due to such use without such agreement. NPC reserves the right to change the specifications of the Products in order to improve the characteristic or reliability thereof. NPC makes no claim or warranty that the contents described in this document dose not infringe any intellectual property right or other similar right owned by third parties. Therefore, NPC shall not be responsible for such problems, even if the use is in accordance with the descriptions provided in this document. Any descriptions including applications, circuits, and the parameters of the Products in this document are for reference to use the Products, and shall not be guaranteed free from defect, inapplicability to the design for the mass-production products without further testing or modification. Customers are requested not to export or re-export, directly or indirectly, the Products to any country or any entity not in compliance with or in violation of the national export administration laws, treaties, orders and regulations. Customers are requested appropriately take steps to obtain required permissions or approvals from appropriate government agencies. NIPPON PRECISION CIRCUITS INC. 4-3, Fukuzumi 2-chome, Koto-ku, Tokyo 135-8430, Japan Telephone: +81-3-3642-6661 Facsimile: +81-3-3642-6698 http://www.npc.co.jp/ Email: sales@npc.co.jp
NC0302BE 2004.07
NIPPON PRECISION CIRCUITS INC.--9


▲Up To Search▲   

 
Price & Availability of SM5023

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X