Part Number Hot Search : 
MBR20200 23C6V8 HB3140V LTC2165 170M4218 14LPD70 CF547 PIC18F4
Product Description
Full Text Search
 

To Download SI9934BDY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI9934BDY
Vishay Siliconix
Dual P-Channel 2.5-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V)
-12
FEATURES
ID (A)
-6.4 -5.1
rDS(on) (W)
0.035 @ VGS = -4.5 V 0.056 @ VGS = -2.5 V
D TrenchFETr Power MOSFET
S1
S2
SO-8
S1 G1 S2 G2 1 2 3 4 Top View Ordering Information: SI9934BDY--E3 SI9934BDY-T1--E3 (with Tape and Reel) 8 7 6 5 D1 D1 D2 D2 G1 G2
D1 P-Channel MOSFET
D2 P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
10 secs
Steady State
-12 "8
Unit
V
-6.4 -5.1 -20 -1.7 2.0 1.3 -55 to 150
-4.8 -3.9 A
-0.9 1.1 0.7 W _C
THERMAL RESISTANCE RATINGS
Parameter
Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1 " x 1" FR4 Board. Document Number: 72525 S-41578--Rev. C, 23-Aug-04 www.vishay.com t v 10 sec Steady State Steady State
Symbol
RthJA RthJF
Typical
55 90 33
Maximum
62.5 110 40
Unit
_C/W C/W
1
SI9934BDY
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Drain Source On State Resistancea Forward Transconductancea Diode Forward Voltagea VGS(th) IGSS IDSS ID(on) rDS( ) DS(on) gfs VSD VDS = VGS, ID = -250 mA VDS = 0 V, VGS = "8 V VDS = -12 V, VGS = 0 V VDS = -12 V, VGS = 0 V, TJ = 55_C VDS = -5 V, VGS = -4.5 V VGS = -4.5 V, ID = -6.4 A VGS = -2.5 V, ID = -1.8 A VDS = -10 V, ID = -6.4 A IS = -1.7 A, VGS = 0 V -20 0.028 0.044 17 -0.8 -1.2 0.035 0.056 -0.6 -1.4 "100 -1 -5 V nA mA A W S V
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd Rg td(on) tr td(off) tf trr IF = -1.7 A, di/dt = 100 A/ms VDD = 6 V, RL = 6 W ID ^ -1 A, VGEN = -4.5 V, Rg = 6 W VDS = 6 V, VGS = -4.5 V, ID = -6.4 A 13 2.6 4.0 9 19 35 80 50 40 30 55 120 75 80 ns W 20 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
20 VGS = 5 thru 3 V 16 I D - Drain Current (A) I D - Drain Current (A) 2.5 V 16 20
Transfer Characteristics
12
12
8 2V 4 1.5 V 0 0 1 2 3 4 5 VDS - Drain-to-Source Voltage (V)
8 TC = 125_C 4 25_C 0 0.0 -55_C 1.5 2.0 2.5 3.0
0.5
1.0
VGS - Gate-to-Source Voltage (V) Document Number: 72525 S-41578--Rev. C, 23-Aug-04
www.vishay.com
2
SI9934BDY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Drain Current
0.10 r DS(on) - On-Resistance ( W ) 2000
Capacitance
C - Capacitance (pF)
0.08
1600 Ciss 1200
0.06 VGS = 2.5 V 0.04
VGS = 4.5 V
800 Coss
0.02
400
Crss
0.00 0 4 8 12 16 20
0 0 2 4 6 8 10 12
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
5 V GS - Gate-to-Source Voltage (V) VDS = 6 V ID = 6.4 A 4 rDS(on) - On-Resiistance (Normalized) 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0 0 3 6 9 12 15 Qg - Total Gate Charge (nC) 0.6 -50
On-Resistance vs. Junction Temperature
VGS = 4.5 V ID = 6.4 A
3
2
1
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
20 TJ = 150_C 0.10
On-Resistance vs. Gate-to-Source Voltage
I S - Source Current (A)
10
r DS(on) - On-Resistance ( W )
0.08 ID = 1.8 A 0.06 ID = 6.4 A 0.04
TJ = 25_C
0.02
1 0.0
0.00 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 1 2 3 4 5 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
Document Number: 72525 S-41578--Rev. C, 23-Aug-04
www.vishay.com
3
SI9934BDY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.4 0.3 V GS(th) Variance (V) ID = 150 mA 0.2 0.1 0.0 -0.1 -0.2 -50 Power (W) 20 30
Single Pulse Power
25
15 10 5 0 10-3
-25
0
25
50
75
100
125
150
10-2
10-1
1
10
100
600
TJ - Temperature (_C)
Time (sec)
100
Safe Operating Area, Junction-to-Ambient
rDS(on) Limited IDM Limited
10 I D - Drain Current (A) P(t) = 0.001 1 P(t) = 0.01 ID(on) Limited P(t) = 0.1 P(t) = 1 P(t) = 10 dc
0.1
TA = 25_C Single Pulse BVDSS Limited 1 10
0.01 0.1
100
VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10-4 10-3 10-2 1 Square Wave Pulse Duration (sec) 10-1
Notes: PDM t1
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 90_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
t1 t2
10
100
600
www.vishay.com
4
Document Number: 72525 S-41578--Rev. C, 23-Aug-04
SI9934BDY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
2 1
Normalized Thermal Transient Impedance, Junction-to-Foot
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
Document Number: 72525 S-41578--Rev. C, 23-Aug-04
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SI9934BDY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X