Part Number Hot Search : 
61CTQ035 AD831AP 0271K C10E1 54LS574 GS3440 4532BD LA5587
Product Description
Full Text Search
 

To Download SI9712DY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Si9712
Vishay Siliconix
PC Card (PCMCIA) Interface Switch--12-V Suspend Capability
FEATURES
D D D D Programmable VCC Ramp Smart Switching 12-V Sleepmode Compatible Extremely Low RON D D D D Reverse Blocking Switches VPP Programmable to 0, 12-V or VCC Safe Power-Up Low Power Consumption D PC Card 3-V/5-V Compatible D Logic Compatible Inputs D Single SO-16 Package
DESCRIPTION
The Si9712 combines low on-resistance with slow ramp time and smart switching for overall best performance in integrated PC Card interface switches. The Si9712 operates off the 5-V supply and has built-in level shifting for gate drive. Internal logic protects against an external control input error that would short 5 V to the 3.3-V supply. This protection logic also allows the Si9712 to be configured for positive or negative control logic for compatibility with a variety of PC Card controllers. These control inputs are CMOS logic compatible and can be driven to 3.3 V or 5 V. The Si9712 complies with the release of the PC Card standard by suppling 0 V, 12 V, and VCC to the Vpp output and 0 V, 3.3 V, and 5 V to the VCC output. The VCC ramp time is user programmable with an external capacitor connected to the SR pin. The PC Card switch is packaged in a narrow body SO-16 package and is rated over the industrial temperature range -40 to 85_C. The Si9712 is available in both standard and lead (Pb)-free packages.
FUNCTIONAL BLOCK DIAGRAM
(14) SW1 SW2 (3) (4)
+12 VIN
VPP VPP
SW5 SW3 SW4 (13) (5) (6) (7) VCC VCC VCC VCC Externally Connect On PCB
+5 VIN
(12) (10) (11)
+3.3 VIN +3.3 VIN SR
SW6 (16)
S1
(8) Switch Logic, Level Shift, and Drivers
(2) (15) (1)
S4 S3 GND
S2
(9)
Document Number: 70024 S-40755--Rev. F, 19-Apr-04
www.vishay.com
1
Si9712
Vishay Siliconix
ABSOLUTE MAXIMUM RATINGS
Voltages Referenced to Ground +12 VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 V +5 VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V +3.3 VIN c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V S1 through S4 (CMOS Inputs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V IOUT VPPa . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300 mA All Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 V IOUT VCCb . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 A PD Max: (TA = 25_C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5 W (TA = 85_C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0 W
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125_C Thermal Rating--RQJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40 _C/W Notes a. Pins 3, 4 connected together externally. b. Pins 5, 6, 7, 13 connected together externally. c. Pins 10, 11 connected together externally.
RECOMMENDED OPERATING CONDITIONS
+12 VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 or 12 V "10% +5 VIN (must be present) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 V "10% +3.3 VIN c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.3 V "10% CSR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33 nF IOUT VPPa . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150 mA IOUT VCCb . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 A VPP Load Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 mF Max VCC Load Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150 mF Max Notes a. Pins 3, 4 connected together externally. b. Pins 5, 6, 7, 13 connected together externally. c. Pins 10, 11 connected together externally.
SPECIFICATIONS
Test Conditions Unless Otherwise Specified Parameter Switch 1
On-Resistance On Resistance RON IOFF tSW1(on) tSW1(off) td(on) td(off) tSW1(on) I = 120 mA, +12 VIN = 11.4 V S3 = S1 = High S2 = S4 = Low +12 VIN = 12.6 V S1= Low S2 = S4 = Low, See Figure 1 S3 = High See Figure 3 S2 = S4 = Low S2 = S4 = Low, S3 = High, See Figure 2 TA = 25_C TA = 85_C TA = 25_C TA = 85_C 50 1.0 0.1 50 200 1.0 6 2.9 150 120 145 1 10 350 10 20 10 300 mW
Limits
-40 to 85_C
Symbol
CSR = 33 nF, +12 VIN = 12 V, +5 VIN = 5 V +3.3 VIN = 3.3 V, Low v 0.8 V, High w 2.2 V
Mina
Typb
Maxa
Unit
Off Current (+12 VIN) Switching Time Delay Time Rise Time
mA ms ms ms
Switch 2
On-Resistance On Resistance Switching Time Delay Time Rise Time RON tSW2(on) tSW2(off) td(on) td(off) tSW2(on) I = 120 mA, S2 = S3 = High S1 = S4 = Low TA = 25_C TA = 85_C 50 1.0 0.1 50 200 1.0 6 1.7 150 150 180 350 10 20 10 300 mW ms ms ms
S1 = S4 = Low, S3 = High , See Figure 1 Low S1 = S4 = Low See Figure 3 Low, S1 = S4 = Low, S3 = High, See Figure 2
Switch 3
On-Resistance On Resistance RON I = 500 mA, S3 = High S1 = S2 = S4 = Low +5 VIN = 5.5 V, VCC = 0 V S1 = S2 = S3 = Low S4 = High +3.3 VIN = Open Circuit TA = 25_C TA = 85_C TA = 25_C TA = 85_C 0.1 3 1.7 30 70 95 1 10 10 50 mA mW
Off Current (VCC) Rise Time Fall Time www.vishay.com
IOFF tSW3(on) tSW3(off)
S1 = S2 = S4 = Low See Figure 2 Low,
ms
2
Document Number: 70024 S-40755--Rev. F, 19-Apr-04
Si9712
Vishay Siliconix
SPECIFICATIONS
Test Conditions Unless Otherwise Specified Parameter Switch 4
On-Resistance On Resistance Off Current (+3 3 VIN) (+3.3 Rise Time Fall Time RON IOFF tSW4(on) tSW4(off) I = 500 mA, S4 = High S1 = S2 = S3 = Low +3.3 VIN = 3.6 V, S1 = S2 = S3 = S4 = Low TA = 25_C TA = 85_C TA = 25_C TA = 85_C 0.1 3 0.9 20 50 70 1 10 10 40 mW mA ms
Limits
-40 to 85_C
Symbol
CSR = 33 nF, +12 VIN = 12 V, +5 VIN = 5 V +3.3 VIN = 3.3 V, Low v 0.8 V, High w 2.2 V
Mina
Typb
Maxa
Unit
S1 = S2 = S3 = Low See Figure 2 Low,
Switch 5
On-Resistance On Resistance RON I = 2 mA, S1 = S2 = Low mA TA = 25_C TA = 85_C 235 325 400 550 W
Switch 6
On-Resistance On Resistance RON I = 2 mA, S3= S4 = Low mA TA = 25_C TA = 85_C 140 200 400 500 W
Power Supply
+5 VIN Current Input (on) +5 VIN Current Input (off) I+5VIN(1) I+5VIN(2) I+5VIN(3) S1 = S4 = 0 V, S2 = S3= 3 V S1 = S4 = 3 V, S2 = S3 = 0V S1 = S2 = S3 = S4 = 0 V 20 20 <1 50 50 10 m mA
Switch Control Inputs
Input Voltage High Input Voltage Low Input Current High Input Current Low VI(H) VI(L) II(H) II(L) +5 VIN = 5.5 V +5 VIN = 4.5 V +5 VIN = 5.5 V +5 VIN = 4.5 V S1 through S4 = 5 V S1 through S4 = GND -1.0 2.2 2.2 1.8 1.6 1.6 1.4 0.8 0.8 1.0 mA V
Notes a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum. b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
Document Number: 70024 S-40755--Rev. F, 19-Apr-04
www.vishay.com
3
Si9712
Vishay Siliconix
TIMING WAVEFORMS
3V SX GND 50% SX 3V
GND
SWX GND td(on)
VPP
90%
SWX GND td(off) 10%
90%
tSX(on)
tSX(off)
FIGURE 1. VPP Switch Delay
FIGURE 2. Switch Ramp
S1 or S2
50%
S3
50%
VCC
VPP
50% td(on) td(off)
FIGURE 3. Delay from S1 or S2 to VPP Power-up
PIN CONFIGURATION AND DESCRIPTION
SO-16
GND S4 VPP VPP VCC VCC VCC S1 1 2 3 4 5 6 7 8 Top View Note: Pins 5, 6, 7, and 13 must be connected in the PCB for correct operation. 16 15 14 SR S3 +12 VIN VCC +5 VIN +3.3 VIN +3.3 VIN S2
Pin Number
1. 2 3, 4 5, 6, 7, 13 8 9 10, 11 12 14 15 16
Function
GND S4 VPP VCC S1 S2 +3.3 VIN +5 VIN +12 VIN S3 SR
Description
Ground connection. Control input for selecting +3.3 VIN to VCC. The PC Card terminology for this pin is VCC_EN0. Program and peripheral voltage to PC Card slot. Supply voltage to slot. Control input for selecting +12 VIN to VPP. The PC Card terminology for this pin is VPP_EN1. Control input for selecting VCC to VPP . The PC Card terminology for this pin is VPP_EN0. +3.3-V supply. +5-V supply. +12-V supply. Control input for selecting +5 VIN to VCC. The PC Card terminology for this pin is VCC_EN1. Slew rate control pin, capacitor to GND defines programmable ramp time. Document Number: 70024 S-40755--Rev. F, 19-Apr-04
Si9712
13 12 11 10 9
www.vishay.com
4
Si9712
Vishay Siliconix
ORDERING INFORMATION
Part Number
SI9712DY SI9712DY-T1 SI9712DY-T1--E3 -40 to 85_C SOIC-16
Temperature Range
Package
TRUTH TABLE b
S1
0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1
S2
0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1
S3
0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1
S4
0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
Switch 1a
Off Off Off Off Off Off Off Off Off On On Off Off On On Off
Switch 2a
Off Off Off Off Off On On Off Off Off Off Off Off Off Off Off
Switch 3
Off Off On Off Off Off On Off Off Off On Off Off Off On Off
Switch 4
Off On Off Off Off On Off Off Off On Off Off Off On Off Off
Switch 5
On On On On On Off Off On On Off Off On On Off Off On
Switch 6
On Off Off On On Off Off On On Off Off On On Off Off On
Notes a. Turn on of switch 1 and 2 are internally delayed until after VCC is valid. See Figure 3. b. Shaded lines are error conditions for PC Card applications, however, switches default to the states shown.
TIMING DIAGRAM
S1
S2
+12 VIN VPP 0 VCC
FIGURE 4. Break-Before-Make of SW1 and SW2
Document Number: 70024 S-40755--Rev. F, 19-Apr-04 www.vishay.com
EEEEEEEE EEEEEEEE E
5
Si9712
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS OTHERWISE NOTED)
Switch 1-On-Resistance vs. Load Current
0.5 0.5
Switch 2-On-Resistance vs. Load Current
r DS(on)- On-Resistance ( W )
0.3
r DS(on)- On-Resistance ( W ) 0.04 0.08 0.12 0.16 0.20
0.4
0.4
0.3
0.2
0.2
0.1
0.1
0.0 0.00
0.0 0.00
0.05
0.10
0.15
0.20
0.25
0.30
ID - Load Current (A)
ID - Load Current (A)
0.10
Switch 3-On-Resistance vs. Load Current
0.10
Switch 4-On-Resistance vs. Load Current
r DS(on)- On-Resistance ( W )
r DS(on)- On-Resistance ( W ) 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
0.08
0.08
0.06
0.06
0.04
0.04
0.02
0.02
0.00 0.0
0.00 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
ID - Load Current (A)
ID - Load Current (A)
On-Resistance vs. Junction Temperature
0.25 ID = 0.120 A TJ = TA r DS(on)- On-Resistance ( W ) 0.08 0.10
On-Resistance vs. Junction Temperature
ID = 1 A TJ = TA
r DS(on)- On-Resistance ( W )
0.20
Switch 3 0.06
0.15
Switch 2 Switch 1
0.10
0.04
Switch 4
0.05
0.02
0.00 -40
-20
0
20
40
60
80
100
120
0.00 -40
-20
0
20
40
60
80
100
120
TJ - Junction Temperature (_C) www.vishay.com
TJ - Junction Temperature (_C) Document Number: 70024 S-40755--Rev. F, 19-Apr-04
6
Si9712
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS OTHERWISE NOTED)
Rise Time vs. SR Capacitor Value
100 100
Fall Time vs. SR Capacitor Value
10 Switch 3 Rise Time (ms) 1 Switch 4 0.1 Fall Time (ms)
100 Switch 3 10 Switch 4
0.01
1
0.001 0.1
Open 1 10 SR Capacitor Value (nF) 100 1000
0.1 0.1
Open
1
10 SR Capacitor Value (nF)
100
Switch 3 Rise Time vs. Load Capacitance
4 CSR = 33 nF 3 Fall Time (ms) Rise Time (ms) 80 100
Switch 3 Fall Time vs. Load Capacitance
CSR = 33 nF
60
2
40
1
20
0 0 25 50 75 100 125 150 Cload - Load Capacitance (mF)
0 0 25 50 75 100 125 150 Cload - Load Capacitance (mF)
4
Switch 4 Rise Time vs. Load Capacitance
CSR = 33 nF
100
Switch 4 Fall Time vs. Load Capacitance
CSR = 33 nF
3 Fall Time (ms) Rise Time (ms)
80
60
2
40
1
20
0 0 25 50 75 100 125 150
0 0 25 50 75 100 125 150
Cload - Load Capacitance (mF) Document Number: 70024 S-40755--Rev. F, 19-Apr-04
Cload - Load Capacitance (mF) www.vishay.com
7


▲Up To Search▲   

 
Price & Availability of SI9712DY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X