Part Number Hot Search : 
75N15 MM3Z12 USF10G48 MAX23 250BZI IDT74 04597 AC03BGM
Product Description
Full Text Search
 

To Download SI4431ADY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI4431ADY
Vishay Siliconix
P-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
- 30 0.052 @ VGS = - 4.5 V - 5.5
FEATURES
ID (A)
- 7.2
rDS(on) (W)
0.030 @ VGS = - 10 V
D TrenchFETr Power MOSFET
S
SO-8
S S S G 1 2 3 4 Top View D P-Channel MOSFET 8 7 6 5 D D D D
G
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C PD TJ, Tstg TA = 25_C ID TA = 70_C IDM IS - 2.1 2.5 1.6 - 55 to 150 - 5.8 - 30 - 1.3 1.35 0.87 W _C - 4.2 A
Symbol
VDS VGS
10 secs
Steady State
- 30 "20
Unit
V
- 7.2
- 5.3
THERMAL RESISTANCE RATINGS
Parameter
t v 10 sec Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 71803 S-95713--Rev. C, 18-Feb-02 www.vishay.com Steady State Steady State RthJA RthJF
Symbol
Typical
35 75 17
Maximum
50 92 25
Unit
_C/W C/W
1
SI4431ADY
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current VGS(th) IGSS IDSS VDS = VGS, ID = - 250 mA VDS = 0 V, VGS = "20 V VDS = - 24 V, VGS = 0 V VDS = - 24 V, VGS = 0 V, TJ = 70_C VDS = - 5 V, VGS = - 10 V ID( ) D(on) VDS = - 5 V, VGS = - 4.5 V VGS = - 10 V, ID = - 7.2 A rDS( ) DS(on) gfs VSD VGS = - 4.5 V, ID = - 5.0 A VDS = - 15 V, ID = - 7.2 A IS = - 2.1 A, VGS = 0 V - 30 -7 0.024 0.040 14 - 0.78 - 1.1 0.030 0.052 - 1.0 "100 -1 - 10 V nA mA A A W S V
Symbol
Test Condition
Min
Typ
Max
Unit
On-State On State Drain Currenta
Drain-Source On-State Drain Source On State Resistancea Forward Transconductancea Diode Forward Voltagea
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd td(on) tr td(off) tf trr IF = - 2.1 A, di/dt = 100 A/ms VDD = - 15 V, RL = 15 W ID ^ - 1 A, VGEN = - 10 V, RG = 6 W VDS = - 15 V, VGS = - 5 V, ID = - 7.2 A 12 4.7 3.7 12 15 40 20 30 20 20 60 25 80 ns 20 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
30 VGS = 10 thru 5 V 24 I D - Drain Current (A) I D - Drain Current (A) 24 30
Transfer Characteristics
18
4V
18
12
12 TC = 125_C 25_C 0 - 55_C 3 4 5
6
3V
6
0 0 1 2 3 4 5
0
1
2
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
www.vishay.com
2
Document Number: 71803 S-95713--Rev. C, 18-Feb-02
SI4431ADY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Drain Current
0.10 r DS(on) - On-Resistance ( W ) 2000
Capacitance
C - Capacitance (pF)
0.08
1600
Ciss
0.06
VGS = 4.5 V
1200
0.04 VGS = 10 V 0.02
800 Coss
400 Crss
0.00 0 6 12 18 24 30
0 0 6 12 18 24 30
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
10 V GS - Gate-to-Source Voltage (V) VDS = 15 V ID = 7.2 A 8 1.6
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 7.2 A 1.4
6
r DS(on) - On-Resistance (W) (Normalized) 9 12 15 18 21 24
1.2
4
1.0
2
0.8
0 0 3 6 Qg - Total Gate Charge (nC)
0.6 - 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
30 0.20
On-Resistance vs. Gate-to-Source Voltage
r DS(on) - On-Resistance ( W )
TJ = 150_C I S - Source Current (A) 10
0.15 ID = 7.2 A 0.10
TJ = 25_C
0.05
1 0.0
0.00 0.2 0.4 0.6 0.8 1.0 1.2 0 2 4 6 8 10 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
Document Number: 71803 S-95713--Rev. C, 18-Feb-02
www.vishay.com
3
SI4431ADY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.6 40
Single Pulse Power, Junction-to-Ambient
0.4 V GS(th) Variance (V) ID = 250 mA 0.2 Power (W)
32
24
0.0
16
- 0.2
8
- 0.4 - 50
- 25
0
25
50
75
100
125
150
0 10 -2
10 -1
1 Time (sec)
10
100
600
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2
Notes:
0.1 0.1 0.05 0.02
t1 t2 1. Duty Cycle, D = t1 t2 PDM
2. Per Unit Base = RthJA = 75_C/W
Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 1 Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 Square Wave Pulse Duration (sec) 1 10
www.vishay.com
4
Document Number: 71803 S-95713--Rev. C, 18-Feb-02


▲Up To Search▲   

 
Price & Availability of SI4431ADY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X