Part Number Hot Search : 
L5991AD FQP3N25 G121S KST9015 IRFL9110 GM38C45 ULS200X FC7103
Product Description
Full Text Search
 

To Download SI4410BDY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI4410BDY
Vishay Siliconix
N-Channel 30-V (D-S) MOSFET
FEATURES PRODUCT SUMMARY
VDS (V)
30
D TrenchFETr Power MOSFET D 100% Rg Tested ID (A)
10 8
rDS(on) (W)
0.0135 @ VGS = 10 V 0.020 @ VGS = 4.5 V
APPLICATIONS
D Battery Switch
D
SO-8
S S S G 1 2 3 4 Top View S N-Channel MOSFET 8 7 6 5 D D D D G
Ordering Information: SI4410BDY SI4410BDY-T1 (with Tape and Reel)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current (10 ms Pulse Width) Continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
10 secs
30 "20 10 8 50 2.3 2.5 1.6
Steady State
Unit
V
7.5 6 A
1.26 1.4 0.9 -55 to 150 W _C
THERMAL RESISTANCE RATINGS
Parameter
Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 72211 S-31990--Rev. B, 13-Oct-03 www.vishay.com t v 10 sec Steady State Steady State
Symbol
RthJA RthJF
Typical
40 70 25
Maximum
50 90 30
Unit
_C/W C/W
1
SI4410BDY
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Resistancea Forward Transconductancea Diode Forward Voltagea VGS(th) IGSS IDSS ID(on) rDS(on) gfs VSD VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 30 V, VGS = 0 V VDS = 30 V, VGS = 0 V, TJ = 55_C VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 10 A VGS = 4.5 V, ID = 5 A VDS = 15 V, ID = 10 A IS = 2.3 A, VGS = 0 V 20 0.011 0.0165 25 0.76 1.1 0.0135 0.020 1.0 3.0 "100 1 5 V nA mA A W S V
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Gate Charge Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgt Qgs Qgd Rg td(on) tr td(off) tf trr IF = 2.3 A, di/dt = 100 A/ms VDD = 25 V, RL = 25 W ID ^ 1 A, VGEN = 10 V, RG = 6 W f = 1 MHz 0.5 VDS = 15 V, VGS = 10 V, ID = 10 A VDS = 15 V, VGS = 5 V, ID = 10 A 13 25 5.5 3.7 1.6 10 10 40 15 35 2.7 15 15 60 25 70 ns W 20 40 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
VGS = 10 thru 5 V 40 I D - Drain Current (A) I D - Drain Current (A) 40
50
50
Transfer Characteristics
30 4V 20
30
20 TC = 125_C 10 25_C -55_C 0
10 2V 0 0.0 0.5 1.0 1.5 2.0 2.5 3V 3.0 3.5 4.0
0
1
2
3
4
5
VDS - Drain-to-Source Voltage (V) www.vishay.com
VGS - Gate-to-Source Voltage (V) Document Number: 72211 S-31990--Rev. B, 13-Oct-03
2
SI4410BDY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.030 0.025 0.020 0.015 VGS = 10 V 0.010 0.005 0.000 0 10 20 30 40 50 C - Capacitance (pF)
On-Resistance vs. Drain Current
2000
Capacitance
r DS(on) - On-Resistance ( W )
1600
Ciss
VGS = 4.5 V
1200
800 Coss Crss
400
0 0 6 12 18 24 30
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
10 V GS - Gate-to-Source Voltage (V) VDS = 15 V ID = 10 A
Gate Charge
2.0
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 10 A
6
r DS(on) - On-Resistance ( W) (Normalized)
8
1.6
1.2
4
0.8
2
0.4
0 0 5 10 15 20 25
0.0 -50
-25
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
50
0.10
On-Resistance vs. Gate-to-Source Voltage
TJ = 150_C 10
r DS(on) - On-Resistance ( W )
0.08 ID = 10 A
I S - Source Current (A)
0.06
TJ = 25_C
0.04
0.02
1 0.00 0.2 0.4 0.6 0.8 1.0 1.2 VSD - Source-to-Drain Voltage (V) Document Number: 72211 S-31990--Rev. B, 13-Oct-03
0.00 0 2 4 6 8 10
VGS - Gate-to-Source Voltage (V)
www.vishay.com
3
SI4410BDY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.6 0.4 0.2 V GS(th) Variance (V) Power (W) -0.0 -0.2 -0.4 -0.6 10 -0.8 -1.0 -50 0 10 - 2 ID = 250 mA 50
Single Pulse Power
40
30 TA = 25_C 20
-25
0
25
50
75
100
125
150
10 - 1
1 Time (sec)
10
100
600
TJ - Temperature (_C)
100 Limited by rDS(on) 10
Safe Operating Area, Junction-to-Case
100 ms, 10 ms
1 ms 1 10 ms 100 ms 1s 0.1 TA = 25_C Single Pulse 10 s dc, 100 s
0.01 0.1 1 10 100 VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Notes: PDM t1
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 70_C/W
t1 t2
Single Pulse 0.01 10 - 4 10 - 3 10 - 2 10 - 1 1 Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
www.vishay.com
4
Document Number: 72211 S-31990--Rev. B, 13-Oct-03
SI4410BDY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10 - 4 10 - 3 10 - 2 10 - 1 Square Wave Pulse Duration (sec) 1 10
Document Number: 72211 S-31990--Rev. B, 13-Oct-03
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SI4410BDY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X