Part Number Hot Search : 
M62337P 1616A 10000 BPC3502 AA118 80C49 P6KE27 AA118
Product Description
Full Text Search
 

To Download SF164C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
SF161C THRU SF166C
GLASS PASSIVATED SUPER FAST RECTIFIER
VOLTAGE RANGE 50 to 400 Volts CURRENT 16 Amperes
FEATURES
* * * * * * * Low switching noise Low forward voltage drop Low thermal resistance High current capability Super fast switching speed High reliability Good for switching mode circuit
.413 (10.5) .374 (9.5) .153 (3.9) .146 (3.7) .270 (6.9) .230 (5.8) .610 (15.5) .583 (14.8) .187 (4.7) .148 (3.8) .053 (1.3) .047 (1.2)
TO-220
MECHANICAL DATA
* * * * * Case: TO-220 molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 2.24 grams
.108 (2.75)
.157 (4.0) .051 (1.3) .043 (1.1) .035 (0.9) .102 (2.6) .091 (2.3) .583 (14.8) .531 (13.5)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
.022 (0.56) .014 (0.36) .126 (3.2)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC = 125 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM RJC CJ TJ, TSTG 50 -65 to + 150 SF161C 50 35 50 SF162C 100 70 100 SF163C 150 105 150 16.0 150 3 30 SF164C 200 140 200 SF165C 300 210 300 SF166C 400 280 400 UNITS Volts Volts Volts Amps Amps
0
C/ W pF
0
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 8.0A DC @TC = 25 o C Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 1) NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3. Suffix "A" =Common Anode. @TC = 100 oC SYMBOL VF IR trr 35 SF161C SF162C SF163C SF164C 10 500 50 SF165C SF166C UNITS Volts uAmps nSec 2001-4
1.0
1.35
RATING AND CHARACTERISTIC CURVES ( SF161C THRU SF166C )
AVERAGE FORWARD CURRENT, (A)
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE 20
INSTANTANEOUS REVERSE CURRENT, (uA)
FIG. 2 - TYPICAL REVERSE CHARACTERISTICS 1000
16 12 8 4 0 0 50 100 CASE TEMPERATURE, ( ) 150
Single Phase Half Wave 60Hz Inductive or Resistive Load
TC = 100
100
10
TC = 25
PEAK FORWARD SURGE CURRENT, (A)
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 150 125 100
8.3ms Single Half Sine-Wave (JEDEC Method)
1.0
0.1 0 20 40 60 80 100 120 140
75 50 25 0 1 2 5 10 20 50 NUMBER OF CYCLES AT 60Hz 100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
JUNCTION CAPACITANCE, (pF)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE 200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, ( V )
TJ = 25
SF1
SF1 61C ~SF 164
40 20 10 4 2 1.0 .4 .2 .1 .6 .7 .8 .9 1.0 1.1 1.2 1.3 INSTANTANEOUS FORWARD VOLTAGE, (V)
TJ=25 Pulse Width = 300uS 1% Duty Cycle
S F1 61 S C~ F1 6 4C
SF
16
5
S C~
F1
C 66
C
65C
~SF
166
C
RECTRON


▲Up To Search▲   

 
Price & Availability of SF164C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X