Part Number Hot Search : 
S1T8501 MAX8730 1N498 BACT0 BF457 UFR3280 W9816 SH7615
Product Description
Full Text Search
 

To Download Q67000-S127 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSP 318 S
SIPMOS (R) Small-Signal Transistor
* N channel * Enhancement mode * Logic Level * Avalanche rated * VGS(th) = 1.2 ...2.0 V Pin 1 G Pin 2 D Pin 3 S Pin 4 D
Type
VDS 60 V
ID 2.6 A
RDS(on) 0.15
Package
Marking
Ordering Code
BSP 318 S
SOT-223
BSP 318 S
Q 67000-S127
Maximum Ratings Parameter Symbol Values Unit
Continuous drain current
TA = 25 C TA = 100 C
ID
A 2.6 1.7
DC drain current, pulsed
TA = 25 C
IDpuls
10.4
E AS
Avalanche energy, single pulse
ID = 2.6 A, V DD = 25 V, RGS = 25 L = 10 mH, Tj = 25 C
mJ
60
E AR IAR
Avalanche energy, periodic limited by Tj(max) Avalanche current, repetitive,limited by Tj(max) Reverse diode dv/dt
IS = 2.6 A, VDS = 40 V, di/dt = 200 A/s Tjmax = 150 C
0.18 2.6 A KV/s
dv/dt
6
V GS P tot
Gate source voltage Power dissipation
TA = 25 C
14
1.8
V W
Semiconductor Group
1
29/01/1998
BSP 318 S
Maximum Ratings Parameter Symbol Values Unit
Chip or operating temperature Storage temperature Thermal resistance, chip to ambient air 1) Thermal resistance, junction-soldering point 1) IEC climatic category, DIN IEC 68-1
Tj Tstg RthJA RthJS
-55 ... + 150 -55 ... + 150
C
70
17 55 / 150 / 56
K/W
1) Transistor on epoxy pcb 40 mm x 40 mm x 1,5 mm with 6 cm2 copper area for drain connection
*) MIL STD 883, Method 3015, Class 2
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Values typ. max. Unit
Drain- source breakdown voltage
V GS = 0 V, ID = 0.25 mA, Tj = 25 C
V (BR)DSS
V 60 -
Gate threshold voltage
V GS=V DS, ID = 20 A
V GS(th)
1.2
IDSS
1.6
2 A
Zero gate voltage drain current
V DS = 60 V, V GS = 0 V, Tj = -40 C V DS = 60 V, V GS = 0 V, Tj = 25 C V DS = 60 V, V GS = 0 V, Tj = 150 C
IGSS
0.1 -
0.1 1 100 nA
Gate-source leakage current
V GS = 20 V, VDS = 0 V
RDS(on)
10
100
Drain-Source on-state resistance
V GS = 4.5 V, ID = 2.6 A V GS = 10 V, ID = 2.6 A
0.12 0.07 0.15 0.09
Semiconductor Group
2
29/01/1998
BSP 318 S
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Values typ. max. Unit
Transconductance
V DS 2 * ID * RDS(on)max, ID = 2.6 A
gfs
S 2.4 5.6 pF 300 380
Input capacitance
V GS = 0 V, V DS = 25 V, f = 1 MHz
Ciss
Output capacitance
V GS = 0 V, V DS = 25 V, f = 1 MHz
Coss
Crss
90
120
Reverse transfer capacitance
V GS = 0 V, V DS = 25 V, f = 1 MHz
td(on)
50
65 ns
Turn-on delay time
V DD = 30 V, VGS = 4.5 V, ID = 2.6 A RG = 16
tr
12
20
Rise time
V DD = 30 V, VGS = 4.5 V, ID = 2.6 A RG = 16
td(off)
15
25
Turn-off delay time
V DD = 30 V, VGS = 4.5 V, ID = 2.6 A RG = 16
tf
20
30
Fall time
V DD = 30 V, VGS = 4.5 V, ID = 2.6 A RG = 16
Qg(th)
15
25 nC
Gate charge at threshold
V DD = 40 V, ID 0.1 A, V GS 0 to 1 V
Qg(5)
0.4
0.6
Gate Charge at 5.0 V
V DD = 40 V, ID = 2.6 A, V GS 0 to 5 V
Qg(total)
7
10
Gate Charge total
V DD = 40 V, ID = 2.6 A, V GS 0 to 10 V
V (plateau)
14
20 V
Gate plateau voltage
V DS = 40 V, ID = 2.6 A
-
3.6
-
Semiconductor Group
3
29/01/1998
BSP 318 S
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Values typ. max. Unit
Reverse Diode
Inverse diode continuous forward current
TA = 25 C
IS
A 2.6
Inverse diode direct current,pulsed
TA = 25 C
ISM
V SD
-
10.4 V
Inverse diode forward voltage
V GS = 0 V, IF = 5.2 A
trr
0.95
1.2 ns
Reverse recovery time
V R = 30 V, IF=lS, diF/dt = 100 A/s
Qrr
50
75 C
Reverse recovery charge
V R = 30 V, IF=lS, diF/dt = 100 A/s
-
0.1
0.15
Semiconductor Group
4
29/01/1998
BSP 318 S
Power dissipation Ptot = (TA)
Drain current ID = (TA) parameter: VGS 4 V
2.8 A 2.4
2.0 W Ptot 1.6 1.4 1.2 ID
2.2 2.0 1.8 1.6
1.0 0.8 0.6 0.4 0.2 0.0 0 20 40 60 80 100 120 C 160
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 20 40 60 80 100 120 C 160
TA
TA
Safe operating area ID=f(VDS) parameter : D = 0, TC=25C
Transient thermal impedance Zth JA = (tp) parameter: D = tp / T
10 2 K/W 10 1 ZthJC 10 0
10 -1 D = 0.50 0.20 0.10 10 -3 single pulse 10
-4
10 -2
0.05 0.02 0.01
10 -5 -8 -7 -6 -5 -4 -3 -2 -1 0 10 10 10 10 10 10 10 10 s 10
tp
Semiconductor Group
5
29/01/1998
BSP 318 S
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
6.0 A 5.0 ID 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0
a c
Typ. drain-source on-resistance RDS (on) = (ID) parameter: tp = 80 s, Tj = 25 C
0.45
a b
Ptot = 2W
g jhf e i d l k
VGS [V] a 2.5 b c d e f g h i j k 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 8.0 10.0
RDS (on)0.35 0.30 0.25 0.20
c
0.15
d
bl
0.10 0.05 0.00 V 5.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
VGS [V] =
a 2.5 3.0 b 3.5 c 4.0 d 4.5 e f 5.0 5.5 g 6.0 i h 6.5 7.0 j 8.0
f i gj kh
e
k 10.0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
A
5.0
VDS
ID
Typ. transfer characteristics ID = f(VGS)
parameter: tp = 80 s
VDS 2 x ID x RDS(on)max
15 A 13
ID
12 11 10 9 8 7 6 5 4 3 2 1 0 0 1 2 3 4 5 6 7 8 V
VGS
10
Semiconductor Group
6
29/01/1998
BSP 318 S
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 2.6 A, VGS = 4.5 V
0.38
Gate threshold voltage
V GS(th) = f ( Tj )
parameter:VGS=V DS,ID = 20 A
3.0 V 2.6
VGS(th)
0.32 RDS (on) 0.28 0.24 0.20 0.16 0.12 0.08 0.04 0.00 -60 -20 20 60 100 C 160
2.4 2.2 2.0 1.8
98% typ
1.6 1.4 1.2 1.0 0.8 0.6
typ max
0.4 0.2 0.0 -60 -20 20 60 100 140 V
Tj
min
200
Tj
Typ. capacitances
C = f (VDS)
parameter:VGS=0V, f = 1 MHz
10 3
Forward characteristics of reverse diode IF = (VSD) parameter: Tj, tp = 80 s
10 2
A
C
pF
IF
Ciss
10 1
10 2
Coss
Crss
10 0 Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 1 0
5
10
15
20
25
30
V
VDS
40
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
29/01/1998
BSP 318 S
Avalanche energy EAS = (Tj) parameter: ID = 2.6 A, VDD = 25 V RGS = 25 , L = 10 mH
65 mJ 55 EAS 50 45 40 35
Typ. gate charge VGS = (QGate) parameter: ID puls = 3 A
16
V VGS
12
10
8 30 25 20 15 10 5 0 20 40 60 80 100 120 C 160 0 0 4 8 12 16 22 4 6 0,2 VDS max 0,8 VDS max
2
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj)
71 V 68
V(BR)DSS
66 64 62
60 58
56 54 -60 -20 20 60 100 C 160
Tj
Semiconductor Group
8
29/01/1998


▲Up To Search▲   

 
Price & Availability of Q67000-S127

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X