Part Number Hot Search : 
MV529X D1013 HBD2C5N KSD5070 6846AL 65C10 MFC8021A C2412A
Product Description
Full Text Search
 

To Download PI49FCT3807 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PI49FCT3807
3.3V Fast CMOS Clock Driver
Features
3.3V version of PI49FCT807 Ultra low skew: 0.35ns Low Input Capacitance Minimum duty cycle distortion 1:10 fanout High speed: 3.5ns propagation TTL input and CMOS output compatible - VOH = 3.3V (typical) - VOH = 0.3V (typical) * Industrial operation at -40C to 85C * Packaging (Pb-free & Green available): - 20-pin 300-mil wide SOIC (S) - 20-pin 150-mil wide QSOP (Q) - 20-pin 209mil wide SSOP (H) * * * * * * *
Description
Pericom Semiconductor's PI49FCT3807 is a 3.3V 1-to-10 clock driver. This low skew clock driver features one input and ten outputs fanout. The large fanout from a single input line reduces loading on input clock. TTL level ouputs reduce noise levels on the part. Typical applications are clock and signal distribution.
Pin Configuration
A B0 B1 B2 B3 B4 GND B0 VCC B1 GND B2 VCC B3 GND 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC B9 B8 GND B7 VCC B6 GND B5 B4
Block Diagram
A B5 B6 B7 B8 B9
Pin Description
Pin Name A B0 - B9 GND VCC Description Input Outputs Ground Power
1
PS7010D
09/08/04
PI49FCT3807 3.3V Fast CMOS Clock Driver Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ............................................................ -65C to +150C Ambient Temperature with Power Applied ........................... -40C to +85C Supply Voltage to Ground Potential (Inputs & VCC Only).....-0.5V to +7.0V Supply Voltage to Ground Potential (Outputs & D/O Only) ..-0.5V to +7.0V DC Input Voltage ....................................................................-0.5V to +7.0V DC Output Current............................................................................... 120mA Power Dissipation ................................................................................... 0.5W
Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
DC Electrical Characteristics (TA = -40C to +85C VCC = 3.3V 0.3V)
Symbol VOH Parameters Output High Voltage Test Conditions(1) Min. VCC -0.2 2.4(3) Typ. 3.0 0.2 0.3 2.0 -0.5 0.2 0.4 0.5 5.5 0.8 1 -1 -0.7 -35 50 -60 -60 90 -135 150 -1.2 -110 200 -240 mV mA A V V Max. Units VCC = Min., VIN = VIL or VIH VCC = Min., VIN = VIL or VIH IOH = -0.1mA IOH = -8mA IOH = 0.1mA IOH = 16mA IOH = 24mA
VOL VIH VIL IIH IIL VIK IODH IODL IOS VH
Output Low Voltage Input High Voltage Input Low Voltage Input High Current Input Low Current Clamp Diode Voltage Output High Output Low Short Circuit Current(4, 5) Current(4, 5) Current(4, 5)
Guaranteed Logic HIGH Level (Input Pins) Guaranteed Logic LOW Level (Input Pins) VCC = Max. VCC = Max. VIN = VCC VIN = GND
VCC = Min., IIN = -18mA VOUT = 1.5V, VIN = VIL or VIH, VCC = 3.3V VOUT = 1.5V, VIN = VIL or VIH, VCC = 3.3V VCC = Max., VOUT = GND
Input Hysteresis
Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 3.3V, +25C ambient and maximum loading. 3. VOH = VCC - 0.6V at rated current. 4. This parameter is determined by device characterization but is not production tested. 5. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
2
PS7010D
09/08/04
PI49FCT3807 3.3V Fast CMOS Clock Driver Power Supply Characteristics
Parameters ICC ICC Description Quiescent Power Supply Current Supply Current per Inputs @ TTL HIGH Supply Current per Input per MHz(4) VCC = Max. VCC = Max. VCC = Max., Outputs Open Per Output Toggling 50% Duty Cycle Test Conditions(1) VIN = GND or VCC VIN = VCC 0.6V(3) Min. -- -- Typ(2) 3 2.0 Max. 30 A 300 Units
ICCD
VIN = VCC, VIN = GND
--
mA/ MHz
Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device. 2. Typical values are at VCC = 3.3V, +25C ambient. 3. Per TTL driven input (VIN = VCC - 0.6V); all other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the IC formula. These limits are guaranteed but not tested.
Capacitance (TA = 25C, f = 1 MHz)
Parameters(1) Description Input Capacitance Output Capacitance Test Conditions VIN = 0V VOUT = 0V Typ 4.5 5.5 Max. 6.0 8.0 Units pF CIN COUT
Notes: 1. This parameter is determined by device characterization but is not production tested.
Switching Characteristics over Operating Range
Symbol tPLH tPHL tSK(o) tSK(P) Description Propagation Delay A to BN Skew between two outputs of same package(3) Skew between opposite transitions of the same output (tPHL - tPHL)(3) Skew between outputs of different packages at the same power supply, temp. and speed grade(3) CL = 50pF RL = 500 Test Conditions 3807 Com. Min. 1.5 Max. 4.5 0.5 0.5 3807A Com. Min. 1.5 Max. 4.0 0.5 0.5 3807B Com. Min. 1.5 Max. 3.8 0.35 0.35 3807C Com. Min. 1.5 Max. 3.5 0.35 0.35 ns Units
tSK(t)
1.0
1.0
0.75
0.75
Notes: 1. See test circuits and waveforms 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. These parameters are guaranteed by design.
3
PS7010D
09/08/04
PI49FCT3807 3.3V Fast CMOS Clock Driver Tests Circuits for All Outputs(1)
VDD
Switch Position
Test Disable LOW Enable LOW Switch 6V GND Open
Pulse Generator
VIN
VOUT
D.U.T.
RT
Disable HIGH Enable HIGH All Other Inputs
CL
Definitions: 1. CL = Load capacitance: includes jig and probe capacitance. 2. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Switching Waveforms
Propagation Delay
3V Input tPLH Output tR tPHL 1.5V 0V VOH 1.5V VOL tSK(p) = tPHL - tPLH Output
Pulse Skew - tSK(p)
3V Input tPLH tPHL 1.5V 0V VOH 1.5V VOL
2.0V 0.5V
tF
Output Skew - tSK(o)
3V Input tPLHx Ox tSK(o) Oy tPLHy tPHLy tSK(o) tPHLx 1.5V 0V VOH 1.5V VOL VOH 1.5V VOL
Package Skew - tSK(t)
3V Input tPLH1 Package 1 Output tSK(t) Package 2 Output tPLH2 tPHL2 tSK(t) tPHL1 1.5V 0V VOH 1.5V VOL VOH 1.5V VOL
tSK(o) = tPLHy - tPLHx or tPHLy - tPHLx
tSK(t) = tPLH2 - tPLH1 or tPHL2 - tPHL1
4
PS7010D
09/08/04
PI49FCT3807 3.3V Fast CMOS Clock Driver Packaging Mechanical: 20-pin SOIC (S)
20
.2914 .2992
7.40 7.60
.010 .029
1
0.254 x 45 0.737
.496 12.60 .511 12.99
0-8
.0091 .0125
0.23 0.32
.020 0.508 REF .030 0.762
0.41 .016 1.27 .050
.0926 .1043
2.35 2.65
SEATING PLANE
.394 .419 10.00 10.65
.050 BSC 1.27
.013 .020 0.33 0.51
.0040 .0118
0.10 0.30
X.XX DENOTES CONTROLLING X.XX DIMENSIONS IN MILLIMETERS
Packaging Mechanical: 20-pin QSOP (Q)
20
.008 0.20 MIN.
.150 .157
3.81 3.99
Guage Plane
.008 .013 0.20 0.33
1
.337 8.56 .344 8.74
.010 0.254
Detail A
.016 .035 0.41 0.89
.041 1.04 REF
0-6
.058 REF 1.47
.053 1.35 .069 1.75
.015 x 45 0.38
Detail A
SEATING PLANE
.007 .010
0.178 0.254
.016 .050
.025 BSC 0.635
0.41 1.27
.008 0.203 .012 0.305
.004 0.101 .010 0.254
.228 .244 5.79 6.19
X.XX DENOTES DIMENSIONS X.XX IN MILLIMETERS
5
PS7010D
09/08/04
PI49FCT3807 3.3V Fast CMOS Clock Driver Packaging Mechanical: 20-pin SSOP (H)
20
.197 .220
5.00 5.60
1
.272 .295 6.90 7.50
.078 2.00 Max
SEATING PLANE
.004 .009
0.09 0.25
0.55 .022 0.95 .037
.291 .322 7.40 8.20
.0256 BSC 0.65
.0098 Max. 0.25
.002 Min 0.050
X.XX DENOTES DIMENSIONS X.XX IN MILLIMETERS
6
PS7010D
09/08/04
PI49FCT3807 3.3V Fast CMOS Clock Driver Ordering Information
Ordering Code PI49FCT3807S PI49FCT3807SE PI49FCT3807Q PI49FCT3807QE PI49FCT3807H PI49FCT3807HE PI49FCT3807AS PI49FCT3807ASE PI49FCT3807AQ PI49FCT3807AQE PI49FCT3807AH PI49FCT3807AHE PI49FCT3807BS PI49FCT3807BSE PI49FCT3807BQ PI49FCT3807BQE PI49FCT3807BH PI49FCT3807BHE PI49FCT3807CS PI49FCT3807CSE PI49FCT3807CQ PI49FCT3807CQE PI49FCT3807CH PI49FCT3807CHE Package Code S S Q Q H H S S Q Q H H S S Q Q H H S S Q Q H H Speed Grade Blank Blank Blank Blank Blank Blank A A A A A A B B B B B B C C C C C C Package Desciption 20-pin, 300-mil SOIC Pb-free & Green, 20-pin, 300-mil SOIC 20-pin, 150-mil QSOP Pb-free & Green, 20-pin, 150-mil QSOP 20-pin, 209-mil SSOP Pb-free & Green, 20-pin, 209-mil SSOP 20-pin, 300-mil SOIC Pb-free & Green, 20-pin, 300-mil SOIC 20-pin, 150-mil QSOP Pb-free & Green, 20-pin, 150-mil QSOP 20-pin, 209-mil SSOP Pb-free & Green, 20-pin, 209-mil SSOP 20-pin, 300-mil SOIC Pb-free & Green, 20-pin, 300-mil SOIC 20-pin, 150-mil QSOP Pb-free & Green, 20-pin, 150-mil QSOP 20-pin, 209-mil SSOP Pb-free & Green, 20-pin, 209-mil SSOP 20-pin, 300-mil SOIC Pb-free & Green, 20-pin, 300-mil SOIC 20-pin, 150-mil QSOP Pb-free & Green, 20-pin, 150-mil QSOP 20-pin, 209-mil SSOP Pb-free & Green, 20-pin, 209-mil SSOP
Notes: 1. Thermal Characteristics can be found on the web at www.pericom.com/packaging/
Pericom Semiconductor Corporation * 1-800-435-2336 * www.pericom.com
7
PS7010D 09/08/04


▲Up To Search▲   

 
Price & Availability of PI49FCT3807

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X