Part Number Hot Search : 
FR16C100 EE08686 EV9800 PST9244 P1000 MBT2222 NCV33 S1308M
Product Description
Full Text Search
 

To Download PI49FCT32807 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PI49FCT32807
3.3V 1:10 CMOS Clock Driver
Features
* * * * * * * * * * Low skew: < 200ps Fast switching frequency >133 MHz Fast output rise/fall time < 1.5ns Low propagation delay < 2.5ns Low input capacitance < 6.0pF 5V I/O Tolerant input Rail-to-Rail CMOS outputs Industrial Temperature: -40C to +85C 3.3V 10% operation Packaging (Pb-free & Green Available): - 20-pin 300-mil wide SOIC (S) - 20-pin 150-mil wide QSOP (Q) - 20-pin 209-mil wide SSOP (H)
Description
Pericom Semiconductor's PI49FCT32807 is a 3.3V very lowskew clock buffer that produces ten outputs from a single lowcapacitance input. Excellent output signals to power and ground ratio minimize power and ground noise, and also improves output performance. The PI49FCT32807 integrates series damping resistors on all outputs.
Pin Configuration
A GND B0 VCC B1 GND B2 VCC B3 GND 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC B9 B8 GND B7 VCC B6 GND B5 B4
Block Diagram
B0 B1 B2 B3 B4 A B5 B6
Pin Description
Pin Name A B0-B9 GND VCC Input Outputs Ground Power Description
B7 B8 B9
1
PS8496A
09/08/04
PI49FCT32807 3.3V 1:10 CMOS Clock Driver
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ............................................................ -65C to +150C Ambient Temperature with Power Applied ........................... -40C to +85C Supply Voltage to Ground Potential (Inputs & VCC Only).....-0.5V to +7.0V Supply Voltage to Ground Potential (Outputs & D/O Only) ..-0.5V to +7.0V DC Input Voltage ....................................................................-0.5V to +7.0V DC Output Current............................................................................... 120mA Power Dissipation ................................................................................... 0.5W
Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
DC Electrical Characteristics (Over the Operating Range)
Symbol VOH VOL VIH VIL IIH IIL VIK IOH IOL IOS VH RS Parameter Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Input High Current Input Low Current Clamp Diode Voltage Output HIGH Current Output LOW Current Short Circuit(5) Current Input Hysteresis Internal Series Resistor
Test Condition(1) IOH = -8mA IOL = 12mA
Min. 2.4 2.0 -0.5
Typ. 3.0 0.4
Max. 0.5 505 0.8 1 -1
Units
VCC = 3V, VIN = VIH or VIL VCC = 3V VIH or VIL
Guaranteed Logic HIGH Level (Input pins) Guaranteed Logic LOW Level (Input pins) VCC = 3.6V VCC = 3.6V VCC = Min., IIN = -18mA VCC = 3.3V, VIN =VIL or VIH, VOUT = VCC = 3.3V, VIN =VIL or VIH, VOUT = VCC = Max., VOUT = GND(5) VIN = 3.6V VIN = 0V
V
A V mA mV
-0.7 1.5V(5) 1.5V(5) -25 25 -50 -45 45 -100 150 22
-1.2 -80 90 -180
Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 3.3V, +25C ambient and maximum loading. 3. VOH = VCC - 0.6V at rated current. 4. This parameter is determined by device characterization but is not production tested. 5. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
2
PS8496A
09/08/04
PI49FCT32807 3.3V 1:10 CMOS Clock Driver Power Supply Characteristics
Parameters ICC ICC Description Quiescent Power Supply Current Supply Current per Inputs @ TTL HIGH Supply Current per Input per MHz(4) Test Conditions(1) VCC = Max. VCC = Max. VCC = Max., Outputs Open Per Output Toggling 50% Duty Cycle VIN = GND or VCC VIN = VCC - 0.6V(3) VIN = VCC VIN = GND Min. -- -- Typ(2) 0.1 47 Max. 30 A 300 mA/ MHz Units
ICCD
--
0.08
0.16
Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device. 2. Typical values are at VCC = 3.3V, +25C ambient. 3. Per TTL driven input (VIN = VCC - 0.6V); all other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the IC formula. These limits are guaranteed but not tested.
Capacitance (TA = 25C, f = 1 MHz)
Parameters(1) Description Input Capacitance Output Capacitance Test Conditions VIN = 0V VOUT = 0V Typ 3.0 Max. 4 6 Units pF CIN COUT
Notes: 1. This parameter is determined by device characterization but is not production tested.
Maximum Switching Characteristics (Over operating range)
Symbol tPLH tPHL tR/tF tSK(P) tSK(O) tSK(I) FIN Description Propagation Delay A to BN(3) Rise/Fall Time(2) Pulse Skew, same package(1, 2) package(1, 2) CL = 15pF Output Skew, same package(1, 2) Package Skew, different Input Frequency(1, 2) Condition CL = 15pF 0.8V - 2.0V Max. 2.5 1.5 0.35 0.20 0.55 133
Units(3)
ns
MHz
Notes: 1. Other loading condition is described on page 4, "Test Circuits for All Outputs." 2. These parameters are guaranteed by design. 3. Minimum propagation delay of 1.5ns is guaranteed by design.
3
PS8496A
09/08/04
PI49FCT32807 3.3V 1:10 CMOS Clock Driver Switching Waveforms
Propagation Delay
3V Input tPLH
Output
tR
Pulse Skew - tSK(p)
3V Input tPLH
Output
tPHL
1.5V
tPHL
1.5V 0V
VOH
1.5V VOL
tSK(p) = tPHL - tPLH
0V
VOH
1.5V VOL
2.0V
0.5V
tF
Output Skew - tSK(o)
3V Input tPLHx
Package Skew - tSK(t)
1.5V
3V Input tPLH1
Package 1 Output
tSK(t)
Package 2 Output
tPLH2
tPHL2
tPHLx
0V
1.5V
tPHL1
VOH
0V
VOH
1.5V
tSK(t)
Ox
1.5V
tSK(o)
tSK(o)
VOL
VOL
VOH
1.5V VOL
VOH
Oy
1.5V
tPLHy
tPHLy
VOL
tSK(o) = tPLHy - tPLHx or tPHLy - tPHLx
tSK(t) = tPLH2 - tPLH1 or tPHL2 - tPHL1
Tests Circuits for All Outputs
VCC
Pulse Generator f = 125MHz
D.U.T.
50
CL 15pF
4
PS8496A
09/08/04
PI49FCT32807 3.3V 1:10 CMOS Clock Driver Packaging Mechanical: 20-pin SOIC (S)
20
.2914 7.40 .2992 7.60
.010 .029
1
0.254 x 45 0.737
.496 12.60 .511 12.99
0-8
.0091 .0125
0.41 .016 1.27 .050
0.23 0.32
.020 0.508 REF .030 0.762
.0926 2.35 .1043 2.65
SEATING PLANE
.394 .419 10.00 10.65
.050 BSC 1.27
.013 .020 0.33 0.51
.0040 .0118
0.10 0.30
X.XX DENOTES CONTROLLING X.XX DIMENSIONS IN MILLIMETERS
Packaging Mechanical: 20-pin SSOP (H)
20
.197 .220
5.00 5.60
1
.272 .295 6.90 7.50
.078 2.00 Max
SEATING PLANE
.004 .009
0.09 0.25
0.55 .022 0.95 .037
.291 .322 7.40 8.20
.0256 BSC 0.65
.0098 Max. 0.25
.002 Min 0.050
X.XX DENOTES DIMENSIONS X.XX IN MILLIMETERS
5
PS8496A
09/08/04
PI49FCT32807 3.3V 1:10 CMOS Clock Driver Packaging Mechanical: 20-pin QSOP (Q)
20
.008 0.20 MIN.
.150 .157
3.81 3.99
Guage Plane
.008 .013 0.20 0.33
1
.010 0.254
.337 8.56 .344 8.74
Detail A
.016 .035 0.41 0.89
.041 1.04 REF
0-6
.058 REF 1.47
.053 1.35 .069 1.75
SEATING PLANE
.015 x 45 0.38
Detail A
.007 .010
0.178 0.254
.016 .050
0.41 1.27
.025 BSC 0.635
.008 0.203 .012 0.305
.004 0.101 .010 0.254
.228 .244 5.79 6.19
X.XX DENOTES DIMENSIONS X.XX IN MILLIMETERS
Ordering Information
Ordering Code PI49FCT32807H PI49FCT32807HE PI49FCT32807Q PI49FCT32807QE PI49FCT32807S PI49FCT32807SE Package Code H H Q Q S S Package Description 20-pin 209-mil SSOP Pb-free & Green, 20-pin 209-mil SSOP 20-pin 150-mil QSOP Pb-free & Green, 20-pin 150-mil QSOP 20-pin 300-mil SOIC Pb-free & Green, 20-pin 300-mil SOIC
Notes: 1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/ 2. Number of Transistors = TBD
Pericom Semiconductor Corporation * 1-800-435-2336 * www.pericom.com
6
PS8496A 09/08/04


▲Up To Search▲   

 
Price & Availability of PI49FCT32807

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X