Part Number Hot Search : 
L5R0E 2SD1508 5233B AQ111 P3914 A2000 50006 B3NK60
Product Description
Full Text Search
 

To Download PI49FCT32805 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI49FCT32805
3.3V, 2 x 1:5 CMOS Clock Driver
Features

Low output skew: <270ps Switching frequency of 133 MHz Fast output rise/fall time <1.5ns Low propagation delay <3.0ns Low input capacitance <6.0pF Balanced CMOS outputs Industrial Temperature: 40C to +85C 3.3V 10% operation Packages available: 20-pin 300-mil wide SOIC (S) 20-pin 150-mil wide QSOP (Q) 20-pin 209-mil wide SSOP (H)
Description
Pericom Semiconductors PI49FCT series of logic circuits are produced using the Companys advanced submicron CMOS technology to achieve fast speed, low skew, fast slew rate, and low propagation delay for most computing and communication applications. The PI49FCT32805 are non-inverting drivers. The outputs are configured into 2 groups of 1-in, 5-out with independent output enable. Group B has an extra MON output. Excellent output signals to power and ground ratio minimize power and ground noise, and also improves output performance. PI49FCT32805 integrate series damping resistors on all outputs.
PI49FCT32805 Logic Block Diagram
OEA 5 INA OA0-4
PI49FCT32805 Product Pin Configuration
VCCA OA0 OA1 OA2 GNDA OA3 OA4 GNDQ OEA INA 1 20 2 19 3 18 4 17 20-Pin 5 H,Q,S 16 6 15 7 14 8 13 9 12 10 11 VCCB OB0 OB1 OB2 GNDB OB3 OB4 MON OEB INB
5 INB OEB OB0-4
MON
Product Pin Description
Pin Name OEA, OEB INA, INB OAN, OBN MON GND VCC Description Hi-Z State Output Enable Inputs (Active LOW) Clock Inputs Clock Outputs Monitor Output Ground Power
PI49FCT32805 Truth Table(1)
Inputs OEA, OEB L L H H INA, INB L H L H Outputs OAN, OBN MON L L H H Z L Z H
Note: 1. H = High Voltage Level L = Low Voltage Level Z = High Impedance
PS8494 08/09/00
1
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI49FCT32805 3.3V, 2 x 1:5 CMOS Clock Driver
Capacitance (TA = 25C, f = 1 MHz)
Parameters(1) CIN COUT Description Input Capacitance Output Capacitance Test Conditions VIN = 0V VOUT = 0V Typ 3.0 Max. 4 6 Units pF pF
Note: 1.This parameter is determined by device characterization but is not production tested.
Maximum Ratings - (Above which the useful life may be impaired. For user guidelines, not tested.)
Storage Temperature ............................................................ 65C to +150C Ambient Temperature with Power Applied ........................... 40C to +85C Supply Voltage to Ground Potential (Inputs & Vcc Only) ...... 0.5V to +4.6V Supply Voltage to Ground Potential (Outputs & I/O Only) .... 0.5V to +4.6V DC Input Voltage .................................................................... 0.5V to +4.6V DC Output Current ............................................................................. 120 mA Power Dissipation ................................................................................. 0.5W
Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Operating Range Ambient Temperature = 40C to +85C, Vcc = 3.3V 0.3V DC Electrical Characteristics (Over the Operating Range)
Symbol VOH D e s cription O utput high voltage VCC = 3.0V VIN = VIL or VIH O utput low voltage VCC = 3.0V VIN = VIL or VIH Input high voltage Input low voltage Input high current Input low current High impedance output current Clamp diode voltage O utput HIGH(4) current O utput LO W(4) current Short circuit(5) current Internal series resistor IOH = 8mA Te s t Conditions (1) M in. 2.4(3) 2.0 0.5 VOUT = VCC VOUT = GND 25 25 50 Typ.(2) 3.0 M ax. Units
VOL
IOL = 12mA LO W logic HIGH logic VCC = max., VIN = VCC VCC = max., VIN = GND VCC = max, all outputs disabled VCC = min., IIN = 18mA VOUT = 1.5V, VIN = VIL or VIH VCC = 3.3V VOUT = 1.5V, VIN = VIL or VIH VCC = 3.3V VCC = max. VOUT = GND
0.4 0.9 55 45 100 22
0.5 VCC- 0.2 0.8 1 1 1 1 1.2 80 90 180
V
VIH VIL IIH IIL IOZH IOZL VIK IOH IOL Ios Rs
A
V
mA
O hm
Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 3.3V, +25C ambient and maximum loading. 3. VOH = VCC 0.6V at rated current. 4. This parameter is determined by device characterization but is not production tested. 5. Not more than one output should be shorted at one time. Duration of the test should not exceed one second. 2
PS8494 08/09/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI49FCT32805 3.3V, 2 x 1:5 CMOS Clock Driver
Power Supply Characteristics
Parameters Description ICC ICC ICCD Quiescent Power Supply Current Supply Current per Inputs @ TTL HIGH Supply Current per Input per MHz(4) VCC = Max. VCC = Max. VCC = Max., Outputs Open OEA or OEB = GND Per Output Toggling 50% Duty Cycle VCC = Max., Outputs Open fO = 10 MHZ 50% Duty Cycle OEA or OEB = GND Mon. Outputs Toggling VCC = Max., Outputs Open fO = 2.5 MHZ 50% Duty Cycle OEA or OEB = GND Eleven Outputs Toggling Test Conditions(1) VIN = GND or VCC VIN = VCC - 0.6V(3) VIN = VCC VIN = GND Min. -- -- -- Typ(2) 0.1 110 0.09 Max. 30 300 0.16 Units A A mA/ MHZ
IC
VIN = VCC VIN = GND VIN = VCC - 0.6V VIN = GND VIN = VCC VIN = GND VIN = VCC - 0.6V VIN = GND
--
1.3
9.0(5)
--
1.3
10.0(5) mA
--
4.4
6.0
(5)
--
4.4
7.0(5)
Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device. 2. Typical values are at VCC = 3.3V, +25C ambient. 3. Per TTL driven input (VIN = VCC 0.6V); all other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the IC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fONO) ICC = Quiescent Current ICC = Power Supply Current for a TTL High Input (VIN = VCC 0.6V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL) fO = Output Frequency NO = Number of Outputs at fO All currents are in milliamps and all frequencies are in megahertz.
3
PS8494
08/09/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI49FCT32805 3.3V, 2 x 1:5 CMOS Clock Driver
Switching Characteristics over Operating Range
Symbol De s cription Propagation Delay A to Bn(3) Rise/Fall Time(2) 0.5V - 2.0V Pulse Skew(2) Condition 15pF M ax.(2) 3.0 Units
Switch Position
Te s t Disable LOW Enable LOW Disable HIGH Enable HIGH All Other Inputs Switch 6V GND Open
tPLH tPHL tR/tF tSK (p)
15pF Same Output Same Package, Same Bank Same Device, Same Bank 15pF 15pF
1.5 0.35 0.27 0.55 5.2 133 MHz
ns
tSK (o) Output Skew(2) tSK (t)
Package Skew(2)
Definitions: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
tZL, tZH, Enable/Disable Time tLZ, tHZ FM A X Input Frequency
Note: 1. Lumped load, CL = 15pF 2. These parameters are guaranteed by design 3. Minimum propagation delay of 1.5ns is guaranteed but not tested.
Tests Circuits for FIN >100 MHz(2)
VCC
Enable/Disable Time Test Set-Up
6V
Pulse Generator f = 125MHz 50
Sw
D.U.T.
VCC 500
CL = 15pF
Pulse Generator RT
D.U.T. CL = 15pF
500
RT = Termination resistance, should be equal to ZOUT of the pulse generators.
4
PS8494
08/09/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI49FCT32805 3.3V, 2 x 1:5 CMOS Clock Driver
SWITCHING WAVEFORMS
Propagation Delay
3V Input tPLH Output tPHL VOH 1.5V VOL 1.5V 0V
Output Skew tSK(o)
3V Input tPLHx Ox
tSK(o) tSK(o)
1.5V 0V tPHLx VOH 1.5V VOL VOH
Oy
1.5V tPLHy VOL tPHLy
Enable and Disable Times
Enable OE Disable 3V 1.5V 0V tPZL Output Normally Low 3.0V Switch Closed 1.5V 0.3V tPHZ 0.3V 1.5V 0V 0V VOH VOL tPLZ 3.0V
tSK(o) = | tPLHy - tPLHx | or | tPHLy - tPHLx |
Pulse Skew tSK(p)
3V Input tPLH Output tPHL VOH 1.5V VOL tSK(p) = | tPHL - tPLH | 1.5V 0V
tPZH Output Normally High
Switch Open
Package Skew tSK(t)
3V Input tPLH1 Package 1 Output
tSK(t) tSK(t)
1.5V 0V tPHL1 VOH 1.5V VOL VOH
Package 2 Output tPLH2
1.5V VOL tPHL2
tSK(t) = | tPLH2 - tPLH1 | or | tPHL2 - tPHL1 |
5
PS8494
08/09/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI49FCT32805 3.3V, 2 x 1:5 CMOS Clock Driver
20-Pin SOIC Package Drawing (S)
20
.2914 .2992
7.40 7.60 .010 .029 0.254 x 45 0.737
1 .496 12.60 .511 12.99 .0091 .0125 0.41 .016 1.27 .050 .0926 .1043 2.35 2.65 SEATING PLANE .394 .419 10.00 10.65 0.23 0.32
0-8
.020 0.508 REF .030 0.762
.050 BSC 1.27
.013 .020 0.33 0.51
.0040 .0118
0.10 0.30 X.XX DENOTES CONTROLLING X.XX DIMENSIONS IN MILLIMETERS
20-Pin QSOP Package Drawing (Q)
20
.150 .157
3.81 3.99 .015 x 45 0.38
1 .337 8.56 .344 8.74 .016 .050 .053 1.35 .069 1.75 SEATING PLANE 0.41 1.27 .007 .010 0.178 0.254
.058 REF 1.47
.228 .244 5.79 6.19
.025 BSC 0.635
.004 0.101 .010 0.254 .008 0.203 .012 0.305 X.XX DENOTES DIMENSIONS X.XX IN MILLIMETERS
6
PS8494
08/09/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI49FCT32805 3.3V, 2 x 1:5 CMOS Clock Driver
20-Pin SSOP Package Drawing (H)
20
.197 .220
5.00 5.60
1 .272 .295 6.90 7.50 .078 2.00 Max SEATING PLANE .002 Min 0.050
.004 .009
0.09 0.25
0.55 .022 0.95 .037 .291 .322 7.40 8.20
.0256 BSC 0.65
.0098 Max. 0.25
X.XX DENOTES DIMENSIONS X.XX IN MILLIMETERS
Ordering Information
Orde ring Code PI49FCT32805H PI49FCT32805Q PI49FCT32805S Part M arking PI49FCT32805H PI49FCT32805Q PI49FCT32805S Package Type 20- pin 209 mil SSO P 20- pin 150 mil Q SO P 20- pin 300 mil SO IC Rating Industrial Industrial Industrial
Pericom Semiconductor Corporation 2380 Bering Drive * San Jose, CA 95131 * 1-800-435-2336 * Fax (408) 435-1100 * http://www.pericom.com
7
PS8494 08/09/00


▲Up To Search▲   

 
Price & Availability of PI49FCT32805

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X