Part Number Hot Search : 
MAX1344 3ULPF 2SC35 FR105 MUR3040 2N3499L M39014 AC03D
Product Description
Full Text Search
 

To Download NNCD51C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
E.S.D NOISE CLIPPING DIODES
NNCD3.3C to NNCD12C
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (150 mW TYPE)
This product series is a diode developed for E.S.D (Electrostatic Discharge) noise protection. Based on the IEC1000-4-2 test on electromagnetic interference (EMI), the diode assures an endurance of no less than 30 kV, thus making itself most suitable for external interface circuit protection. Type NNCD3.3C to NNCD12C Series are into 2PIN Ultra Super Mini Mold Package having allowable power dissipation of 150 mW.
PACKAGE DIMENSIONS
(in millimeters)
2.1 0.1 1.3 0.1 0.3 0.05 0.8 0.1 0.15
FEATURES
* Based on the electrostatic discharge immunity test (IEC1000-42), the product assures the minimum endurance of 30 kV. * Based on the reference supply of the set, the product achieves a series over a wide range (15 product name lined up).
Cathode Indication
APPLICATIONS
0 0.05
* Circuits for Waveform clipper, Surge absorber.
MAXIMUM RATINGS (TA = 25 C)
Power Dissipation Surge Reverse Power Junction Temperature Storage Temperature P PRSM Tj Tstg 150 mW 85 W (tT = 10 s 1 pulse) 150 C -55 C to +150 C Fig. 6
Document No. D11771EJ2V0DS00 (2nd edition) Date Published December 1996 N Printed in Japan
(c)
0.11+0.05 -0.01
* External interface circuit E.S.D protection.
0.7 0.1
1996
NNCD3.3C to NNCD12C
ELECTRICAL CHARACTERISTICS (TA = 25 C)
Dynamic ImpedanceNote 2 Zz () MAX. 130 130 130 130 130 130 80 50 30 30 30 30 30 30 35 IT (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Breakdown VoltageNote 1 VBR (V) Type Number MIN. NNCD3.3C NNCD3.6C NNCD3.9C NNCD4.3C NNCD4.7C NNCD5.1C NNCD5.6C NNCD6.2C NNCD6.8C NNCD7.5C NNCD8.2C NNCD9.1C NNCD10C NNCD11C NNCD12C 3.10 3.40 3.70 4.00 4.40 4.82 5.29 5.84 6.44 7.03 7.73 8.53 9.42 10.40 11.38 MAX. 3.50 3.80 4.10 4.49 4.92 5.39 5.94 6.55 7.17 7.87 8.67 9.58 10.58 11.60 12.64 IT (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Reverse Leakage IR (A)
Capacitance Ct (pF) TEST CONDITION
E.S.D Voltage (kV) TEST CONDITION
MAX. 20 10 10 10 10 5 5 5 2 2 2 2 2 2 2
VR (V) 1.0 1.0 1.0 1.0 1.0 1.5 2.5 3.0 3.5 4.0 5.0 6.0 7.0 8.0 9.0
TYP. 220 210 200 180 170 160 140 120 110 90 90 90 80 70 70
MIN. 30 30 30 30 30 30
C = 150 pF R = 330 (IEC1000 -4-2)
VR = 0 V f = 1 MHz
30 30 30 30 30 30 30 30 30
Notes 1. Tested with pulse (40 ms) 2. Zz is measured at IT give a small A.C. signal.
2
NNCD3.3C to NNCD12C
TYPICAL CHARACTERISTICS (TA = 25 C)
Fig. 1 POWER DISSIPATION vs. AMBIENT TEMPERATURE
200 30 x 30 x 0.75 P.C.B. (Ceramic)
P - Power Dissipation - mW
150
20 x 15 x 0.75 P.C.B. (Ceramic) 10 x 7.5 x 0.75 P.C.B. (Ceramic)
100
10 x 7.5 x 0.75 P.C.B. (Glass Epoxy)
50
0
0
50
100
150
200
TA - Ambient Temperature - C
Fig. 2 IT - VBR CHARACTERISTICS
NNCD7.5C NNCD8.2C NNCD6.8C NNCD9.1C
Fig. 3 IT - VBR CHARACTERISTICS
100 m NNCD3.3C NNCD3.6C 10 m NNCD3.9C NNCD4.3C IT - On State Current - A 1m NNCD4.7C 100 10 1 100 n 10 n 1n NNCD5.1C
100 m 10 m IT - On State Current - A 1m 100 10 1 100 n 10 n 1n
NNCD11C NNCD10C NNCD12C
NNCD5.6C NNCD6.2C
0
1
2
3
4
5
6
7
8
9 10
0
7
8
9 10 11 12 13 14 15
VBR - Breakdown Voltage - V
VBR - Breakdown Voltage - V
3
NNCD3.3C to NNCD12C
Fig. 4 ZZ - IT CHARACTERISTICS
1 000 TYP.
ZZ - Dynamic Impedance -
100
NNCD5.6C
NNCD3.9C NNCD4.7C NNCD5.1C
NNCD10C 10 NNCD7.5C
1 0.1
1
10
100
IT - On State Current - mA
Fig. 5 TRANSIENT THERMAL IMPEDANCE
5 000
Zth - Transient Thermal Impedance - C/W
1 000 NNCD [ ] C
833 C/W
100
10 5 1m 10 m 100 m 1 t - Time - s 10 100
Fig. 6 SURGE REVERSE POWER RATING
1 000 TA = 25 C Non-repetitive
PRSM - Surge Reverse Power - W
PRSM
tT 100
NNCD [ ] C 10
1 1
10
100
1m
10 m
100 m
tT - Pulse Width - s
4
NNCD3.3C to NNCD12C
Sample Application Circuits
SetNote Conecter
Micro com. PC (CD ROM) Palallel Interface
Interface Cable Note Set Printer, P.D.C, T.V Game etc.
5
NNCD3.3C to NNCD12C
REFERENCE
Document Name NEC semiconductor device reliability/quality control system NEC semiconductor device reliability/quality control system Quality grade on NEC semiconductor device Semiconductor device mounting technology manual Guide to quality assurance for semiconductor device Document No. C11745E MEI-1201 C11531E C10535E MEI-1202
6
NNCD3.3C to NNCD12C
[MEMO]
7
NNCD3.3C to NNCD12C
[MEMO]
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96.5
8


▲Up To Search▲   

 
Price & Availability of NNCD51C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X