Part Number Hot Search : 
MPC949 39100 WFP640 1N4764 2SB1508 TF202 PT2262S 74AUP1G
Product Description
Full Text Search
 

To Download MX29F100T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MX29F100T/B
1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY FEATURES
* * * * 5V10% for read, erase and write operation 131072x8/ 65536x16 switchable Fast access time:55/70/90/120ns Low power consumption - 40mA maximum active current(5MHz) - 1uA typical standby current Command register architecture - Byte/ Word Programming (7us/ 12us typical) - Erase (16K-Bytex1, 8K-Bytex2, 32K-Bytex1, and 64K-Byte x1) Auto Erase (chip) and Auto Program - Automatically erase any combination of sectors or with Erase Suspend capability. - Automatically program and verify data at specified address Status Reply - Data polling & Toggle bit for detection of program and erase cycle completion. Compatibility with JEDEC standard - Pinout and software compatible with single-power supply Flash - Superior inadvertent write protection Sector protection - Hardware method to disable any combination of sectors from program or erase operations - Sector protect/unprotect for 5V only system or 5V/ 12V system 100,000 minimum erase/program cycles Latch-up protected to 100mA from -1 to VCC+1V Boot Code Sector Architecture - T = Top Boot Sector - B = Bottom Boot Sector Low VCC write inhibit is equal to or less than 3.2V Package type: - 44-pin SOP - 48-pin TSOP Ready/Busy pin(RY/BY) - Provides a hardware method or detecting program or erase cycle completion Erase suspend/ Erase Resume - Suspend an erase operation to read data from, or program data to a sector that is not being erased, then resume the erase operation. Hardware RESET pin - Hardware method of resetting the device to reading the device to reading array data. 20 years data retention
*
* * *
*
* *
*
*
*
*
*
*
*
GENERAL DESCRIPTION
The MX29F100T/B is a 1-mega bit Flash memory organized as 131,072 bytes or 65,536 words. MXIC's Flash memories offer the most cost-effective and reliable read/write non-volatile random access memory. The MX29F100T/B is packaged in 44-pin SOP and 48-pin TSOP. It is designed to be reprogrammed and erased in-system or in-standard EPROM programmers. The standard MX29F100T/B offers access time as fast as 55ns, allowing operation of high-speed microprocessors without wait states. To eliminate bus contention, the MX29F100T/B has separate chip enable (CE) and output enable (OE) controls. MXIC's Flash memories augment EPROM functionality with in-circuit electrical erasure and programming. The MX29F100T/B uses a command register to manage this functionality. The command register allows for 100% TTL level control inputs and
P/N:PM0548
fixed power supply levels during erase and programming, while maintaining maximum EPROM compatibility. MXIC Flash technology reliably stores memory contents even after 100,000 erase and program cycles. The MXIC cell is designed to optimize the erase and programming mechanisms. In addition, the combination of advanced tunnel oxide processing and low internal electric fields for erase and programming operations produces reliable cycling. The MX29F100T/B uses a 5.0V10% VCC supply to perform the High Reliability Erase and auto Program/Erase algorithms. The highest degree of latch-up protection is achieved with MXIC's proprietary non-epi process. Latch-up protection is proved for stresses up to 100 milliamps on address and data pin from -1V to VCC + 1V.
REV. 1.2, NOV. 12, 2001
1
MX29F100T/B
PIN CONFIGURATIONS
44SOP(500mil)
NC RY/BY NC A7 A6 A5 A4 A3 A2 A1 A0 CE GND OE Q0 Q8 Q1 Q9 Q2 Q10 Q3 Q11 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 RESET WE A8 A9 A10 A11 A12 A13 A14 A15 NC BYTE GND Q15/A-1 Q7 Q14 Q6 Q13 Q5 Q12 Q4 VCC
48 TSOP(TYPE I) (12mm x 20mm)
A15 A14 A13 A12 A11 A10 A9 A8 NC NC WE RESET NC NC RY/BY NC NC A7 A6 A5 A4 A3 A2 A1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 NC BYTE GND Q15/A-1 Q7 Q14 Q6 Q13 Q5 Q12 Q4 VCC Q11 Q3 Q10 Q2 Q9 Q1 Q8 Q0 OE GND CE A0
MX29F100T/B
MX29F100T/B
(NORMAL TYPE)
PIN DESCRIPTION:
SYMBOL A0-A15 Q0-Q14 Q15/A-1 CE OE RESET WE RY/BY BYTE VCC GND NC PIN NAME Address Input Data Input/Output Q15(Word mode)/LSB addr.(Byte mode) Chip Enable Input Output Enable Input Hardware Reset Pin, Active low Write Enable Input Ready/Busy Output Word/Byte Selection Input Power Supply Pin (+5V) Ground Pin Pin Not Connected Internally
P/N:PM0548
REV. 1.2, NOV. 12, 2001
2
MX29F100T/B
SECTOR STRUCTURE
MX29F100T Top Boot Sector Addresses Tables A15 0 1 1 1 1 A14 X 0 1 1 1 A13 X X 0 0 1 A12 X X 0 1 X (x8)Address Range 00000h-0FFFFh 64KB 10000h-17FFFh 32KB 18000h-19FFFh 8KB 1A000h-1BFFFh 8KB 1C000h-1FFFFh 16KB (x16) Address Range 00000h-07FFFh 32KW 08000h-0BFFFh 16KW 0C000h-0CFFFh 4KW 0D000h-0DFFFh 4KW 0E000h-0FFFFh 8KW
SA0 SA1 SA2 SA3 SA4
MX29F100B Bottom Boot Sector Addresses Tables A15 0 0 0 0 1 A14 0 0 0 1 X A13 0 1 1 X X A12 X 0 1 X X (x8)Address Range 00000h-03FFFh 16KB 04000h-05FFFh 8KB 06000h-07FFFh 8KB 08000h-0FFFFh 32KB 10000h-1FFFFh 64KB (x16) Address Range 00000h-01FFFh 8KW 02000h-02FFFh 4KW 03000h-03FFFh 4KW 04000h-07FFFh 16KW 08000h-0FFFFh 32KW
SA0 SA1 SA2 SA3 SA4
P/N:PM0548
REV. 1.2, NOV. 12, 2001
3
MX29F100T/B
SECTOR DIAGRAM
WRITE CE OE WE CONTROL INPUT LOGIC HIGH VOLTAGE MACHINE (WSM) PROGRAM/ERASE STATE
X-DECODER
MX29F100T/B FLASH ARRAY ARRAY
STATE REGISTER
ADDRESS LATCH A0-A15 AND BUFFER
SENSE AMPLIFIER A-1/Q15
Y-DECODER
Y-PASS GATE
SOURCE HV COMMAND DATA DECODER
PGM DATA HV COMMAND DATA LATCH
PROGRAM DATA LATCH
I/O BUFFER Q0~Q14
P/N:PM0548
REV. 1.2, NOV. 12, 2001
4
MX29F100T/B
AUTOMATIC PROGRAMMING The MX29F100T/B is byte/ word programmable using the Automatic Programming algorithm. The Automatic Programming algorithm does not require the system to time out sequence or verify the data programmed. The typical chip programming time of the MX29F100T/B at room temperature is less than 3.5 seconds. AUTOMATIC ERASE ALGORITHM MXIC's Automatic Erase algorithm requires the user to write commands to the command register using standard microprocessor write timings. The device will automatically pre-program and verify the entire array. Then the device automatically times the erase pulse width, verifies the erase and counts the number of sequences. A status bit toggling between consecutive read cycles provides feedback to the user as to the status of the programming operation. Register contents serve as inputs to an internal statemachine which controls the erase and programming circuitry. During write cycles, the command register internally latches address and data needed for the programming and erase operations. During a system write cycle, addresses are latched on the falling edge, and data are latched on the rising edge of WE. MXIC's Flash technology combines years of EPROM experience to produce the highest levels of quality, reliability, and cost effectiveness. The MX29F100T/B electrically erases all bits simultaneously using Fowler-Nordheim tunneling. The bytes are programmed by using the EPROM programming mechanism of hot electron injection. During a program cycle, the state-machine will control the program sequences and command register will not respond to any command set. During a Sector Erase cycle, the command register will only respond to Erase Suspend command. After Erase Suspend is complete, the device stays in read mode. After the state machine has completed its task, it will allow the command register to respond to its full command set.
AUTOMATIC CHIP ERASE The entire chip is bulk erased using 10 ms erase pulses according to MXIC's Automatic Chip Erase algorithm. Typical erasure at room temperature is accomplished in less than 3 seconds. The Automatic Erase algorithm automatically programs the entire array prior to electrical erase. The timing and verification of electrical erase are internally controlled by the device.
AUTOMATIC SECTOR ERASE The MX29F100T/B is sector(s) erasable using MXIC's Auto Sector Erase algorithm. Sector erase modes allow sectors of the array to be erased in one erase cycle. The Automatic Sector Erase algorithm automatically programs the specified sector(s) prior to electrical erase. The timing and verification of electrical erase are internally controlled by the device.
AUTOMATIC PROGRAMMING ALGORITHM MXIC's Automatic Programming algorithm requires the user to only write program set-up commands (include 2 unlock write cycle and A0H) and a program command (program data and address). The device automatically times the programming pulse width, verifies the program and counts the number of sequences. A status bit similar to DATA polling and a status bit toggling between consecutive read cycles, provides feedback to the user as to the status of the programming operation.
P/N:PM0548
REV. 1.2, NOV. 12, 2001
5
MX29F100T/B
TABLE1. SOFTWARE COMMAND DEFINITIONS
Command Bus Cycle Reset Read Read Silicon ID Word Byte Sector Protect Verify Byte 4 AAAH AAH 555H 55H AAAH 90H Word 1 1 4 4 4 First Bus Cycle Addr Data Second Bus Cycle Addr Data Third Bus Cycle Addr Data Fourth Bus Cycle Addr Data Fifth Bus Cycle Addr Data Sixth Bus Cycle Addr Data
XXXH F0H RA RD 2AAH 555H 2AAH 55H 55H 55H 555H 90H ADI ADI DDI DDI
555H AAH AAAH AAH 555H AAH
AAAH 90H 555H 90H
(SA) XX00H
x02H XX01H (SA) x04H 00H 01H
Porgram
Word Byte
4 4 6 6 6 6 1 1 6
555H AAH AAAH AAH 555H AAH AAAH AAH 555H AAH AAAH AAH XXXH B0H XXXH 30H 555H AAH
2AAH 555H 2AAH 555H 2AAH 555H
55H 55H 55H 55H 55H 55H
555H A0H AAAH A0H 555H 80H AAAH 80H 555H 80H AAAH 80H
PA PA
PD PD 2AAH 55H 555H 10H
Chip Erase
Word Byte
555H AAH AAAH AAH 555H AAH AAAH AAH
555H 55H 2AAH 55H
AAAH 10H SA SA 30H 30H
Sector Erase
Word Byte
555H 55H
Sector Erase Suspend Sector Erase Resume Unlock for sector protect/unprotect
2AAH
55H
555H 80H
555H AAH
2AAH 55H
555H 20H
Note: 1. ADI = Address of Device identifier; A1=0, A0 = 0 for manufacture code,A1=0, A0 = 1 for device code. (Refer to table 3) DDI = Data of Device identifier : C2H for manufacture code, D9H/DFH(x8) and 22D9H/22DFH(x16) for device code. X = X can be VIL or VIH RA=Address of memory location to be read. RD=Data to be read at location RA. 2. PA = Address of memory location to be programmed. PD = Data to be programmed at location PA. SA = Address to the sector to be erased. 3. The system should generate the following address patterns: 555H or 2AAH to Address A10~A0 in word mode/ AAAH or 555H to Address A10~A-1 in byte mode. Address bit A11~A15=X=Don't care for all address commands except for Program Address (PA) and Sector Address (SA). Write Sequence may be initiated with A11~A15 in either state. 4. For Sector Protect Verify Operation : If read out data is 01H, it means the sector has been protected. If read out data is 00H, it means the sector is still not being protected.
P/N:PM0548
REV. 1.2, NOV. 12, 2001
6
MX29F100T/B
COMMAND DEFINITIONS
Device operations are selected by writing specific address and data sequences into the command register. Writing incorrect address and data values or writing them in the improper sequence will reset the device to the read mode. Table 1 defines the valid register command sequences. Note that the Erase Suspend (B0H) and Erase Resume (30H) commands are valid only while the Sector Erase operation is in progress. Either of the two reset command sequences will reset the device(when applicable).
P/N:PM0548
REV. 1.2, NOV. 12, 2001
7
MX29F100T/B
TABLE 2. MX29F100T/B BUS OPERATION
Pins Mode Read Silicon ID Manfacturer Code(1) Read Silicon ID Device Code(1) L L H H L X VID(2) L L H L L X VID(2) C2H(Byte mode) 00C2H(Word mode) D9H/DFH(Byte mode) 22D9H/22DFH (Word mode) Read Standby Output Disable Write Sector Protect with 12V system(6) Chip Unprotect with 12V system(6) Verify Sector Protect with 12V system Sector Protect without 12V system (6) Chip Unprotect without 12V system (6) Verify Sector Protect/Unprotect without 12V system (7) Reset X X X X X X X HIGH Z L L H X H X H Code(5) L H L X X H H X L H L X X L H X L L H X H X VID(2) Code(5) L VID(2) L X X H VID(2) X L H L L L L X H H VID(2) H X H L L A0 X X A0 X A1 X X A1 X A6 X X A6 L A9 X X A9 VID(2) DOUT HIGH Z HIGH Z DIN(3) X CE OE WE A0 A1 A6 A9 D0 ~ Q15
NOTES: 1. Manufacturer and device codes may also be accessed via a command register write sequence. Refer to Table 1. 2. VID is the Silicon-ID-Read high voltage, 11.5V to 12.5V. 3. Refer to Table 1 for valid Data-In during a write operation. 4. X can be VIL or VIH. 5. Code=00H/0000H means unprotected. Code=01H/0001H means protected. A15~A12=Sector address for sector protect. 6. Refer to sector protect/unprotect algorithm and waveform. Must issue "unlock for sector protect/unprotect" command before "sector protect/unprotect without 12V system" command. 7. The "verify sector protect/unprotect without 12V sysytem" is only following "Sector protect/unprotect without 12V system" command.
P/N:PM0548
REV. 1.2, NOV. 12, 2001
8
MX29F100T/B
READ/RESET COMMAND
The read or reset operation is initiated by writing the read/reset command sequence into the command register. Microprocessor read cycles retrieve array data. The device remains enabled for reads until the command register contents are altered. If program-fail or erase-fail happen, the write of F0H will reset the device to abort the operation. A valid command must then be written to place the device in the desired state.
SET-UP AUTOMATIC CHIP/SECTOR ERASE COMMANDS
Chip erase is a six-bus cycle operation. There are two "unlock" write cycles. These are followed by writing the "set-up" command 80H. Two more "unlock" write cycles are then followed by the chip erase command 10H. The Automatic Chip Erase does not require the device to be entirely pre-programmed prior to executing the Automatic Chip Erase. Upon executing the Automatic Chip Erase, the device will automatically program and verify the entire memory for an all-zero data pattern. When the device is automatically verified to contain an all-zero pattern, a self-timed chip erase and verify begin. The erase and verify operations are completed when the data on Q7 is "1" at which time the device returns to the Read mode. The system is not required to provide any control or timing during these operations. When using the Automatic Chip Erase algorithm, note that the erase automatically terminates when adequate erase margin has been achieved for the memory array(no erase verified command is required). If the Erase operation was unsuccessful, the data on Q5 is "1"(see Table 4), indicating the erase operation exceed internal timing limit. The automatic erase begins on the rising edge of the last WE pulse in the command sequence and terminates when the data on Q7 is "1" and the data on Q6 stops toggling for two consecutive read cycles, at which time the device returns to the Read mode.
SILICON-ID-READ COMMAND
Flash memories are intended for use in applications where the local CPU alters memory contents. As such, manufacturer and device codes must be accessible while the device resides in the target system. PROM programmers typically access signature codes by raising A9 to a high voltage. However, multiplexing high voltage onto address lines is not generally desired system design practice. The MX29F100T/B contains a Silicon-ID-Read operation to supplement traditional PROM programming methodology. The operation is initiated by writing the read silicon ID command sequence into the command register. Following the command write, a read cycle with A1=VIL, A0=VIL retrieves the manufacturer code of C2H/00C2H. A read cycle with A1=VIL, A0=VIH returns the device code of D9H/22D9H for MX29F100T, DFH/22DFH for MX29F100B.
P/N:PM0548
REV. 1.2, NOV. 12, 2001
9
MX29F100T/B
TABLE 3. EXPANDED SILICON ID CODE
Pins Manufacture code Word Byte Device code for MX29F100T Device code for MX29F100B Sector Protection Verification Word Byte Word Byte A0 VIL VIL VIH VIH VIH VIH X X A1 VIL VIL VIL VIL VIL VIL VIH VIH Q15~Q8 00H X 22H X 22H X X X Q7 1 1 1 1 1 1 0 0 Q6 1 1 1 1 1 1 0 0 Q5 0 0 0 0 0 0 0 0 Q4 0 0 1 1 1 1 0 0 Q3 0 0 1 1 1 1 0 0 Q2 0 0 0 0 1 1 0 0 Q1 1 1 0 0 1 1 0 0 Q0 Code(Hex) 0 0 1 1 1 1 1 0 00C2H C2H 22D9H D9H 22DFH DFH 01H(Protected) 00H(Unprotected)
ERASE COMMANDS
The Automatic Sector Erase does not require the device to be entirely pre-programmed prior to executing the Automatic Set-up Sector Erase command and Automatic Sector Erase command. Upon executing the Automatic Sector Erase command, the device will automatically program and verify the sector(s) memory for an all-zero data pattern. The system does not require to provide any control or timing during these operations. When the sector(s) is automatically verified to contain an all-zero pattern, a self-timed sector erase and verification begin. The erase and verification operations are complete when the data on Q7 is "1" and the data on Q6 stops toggling for two consecutive read cycles, at which time the device returns to the Read mode. The system does not require to provide any control or timing during these operations. When using the Automatic Sector Erase algorithm, note that the erase automatically terminates when adequate erase margin has been achieved for the memory array (no erase verified command is required). Sector erase is a six-bus cycle operation. There are two "unlock" write cycles. These are followed by writing the set-up command 80H. Two more "unlock" write cycles are then followed by the sector erase command 30H. The sector address is latched on the falling edge of WE, while the command(data) is latched on the rising edge of WE. Sector addresses selected are loaded into internal
register on the sixth falling edge of WE. Each successive sector load cycle started by the falling edge of WE must begin within 30us from the rising edge of the preceding WE. Otherwise, the loading period ends and internal auto sector erase cycle starts. (Monitor Q3 to determine if the sector erase timer window is still open, see section Q3, Sector Erase Timer.) Any command other than Sector Erase (30H) or Erase Suspend (B0H) during the time-out period resets the derice to read mode.
ERASE SUSPEND
This command is only valid while the state machine is executing Automatic Sector Erase operation, and therefore will only be responded to period during Automatic Sector Erase operation. Writing the Erase Suspend command during the Sector Erase time-out immediately terminates the time-out immediately terminates the time-out period and suspends the erase operation. After this command has been executed, the command register will initiate erase suspend mode. The state machine will return to read mode automatically after suspend is ready. At this time, state machine only allows the command register to respond to the Read Memory Array, Erase Resume and Program commands. The system can determine the status of the program operation using the Q7 or Q6 status bits, just as in the standard program operation. After an erase-suspend program operation is complete, the system can once again read array data within non-suspended sectors.
P/N:PM0548
REV. 1.2, NOV. 12, 2001
10
MX29F100T/B
Table 4. Write Operation Status
Status Byte Program in Auto Program Algorithm Auto Erase Algorithm Erase Suspend Read (Erase Suspended Sector) In Progress Erase Suspended Mode Erase Suspend Read Data (Non-Erase Suspended Sector) Erase Suspend Program Byte Program in Auto Program Algorithm Exceeded Time Limits Auto Erase Algorithm Erase Suspend Program Q7 Q7 0 Q7 Data Toggle Toggle Toggle Toggle Data Data Data 0 1 1 1 N/A N/A 1 N/A N/A No Toggle Toggle N/A 1 0 0 0 0 Q7 Note1 Q7 0 1 Q6 Toggle Toggle No Toggle Q5 Note2 0 0 0 Q3 N/A 1 Q2 No Toggle Toggle RY/BY 0 0 1
N/A Toggle
Note:
1. Q7 and Q2 require a valid address when reading status information. Refer to the appropriate subsection for further details. 2. Q5 switches to '1' when an Auto Program or Auto Erase operation has exceeded the maximum timing limits. See "Q5:Exceeded Timing Limits " for more information.
P/N:PM0548
REV. 1.2, NOV. 12, 2001
11
MX29F100T/B
ERASE RESUME
This command will cause the command register to clear the suspend state and return back to Sector Erase mode but only if an Erase Suspend command was previously issued. Erase Resume will not have any effect in all other conditions.Another Erase Suspend command can be written after the chip has resumed erasing. to Q7. The Data Polling feature is valid after the rising edge of the fourth WE pulse of the four write pulse sequences for automatic program. While the Automatic Erase algorithm is in operation, Q7 will read "0" until the erase operation is competed. Upon completion of the erase operation, the data on Q7 will read "1". The Data Polling feature is valid after the rising edge of the sixth WE pulse of six write pulse sequences for automatic chip/sector erase. The Data Polling feature is active during Automatic Program/Erase algorithm or sector erase time-out.(see section Q3 Sector Erase Timer)
SET-UP AUTOMATIC PROGRAM COMMANDS
To initiate Automatic Program mode, a three-cycle command sequence is required. There are two "unlock" write cycles. These are followed by writing the Automatic Program command A0H. Once the Automatic Program command is initiated, the next WE pulse causes a transition to an active programming operation. Addresses are latched on the falling edge, and data are internally latched on the rising edge of the WE pulse. The rising edge of WE also begins the programming operation. The system is not required to provide further controls or timings. The device will automatically provide an adequate internally generated program pulse and verify margin. If the program opetation was unsuccessful, the data on Q5 is "1"(see Table 4), indicating the program operation exceed internal timing limit. The automatic programming operation is completed when the data read on Q6 stops toggling for two consecutive read cycles and the data on Q7 and Q6 are equivalent to data written to these two bits, at which time the device returns to the Read mode(no program verify command is required).
RY/BY:Ready/Busy
The RY/BY is a dedicated, open-drain output pin that indicates whether an Automatic Erase/Program algorithm is in progress or complete. The RY/BY status is valid after the rising edge of the final WE pulse in the command sequence. Since RY/BY is an open-drain output, several RY/BY pins can be tied together in parallel with a pull-up resistor to Vcc. If the outputs is low (Busy), the device is actively erasing or programming. (This includes programming in the Erase Suspend mode.) If the output is high (Ready), the device is ready to read array data (including during the Erase Suspend mode), or is in the standby mode.
TOGGLE BIT-Q6
The MX29F100T/B features a "Toggle Bit" as a method to indicate to the host system that the Auto Program/Erase algorithms are either in progress or completed. While the Automatic Program or Erase algorithm is in progress, successive attempts to read data from the device will result in Q6 toggling between one and zero. Once the Automatic Program or Erase algorithm is completed, Q6 will stop toggling and valid data will be read. The toggle bit is valid after the rising edge of the sixth WE pulse of the six write pulse sequences for chip/ sector erase. The Toggle Bit feature is active during Automatic Program/ Erase algorithms or sector erase time-out.(see section Q3 Sector Erase Timer)
WRITE OPERATION STATUS DATA POLLING-Q7
The MX29F100T/B also features Data Polling as a method to indicate to the host system that the Automatic Program or Erase algorithms are either in progress or completed. While the Automatic Programming algorithm is in operation, an attempt to read the device will produce the complement data of the data last written to Q7. Upon completion of the Automatic Program Algorithm an attempt to read the device will produce the true data last written
P/N:PM0548
REV. 1.2, NOV. 12, 2001
12
MX29F100T/B
Q5 Exceeded Timing Limits
Q5 will indicate if the program or erase time has exceeded the specified limits(internal pulse count). Under these conditions Q5 will produce a "1". This time-out condition indicates that the program or erase cycle was not successfully completed. Data Polling and Toggle Bit are the only operating functions of the device under this condition. If this time-out condition occurs during sector erase operation, it specifies that a particular sector is bad and it may not be reused. However, other sectors are still functional and may be used for the program or erase operation. The device must be reset to use other sectors. Write the Reset command sequence to the device, and then execute program or erase command sequence. This allows the system to continue to use the other active sectors in the device. If this time-out condition occurs during the chip erase operation, it specifies that the entire chip is bad or combination of sectors are bad. If this time-out condition occurs during the byte programming operation, it specifies that the entire sector containing that byte is bad and this sector maynot be reused, (other sectors are still functional and can be reused). The time-out condition may also appear if a user tries to program a non blank location without erasing. In this case the device locks out and never completes the Automatic Algorithm operation. Hence, the system never reads a valid data on Q7 bit and Q6 never stops toggling. Once the Device has exceeded timing limits, the Q5 bit will indicate a "1". Please note that this is not a device failure condition since the device was incorrectly used. used to determine if the sector erase timer window is still open. If Q3 is high ("1") the internally controlled erase cycle has begun; attempts to write subsequent commands to the device will be ignored until the erase operation is completed as indicated by Data Polling or Toggle Bit. If Q3 is low ("0"), the device will accept additional sector erase commands. To insure the command has been accepted, the system software should check the status of Q3 prior to and following each subsequent sector erase command. If Q3 were high on the second status check, the command may not have been accepted.
Reading Toggle Bits Q6
Whenever the system initally begins reading toggle bit status, it must read Q7-Q0 at least twice in a row to determine whether a toggle bit is toggling. Typically, the system would note and store the value of the toggle bit after the first read. After the second read, the system would compare the new value of the toggle bit with the first. If the toggle bit is not toggling, the device has completed the program or erase operation. The system can read array data on Q7-Q0 on the following read cycle. However, if after the initial two read cycles, the system determines that the toggle bit is still toggling, the system also should note whether the value of Q5 is high (see the section on Q5). If it is, the system should then determine again whether the toggle bit is toggling, since the toggle bit may have stopped toggling just as Q5 went high. If the toggle bit is no longer toggling, the device has successfully completed the program ot erase operation. If it is still toggling, the device did not complete the operation successfully, and the system must write the reset command to return to reading array data. The remaining scenario is that system initially determines that the toggle bit is toggling and Q5 has not gone high. The system may continue to monitor the toggle bit and Q5 through successive read cycles, determining the status as described in the previous paragraph. Alternatively, it may choose to perform other system tasks. In this case, the system must start at the beginning of the algorithm when it returns to determine the status of the operation.
Q3 Sector Erase Timer
After the completion of the initial sector erase command sequenc the sector erase time-out will begin. Q3 will remain low until the time-out is complete. Data Polling and Toggle Bit are valid after the initial sector erase command sequence. If Data Polling or the Toggle Bit indicates the device has been written with a valid erase command, Q3 may be
P/N:PM0548
REV. 1.2, NOV. 12, 2001
13
MX29F100T/B
DATA PROTECTION
The MX29F100T/B is designed to offer protection against accidental erasure or programming caused by spurious system level signals that may exist during power transition. During power up the device automatically resets the state machine in the Read mode. In addition, with its control register architecture, alteration of the memory contents only occurs after successful completion of specific command sequences. The device also incorporates several features to prevent inadvertent write cycles resulting from VCC power-up and power-down transition or system noise.
SECTOR PROTECTION WITH 12V SYSTEM
The MX29F100T/B features hardware sector protection. This feature will disable both program and erase operations for these sectors protected. To activate this mode, the programming equipment must force VID on address pin A9 and control pin OE, (suggest VID = 12V) A6 = VIL and CE = VIL.(see Table 2) Programming of the protection circuitry begins on the falling edge of the WE pulse and is terminated on the rising edge. Please refer to sector protect algorithm and waveform. To verify programming of the protection circuitry, the programming equipment must force VID on address pin A9 ( with CE and OE at VIL and WE at VIH. When A1=1, it will produce a logical "1" code at device output Q0 for a protected sector. Otherwise the device will produce 00H for the unprotected sector. In this mode, the address,except for A1, are in "don't care" state. Address locations with A1 = VIL are reserved to read manufacturer and device codes.(Read Silicon ID) It is also possible to determine if the sector is protected in the system by writing a Read Silicon ID command. Performing a read operation with A1=VIH, it will produce a logical "1" at Q0 for the protected sector.
TEMPORARY SECTOR UNPROTECT
This feature allows temporary unprotection of previously protected sector to change data in-system. The Temporary Sector Unprotect mode is activated by setting the RESET pin to VID(11.5V-12.5V). During this mode, formerly protected sectors can be programmed or erased as unprotected sector. Once VID is remove from the RESET pin, all the previously protected sectors are protected again.
WRITE PULSE "GLITCH" PROTECTION
Noise pulses of less than 5ns(typical) on CE or WE will not initiate a write cycle.
CHIP UNPROTECT WITH 12V SYSTEM
The MX29F100T/B also features the chip unprotect mode, so that all sectors are unprotected after chip unprotect is completed to incorporate any changes in the code. It is recommended to protect all sectors before activating chip unprotect mode. To activate this mode, the programming equipment must force VID on control pin OE and address pin A9. The CE pins must be set at VIL. Pins A6 must be set to VIH.(see Table 2) Refer to chip unprotect algorithm and waveform for the chip unprotect algorithm. The unprotection mechanism begins on the falling edge of the WE pulse and is terminated on the rising. It is also possible to determine if the chip is unprotected in the system by writing the Read Silicon ID command. Performing a read operation with A1=VIH, it will produce 00H at data outputs(Q0-Q7) for an unprotected sector. It is noted that all sectors are unprotected after the chip unprotect algorithm is completed.
LOGICAL INHIBIT
Writing is inhibite by holding any one of OE = VIL, CE = VIH or WE = VIH. To initiate a write cycle CE and WE must be a logical zero while OE is a logical one.
POWER SUPPLY DECOUPLING
In order to reduced power switching effect, each device should have a 0.1uF ceramic capacitor connected between its VCC and GND.
P/N:PM0548
REV. 1.2, NOV. 12, 2001
14
MX29F100T/B
SECTOR PROTECTION WITHOUT 12V SYSTEM
The MX29F100T/B also feature a hardware sector protection method in a system without 12V power suppply. The programming equipment do not need to supply 12 volts to protect sectors. The details are shown in sector protect algorithm and waveform.
CHIP UNPROTECT WITHOUT 12V SYSTEM
The MX29F100T/B also feature a hardware chip unprotection method in a system without 12V power supply. The programming equipment do not need to supply 12 volts to unprotect all sectors. The details are shown in chip unprotect algorithm and waveform.
POWER-UP SEQUENCE
The MX29F100T/B powers up in the Read only mode. In addition, the memory contents may only be altered after successful completion of the predefined command sequences.
ABSOLUTE MAXIMUM RATINGS
RATING Ambient Operating Temperature Ambient Temperature with Power Applied Storage Temperature Applied Input Voltage Applied Output Voltage VCC to Ground Potential A9 & OE & RESET VALUE -40 C to 125 C -55oC to 125oC -65oC to 125oC -0.5V to 7.0V -0.5V to 7.0V -0.5V to 7.0V -0.5V to 13.5V
o o
NOTICE: Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended period may affect reliability. NOTICE: Specifications contained within the following tables are subject to change.
CAPACITANCE TA = 25oC, f = 1.0 MHz
SYMBOL CIN1 CIN2 COUT PARAMETER Input Capacitance Control Pin Capacitance Output Capacitance MIN. TYP MAX. 8 12 12 UNIT pF pF pF CONDITIONS VIN = 0V VIN = 0V VOUT = 0V
P/N:PM0548
REV. 1.2, NOV. 12, 2001
15
MX29F100T/B
Temporary Sector Unprotect Operation
Start
RESET = VID (Note 1) Perform Erase or Program Operation Operation Completed RESET = VIH Temporary Sector Unprotect Completed(Note 2)
Note : 1. All protected sectors are temporary unprotected. VID=11.5V~12.5V 2. All previously protected sectors are protected again.
P/N:PM0548
REV. 1.2, NOV. 12, 2001
16
MX29F100T/B
TEMPORARY SECTOR UNPROTECT
Parameter Std. tVIDR tRSP Note: Not 100% tested Description VID Rise and Fall Time (See Note) RESET Setup Time for Temporary Sector Unprotect Test Setup Min Min AllSpeed Options Unit 500 4 ns us
Temporary Sector Unprotect Timing Diagram
12V
RESET
0 or 5V Program or Erase Command Sequence 0 or 5V tVIDR
tVIDR
CE
WE
tRSP
RY/BY
P/N:PM0548
REV. 1.2, NOV. 12, 2001
17
MX29F100T/B
AC CHARACTERISTICS
Parameter Std tREADY1 tREADY2 tRP1 tRP2 tRH tRB1 tRB2 Description RESET PIN Low (During Automatic Algorithms) to Read or Write (See Note) RESET PIN Low (NOT During Automatic Algorithms) to Read or Write (See Note) RESET Pulse Width (During Automatic Algorithms) RESET High Time Before Read(See Note) RY/BY Recovery Time(to CE, OE go low) RY/BY Recovery Time(to WE go low) MIN MIN MIN MIN 10 500 0 0 50 us ns ns ns ns RESET Pulse Width (NOT During Automatic Algorithms) MIN MAX 500 ns Test Setup MAX All Speed Options Unit 20 us
Note:Not 100% tested
RESET TIMING WAVFORM
RY/BY
CE, OE
tRH
RESET
tRP2 tReady2
Reset Timing NOT during Automatic Algorithms
tReady1
RY/BY
tRB1
CE, OE
WE
tRB2
RESET
tRP1
Reset Timing during Automatic Algorithms
P/N:PM0548
REV. 1.2, NOV. 12, 2001
18
MX29F100T/B
READ OPERATION DC CHARACTERISTICS TA = 0oC to 70oC, -40oC to 125oC, VCC = 5V 10%(VCC = 5V 5% for 29F100T/B-55)
SYMBOL ILI ILO ISB1 ISB2 ICC1 ICC2 VIL VIH VOL VOH1 VOH2 PARAMETER Input Leakage Current Output Leakage Current Standby VCC current Standby VCC current Operating VCC current Operating VCC current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage(TTL) Output High Voltage(CMOS) 2.4 VCC-0.4 -0.3(NOTE 1) 2.0 1(Note3) MIN. TYP MAX. 1 10 1 5(Note3) 40 50 0.8 VCC + 0.3 0.45 UNIT uA uA mA uA mA mA V V V V V IOL = 2.1mA IOH = -2mA IOH = -100uA, VCC=VCC MIN NOTES: 1. VIL min. = -1.0V for pulse width is equal to or less than 50 ns. VIL min. = -2.0V for pulse width is equal to or less than 20 ns. 2. VIH max. = VCC + 1.5V for pulse width is equal to or less than 20 ns If VIH is over the specified maximum value, read operation cannot be guaranteed. 3. ISB2=20uA (max.) for Automative grade CONDITIONS VIN = GND to VCC VOUT = GND to VCC CE = VIH CE = VCC + 0.3V IOUT = 0mA, f=5MHz IOUT = 0mA, f=10MHz
P/N:PM0548
REV. 1.2, NOV. 12, 2001
19
MX29F100T/B
AC CHARACTERISTICS TA = 0oC to 70oC, -40oC to 125oC, VCC = 5V 10%(VCC = 5V 5% for 29F100T/B-55)
29F100T/B-70 SYMBOL PARAMETER MIN. MAX. 29F100T/B-90 29F100T/B-12 MIN. MAX. MIN. MAX. UNIT CONDITIONS
(Note2) tACC tCE tOE tDF tOH Address to Output Delay CE to Output Delay OE to Output Delay OE High to Output Float (Note1) Address to Output hold 0 0 70 70 40 20 0 0 90 90 40 30 0 0
(Note2) 120 120 50 30 ns ns ns ns ns CE=OE=VIL OE=VIL CE=VIL CE=VIL CE=OE=VIL
AC CHARACTERISTICS TA = 0oC to 70oC, VCC = 5V 5% for MX29F100T/B-55
29F100T/B-55 SYMBOL tACC tCE tOE tDF tOH PARAMETER Address to Output Delay CE to Output Delay OE to Output Delay OE High to Output Float (Note1) Address to Output hold 0 0 MIN. MAX. 55 55 30 20 UNIT ns ns ns ns ns CONDITIONS CE=OE=VIL OE=VIL CE=VIL CE=VIL CE=OE=VIL
TEST CONDITIONS: * Input pulse levels: 0.45V/2.4V for 70ns max. ; 0V/3.0V for 55ns * Input rise and fall times: < 10ns for 70ns max. ; < 5ns for 55ns * Output load: 1 TTL gate + 100pF (Including scope and jig) for 70ns max. ; 1 TTL gate + 30pF (Including scope and jig) for 55ns * Reference levels for measuring timing: 0.8V & 2.0V for 70ns max. ; 1.5V for 55ns
NOTE: 1. tDF is defined as the time at which the output achieves the open circuit condition and data is no longer driven. 2. Automotive grade is only provided for MX29F100T/B-90 & MX29F100T/B-12
P/N:PM0548
REV. 1.2, NOV. 12, 2001
20
MX29F100T/B
READ TIMING WAVEFORMS
VIH
A0~15
VIL
ADD Valid
tCE VIH
CE
VIL
WE
VIH VIL VIH VIL tACC tOH tOE tDF
OE
DATA Q0~7
VOH VOL
HIGH Z
DATA Valid
HIGH Z
COMMAND PROGRAMMING/DATA PROGRAMMING/ERASE OPERATION DC CHARACTERISTICS TA = 0oC to 70oC, -40oC to 125oC, VCC = 5V 10%(VCC = 5V 5% for 29F100T/B-55)
SYMBOL ICC1 (Read) ICC2 ICC3 (Program) ICC4 (Erase) ICCES NOTES: 1. VIL min. = -0.6V for pulse width is equal to or less than 20ns. 2. If VIH is over the specified maximum value, programming operation cannot be guranteed. 3. ICCES is specified with the device de-selected. If the device is read during erase suspend mode, current draw is the sum of ICCES and ICC1 or ICC2. 4. All current are in RMS unless otherwise noted. VCC Erase Suspend Current 2 PARAMETER Operating VCC Current MIN. TYP MAX. 40 50 50 50 UNIT mA mA mA mA mA CONDITIONS IOUT=0mA, f=5MHz IOUT=0mA, F=10MHz In Programming In Erase CE=VIH, Erase Suspended
P/N:PM0548
REV. 1.2, NOV. 12, 2001
21
MX29F100T/B
AC CHARACTERISTICS TA = 0oC to 70oC, -40oC to 125oC, VCC = 5V 10%(VCC = 5V 5% for 29F100T/B-55)
29F100T/B-70 SYMBOL
tOES tCWC tCEP tCEPH1 tCEPH2 tAS tAH tDS tDH tCESC tDF tAETC tAETB tAVT tBAL tCH tCS tVLHT tOESP tWPP1 tWPP2
29F100T/B-90 MIN.
0 90 45 20 20 0 45 45 0 0
29F100T/B-12 MIN.
0 120 50 20 20 0 50 50 0 0
PARAMETER
OE setup time Command programming cycle WE programming pulse width WE programming pluse width High WE programming pluse width High Address setup time Address hold time Data setup time Data hold time CE setup time before command write Output disable time (Note 1) Total erase time in auto chip erase Total erase time in auto sector erase Total programming time in auto verify Sector address load time CE Hold Time CE setup to WE going low Voltge Transition Time OE Setup Time to WE Active Write pulse width for sector protect Write pulse width for sector unprotect
MIN.
0 70 45 20 20 0 45 30 0 0
MAX.
MAX.
MAX. UNIT
ns ns ns ns ns ns ns ns ns ns 40 ns s s
30 3(TYP.) 1(TYP.) 24 8 3(TYP.) 1(TYP.)
40 24 8 3(TYP.) 1(TYP.)
24 8
7/12(TYP.)210/360 100 0 0 4 4 10 12
7/12(TYP.) 210/360 100 0 0 4 4 10 12
7/12(TYP.)210/360 us 100 0 0 4 4 10 12 us ns ns us us us ms
NOTES: 1. tDF defined as the time at which the output achieves the open circuit condition and data is no longer driven. 2. Automotive grade is only provided for MX29F100T/B-90 & MX29F100T/B-12
P/N:PM0548
REV. 1.2, NOV. 12, 2001
22
MX29F100T/B
AC CHARACTERISTICS TA = 0oC to 70oC, VCC = 5V 5% for MX29F100T/B-55
29F100T/B-55 SYMBOL
tOES tCWC tCEP tCEPH1 tCEPH2 tAS tAH tDS tDH tCESC tDF tAETC tAETB tAVT tBAL tCH tCS tVLHT tOESP tWPP1 tWPP2
PARAMETER
OE setup time Command programming cycle WE programming pulse width WE programming pluse width High WE programming pluse width High Address setup time Address hold time Data setup time Data hold time CE setup time before command write Output disable time (Note 1) Total erase time in auto chip erase Total erase time in auto sector erase Total programming time in auto verify Sector address load time CE Hold Time CE setup to WE going low Voltge Transition Time OE Setup Time to WE Active Write pulse width for sector protect Write pulse width for sector unprotect
MIN.
0 70 45 20 20 0 45 20 0 0
MAX.
UNIT CONDITIONS
ns ns ns ns ns ns ns ns ns ns
20 3(TYP.) 1(TYP.) 7/12(TYP.) 100 0 0 4 4 10 12 24 8 210/360
ns s s us us ns ns us us us ms
NOTES: 1. tDF defined as the time at which the output achieves the open circuit condition and data is no longer driven.
P/N:PM0548
REV. 1.2, NOV. 12, 2001
23
MX29F100T/B
SWITCHING TEST CIRCUITS
DEVICE UNDER TEST
1.6K ohm +5V
CL
1.2K ohm
DIODES=IN3064 OR EQUIVALENT
CL=100pF Including jig capacitance for 29F100T/B-70, 29F100T/B-90, 29F100T/B-12 30pF Including jig capacitance for 29F100T/B-55
SWITCHING TEST WAVEFORMS(I) for 29F100T/B-70, 29F100T/B-90, 29F100T/B-12
2.4 V 2.0V TEST POINTS 0.8V 0.45 V INPUT 0.8V OUTPUT 2.0V
AC TESTING: Inputs are driven at 2.4V for a logic "1" and 0.45V for a logic "0". Input pulse rise and fall times are < 10ns.
SWITCHING TEST WAVEFORMS(II) for 29F100T/B-55
3.0 V 1.5V 0V INPUT OUTPUT
AC TESTING: Inputs are driven at 3.0V for a logic "1" and 0V for a logic "0". Input pulse rise and fall times are < 5ns.
TEST POINTS
1.5V
P/N:PM0548
REV. 1.2, NOV. 12, 2001
24
MX29F100T/B
COMMAND WRITE TIMING WAVEFORM
VCC
5V
ADDRESS A0~15
VIH
ADD Valid
VIL tAS tAH
WE
VIH VIL tOES tCEPH1 tCWC
tCEP
CE
VIH VIL tCS tCH
OE
VIH VIL VIH tDS tDH
DATA Q0-7
DIN
VIL
P/N:PM0548
REV. 1.2, NOV. 12, 2001
25
MX29F100T/B
AUTOMATIC PROGRAMMING TIMING WAVEFORM
One byte data is programmed. Verify in fast algorithm and additional programming by external control are not required because these operations are executed automatically by internal control circuit. Programming completion can be verified by DATA polling and toggle bit checking after automatic verification starts. Device outputs DATA during programming and DATA after programming on Q7.(Q6 is for toggle bit; see toggle bit, DATA polling, timing waveform)
AUTOMATIC PROGRAMMING TIMING WAVEFORM (WORD MODE)
Vcc 5V
A11~A15
ADD Valid
A0~A10 WE
555H
2AAH
555H
ADD Valid
tAS tAH
tCWC tCEPH1 tAVT tCESC
CE tCEP OE tDS Q0~Q2 ,Q4(Note 1) Q7
Command In Command #AAH Command In Command #55H Command In Command #A0H Data In
tDH
Command In Command In Data In DATA
tDF
Command In
DATA polling
DATA DATA
(Q0~Q7) Notes: (1). Q6:Toggle bit, Q5:Timing-limit bit, Q3: Time-out bit
tOE
P/N:PM0548
REV. 1.2, NOV. 12, 2001
26
MX29F100T/B
AUTOMATIC PROGRAMMING ALGORITHM FLOWCHART (WORD MODE)
START
Write Data AAH Address 555H
Write Data 55H Address 2AAH
Write Data A0H Address 555H
Write Program Data/Address
Toggle Bit Checking Q6 not Toggled YES
NO
Invalid Command
NO Verify Byte Ok
YES NO Auto Program Completed Q5 = 1 YES .
Reset
Auto Program Exceed Timing Limit
P/N:PM0548
REV. 1.2, NOV. 12, 2001
27
MX29F100T/B
AUTOMATIC CHIP ERASE TIMING WAVEFORM
All data in chip are erased. External erase verification is not required because data is erased automatically by internal control circuit. Erasure completion can be verified by DATA polling and toggle bit checking after automatic erase starts. Device outputs 0 during erasure and 1 after erasure 0n Q7.(Q6 is for toggle bit; see toggle bit, DATA polling, timing waveform)
AUTOMATIC CHIP ERASE TIMING WAVEFORM (WORD MODE)
Vcc 5V
A11~A15
A0~A10 WE
555H
2AAH
555H
555H
2AAH
555H
tAS tAH
tCWC tCEPH1
tAETC
CE tCEP OE tDS tDH Q0,Q1, Q4(Note 1) Q7
Command In Command #AAH Command In Command #55H Command In Command #80H Command In Command #AAH Command In Command #55H Command In Command #10H Command In Command In Command In Command In Command In Command In
DATA polling
(Q0~Q7) Notes: (1). Q6:Toggle bit, Q5:Timing-limit bit, Q3: Time-out bit, Q2: Toggle bit
P/N:PM0548
REV. 1.2, NOV. 12, 2001
28
MX29F100T/B
AUTOMATIC CHIP ERASE ALGORITHM FLOWCHART (WORD MODE)
START
Write Data AAH Address 555H
Write Data 55H Address 2AAH
Write Data 80H Address 555H
Write Data AAH Address 555H
Write Data 55H Address 2AAH
Write Data 10H Address 555H
Toggle Bit Checking Q6 not Toggled YES
NO
Invalid Command
NO
DATA Polling Q7 = 1 YES NO . Q5 = 1
Auto Chip Erase Completed
YES Reset
Auto Chip Erase Exceed Timing Limit
P/N:PM0548
REV. 1.2, NOV. 12, 2001
29
MX29F100T/B
AUTOMATIC SECTOR ERASE TIMING WAVEFORM
Sector data indicated by A12 to A15 are erased. External erase verification is not required because data are erased automatically by internal control circuit. Erasure completion can be verified by DATA polling and toggle bit checking after automatic erase starts. Device outputs 0 during erasure and 1 after erasure on Q7.(Q6 is for toggle bit; see toggle bit, DATA polling, timing waveform)
AUTOMATIC SECTOR ERASE TIMING WAVEFORM (WORD MODE)
Vcc 5V
A12~A15
Sector Address0
Sector Address1
Sector Addressn
A0~A10
555H tAS tAH
2AAH
555H
555H
2AAH tCWC
WE
tCEPH1 tBAL tAETB
CE
tCEP
OE
tDS tDH
Q0,Q1, Q4(Note 1)
Command In
Command In
Command In
Command In
Command In
Command In
Command In
Command In
DATA polling
Q7
Command In
Command In
Command In
Command In
Command In
Command In
Command In Command #30H
Command In Command #30H
Command #AAH Command #55H Command #80H Command #AAH Command #55H Command #30H (Q0~Q7)
Notes: (1). Q6:Toggle bit, Q5:Timing-limit bit, Q3: Time-out bit, Q2: Toggle bit
P/N:PM0548
REV. 1.2, NOV. 12, 2001
30
MX29F100T/B
AUTOMATIC SECTOR ERASE ALGORITHM FLOWCHART
START
Write Data AAH Address 555H
Write Data 55H Address 2AAH
Write Data 80H Address 555H
Write Data AAH Address 555H
Write Data 55H Address 2AAH
Write Data 30H Sector Address
Toggle Bit Checking Q6 Toggled ?
NO Invalid Command
YES Load Other Sector Addrss If Necessary (Load Other Sector Address)
Last Sector to Erase YES
NO
Time-out Bit Checking Q3=1 ?
NO
YES NO
Toggle Bit Checking Q6 not Toggled YES
DATA Polling Q7 = 1
Q5 = 1
NO
.
YES Reset Auto Sector Erase Completed
Auto Sector Erase Exceed Timing
P/N:PM0548
REV. 1.2, NOV. 12, 2001
31
MX29F100T/B
ERASE SUSPEND/ERASE RESUME FLOWCHART
START
Write Data B0H
NO Toggle Bit checking Q6 not toggled YES Read Array or Program
Reading or Programming End YES Write Data 30H
NO
Continue Erase
Another Erase Suspend ? YES
NO
.
P/N:PM0548
REV. 1.2, NOV. 12, 2001
32
MX29F100T/B
TIMING WAVEFORM FOR SECTOR PROTECTION FOR SYSTEM WITH 12V
A1
A6
12V 5V A9
tVLHT Verify
12V 5V OE
tVLHT tWPP 1 tVLHT
WE
tOESP
CE
Data
tOE
01H
F0H
A15-A12
Sector Address
P/N:PM0548
REV. 1.2, NOV. 12, 2001
33
MX29F100T/B
TIMING WAVEFORM FOR CHIP UNPROTECTION FOR SYSTEM WITH 12V
A1
12V 5V A9
tVLHT
A6
Verify
12V 5V OE
tVLHT tWPP 2 tVLHT
WE
tOESP
CE
Data
tOE
00H
F0H
P/N:PM0548
REV. 1.2, NOV. 12, 2001
34
MX29F100T/B
SECTOR PROTECTION ALGORITHM FOR SYSTEM WITH 12V
START
Set Up Sector Addr (A15,A14,A13,A12)
PLSCNT=1
OE=VID,A9=VID,CE=VIL A6=VIL
Activate WE Pulse Increment PLSCNT Time Out 10us
Set WE=VIH, CE=OE=VIL A9 should remain VID No Read from Sector Addr=SA, A1=1
No PLSCNT=32? Data=01H?
Yes Device Failed
Yes . Protect Another Sector? No Remove VID from A9 Write Reset Command Yes
Sector Protection Complete
P/N:PM0548
REV. 1.2, NOV. 12, 2001
35
MX29F100T/B
SECTOR UNPROTECTION ALGORITHM FOR SYSTEM WITH 12V
START
Protect All Sectors
PLSCNT=1
Set OE=A9=VID CE=VIL,A6=1
Activate WE Pulse
Time Out 12ms
Increment PLSCNT
Set OE=CE=VIL A9=VID,A1=1
Set Up First Sector Addr
Read Data from Device No
Increment Sector Addr
Data=00H?
No
PLSCNT=1000?
Yes No
Yes Device Failed
All sectors have been verified? Yes Remove VID from A9 Write Reset Command
Chip Unprotect Complete
* It is recommended before unprotect the whole chip, all sectors should be protected in advance.
P/N:PM0548
REV. 1.2, NOV. 12, 2001
36
MX29F100T/B
TIMING WAVEFORM FOR SECTOR PROTECTION FOR SYSTEM WITHOUT 12V
A1
A6
Toggle bit polling
Verify
5V OE
tCEP
WE
* See the following Note!
CE
Data
Don't care (Note 2) tOE
01H
F0H
Note: 1. Must issue "unlock for sector protect/unprotect" command before chip protection for a system without 12V provided. 2. Except F0H
P/N:PM0548
REV. 1.2, NOV. 12, 2001
37
MX29F100T/B
TIMING WAVEFORM FOR CHIP UNPROTECTION FOR SYSTEM WITHOUT 12V
A1
A6
Toggle bit polling
Verify
5V OE
tCEP
WE
* See the following Note!
CE
Data
Don't care (Note 2) tOE
00H
F0H
Note: 1. Must issue "unlock for sector protect/unprotect" command before chip unprotection for a system without 12V provided. 2. Except F0H
P/N:PM0548
REV. 1.2, NOV. 12, 2001
38
MX29F100T/B
SECTOR PROTECTION ALGORITHM FOR SYSTEM WITHOUT 12V
START
PLSCNT=1
Write "unlock for sector protect/unprotect" Command(Table1)
Set Up Sector Addr (A15,A14,A13,A12)
OE=VIH,A9=VIH CE=VIL,A6=VIL
Activate WE Pulse to start Data don't care
Toggle bit checking DQ6 not Toggled Yes Increment PLSCNT Set CE=OE=VIL A9=VIH
No
No
Read from Sector Addr=SA, A1=1
No PLSCNT=32? Data=01H? . Yes Device Failed Yes Yes
Protect Another Sector? No Write Reset Command
Sector Protection Complete
P/N:PM0548
REV. 1.2, NOV. 12, 2001
39
MX29F100T/B
SECTOR UNPROTECTION ALGORITHM FOR SYSTEM WITHOUT 12V
START
Protect All Sectors
PLSCNT=1
Write "unlock for sector protect/unprotect" Command (Table 1)
Set OE=A9=VIH CE=VIL,A6=1
Activate WE Pulse to start Data don't care
No
Toggle bit checking DQ6 not Toggled Yes Set OE=CE=VIL A9=VIH,A1=1
Increment PLSCNT
Set Up First Sector Addr
Read Data from Device No
Increment Sector Addr
Data=00H?
No
PLSCNT=1000?
Yes No
Yes Device Failed
All sectors have been verified? Yes Write Reset Command
Chip Unprotect Complete
* It is recommended before unprotect the whole chip, all sectors should be protected in advance.
P/N:PM0548
REV. 1.2, NOV. 12, 2001
40
MX29F100T/B
ID CODE READ TIMING WAVEFORM
VCC
5V VID VIH VIL
ADD A9
A0
tACC tACC
A1
VIH VIL
ADD A2-A8 A10-A15 CE
VIH VIL
VIH VIL
WE
VIH VIL
tCE
OE
VIH VIL
tOE tDF tOH tOH
VIH
DATA Q0-Q15
DATA OUT
VIL
DATA OUT D9H/DFH(Byte mode) 22D9H/22DFH(Word mode)
C2H/00C2H
P/N:PM0548
REV. 1.2, NOV. 12, 2001
41
MX29F100T/B
ERASE AND PROGRAMMING PERFORMANCE(1)
PARAMETER
Sector Erase Time Chip Erase Time Byte Programming Time Word Programming Time Chip Programming Time Erase/Program Cycles 100,000
MIN.
LIMITS TYP.(2)
1 3 7 12 3.5
MAX.(3)
8 24 210 360 10.5
UNITS
sec sec us us sec Cycles
Note:
1.Not 100% Tested, Excludes external system level over head. 2.Typical values measured at 25 C,5V. 3.Maximum values measured at 25 C,4.5V.
LATCHUP CHARACTERISTICS
MIN. Input Voltage with respect to GND on all pins except I/O pins Input Voltage with respect to GND on all I/O pins Current Includes all pins except Vcc. Test conditions: Vcc = 5.0V, one pin at a time. -1.0V -1.0V -100mA MAX. 13.5V Vcc + 1.0V +100mA
DATA RETENTION
PARAMETER Data Retention Time MIN. 20 UNIT Years
P/N:PM0548
REV. 1.2, NOV. 12, 2001
42
MX29F100T/B
ORDERING INFORMATION
PLASTIC PACKAGE (Top Boot Sector as an sample for Bottom Boot Sector ones, MX29F100TXX will change to MX29F100BXX) PART NO. MX29F100TMC-55 MX29F100TMC-70 MX29F100TMC-90 MX29F100TMC-12 MX29F100TTC-55 MX29F100TTC-70 MX29F100TTC-90 MX29F100TTC-12 MX29F100TTA-90 MX29F100TTA-12 Access Time (ns) 55 70 90 120 55 70 90 120 90 120 Operating Current MAX.(mA) 40 40 40 40 40 40 40 40 40 40 Standby Current MAX.(uA) 5 5 5 5 5 5 5 5 20 20 Temperature Range 0oC~70oC 0oC~70oC 0oC~70oC 0oC~70oC 0oC~70oC 0oC~70oC 0oC~70oC 0oC~70oC -40oC~125oC -40oC~125oC PACKAGE 44 Pin SOP 44 Pin SOP 44 Pin SOP 44 Pin SOP 48 Pin TSOP (Normal Type) 48 Pin TSOP (Normal Type) 48 Pin TSOP (Normal Type) 48 Pin TSOP (Normal Type) 48 Pin TSOP (Normal Type) 48 Pin TSOP (Normal Type)
P/N:PM0548
REV. 1.2, NOV. 12, 2001
43
MX29F100T/B
PACKAGE INFORMATION
48-PIN PLASTIC TSOP
P/N:PM0548
REV. 1.2, NOV. 12, 2001
44
MX29F100T/B
44-PIN PLASTIC SOP
P/N:PM0548
REV. 1.2, NOV. 12, 2001
45
MX29F100T/B
REVISION HISTORY
Revision 1.0 Description 1.To remove "Advanced Information" datasheet marking and contain information on products in full production 2.The modification summary from Revision 0.9.8 to Revision 1.0: 2-1.Program/erase cycle times:10K cycles-->100K cycles 2-2.To add data retention 20 years 2-3.To remove A9 from the timing waveform of protection/ unprotection without 12V 2-4.Multi-sector erase timeout:80ms-->30us 2-5.tBAL:80us-->100us To modify "Package Information" Add automative grade Page P1 Date DEC/21/1999
P1,42 P1,42 P37,38 P10 P22,23 P44~45 JUN/14/2001 P15,19-23,43 NOV/12/2001
1.1 1.2
P/N:PM0548
REV. 1.2, NOV. 12, 2001
46
MX29F100T/B
MACRONIX INTERNATIONAL CO., LTD.
HEADQUARTERS:
TEL:+886-3-578-6688 FAX:+886-3-563-2888
EUROPE OFFICE:
TEL:+32-2-456-8020 FAX:+32-2-456-8021
JAPAN OFFICE:
TEL:+81-44-246-9100 FAX:+81-44-246-9105
SINGAPORE OFFICE:
TEL:+65-348-8385 FAX:+65-348-8096
TAIPEI OFFICE:
TEL:+886-2-2509-3300 FAX:+886-2-2509-2200
MACRONIX AMERICA, INC.
TEL:+1-408-453-8088 FAX:+1-408-453-8488
CHICAGO OFFICE:
TEL:+1-847-963-1900 FAX:+1-847-963-1909
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the right to change product and specifications without notice.
47


▲Up To Search▲   

 
Price & Availability of MX29F100T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X