Part Number Hot Search : 
TMEGA1 5KE10 13191 AM2855 AEP012SI AD9446 D1707 CM7210
Product Description
Full Text Search
 

To Download MTD2005F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Stepping Motor Driver ICs
MTD Series
MTD2005F
FEATURES chopping function (Frequency fixed, separate-oscillation) 2-phase input (ENA input is useful for half step drive) Selectable slow/fast current decay for improved micro stepping A noise cancel function is provided (No externally attached filter needed) Protection for penetration current Built-in thermal alarm Built-in flywheel diodes
Constant-current
OUTLINE DIMENSIONS
Case : HSOP-28 (Unit : mm)
RATINGS
Absolute Maximum Ratings (Ta=25) Item
Output Voltage Output Current LogicSupplyVoltage LogicInputVoltage Total Power Dissipation Junction Temperature Storage Temperature
Symbol V CEO(SUS) IO V CC V IN PT Tj Tstg
Symbol Test Conditions V CE (sat)H Io=0.8A V CE (sat)L Io=0.8A Ir H Vmm=60V,Vout=0V I rL Vout=60V,V RS=0V I CC (OFF) Vcc=5V,V ENA="H" I CC (ON) Vcc=5V,V ENA="L" VphaH V CC = 5V VphaL V CC = 5V IphaH V CC = 5V,Vpha=5V IphaL V CC = 5V,Vpha=0V V ENAH V CC =5V V ENAL V CC =5V I ENAH V CC =5V,V ENA=5V I ENAL V CC =5V,V ENA=0V V DECH V CC =5V V DECL V CC =5V I DECH V CC =5V,V DEC =5V I DECL V CC =5V,V DEC =0V Iref V CC =5V,Vref=0V Isense V CC =5V,V S=0V V S(max.) V CC =5V tb V CC =5V,Ct=3300pF Iralm V CC =5V,Valm=5V Ialm V CC =5V,Valm=0.5V Talm
Ratings 60 1.0 06 0V CC 3 150 -40150
min. typ. 1.0 1.0
Unit V A V V W
max.
1.4 1.4 10 10 19 25 26 33 Vcc 0.8 10 -150 Vcc 0.8 10 -100 -150 Vcc 0.8 10 -200 -1 -1 1.35 10 2 140 -300 -10 -10 1.0
Electrical Characteristics (Ta=25) Item
Output Saturation Voltage(Upper side) Output Saturation Voltage(Lower side) Output Leakage Current(Upper side) Output Leakage Current(Lower side) Logic Supply Current(Standby) Logic Supply Current(All Circuit ON) Phase"H"Input Voltage Phase"L"Input Voltage Phase"H"Input Current Phase"L"Input Current Enable"H"Input Voltage Enable"L"Input Voltage Enable"H"Input Current Enable"L"Input Current DECAY"H"Input Voltage DECAY"L"Input Voltage DECAY"H"Input Current DECAY"L"Input Current Reference Input Current Input Current(Current Sensor) Maximum Sensing Voltage Pulse Blanking Time Thermal Alarm Cutoff Current Thermal Alarm Output Current Thermal Alarm Temperature
2.7 GND -100 2.7 GND
2.7 GND
Unit V V A A mA mA V V A A V V A A V V A A A A V s A mA
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
Stepping Motor Driver ICs
Equivalent CircuitBasic Application Circuit
MTD2005F
Pin Assignment
True Table
ENA A or B L L H ENA A or B L H x Out 1 or 4 L H OFF Out 2 or 3 H L OFF
Recommended Parts Value
Symbol Rs Rt Ct R1+R2 Recommended Value 0.68 13 4700 <10 Unit k pF k
x : don't care
True Table for Current Decay
DECAY L H Current Decay Mode FAST (Sink+Source Chopping) SLOW (Source Chopping)
Setting of Output Current and Chopping Frequency
Fig.1 shows constant current chopping wave form. Output Current setting Fig.1 Constant current wave form (Motor current / phase)
Io =
R2 Vcc R1+R2 Rs 1 0.72CtRt
Chopping Frequency Setting
f=
Recommended Operating Conditions Ta=25
Item Motor Supply Voltage Output Current Output Emitter Voltage Logic Supply Voltage Chopping Frequency Operating Temperature Symbol Vmm Io min. typ. max. 50 0.8 1 5.25 120 Unit V A
VE
Vcc fchop Top 4.75 20 -25
V
V kHz
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd


▲Up To Search▲   

 
Price & Availability of MTD2005F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X