Part Number Hot Search : 
BF240 100262 UMA10 Q6700 Q6700 2SK1465 T4KJ20C ZD03V9
Product Description
Full Text Search
 

To Download MTD2001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Stepping Motor Driver ICs
MTD Series
MTD2001
FEATURES
Constant-current chopping function
OUTLINE DIMENSIONS
Case : ZIP-27 (Unit : mm)
(Off time fixed, self-oscillation) 4-phase input (with inhibit for simultaneously turn ON) An ENABLE function is provided Protection for penetration current Built-in overheating protection (Alarm + shutdown)
RATINGS
Absolute Maximum Ratings (Ta=25) Item
Output Voltage Output Current LogicSupplyVoltage LogicInputVoltage Total Power Dissipation Junction Temperature Storage Temperature
Symbol VCEO(SUS) IO VCC VIN PT Tj Tstg
Symbol Test Conditions VCE(sat)H Io=1.0A VCE(sat)L Io=1.0A IrH Vmm=60V,Vout=0V IrL Vout=60V,VRS=0V ICC(OFF) VCC=5V,VENA="H" ICC(ON) VCC=5V,VENA="L" VINH VCC = 5V VENAH VCC = 5V VINL VCC = 5V VENAL VCC = 5V lINH VCC = 5V,VIN=5V lENAH VCC = 5V,VENA=5V lINL VCC = 5V,VIN=0V lENAL VCC = 5V,VENA=0V Iref VCC=5V,Vref=0V Isense VCC=5V,VS=0V VS(max.) VCC=5V Iralm VCC=5V,Valm=5V Ialm VCC=5V,Valm=0.5V Talm TTSD
Ratings 60 1.5 07 0VCC 5 150 -40150
min. typ. 1.0 1.0
Unit V A V V W
max.
1.4 1.3 10 10 25 55 35 75 Vcc Vcc 1.0 1.0 10 10 -10 -10 -1 -1 -50 -50 -10 -10 1.5 10 2 125 150
Electrical Characteristics (Ta=25) Item
Output Saturation Voltage(Upper side) Output Saturation Voltage(Lower side) Output Leakage Current(Upper side) Output Leakage Current(Lower side) Logic Supply Current(Standby) Logic Supply Current(All Circuit ON) Input High Voltage Input Low Voltage Logic High Input Current Logic Low Input Current Reference Input Current Input Current(Current Sensor) Maximum Sensing Voltage Thermal Alarm Cutoff Current Thermal Alarm Output Current Thermal Alarm Temperature Thermal Shutdown Temperature
2.7 2.7 GND GND
Unit V V A A mA mA V V A A A A V A mA
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
Stepping Motor Driver ICs
Equivalent CircuitBasic Application Circuit
MTD2001
Pin Assignment
True Table
ENA A or B L L L L H IN 1 or 4 L L H H x IN 2 or 3 L H L H x
x : don't care
Recommended Parts Value
Out 1 or 4 OFF L H OFF OFF Out 2 or 3 OFF H L OFF OFF Symbol Rs RF CF Rt Ct R1+R2 Recommended Value 0.68 2 1000 15 3300 <10 Unit k pF k pF k
Setting of Output Current and Fixed Off Time
Fig.1 shows constant current chopping wave form. Fig.1 Constant current wave form (Motor current / phase) Output Current setting
Io =
R2 Vcc R1+R2 Rs
Fixed Off Time Setting
Toff=0.69CtRt
Recommended Operating Conditions Ta=25 Item Symbol Motor Supply Voltage Vmm Output Current IO Output Emitter Voltage VE Logic Supply Voltage VCC Chopping Frequency fchop Operating Temperature Top
min.
10
typ.
max.
50 1.2 1.5 5.25 27 120
4.75 20 -25
Unit V A V V kHz
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd


▲Up To Search▲   

 
Price & Availability of MTD2001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X