Part Number Hot Search : 
HT162 S2568 253EN NB650 00BGC M50743 SDH40HF W134MSQC
Product Description
Full Text Search
 

To Download MSM5118165F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEDD5118165F-01
1 Semiconductor MSM5118165F
DESCRIPTION
This version: June. 2000 Previous version :
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
The MSM5118165F is a 1,048,576-word x 16-bit dynamic RAM fabricated in Oki's silicon-gate CMOS technology. The MSM51V18165F achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal CMOS process. The MSM5118165F is available in a 42-pin plastic SOJ or 50/44-pin plastic TSOP. FEATURES
* 1,048,576-word x 16-bit configuration * Single 5V power supply, 10% tolerance * Input : TTL compatible, low input capacitance * Output : TTL compatible, 3-state * Refresh : 1024 cycles/16ms * Fast page mode with EDO, read modify write capability * CAS before RAS refresh, hidden refresh, RAS-only refresh capability * Packages (SOJ42-P-400-1.27) 42-pin 400mil plastic SOJ (Product : MSM5118165F-xxJS) 50/44-pin 400mil plastic TSOP (TSOPII50/44-P-400-0.80-K) (Product : MSM5118165F-xxTS-K)
xx indicates speed rank. PRODUCT FAMILY
Access Time (Max.)
Family
tRAC 50ns 60ns 70ns
tAA 25ns 30ns 35ns
tCAC 13ns 15ns 20ns
tOEA 13ns 15ns 20ns
Cycle Time (Min.) 84ns 104ns 124ns
Power Dissipation Operating (Max.) 743mW 688mW 633mW Standby (Max.) 5.5mW
MSM5118165F
1/15
FEDD5118165F-01
1 Semiconductor
MSM5118165F
PIN CONFIGURATION (TOP VIEW)
VCC 1 DQ1 2 DQ2 3 DQ3 4 DQ4 5 VCC 6 DQ5 7 DQ6 8 DQ7 9 DQ8 10 NC 11 NC 12 WE 13 RAS 14 NC 15 NC 16 A0 17 A1 18 A2 19 A3 20 VCC 21 42-Pin Plastic SOJ
42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22
VSS DQ16 DQ15 DQ14 DQ13 VSS DQ12 DQ11 DQ10 DQ9 NC LCAS UCAS OE A9 A8 A7 A6 A5 A4 VSS
VCC 1 DQ1 2 DQ2 3 DQ3 4 DQ4 5 VCC 6 DQ5 7 DQ6 8 DQ7 9 DQ8 10 NC 11
50 49 48 47 46 45 44 43 42 41 40
VSS DQ16 DQ15 DQ14 DQ13 VSS DQ12 DQ11 DQ10 DQ9 NC
NC 15 NC 16 WE 17 RAS 18 NC 19 NC 20 A0 21 A1 22 A2 23 A3 24 VCC 25
36 35 34 33 32 31 30 29 28 27 26
NC LCAS UCAS OE A9 A8 A7 A6 A5 A4 VSS
50/44-Pin Plastic TSOP (K Type)
Pin Name A0-A9 RAS LCAS UCAS DQ1-DQ16 OE WE VCC VSS NC
Function Address Input Row Address Strobe Lower Byte Column Address Strobe Upper Byte Column Address Strobe Data Input/Data Output Output Enable Write Enable Power Supply (5V) Ground (0V) No Connection
Note : The same power supply voltage must be provided to every VCC pin, and the same GND voltage level must be provided to every VSS pin.
2/15
FEDD5118165F-01
1 Semiconductor
MSM5118165F
BLOCK DIAGRAM
WE RAS LCAS UCAS
Column Address Buffers Internal Address Counter Timing Generator I/O Controller I/O Controller 10 10 Column Decoders 8 Output Buffers 8 DQ1-DQ8 8 I/O Selector Input Buffers 8
OE
A0-A9
Refresh Control Clock
Sense Amplifiers
16
16 Input Buffers
8 10 Row Address Buffers 10 Row Decoders Word Drivers Memory Cells 8
8 DQ9-DQ16
Output Buffers
8
VCC On Chip VBB Generator On Chip IVCC Generator VSS
FUNCTION TABLE
Input Pin RAS H L L L L L L L L LCAS * H L H L L H L L UCAS * H H L L H L L L WE * * H H H L L L H OE * * L L L H H H H DQ Pin Function Mode DQ1-DQ8 High-Z High-Z DOUT High-Z DOUT DIN Don't Care DIN High-Z DQ9-DQ16 High-Z High-Z High-Z DOUT DOUT Don't Care DIN DIN High-Z Standby Refresh Lower Byte Read Upper Byte Read Word Read Lower Byte Write Upper Byte Write Word Write
* : "H" or "L"
3/15
FEDD5118165F-01
1 Semiconductor
MSM5118165F
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Parameter Voltage on Any Pin Relative to VSS Voltage VCC Supply relative to VSS Short Circuit Output Current Power Dissipation Operating Temperature Storage Temperature Symbol VIN, VOUT VCC IOS PD* Topr Tstg Value -0.5 to VCC+ 0.5 -0.5 to 7 50 1 0 to 70 -55 to 150 Unit V V mA W C C
*: Ta = 25C
RECOMMENDED OPERATING CONDITIONS
(Ta = 0 to 70C) Parameter Power Supply Voltage Input High Voltage Input Low Voltage Symbol VCC VSS VIH VIL Min. 4.5 0 2.4 - 0.5*2 Typ. 5.0 0 Max. 5.5 0 VCC + 0.5 0.8
*1
Unit V V V V
Notes: *1. The input voltage is VCC + 2.0V when the pulse width is less than 20ns (the pulse width is with respect to the point at which VCC is applied). *2. The input voltage is VSS - 2.0V when the pulse width is less than 20ns (the pulse width respect to the point at which VSS is applied).
PIN CAPACITANCE
(Vcc = 5V 10%, Ta = 25C, f = 1 MHz) Parameter Input Capacitance (A0 - A9) Input Capacitance (RAS, LCAS, UCAS, WE, OE) Output Capacitance (DQ1 - DQ16) Symbol CIN1 CIN2 CI/O Min. -- -- -- Typ. -- -- -- Min. 5 7 7 Unit pF pF pF
4/15
FEDD5118165F-01
1 Semiconductor
MSM5118165F
DC CHARACTERISTICS
(VCC = 5V 10%, Ta = 0 to 70C) MSM5118165 F-50 Min. Output High Voltage Output Low Voltage Input Leakage Current Output Leakage Current Average Power Supply Current (Operating) Power Supply Current (Standby) Average Power Supply Current (RAS-only Refresh) Power Supply Current (Standby) Average Power Supply Current (CAS before RAS Refresh) Average Power Supply Current (Fast Page Mode) VOH VOL IOH = -5.0mA IOL = 4.2mA 0V VI 6.5V; ILI All other pins not under test = 0V DQ disable 0V VO VCC RAS, CAS cycling, tRC = Min. RAS, CAS = VIH ICC2 RAS, CAS VCC - 0.2V RAS cycling, ICC3 CAS = VIH, tRC = Min. RAS = VIH, ICC5 CAS = VIL, DQ = enable RAS = cycling, CAS before RAS RAS = VIL, ICC7 CAS cycling, tHPC = Min. 120 110 100 mA 1,3 5 5 5 mA 1 135 125 115 mA 1,2 - 10 10 - 10 10 - 10 10 A 2.4 0 Max. VCC 0.4 MSM5118165 F-60 Min. 2.4 0 Max. VCC 0.4 MSM5118165 F-70 Unit Note Min. 2.4 0 Max. VCC 0.4 V V
Parameter
Symbol
Condition
ILO
- 10
10
- 10
10
- 10
10
A
ICC1
135
125
115
mA
1,2

2 1

2 1

2 mA 1 1
ICC6
135
125
115
mA
1,2
Notes: 1. ICC Max. is specified as ICC for output open condition. 2. The address can be changed once or less while RAS = VIL. 3. The address can be changed once or less while CAS = VIH.
5/15
FEDD5118165F-01
1 Semiconductor
MSM5118165F
AC CHARACTERISTICS (1/2)
(VCC = 5V 10%, Ta = 0 to 70C) Note1,2,3 Parameter Symbol MSM5118165 F-50 Min. Random Read or Write Cycle Time Read Modify Write Cycle Time Fast Page Mode Cycle Time tRC tRWC tHPC 84 110 20 58 0 5 0 0 0 0 1 30 50 50 7 7 7 7 35 5 30 Max. 50 13 25 30 13 13 13 13 13 50 16 10,000 100,000 10,000 MSM5118165 F-60 Min. 104 135 25 68 0 5 0 0 0 0 1 40 60 60 10 10 10 10 40 5 35 Max. 60 15 30 35 15 15 15 15 15 50 16 10,000 100,000 10,000 MSM5118165 F-70 Min. 124 160 30 78 0 5 0 0 0 0 1 50 70 70 13 13 10 13 45 5 40 Max. 70 20 35 40 20 20 20 20 20 50 16 10,000 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ns ns 7,8 7,8 7 7 3 4, 5, 6 4,5 4,6 4,13 4 4 Unit Note
Fast Page Mode Read Modify Write tHPRWC Cycle Time Access Time from RAS Access Time from CAS Access Time from Column Address Access Time from CAS Precharge Access Time from OE Output Low Impedance Time from CAS Data Output Hold After CAS Low CAS to Data Output Buffer Turnoff Delay Time RAS to Data Output Buffer Turnoff Delay Time OE to Data Output Buffer Turn-off Delay Time WE to Data Output Buffer Turnoff Delay Time Transition Time Refresh Period RAS Precharge Time RAS Pulse Width RAS Pulse Width (Fast Page Mode with EDO) RAS Hold Time RAS Hold Time referenced to OE CAS Precharge Time (Fast Page Mode with EDO) CAS Pulse Width CAS Hold Time CAS to RAS Precharge Time tRAC tCAC tAA tCPA tOEA tCLZ tDOH tCEZ tREZ tOEZ tWEZ tT tREF tRP tRAS tRASP tRSH tROH tCP tCAS tCSH tCRP
100,000 ns 10,000 ns ns ns ns ns ns ns 13 13 15
RAS Hold Time from CAS Precharge tRHCP
6/15
FEDD5118165F-01
1 Semiconductor
MSM5118165F
AC CHARACTERISTICS (2/2)
(VCC = 5V 10%, Ta = 0 to 70C) Note1,2,3 Parameter OE Hold Time from CAS (DQ Disable) RAS to CAS Delay Time RAS to Column Address Delay Time Row Address Set-up Time Row Address Hold Time Column Address Set-up Time Column Address Hold Time Column Address to RAS Lead Time Read Command Set-up Time Read Command Hold Time Read Command Hold Time referenced to RAS Write Command Set-up Time Write Command Hold Time Write Command Pulse Width WE Pulse Width (DQ Disable) OE Command Hold Time OE Precharge Time OE Command Hold Time Write Command to RAS Lead Time Write Command to CAS Lead Time Data-in Set-up Time Data-in Hold Time OE to Data-in Delay Time CAS to WE Delay Time Column Address to WE Delay Time RAS to WE Delay Time CAS Precharge WE Delay Time CAS Active Delay Time from RAS Precharge RAS to CAS Set-up Time (CAS before RAS) RAS to CAS Hold Time (CAS before RAS) Symbol MSM5118165 F-50 Min. tCHO tRCD tRAD tASR tRAH tASC tCAH tRAL tRCS tRCH tRRH tWCS tWCH tWP tWPE tOEH tOEP tOCH tRWL tCWL tDS tDH tOED tCWD tAWD tRWD tCPWD tRPC tCSR tCHR 5 11 9 0 7 0 7 25 0 0 0 0 7 7 7 7 7 7 7 7 0 7 13 30 42 67 47 5 5 10 Max. 37 25 MSM5118165 F-60 Min. 5 14 12 0 10 0 10 30 0 0 0 0 10 10 10 10 10 10 10 10 0 10 15 34 49 79 54 5 5 10 Max. 45 30 MSM5118165 F-70 Min. 5 14 12 0 10 0 13 35 0 0 0 0 13 10 10 13 10 10 13 13 0 13 20 44 59 94 64 5 5 10 Max. 50 35 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 10 10 10 10 12 12 13 14 11,12 11,12 12 9,12 9 10,12 12 12 12 5 6 Unit Note
7/15
FEDD5118165F-01
1 Semiconductor
MSM5118165F
Notes: 1. A start-up delay of 200s is required after power-up, followed by a minimum of eight initialization cycles (RAS-only refresh or CAS before RAS refresh) before proper device operation is achieved. 2. The AC characteristics assume tT = 2ns. 3. VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals. Transition times (tT) are measured between VIH and VIL. 4. -50 is measured with a load circuit equivalent to 2 TTL load and 50pF, and -60/-70 is measured with a load circuit equivalent to 2 TTL load and 100pF. 5. Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met. tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified tRCD (Max.) limit, then the access time is controlled by tCAC. 6. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met. tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified tRAD (Max.) limit, then the access time is controlled by tAA. 7. tCEZ (Max.), tREZ (Max.), tWEZ (Max.), and tOEZ (Max.) define the time at which the output achieved the open circuit condition and are not referenced to output voltage levels. 8. tCEZ, and tREZ must be satisfied for open circuit condition. 9. tRCH or tRRH must be satisfied for a read cycle. 10. tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCS tWCS (Min.), then the cycle is an early write cycle and the data out will remain open circuit (high impedance) throughout the entire cycle. If tCWD tCWD (Min.), tRWD tRWD(Min.), tAWD tAWD (Min.) and tCPWD tCPWD (Min.), then the cycle is a read modify write cycle and data out will contain data read from the selected cell; if neither of the above sets of conditions is satisfied, then the condition of the data out (at access time) is indeterminate. 11. These parameters are referenced to the UCAS and LCAS, leading edges in an early write cycle, and to the WE leading edge in an OE control write cycle, or a read modify write cycle. 12. These parameters are determined by the falling edge of either UCAS or LCAS, whichever is earlier. 13. These parameters are determined by the rising edge of either UCAS or LCAS, whichever is later. 14. tCWL should be satisfied by both UCAS and LCAS. 15. tCP is determined by the time both UCAS and LCAS are high.
8/15
FEDD5118165F-01
1 Semiconductor
MSM5118165F
TIMING CHART
Read Cycle
RAS VIH VIL tCRP CAS VIH VIL tASR Address VIH VIL VIH VIL VIH VIL tRAC DQ VOH VOL tCLZ Open Valid Data-out "H" or "L" tAA tROH tOEA tCAC tOEZ tRCH tREZ tRAD tRAL tRAH tASC Column tRCS tCAH tRCD tCSH tRSH tCAS tCRP tRC tRAS tRP
Row
tRRH
WE
OE
tCEZ
Write Cycle (Early Write)
VIH VIL tCRP CAS VIH VIL tASR Address VIH VIL tRAD tRAL tRAH tASC tCAH tRCD tRC tRAS tRP tCSH tRSH tCAS tCRP
RAS
Row tWCS
Column tCWL tWCH tWP tRWL
WE
VIH VIL VIH VIL tDS VIH VIL
OE
tDH Valid Data-in Open "H" or "L"
DQ
9/15
FEDD5118165F-01
1 Semiconductor
MSM5118165F
Read Modify Write Cycle
tRWC RAS VIH VIL tCRP CAS VIH VIL tASR Address VIH VIL tRAD tRAH tASC tCAH tCWL tRWL tRCD tRAS tRP tCSH tRSH tCAS tCRP
Row
Column tRCS tRWD tCWD tWP tAWD tAA tOEA tOED tCAC tRAC tOEZ tCLZ
Valid Data-out
WE
VIH VIL VIH VIL tOEH
OE
tDH tDS
Valid Data-in
DQ
VI/OH VI/OL
"H" or "L"
10/15
FEDD5118165F-01
1 Semiconductor
MSM5118165F
Fast Page Mode Read Cycle (part-1)
tRASP RAS VIH VIL tCRP CAS VIH VIL VIH VIL VIH VIL VIH VIL tOEA tCAC DQ VOH VOL tCLZ * : Same Data, "H" or "L" tAA tRAC tAA tCPA tDOH Valid Data-out tOEZ
Valid Data-out
tRP tHPC tRHCP tCP tCAS tCAS tASC tCAH
tRCD tCSH tCAS tRAD tASR Row tRCS tRAH tASC tCAH tASC tCP
tCAH
Address
Column
Column
Column tOCH tCHO tOEP tCAC tAA tRRH
WE
tCAC
tOEP tOEA
OE
tOEA
tOEZ
Valid * Data-out
tREZ
Valid * Data-out
Fast Page Mode Read Cycle (part-2)
tRASP RAS VIH VIL tCRP tRCD CAS VIH VIL VIH VIL VIH VIL VIH VIL tCAC tCAC DQ VOH VOL tCLZ "H" or "L" tWEZ
Valid Data-out
tRP tHPC tRHCP tHPC tCRP tCP tCAS tCAH Column tASC Column tCAS
tCSH tCP tCAS
tASR Row
tRAD tRAH
tASC
tCAH
tASC
tCAH
Address
Column tRCS tRCS tAA tRAC tRCH tWPE tOEA
WE
tAA
tCPA tAA
OE
tCAC
tDOH Valid Data-out
tCEZ
Valid Data-out
11/15
FEDD5118165F-01
1 Semiconductor
MSM5118165F
Fast Page Mode Write Cycle (Early Write)
tRASP RAS VIH VIL VIH VIL VIH VIL VIH VIL VIH VIL tDS DQ VIH VIL
Valid Data-in
tRP tHPC tHPC tCP tCAS tRSH tCAS tCAH
tCSH tCRP tRCD tCAS tRAD tASR Row tWCS tRAH tASC tCAH tASC tCP
CAS
tCAH
tASC
Address
Column tWCH
Column tWCS tWCH
Column tWCS tWCH
WE
OE
tDH
tDS
Valid Data-in
tDH
tDS
Valid Data-in
tDH
"H" or "L"
Fast Page Mode Read Modify Write Cycle
tRASP RAS VIH VIL VIH VIL tASR Address VIH VIL VIH VIL tRAC OE VIH VIL tCAC DQ VI/OH VI/OL tCLZ tOEZ
Valid Data-out
tRWD tCRP tRCD tCWD tASC tRAD tRAH Column tRCS tRCS tAWD tAA tOEA tOED tDH
Valid Data-in
tCPWD tCP tASC tHPRWC tCAH tCWL Column tCWD tAWD tDS tWP tAA tOEA tOEH tCAC tOEZ
Valid Data-out Valid Data-in
tRWL
CAS
tCAH tCPA
Row
WE
tDS
tWP
tOED
tOEH tDH
tCLZ "H" or "L"
12/15
FEDD5118165F-01
1 Semiconductor
MSM5118165F
RAS-only Refresh Cycle RAS
tRC RAS VIH VIL VIH VIL VIH VIL VOH VOL tASR tRAH tCRP tRAS tRP tRPC
CAS
Address
Row tCEZ
DQ
Open Note: WE, OE = "H" or "L" "H" or "L"
CAS before RAS Refresh Cycle
tRP RAS VIH VIL VIH VIL tCEZ DQ VOH VOL Open tRPC tCP tCSR tCHR tRAS tRP tRPC tRC
CAS
13/15
FEDD5118165F-01
1 Semiconductor
MSM5118165F
Hidden Refresh Read Cycle
tRC RAS VIH VIL VIH VIL tASR Address VIH VIL VIH VIL tRAD tRAH Row tRCS WE tASC Column tCAC tRAL tAA tROH OE VIH VIL VOH VOL tRAC tCLZ Open Valid Data-out "H" or "L" tOEA tOEZ tCEZ tREZ tRRH tCAH tCRP tRCD tRAS tRSH tRP tCHR tRAS tRP tRC
CAS
DQ
Hidden Refresh Write Cycle
tRC RAS VIH VIL VIH VIL tASR Address VIH VIL tRAD tRAH Row tASC tCAH Column tRAL tRWL tWP tWCH tCRP tRCD tRAS tRSH tRP tCHR tRAS tRP tRC
CAS
WE
VIH VIL tWCS VIH VIL VIH VIL tDS
OE
tDH Valid Data-in
DQ
"H" or "L"
14/15
FEDD5118165F-01
1 Semiconductor
MSM5118165F
NOTICE 1. The information contained herein can change without notice owing to product and/or technical improvements. Before using the product, please make sure that the information being referred to is up-to-date. 2. The outline of action and examples for application circuits described herein have been chosen as an explanation for the standard action and performance of the product. When planning to use the product, please ensure that the external conditions are reflected in the actual circuit, assembly, and program designs. 3. When designing your product, please use our product below the specified maximum ratings and within the specified operating ranges including, but not limited to, operating voltage, power dissipation, and operating temperature. 4. Oki assumes no responsibility or liability whatsoever for any failure or unusual or unexpected operation resulting from misuse, neglect, improper installation, repair, alteration or accident, improper handling, or unusual physical or electrical stress including, but not limited to, exposure to parameters beyond the specified maximum ratings or operation outside the specified operating range. 5. Neither indemnity against nor license of a third party's industrial and intellectual property right, etc. is granted by us in connection with the use of the product and/or the information and drawings contained herein. No responsibility is assumed by us for any infringement of a third party's right which may result from the use thereof. 6. The products listed in this document are intended for use in general electronics equipment for commercial applications (e.g., office automation, communication equipment, measurement equipment, consumer electronics, etc.). These products are not authorized for use in any system or application that requires special or enhanced quality and reliability characteristics nor in any system or application where the failure of such system or application may result in the loss or damage of property, or death or injury to humans. Such applications include, but are not limited to, traffic and automotive equipment, safety devices, aerospace equipment, nuclear power control, medical equipment, and life-support systems. 7. Certain products in this document may need government approval before they can be exported to particular countries. The purchaser assumes the responsibility of determining the legality of export of these products and will take appropriate and necessary steps at their own expense for these. 8. No part of the contents contained herein may be reprinted or reproduced without our prior permission. Copyright 2000 Oki Electric Industry Co., Ltd.
15/15


▲Up To Search▲   

 
Price & Availability of MSM5118165F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X