Part Number Hot Search : 
240QJ1 SCH1332 BR3010 TIP32A RB1E13N PY5305S 91900 SR050
Product Description
Full Text Search
 

To Download MSA-0686 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cascadable Silicon Bipolar MMIC Amplifier Technical Data
MSA-0686
Features
* Cascadable 50 Gain Block * Low Operating Voltage: 3.5 V Typical Vd * 3 dB Bandwidth: DC to 0.8 GHz * High Gain: 18.5 dB Typical at 0.5 GHz * Low Noise Figure: 3.0 dB Typical at 0.5 GHz * Surface Mount Plastic Package * Tape-and-Reel Packaging Available[1]
Note: 1. Refer to PACKAGING section "Tapeand-Reel Packaging for Surface Mount Semiconductors".
Description
The MSA-0686 is a high performance silicon bipolar Monolithic Microwave Integrated Circuit (MMIC) housed in a low cost, surface mount plastic package. This MMIC is designed for use as a general purpose 50 gain block. Applications include narrow and broad band IF and RF amplifiers in commercial and industrial applications. The MSA-series is fabricated using HP's 10 GHz fT, 25 GHz f MAX, silicon bipolar MMIC process which uses nitride self-alignment, ion implantation, and gold metallization to achieve excellent performance, uniformity and reliability. The use of an external bias resistor for temperature and current stability also allows bias flexibility.
86 Plastic Package
Typical Biasing Configuration
R bias VCC > 5 V
RFC (Optional) 4 C block 3 IN 1
MSA
C block OUT Vd = 3.5 V
2
5965-9588E
6-382
MSA-0686 Absolute Maximum Ratings
Parameter Device Current Power Dissipation[2,3] RF Input Power Junction Temperature Storage Temperature Absolute Maximum[1] 50 mA 200 mW +13 dBm 150C -65 to 150C Thermal Resistance[2,4]: jc = 120C/W
Notes: 1. Permanent damage may occur if any of these limits are exceeded. 2. TCASE = 25C. 3. Derate at 8.3 mW/C for TC > 126C. 4. See MEASUREMENTS section "Thermal Resistance" for more information.
Electrical Specifications[1], TA = 25C
Symbol
GP GP f3 dB VSWR NF P1 dB IP3 tD Vd dV/dT
Parameters and Test Conditions: Id = 16 mA, ZO = 50
Power Gain (|S21| 2) Gain Flatness 3 dB Bandwidth Input VSWR Output VSWR 50 Noise Figure Output Power at 1 dB Gain Compression Third Order Intercept Point Group Delay Device Voltage Device Voltage Temperature Coefficient f = 0.1 to 1.5 GHz f = 0.1 to 1.5 GHz f = 0.5 GHz f = 0.5 GHz f = 0.5 GHz f = 0.5 GHz f = 0.1 GHz f = 0.5 GHz f = 0.1 to 0.5 GHz
Units
dB
Min.
16.5
Typ.
20.0 18.5 0.7 0.8 1.7:1 1.7:1
Max.
dB GHz
dB dBm dBm psec V mV/C 2.8
3.0 2.0 14.5 225 3.5 -8.0 4.2
Notes: 1. The recommended operating current range for this device is 12 to 20 mA. Typical performance as a function of current is on the following page.
Part Number Ordering Information
Part Number MSA-0686-TR1 MSA-0686-BLK No. of Devices 1000 100 Container 7" Reel Antistatic Bag
For more information, see "Tape and Reel Packaging for Semiconductor Devices".
6-383
MSA-0686 Typical Scattering Parameters (ZO = 50 , TA = 25C, Id = 16 mA)
Freq. GHz S11 Mag Ang dB S21 Mag Ang dB S12 Mag Ang Mag S22 Ang k
0.1 0.2 0.3 0.4 0.5 0.6 0.8 1.0 1.5 2.0 2.5 3.0 3.5 4.0 5.0
Note:
.06 .06 .07 .08 .08 .09 .12 .15 .25 .34 .43 .49 .56 .61 .70
-175 -169 -164 -158 -154 -152 -152 -154 -171 171 155 140 128 118 99
20.1 19.8 19.4 19.1 18.7 18.0 17.2 16.3 14.0 11.9 9.8 8.0 6.4 5.0 2.4
10.08 9.77 9.35 8.98 8.58 7.94 7.25 6.51 5.01 3.94 3.09 2.51 2.09 1.78 1.32
170 161 152 144 135 128 114 102 76 56 42 28 15 3 -18
-23.3 -23.2 -22.5 -22.2 -21.6 -21.1 -20.3 -19.5 -17.6 -16.1 -15.9 -15.3 -15.1 -14.9 -14.7
.069 .069 .075 .078 .083 .088 .097 .106 .133 .157 .161 .171 .175 .180 .185
4 8 13 16 18 21 25 25 22 19 16 11 6 3 -2
.04 .07 .10 .13 .15 .18 .21 .24 .27 .27 .27 .26 .25 .24 .24
-84 -103 -113 -123 -131 -140 -155 -168 165 147 134 124 118 115 118
1.05 1.05 1.03 1.02 1.01 1.01 1.00 0.99 0.99 1.01 1.06 1.10 1.13 1.15 1.16
1. A model for this device is available in the DEVICE MODELS section.
Typical Performance, TA = 25C
(unless otherwise noted)
24 21 18
G p (dB)
25
Gp (dB)
20 19 18 17 GP
TC = +85C TC = +25C 20 TC = -25C
15 12 9 6 3 0 0.1 0.3 0.5 1.0 3.0 6.0 FREQUENCY (GHz) I d = 12 mA I d = 16 mA I d = 25 mA Gain Flat to DC 5 0 0 1 2 3 Vd (V) 4 5
Id (mA)
15 5
P1 dB (dBm)
5 NF P1 dB 4 3 2 1 0 -25 0 +25 +55 +85 TEMPERATURE (C)
NF (dB)
10
4 3 2 1 0
Figure 1. Typical Power Gain vs. Frequency, TA = 25C.
Figure 2. Device Current vs. Voltage.
Figure 3. Output Power at 1 dB Gain Compression, NF and Power Gain vs. Case Temperature, f = 1.0 GHz, Id=16mA.
12 I d = 30 mA 8
P1 dB (dBm)
4.0
3.5 I d = 20 mA
NF (dB)
4
I d = 16 mA
3.0
0 I d = 12 mA -4 0.1
2.5 I d = 12 mA I d = 16 mA, 30 mA I d = 20 mA 0.1 0.2 0.3 0.5 1.0 2.0 4.0
2.0 0.2 0.3 0.5 1.0 2.0 4.0 FREQUENCY (GHz)
FREQUENCY (GHz)
Figure 4. Output Power at 1 dB Gain Compression vs. Frequency.
Figure 5. Noise Figure vs. Frequency.
6-384
86 Plastic Package Dimensions
0.51 0.13 (0.020 0.005)
GROUND
4
RF INPUT
1
A06
45
RF OUTPUT AND DC BIAS
C L 3 2.34 0.38 (0.092 0.015) 2
GROUND
2.67 0.38 (0.105 0.15)
1.52 0.25 (0.060 0.010)
5 TYP.
0.203 0.051 (0.006 0.002)
0.66 0.013 (0.026 0.005) 0.30 MIN (0.012 MIN)
8 MAX 0 MIN 2.16 0.13 (0.085 0.005)
DIMENSIONS ARE IN MILLIMETERS (INCHES)
6-385


▲Up To Search▲   

 
Price & Availability of MSA-0686

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X