Part Number Hot Search : 
IRL3715S 2SK14 RPC1215 99318 T10100 99318 11110 T10100
Product Description
Full Text Search
 

To Download MMBZ5225 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
MMBZ5225 THRU MMBZ5267
ZENER DIODES
SOT-23
.122 (3.1) .118 (3.0) .016 (0.4) 3 .056 (1.43) .052 (1.33)
FEATURES
Top View
Silicon Planar Power Zener Diodes Standard Zener voltage tolerance is 5% tolerance with a "B" suffix. Other tolerances are available upon request These diodes are also available in Mini-MELF case withthe type designation ZMM5225 ... ZMM5267, DO-35 case with the type designation 1N5225 ... 1N5267 and SOD-123 case with the type designation MMSZ5225 ... MMSZ5267
1
2 max. .004 (0.1)
.007 (0.175) .005 (0.125)
.037(0.95) .037(0.95)
.016 (0.4)
.016 (0.4)
.102 (2.6) .094 (2.4)
.045 (1.15) .037 (0.95)
MECHANICAL DATA
Case: SOT-23 Plastic Package Weight: approx. 0.008 g
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNIT
Zener Current see Table "Characteristics" Power Dissipation at TA = 25C Ptot Tj TS 225(1) 300(2) 150 -65 to +175 mW C C
Maximum Junction Temperature Storage Temperature Range
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance Junction to Ambient Air Forward Voltage at IF = 10 mA
NOTES: (1) On FR-5 board using recommended solder pad layout. (2) On alumina substrate.
RJA VF
- -
- -
556(1) 0.9
C/W Volts
1/21/99
MMBZ5225 THRU MMBZ5267
ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
Type
Marking Code
Nominal Zener voltage(3) at IZT VZ(V) 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75
Maximum Zener impedance(2) Test current IZT(mA) at IZT ZZT() 30 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 150 170 185 230 270 at IZK = 0.25 mA ZZK() 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1400 1600 1700
Maximum reverse leakage current Typical temperture coefficient VZ (%/K) -0.075 -0.070 -0.065 -0.060 -0.055 0.030 0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.062 +0.065 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.082 +0.083 +0.084 +0.085 +0.086 +0.086 +0.087 +0.087 +0.089 +0.090 +0.091 +0.091 +0.092 +0.093 +0.094 +0.095 +0.095 +0.096 +0.096 +0.097 +0.097 +0.097 +0.098 Test Voltage VR
(Volts)
IR (A) 50 25 15 10 5 5 5 5 5 5 3 3 3 3 3 3 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
MMBZ5225 MMBZ5226 MMBZ5227 MMBZ5228 MMBZ5229 MMBZ5230 MMBZ5231 MMBZ5232 MMBZ5233 MMBZ5234 MMBZ5235 MMBZ5236 MMBZ5237 MMBZ5238 MMBZ5239 MMBZ5240 MMBZ5241 MMBZ5242 MMBZ5243 MMBZ5244 MMBZ5245 MMBZ5246 MMBZ5247 MMBZ5248 MMBZ5249 MMBZ5250 MMBZ5251 MMBZ5252 MMBZ5253 MMBZ5254 MMBZ5255 MMBZ5256 MMBZ5257 MMBZ5258 MMBZ5259 MMBZ5260 MMBZ5261 MMBZ5262 MMBZ5263 MMBZ5264 MMBZ5265 MMBZ5266 MMBZ5267
18E 8A 8B 8C 8D 8E 8F 8G 8H 8J 8K 8L 8M 8N 8P 8Q 8R 8S 8T 8U 8V 8W 8X 8Y 8Z 81A 81B 81C 81D 81E 81F 81G 81H 81J 81K 18F 81M 81N 81P 81Q 81R 81S 81T
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7
1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47 52 56
NOTES: (1) The Zener Impedance is derived from the 1kHZ AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener Impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units. (2) Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature. (3) Measured with a pulse test current.


▲Up To Search▲   

 
Price & Availability of MMBZ5225

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X