Part Number Hot Search : 
LTC40 EL5170 LTC40 1A353 SB3200 SQXO2SM A3940 MJ15012
Product Description
Full Text Search
 

To Download MMBZ5221BTS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBZ5221BTS - MMBZ5259BTS
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY Features
* * Three Isolated Zeners in Ultra-Small Surface Mount Package Ideally Suited for Automated Assembly Processes
SOT-363
A
C1 C2 C3
NEW PRODUCT
Dim A
BC
Min 0.10 1.15 2.00 0.30 1.80 3/4 0.90 0.25 0.10 0
Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25 8
Mechanical Data
* * * * * * * Case: SOT-363, Molded Plastic Case material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Orientation: See Diagram Marking: Marking Code (See Table on Page 2) Weight: 0.006 grams (approx.)
KXX YM
A1 A2 A3
B C D F H
M
0.65 Nominal
G H K
J K L M a
J
D
F
L
All Dimensions in mm
Maximum Ratings
Forward Voltage (Note 2) Power Dissipation (Note 1)
@ TA = 25C unless otherwise specified Symbol @ IF = 10mA VF Pd RqJA Tj, TSTG Value 0.9 200 625 -65 to +150 Unit V mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Ordering Information (Note 4)
Device (Type Number)-7* Packaging SOT-363 Shipping 3000/Tape & Reel
* Add "-7" to the appropriate type number in Table 1 from Sheet 2 example: 6.2V Zener = MMBZ5234BTS-7. Notes: 1. Mounted on FR4 PC Board with recommended pad layout which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect. 3. f = 1KHz. 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
DS30184 Rev. 4 - 2
1 of 3 www.diodes.com
MMBZ5221BTS - MMBZ5259BTS
NEW PRODUCT
Electrical Characteristics
Type Number Marking Code
@ TA = 25C unless otherwise specified Zener Voltage Range (Note 2) VZ @ IZT IZT Max (V) 2.52 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.30 6.51 7.14 7.88 8.61 9.14 9.56 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 29.40 31.50 34.65 37.80 40.95 mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 8.5 7.8 7.0 6.2 5.6 5.2 5.0 4.5 4.2 3.8 3.4 3.2 30 30 30 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 16 17 21 25 29 33 41 44 49 58 70 80 Maximum Zener Impedance (Note 3) ZZT
@ IZT
Maximum Reverse Leakage Current (Note 2) IR mA @ VR V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 11 12 14 15 17 18 21 21 23 25 27 30
ZZK @ IZK = 0.25mA W 1200 1300 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800
Nom (V) MMBZ5221BTS MMBZ5223BTS MMBZ5225BTS MMBZ5226BTS MMBZ5227BTS MMBZ5228BTS MMBZ5229BTS MMBZ5230BTS MMBZ5231BTS MMBZ5232BTS MMBZ5233BTS MMBZ5234BTS MMBZ5235BTS MMBZ5236BTS MMBZ5237BTS MMBZ5238BTS MMBZ5239BTS MMBZ5240BTS MMBZ5241BTS MMBZ5242BTS MMBZ5243BTS MMBZ5245BTS MMBZ5246BTS MMBZ5248BTS MMBZ5250BTS MMBZ5251BTS MMBZ5252BTS MMBZ5254BTS MMBZ5255BTS MMBZ5256BTS MMBZ5257BTS MMBZ5258BTS MMBZ5259BTS Notes: KSB KSC KSD KSE KSF KSG KSH KS1 KS2 KS3 KRF KS4 KS5 KS6 KS7 KRG KS8 KS9 KR1 KR2 KR3 KR4 KR5 KR6 KR7 KR8 KR9 KRA KRH KRB KRC KRD KRE 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 15 16 18 20 22 24 27 28 30 33 36 39
Min (V) 2.28 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.70 5.89 6.46 7.13 7.79 8.27 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 26.60 28.50 31.35 34.20 37.05
100 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
2. Short duration test pulse used to minimize self-heating effect. 3. f = 1KHz.
Marking Information
KXX = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
KXX YM
Date Code Key Year Code Month Code Jan 1 Feb 2 March 3 2002 N Apr 4 2003 P May 5
2004 R Jun 6 Jul 7
2005 S Aug 8
2006 T Sep 9
2007 U Oct O
2008 V Nov N
2009 W Dec D
DS30184 Rev. 4 - 2
2 of 3 www.diodes.com
MMBZ5221BTS - MMBZ5259BTS
1000
NEW PRODUCT
0.4
0.3
CT, TOTAL CAPACITANCE (pF)
PD, POWER DISSIPATION (W)
0V BIAS 100
0.2
10
0.1
0 0
25 50 75 100 125
150
1 1 10 VZ, NOMINAL ZENER VOLTAGE (V) Fig. 2 Typical Capacitance 100
TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Dissipation vs Ambient Temperature
1000
100
IZ = 1.0mA 100
PPK, PEAK SURGE POWER (W)
10
10
1 1 10 VZ, NOMINAL ZENER VOLTAGE (V) Fig. 3 Zener Voltage vs. Zener Impedence 100
1 1 10 100 1000 PULSE WIDTH (ms) Fig. 4 Maximum Non-repetitive Surge Power
DS30184 Rev. 4 - 2
3 of 3 www.diodes.com
MMBZ5221BTS - MMBZ5259BTS


▲Up To Search▲   

 
Price & Availability of MMBZ5221BTS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X