Part Number Hot Search : 
55DCB TSP150B 78M15 A2C22 90N03 WMRGR CX4CSM5 D4148
Product Description
Full Text Search
 

To Download MMBD770T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document BY MMBD110T1/D
Schottky Barrier Diodes
Schottky barrier diodes are designed primarily for high-efficiency UHF and VHF detector applications. Readily available to many other fast switching RF and digital applications. They are housed in the SOT-323/SC-70 package which is designed for low-power surface mount applications. * Extremely Low Minority Carrier Lifetime * Very Low Capacitance * Low Reverse Leakage * Available in 8 mm Tape and Reel
MMBD110T1 MMBD330T1 MMBD770T1
3
1 2
CASE 419A-02, STYLE 2 SOT-323/SC-70
MAXIMUM RATINGS
Rating Reverse Voltage MMBD110T1 MMBD330T1 MMBD770T1 Symbol VR Value 7.0 30 70 120 - 55 to +125 - 55 to +150 Unit Vdc
Forward Power Dissipation TA = 25C Junction Temperature Storage Temperature Range
PF TJ Tstg
mW C C
DEVICE MARKING
MMBD110T1 = 4M MMBD330T1 = 4T MMBD770T1 = 5H
Thermal Clad is a registered trademark of the Bergquist Company.
Motorola Inc. 1996 (c) Motorola, Small-Signal Transistors, FETs and Diodes Device Data
1
MMBD110T1 MMBD330T1 MMBD770T1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Reverse Breakdown Voltage (IR = 10 A) MMBD110T1 MMBD330T1 MMBD770T1 CT MMBD110T1 MMBD330T1 MMBD770T1 IR MMBD110T1 MMBD330T1 MMBD770T1 NF MMBD110T1 VF MMBD110T1 MMBD330T1 MMBD770T1 -- -- -- -- -- 0.5 0.38 0.52 0.42 0.7 0.6 0.45 0.6 0.5 1.0 -- 6.0 -- Vdc -- -- -- 20 13 9.0 250 200 200 dB -- -- -- 0.88 0.9 0.5 1.0 1.5 1.0 nAdc Symbol V(BR)R 7.0 30 70 10 -- -- -- -- -- pF Min Typ Max Unit Volts
Diode Capacitance (VR = 0, f = 1.0 MHZ, Note 1) (VR = 15 Volts, f = 1.0 MHZ) (VR = 20 Volts, f = 1.0 MHZ) Reverse Leakage (VR = 3.0 V) (VR = 25 V) (VR = 35 V) Noise Figure (f = 1.0 GHz, Note 2) Forward Voltage (IF = 10 mA) (IF = 1.0 mAdc) (IF = 10 mA) (IF = 1.0 mAdc) (IF = 10 mA)
2
Motorola Small-Signal Transistors, FETs and Diodes Device Data
MMBD110T1 MMBD330T1 MMBD770T1
TYPICAL CHARACTERISTICS MMBD110T1
1.0 0.7 0.5 IR, REVERSE LEAKAGE (m A) VR = 3.0 Vdc 0.2 0.1 0.07 0.05 100
IF, FORWARD CURRENT (mA)
10 TA = 85C TA = - 40C
1.0 TA = 25C MMBD110T1
0.02 MMBD110T1 0.01 30 40 50 60 70 80 90 100 110 TA, AMBIENT TEMPERATURE (C) 120 130
0.1 0.3
0.4
0.5 0.6 VF, FORWARD VOLTAGE (VOLTS)
0.7
0.8
Figure 1. Reverse Leakage
Figure 2. Forward Voltage
1.0
11 10 NF, NOISE FIGURE (dB) LOCAL OSCILLATOR FREQUENCY = 1.0 GHz (Test Circuit Figure 5)
C, CAPACITANCE (pF)
0.9
9 8 7 6 5 4 3 MMBD110T1 2 4.0 1 0.1 0.2
0.8
0.7
MMBD110T1 0.5 1.0 2.0 5.0 PLO, LOCAL OSCILLATOR POWER (mW) 10
0.6
0
1.0 2.0 3.0 VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Capacitance
Figure 4. Noise Figure
LOCAL OSCILLATOR
NOTES ON TESTING AND SPECIFICATIONS Note 1 -- CC and CT are measured using a capacitance bridge (Boonton Electronics Model 75A or equivalent). Note 2 -- Noise figure measured with diode under test in tuned diode mount using UHF noise source and local oscillator (LO) frequency of 1.0 GHz. The LO power is adjusted for 1.0 mW. IF amplifier NF = 1.5 dB, f = 30 MHz, see Figure 5.
UHF NOISE SOURCE H.P. 349A
DIODE IN TUNED MOUNT
NOISE FIGURE METER H.P. 342A
IF AMPLIFIER NF = 1.5 dB f = 30 MHz
Figure 5. Noise Figure Test Circuit
Motorola Small-Signal Transistors, FETs and Diodes Device Data
3
MMBD110T1 MMBD330T1 MMBD770T1
TYPICAL CHARACTERISTICS MMBD330T1
2.8 CT, TOTAL CAPACITANCE (pF) 2.4 2.0 1.6 1.2 0.8 0.4 0 f = 1.0 MHz 500
t , MINORITY CARRIER LIFETIME (ps)
MMBD330T1
MMBD330T1 400 KRAKAUER METHOD 300
200
100
0 0 3.0 6.0 9.0 12 15 18 21 VR, REVERSE VOLTAGE (VOLTS) 24 27 30 0 10 20 40 60 30 50 70 IF, FORWARD CURRENT (mA) 80 90 100
Figure 6. Total Capacitance
Figure 7. Minority Carrier Lifetime
10 MMBD330T1 1.0 TA = 100C
100 MMBD330T1 IF, FORWARD CURRENT (mA) TA = - 40C 10 TA = 85C
IR, REVERSE LEAKAGE (m A)
TA = 75C 0.1
0.01
TA = 25C
1.0 TA = 25C
0.001 0 6.0 12 18 VR, REVERSE VOLTAGE (VOLTS) 24 30
0.1 0.2 0.4 0.6 0.8 VF, FORWARD VOLTAGE (VOLTS) 1.0 1.2
Figure 8. Reverse Leakage
Figure 9. Forward Voltage
4
Motorola Small-Signal Transistors, FETs and Diodes Device Data
MMBD110T1 MMBD330T1 MMBD770T1
TYPICAL CHARACTERISTICS MMBD770T1
2.0 CT, TOTAL CAPACITANCE (pF) f = 1.0 MHz 1.6 500 MMBD770T1 MMBD770T1 400 KRAKAUER METHOD 300
1.2
t , MINORITY CARRIER LIFETIME (ps)
50
0.8
200
0.4
100
0
0 0 5.0 10 15 20 25 30 35 VR, REVERSE VOLTAGE (VOLTS) 40 45 0 10 20 30 40 50 60 70 IF, FORWARD CURRENT (mA) 80 90 100
Figure 10. Total Capacitance
Figure 11. Minority Carrier Lifetime
10 MMBD770T1 1.0 TA = 100C
100 MMBD770T1 IF, FORWARD CURRENT (mA)
IR, REVERSE LEAKAGE (m A)
10 TA = 85C TA = - 40C
TA = 75C 0.1
1.0 TA = 25C
0.01
TA = 25C
0.001 0 10 20 30 VR, REVERSE VOLTAGE (VOLTS) 40 50
0.1 0.2 0.4 0.8 1.2 VF, FORWARD VOLTAGE (VOLTS) 1.6 2.0
Figure 12. Reverse Leakage
Figure 13. Forward Voltage
Motorola Small-Signal Transistors, FETs and Diodes Device Data
5
MMBD110T1 MMBD330T1 MMBD770T1
INFORMATION FOR USING THE SOT-323/SC-70 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to insure proper solder connection interface between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process.
0.025 0.65
0.025 0.65
0.075 1.9 0.035 0.9 0.028 0.7 inches mm
SOT-323/SC-70 SOT-323/SC-70 POWER DISSIPATION
The power dissipation of the SOT-323/SC-70 is a function of the pad size. This can vary from the minimum pad size for soldering to a pad size given for maximum power dissipation. Power dissipation for a surface mount device is determined by T J(max), the maximum rated junction temperature of the die, RJA, the thermal resistance from the device junction to ambient, and the operating temperature, TA . Using the values provided on the data sheet for the SOT-323/SC-70 package, PD can be calculated as follows: PD = TJ(max) - TA RJA
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference shall be a maximum of 10C. * The soldering temperature and time shall not exceed 260C for more than 10 seconds. * When shifting from preheating to soldering, the maximum temperature gradient shall be 5C or less. * After soldering has been completed, the device should be allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling. * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device.
The values for the equation are found in the maximum ratings table on the data sheet. Substituting these values into the equation for an ambient temperature TA of 25C, one can calculate the power dissipation of the device which in this case is 150 milliwatts. PD = 150C - 25C 833C/W = 150 milliwatts
The 833C/W for the SOT-323/SC-70 package assumes the use of the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 150 milliwatts. There are other alternatives to achieving higher power dissipation from the SOT-323/SC-70 package. Another alternative would be to use a ceramic substrate or an aluminum core board such as Thermal CladTM. Using a board material such as Thermal Clad, an aluminum core board, the power dissipation can be doubled using the same footprint.
6
Motorola Small-Signal Transistors, FETs and Diodes Device Data
MMBD110T1 MMBD330T1 MMBD770T1
PACKAGE DIMENSIONS
A L
3 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
S
1 2
B
V G
D
C 0.05 (0.002)
RN K
J
DIM A B C D G H J K L N R S V
INCHES MIN MAX 0.071 0.087 0.045 0.053 0.035 0.049 0.012 0.016 0.047 0.055 0.000 0.004 0.004 0.010 0.017 REF 0.026 BSC 0.028 REF 0.031 0.039 0.079 0.087 0.012 0.016
MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.90 1.25 0.30 0.40 1.20 1.40 0.00 0.10 0.10 0.25 0.425 REF 0.650 BSC 0.700 REF 0.80 1.00 2.00 2.20 0.30 0.40
H
CASE 419-02 ISSUE G SOT-323/SC-70
STYLE 2: PIN 1. ANODE 2. N.C. 3. CATHODE
Motorola Small-Signal Transistors, FETs and Diodes Device Data
7
MMBD110T1 MMBD330T1 MMBD770T1
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA/EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
8
Motorola Small-Signal Transistors, FETs and Diodes Device Data MMBD110T1/D
*MMBD110T1/D*


▲Up To Search▲   

 
Price & Availability of MMBD770T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X