Part Number Hot Search : 
IRF640 ON2954 34151 NFC1520 NJU6396 34151 MCD448 DF02S
Product Description
Full Text Search
 

To Download MIC94050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC94050/94051
Micrel
MIC94050/94051
4-Terminal TinyFETTM P-Channel MOSFET Final
General Description
The MIC94050 and MIC94051 are 4-terminal silicon gate P-channel MOSFETs that provide low on-resistance in a very small package. Designed for high-side switch applications where space is critical, the MIC94050/1 exhibits an on-resistance of typically 0.125 at 4.5V gate-to-source voltage. The MIC94050/1 also operates with only 1.8V gate-to-source voltage. The MIC94050 is the basic 4-lead P-channel MOSFET. The MIC94051 is a variation that includes an internal gate pull-up resistor that can reduce the system parts count in many applications. The 4-terminal SOT-143 package permits a substrate connection separate from the source connection. This 4-terminal configuration improves the JA (improved heat dissipation) and makes reverse-blocking switch applications practical. The small size, low threshold, and low RDS(on) make the MIC94050/1 the ideal choice for PCMCIA, USB, back-up battery-power, and distributed power management applications.
Features
* 0.125 typical on-resistance at 4.5V gate-to-source voltage * Operates with 1.8V gate-to-source voltage * Separate substrate connection allows reverse-blocking
Applications
* * * * * * * Distributed power management PCMCIA card power management USB ports Battery-powered computers, peripherals Handheld bar-code scanners Portable communications equipment Reverse blocking battery management
Ordering Information
Part Number MIC94050BM4 MIC94051BM4 Temperature Range* -40C to +150C -40C to +150C Package SOT-143 SOT-143
* Operating Junction Temperature
Pin Configuration
Typical PCB Layout
D PCB heat sink plane improves heat dissipation SS
Drain Part Identification
Substrate
Part Number
Identification P50 P51
P5x
Gate Source
MIC94050BM4 MIC94051BM4
SOT-143 Package (M4)
G
S PCB traces
Schematic Symbol
Functional Diagrams
S
S
Source Gate Substrate Drain
D G SS
~350k G Internal gate-to-source pull-up resistor SS D
Schematic Symbol
TinyFET is a trademark of Micrel, Inc.
MIC94050
MIC94051
Micrel, Inc. * 1849 Fortune Drive * San Jose, CA 95131 * USA * tel + 1 (408) 944-0800 * fax + 1 (408) 944-0970 * http://www.micrel.com
July 2002
1
MIC94050/94051
MIC94050/94051
Micrel
Absolute Maximum Ratings
Drain-to-Source Voltage ................................................ -6V Gate-to-Source Voltage ................................................ -6V Continuous Drain Current TA = 25C (VGS = 4.5V) ............................................ 1.8A TA = 100C (VGS = 4.5V) .......................................... 1.2A Total Power Dissipation TA = 25C ............................................................ 568mW TA = 100C .......................................................... 227mW Operating Junction Temperature ............. -40C to +150C Storage Temperature ............................... -55C to +150C ESD Rating, Note 2
Operating Ratings
Thermal Resistance JA ...................................................................................... 220C/W JC ..................................................................................... 130C/W
Electrical Characteristics (Note 1)
Symbol VGS IGSS RGS CISS IDSS RDS(ON) Parameter Gate Threshold Voltage Gate-Body Leakage Gate-Source Resistance Input Capacitance Zero Gate Voltage Drain Current Condition (Note 1) VDS = VGS, ID = -250A VDS = 0V, VGS = -4.5V, Note 2, Note 3 VDS = 0V, VGS = -4.5V, Note 2, Note 4 VGS = 0V, VDS = -5.5V VDS = -5.5V, VGS = 0V VDS = -5.5V, VGS = 0V, TJ = 85C Drain-Source On-Resistance VGS = -4.5V, ID = -100mA VGS = -3.6V, ID = -100mA VGS = -2.5V, ID = -100mA VGS = -1.8V, ID = -100mA VDS = -5.5V, ID = -200mA, Note 5 0.125 0.135 0.165 0.225 3 200 350 600 1 5 0.160 0.180 0.200 0.280 Min 0.5 Typ Max 1.2 1 500 Units V A k pF A A S
gFS
Note 1. Note 2. Note 3. Note 4. Note 5.
Forward Transconductance
TA = 25C unless noted. Substrate connected to source for all conditions. ESD gate protection diode conducts during positive gate-to-source voltage excursions. IC devices are inherently ESD sensitive. Handling precautions required MIC94050 only. MIC94051 only. Pulse Test: Pulse Width 80s, Duty Cycle 0.5%.
MIC94050/94051
2
July 2002
MIC94050/94051
Micrel
Typical Characteristics
On-Resistance vs. Gate-to-Source Voltage
1000 900 3.5VGS RDS(ON)(m) 3.0VGS 2.5VGS 2.0VGS RDS(ON) (m) 800 700 600 500 400 300 200 100 0 ID = 100mA 0 0 ID = 1A 500 400 300 200 100 3.3VGS 1.8VGS 2.5VGS
Drain Characteristics
10 9 8 7 ID (A) 6 5 4 3 2 1 0
RDS(ON) vs. Drain Current
1.5VGS
4.2VGS
0 1 2 3 4 5 DRAIN-TO-SOURCE VOLTAGE (V)
0 1 2 3 4 5 6 GATE-TO-SOURCE VOLTAGE (V)
1 2 3 DRAIN CURRENT (A)
4
DRAIN-SOURCE DIODE VF (V)
2.5 2 1.5 1 0.5 0
Source Drain Diode Forward Voltage Drop vs. Current
GATE THRESHOLD (V)
Gate Threshold vs. Temperature
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 ID = -250A
RDS(ON) Variance vs. Temperature
1.3 RDS(ON) (NORMALIZED) 1.2 1.1 1 0.9 0.8 VDS=3.6V ID=0.1A 0.7 -40 -15 10 35 60 85 110 135 TEMPERATURE (C)
100s Pulse
0 1 2 3 4 DRAIN-SOURCE CURRENT (A)
July 2002
-60 -40 -20 0 20 40 60 80 100 120 140 160
TEMPERATURE (C)
3
MIC94050/94051
MIC94050/94051
Micrel
Typical Applications
SS* +5V MIC94050
On Off
S
D
Load
G
74HC04 * Substrate must be connected to source
Figure 1. Load Switch Application
+5V
Open Drain Output
Internal Resistor
G
S SS* D
Load
MIC94051
* Substrate must be connected to source
Figure 2. Load Switch Application (with internal gate-source pull-up)
SS +4V MIC94050 A
On Off
S
D
Load
G
A Off On Off On
B Off Off On On
Output 0V +4V Li Coin Cell don't!
+2.7V to 3.6V Li Coin Cell
2M SS S MIC94050 D G
B
On Off
Figure 3. Reverse-Blocking Battery Back-Up Application
MIC94050/94051
4
July 2002
MIC94050/94051
Micrel
Package Information
0.950 (0.0374) TYP
C L
1.40 (0.055) 2.50 (0.098) 1.20 (0.047) 2.10 (0.083) C L 1.12 (0.044) 0.81 (0.032)
DIMENSIONS: MM (INCH) 0.150 (0.0059) 0.089 (0.0035)
3.05 (0.120) 2.67 (0.105)
8 0
0.800 (0.031) TYP 0.400 (0.016) TYP 3 PLACES
0.10 (0.004) 0.013 (0.0005)
0.41 (0.016) 0.13 (0.005)
SOT-143 (M4)
MICREL, INC.
TEL
1849 FORTUNE DRIVE SAN JOSE, CA 95131
FAX
USA
+ 1 (408) 944-0800
+ 1 (408) 944-0970
WEB
http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel, Inc. (c) 2002 Micrel, Incorporated
July 2002
5
MIC94050/94051


▲Up To Search▲   

 
Price & Availability of MIC94050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X