|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MIC5800/5801 Micrel MIC5800/5801 4/8-Bit Parallel-Input Latched Drivers General Description The MIC5800/5801 latched drivers are high-voltage, highcurrent integrated circuits comprised of four or eight CMOS data latches, a bipolar Darlington transistor driver for each latch, and CMOS control circuitry for the common CLEAR, STROBE, and OUTPUT ENABLE functions. The bipolar/MOS combination provides an extremely lowpower latch with maximum interface flexibility. MIC5800 contains four latched drivers; MIC5801 contains eight latched drivers. Data input rates are greatly improved in these devices. With a 5V supply, they will typically operate at better than 5MHz. With a 12V supply, significantly higher speeds are obtained.The CMOS inputs are compatible with standard CMOS, PMOS, and NMOS circuits. TTL or DTL circuits may require the use of appropriate pull-up resistors. The bipolar outputs are suitable for use with relays, solenoids, stepping motors, LED or incandescent displays, and other high-power loads.Both units have open-collector outputs and integral diodes for inductive load transient suppression. The output transistors are capable of sinking 500mA and will sustain at least 50V in the OFF state. Because of limitations on package power dissipation, the simultaneous operation of all drivers at maximum rated current can only be accomplished by a reduction in duty cycle. Outputs may be paralleled for higher load current capability. Features * * * * * * 4.4MHz Minimum Data Input Rate High-Voltage, Current Sink Outputs Output Transient Protection CMOS, PMOS, NMOS, and TTL Compatible Inputs Internal Pull-Down Resistors Low-Power CMOS Latches Ordering Information Part Number MIC5800BN MIC5800BM MIC5801BN 5962-8764001WA1 MIC5801BV MIC5801BWM 1 Temperature Range - 40C to + 85C - 40C to + 85C - 40C to +85C - 55C to +125C - 40C to + 85C - 40C to +85C Package 14-Pin Plastic DIP 14-Pin SOIC 22-Pin Plastic DIP 22-Pin CERDIP 28-Pin PLCC 24-Pin SOIC Standard Military Drawing number for MIC5801AJBQ 7 Functional Diagram VDD INn COMMON OUTn STROBE GND CLEAR OUTPUT ENABLE COMMON MOS CONTROL TYPICAL MOS LATCH TYPICAL BIPOLAR DRIVER October 1998 7-11 MIC5800/5801 Micrel Typical Input Absolute Maximum Ratings: (Notes 1-6) at +25C Free-Air Temperature Output Voltage, VCE Supply Voltage, VDD Input Voltage Range, VIN Continuous Collector Current, IC Package Power Dissipation: MIC5800 Plastic DIP (Note 1) MIC5801 Plastic DIP (Note 2) MIC5800 SOIC (Note 3) MIC5801 PLCC (Note 4) MIC5801 CERDIP (Note 5) Operating Temperature Range, TA Storage Temperature Range, TS Note 1: Note 2: Note 3: Note 4: Note 5: Note 6: V DD 50V 15V -0.3V to VDD + 0.3V 500mA 2.1W 2.5W 1.0W 2.25W 3.1W -40C to +85C -65C to +125C IN Derate at 16.7 mW/C above TA = +25C Derate at 20 mW/C above TA = +25C Derate at 8.5 mW/C above TA = +25C Derate at 18.2 mW/C above TA = +25C Derate at 25 mW/C above TA = +25C Micrel CMOS devices have input-static protection but are susceptible to damage when exposed to extremely high static electrical charges. Pin Configuration CLEAR STROBE IN1 IN2 IN3 IN4 GND 1 2 14 OE 13 VDD LATCHES 3 4 5 6 7 12 OUT1 11 OUT2 10 OUT3 9 OUT4 8 COM OE CLEAR STROBE IN1 IN2 1 2 3 4 5 6 7 8 9 24 VDD 23 NC 22 OUT1 21 OUT2 20 OUT3 19 OUT4 18 OUT5 17 OUT6 16 OUT7 15 OUT8 14 NC 13 COM MIC5800BN, BM IN3 IN4 IN5 CLEAR STROBE IN1 IN2 IN3 IN4 IN5 IN6 IN7 1 2 3 4 LATCHES 22 OE 21 VDD 20 OUT1 19 OUT2 18 OUT3 17 OUT4 16 OUT5 15 OUT6 14 OUT7 13 OUT8 12 COM IN6 IN7 10 IN8 11 GND 12 5 6 7 8 9 MIC5801BWM IN8 10 GND 11 MIC5801BN, AJBQ 7-12 October 1998 MIC5800/5801 Micrel Pin Configurations (continued) STROBE CLEAR VDD OE NC NC NC 4 3 2 1 28 27 26 IN1 5 IN2 6 LATCHES 25 OUT1 24 OUT2 23 OUT3 22 OUT4 21 OUT5 20 OUT6 19 OUT7 IN3 7 IN4 8 IN5 9 IN6 10 IN7 11 12 13 14 15 16 17 18 IN8 NC NC OUT8 COM NC GND MIC5801BV Allowable Output Current As A Function of Duty Cycle MIC5800BN, BM ALLOWABLE COLLECTOR CURRENT IN mA AT 50C MIC5801BN, AJBQ ALLOWABLE COLLECTOR CURRENT IN mA AT 50C 7 1 or 2 3 450 400 350 300 250 200 150 100 0 10 20 30 40 50 60 70 80 90 100 NUMBER OF OUTPUTS CONDUCTING SIMULTANEOUSLY 4 2 3 1 450 400 350 300 250 200 150 100 0 NUMBER OF OUTPUTS CONDUCTING SIMULTANEOUSLY 10 20 30 40 50 60 70 80 90 100 6 7 8 4 5 PERCENT DUTY CYCLE PERCENT DUTY CYCLE October 1998 7-13 MIC5800/5801 Micrel Electrical Characteristics: at TA = +25C, VDD = 5V (unless otherwise noted) Limits Characteristic Output Leakage Current Collector-Emitter Saturation Voltage Input Voltage VIN(0) VIN(1) VDD = 12 V VDD = 10 V VDD = 5.0 V (See Note) Input Resistance RIN VDD = 12 V VDD = 10 V VDD = 5.0 V Supply Current IDD(ON) (Each Stage) IDD(OFF) (Total) Clamp Diode Leakage Current Clamp Diode Forward Voltage NOTE : Symbol ICEX VCE(SAT) Test Conditions VCE = 50 V, TA = +25C VCE = 50 V, TA = +70C IC = 100 mA IC = 200 mA IC = 350 mA, VDD = 7.0 V Min. Typ. Max. Units 50 100 A V 0.9 1.1 1.3 10.5 8.5 3.5 50 50 50 200 300 600 1.0 0.9 0.7 50 1.1 1.3 1.6 1.0 V k VDD = 12 V, Outputs Open VDD = 10 V, Outputs Open VDD = 5.0 V, Outputs Open VDD = 12 V, Outputs Open, Inputs = 0 V VDD = 5.0 V, Outputs Open, Inputs = 0 V VR = 50 V, TA = +25C VR = 50 V, TA = +70C IF = 350 mA 2.0 1.7 1.0 200 100 50 100 mA A A V IR VF 1.7 2.0 Operation of these devices with standard TTL or DTL may require the use of appropriate pull-up resistors to insure a minimum logic "1". CLEAR F STROBE OUTPUT ENABLE A C B C B A C B G INN D OUT N E E G Timing Conditions (Logic Levels are VDD and Ground) A. Minimum data active time before strobe enabled (data set-up time) ....................................................................... 50ns B. Minimum data active time after strobe disabled (data hold time) ............................................................................. 50ns C. Minimum strobe pulse width ................................................................................................................................... 125ns D. Typical time between strobe activation and output on to off transition ................................................................... 500ns E. Typical time between strobe activation and output off to on transition ................................................................... 500ns F. Minimum clear pulse width ..................................................................................................................................... 300ns G. Minimum data pulse width ...................................................................................................................................... 225ns 7-14 October 1998 MIC5800/5801 Micrel Information present at an input is transferred to its latch when the STROBE is high. A high CLEAR input will set all latches to the output OFF condition regardless of the data or STROBE input levels. A high OUTPUT ENABLE will set all outputs to the off condition, regardless of any other input conditions. When the OUTPUT ENABLE is low, the outputs depend on the state of their respective latches. Truth Table Output INN 0 1 X X X X Strobe 1 1 X X 0 0 Clear 0 0 1 X 0 0 Enable 0 0 X 1 0 0 t-1 X X X X ON OFF OUTN t OFF ON OFF OFF ON OFF X = Irrelevant t-1 = previous output state t = present output state Typical Application Unipolar Stepper-Motor Drive OUTPUT ENABLE 0.1F CLEAR STROBE IN1 1 2 3 LATCHES +30V 14 VDD 13 12 11 10 9 8 OUT1 OUT2 OUT3 OUT4 0.1F STEPPER MOTOR P IN2 IN3 IN4 4 5 6 7 +30V MIC5800 UNIPOLAR WAVE DRIVE STROBE IN 1 IN 2 IN 3 IN 4 OUT 1 OUT 2 OUT 3 OUT 4 STROBE IN 1 IN 2 IN 3 IN 4 OUT 1 OUT 2 OUT 3 OUT 4 UNIPOLAR 2-PHASE DRIVE 7 October 1998 7-15 MIC5800/5801 Micrel Typical Applications, Continued +5V 0.1 1 STROBE INPUT 1 INPUT 2 INPUT 3 INPUT 4 INPUT 5 INPUT 6 INPUT 7 INPUT 8 2 3 4 5 6 7 8 9 10 11 LATCHES +12V 22 + 22 21 K1 20 K2 19 K3 18 K4 17 K5 16 K6 15 K7 14 K8 13 12 Relays: Guardian Electric 1725-1C-12D MIC5801 Relay Driver +5V +24V 0.1 22 + 1 2 INPUT 1 INPUT 2 INPUT 3 INPUT 4 3 4 5 6 7 14 13 12 LATCHES Note: 11 10 9 8 Lamp inrush current is approximately 10x lamp operating current. MIC5800 Incandescent/Halogen Lamp Driver 7-16 October 1998 |
Price & Availability of MIC5800 |