Part Number Hot Search : 
STC6343S C1413 T5551 SMJ30CA C2314 SMCJ7 CS49DV8C M57762
Product Description
Full Text Search
 

To Download MIC4423 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC4423/4424/4425
Micrel
MIC4423/4424/4425
Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
General Description
The MIC4423/4424/4425 family are highly reliable BiCMOS/ DMOS buffer/driver/MOSFET drivers. They are higher output current versions of the MIC4426/4427/4428, which are improved versions of the MIC426/427/428. All three families are pin-compatible. The MIC4423/4424/4425 drivers are capable of giving reliable service in more demanding electrical environments than their predecessors. They will not latch under any conditions within their power and voltage ratings. They can survive up to 5V of noise spiking, of either polarity, on the ground pin. They can accept, without either damage or logic upset, up to half an amp of reverse current (either polarity) forced back into their outputs. The MIC4423/4424/4425 series drivers are easier to use, more flexible in operation, and more forgiving than other CMOS or bipolar drivers currently available. Their BiCMOS/ DMOS construction dissipates minimum power and provides rail-to-rail voltage swings. Primarily intended for driving power MOSFETs, the MIC4423/ 4424/4425 drivers are suitable for driving other loads (capacitive, resistive, or inductive) which require lowimpedance, high peak currents, and fast switching times. Heavily loaded clock lines, coaxial cables, or piezoelectric transducers are some examples. The only known limitation on loading is that total power dissipated in the driver must be kept within the maximum power dissipation limits of the package.
Features
* * * * * * * * * * * * Reliable, low-power bipolar/CMOS/DMOS construction Latch-up protected to >500mA reverse current Logic input withstands swing to -5V High 3A-peak output current Wide 4.5V to 18V operating range Drives 1800pF capacitance in 25ns Short <40ns typical delay time Delay times consistent with in supply voltage change Matched rise and fall times TTL logic input independent of supply voltage Low equivalent 6pF input capacitance Low supply current 3.5mA with logic-1 input 350A with logic-0 input Low 3.5 typical output impedance Output voltage swings within 25mV of ground or VS. `426/7/8-, `1426/7/8-, `4426/7/8-compatible pinout Inverting, noninverting, and differential configurations
* * * *
Functional Diagram
VS
0.6mA 0.1mA
INVERTING
Integrated Component Count: 4 Resistors 4 Capacitors 52 Transistors
OUTA
INA
2k NONINVERTING
0.6mA 0.1mA
INVERTING
OUTB INB 2k NONINVERTING
GND
Ground Unused Inputs
Micrel, Inc. * 1849 Fortune Drive * San Jose, CA 95131 * USA * tel + 1 (408) 944-0800 * fax + 1 (408) 944-0970 * http://www.micrel.com
January 1999
1
MIC4423/4424/4425
MIC4423/4424/4425
Micrel
Ordering Information
Part Number MIC4423CWM MIC4423BWM MIC4423BM MIC4423CN MIC4423BN MIC4424CWM MIC4424BWM MIC4424BM MIC4424CN MIC4424BN MIC4425CWM MIC4425BWM MIC4425BM MIC4425CN MIC4425BN Temperature Range 0C to +70C -40C to +85C -40C to +85C 0C to +70C -40C to +85C 0C to +70C -40C to +85C -40C to +85C 0C to +70C -40C to +85C 0C to +70C -40C to +85C -40C to +85C 0C to +70C -40C to +85C Package 16-Pin Wide SOIC 8-Pin SOIC 8-Pin Plastic DIP 16-Pin Wide SOIC 8-Pin SOIC 8-Pin Plastic DIP 16-Pin Wide SOIC 8-Pin SOIC 8-Pin Plastic DIP Configuration Dual Inverting Dual Inverting Dual Inverting Dual Non-Inverting Dual Non-Inverting Dual Non-Inverting Inverting + Non Inverting Inverting + Non Inverting Inverting + Non Inverting
Pin Configuration
NC 1 INA 2 GND 3 INB 4 8 7 6 5 NC
Driver Configuration
MIC4423xN/M INA 2 OUTA VS OUTB A 7 OUTA MIC4423xWM 14 OUTA INA 2 A 15 OUTA 10 OUTB INB 4 B 5 OUTB INB 7 B 11 OUTB
8-pin DIP (N) 8-pin SOIC (M)
NC 1 INA 2 NC 3 GND 4 GND 5 NC 6 INB 7 NC 8 16 NC
WM Package Note: Duplicate GND, VS, OUTA, and OUTB pins must be externally connected together.
MIC4424xN/M INA 2 A 7 OUTA
MIC4424xWM 14 OUTA INA 2 A 15 OUTA 10 OUTB
15 OUTA 14 OUTA 13 VS
INB 4
B
5 OUTB
INB 7
B 11 OUTB
MIC4425xN/M 12 VS 11 OUTB 10 OUTB 9 NC INB 4 B 5 OUTB INA 2 A 7 OUTA
MIC4425xWM 14 OUTA INA 2 A 15 OUTA 10 OUTB INB 7 B 11 OUTB
16-lead Wide SOIC (WM)
Pin Description
Pin Number DIP, SOIC 2/4 3 6 7/5 1, 8 Pin Number Wide SOIC 2/7 4, 5 12, 13 14, 15 / 10, 11 1, 3, 6, 8, 9, 16 Pin Name INA/B GND VS OUTA/B NC Pin Function Control Input Ground: Duplicate pins must be externally connected together. Supply Input: Duplicate pins must be externally connected together. Output: Duplicate pins must be externally connected together. not connected
MIC4423/4424/4425
2
January 1999
MIC4423/4424/4425
Micrel
Absolute Maximum Ratings (Note 1)
Supply Voltage ........................................................... +22V Input Voltage ................................. VS + 0.3V to GND - 5V Junction Temperature .............................................. 150C Storage Temperature Range .................... -65C to 150C Lead Temperature (10 sec.) ..................................... 300C ESD Susceptability, Note 3 ...................................... 1000V
Operating Ratings (Note 2)
Supply Voltage (VS) .................................... +4.5V to +18V Temperature Range C Version .................................................. 0C to +70C B Version ............................................... -40C to +85C Package Thermal Resistance DIP JA ............................................................. 130C/W DIP JC ............................................................... 42C/W Wide-SOIC JA ................................................. 120C/W Wide-SOIC JC ................................................... 75C/W SOIC JA .......................................................... 120C/W SOIC JC ............................................................ 75C/W
MIC4423/4424/4425 Electrical Characteristics
4.5V VS 18V; TA = 25C, bold values indicate -40C TA +85C; unless noted. Symbol Input VIH VIL IIN Output VOH VOL RO High Output Voltage Low Output Voltage Output Resistance HI State IOUT = 10mA, VS = 18V VIN = 0.8V, IOUT = 10mA, VS = 18V Output Resistance LO State IOUT = 10mA, VS = 18V VIN = 2.4V, IOUT = 10mA, VS = 18V IPK I Peak Output Current Latch-Up Protection Withstand Reverse Current >500 2.8 3.7 3.5 4.3 3 VS-0.025 0.025 5 8 5 8 V V A mA Logic 1 Input Voltage Logic 0 Input Voltage Input Current 0V VIN VS -1 -10 2.4 0.8 1 10 V V A A Parameter Conditions Min Typ Max Units
Switching Time (Note 4) tR tF tD1 tD2 Power Supply IS IS
Note 1. Note 2. Note 3. Note 4.
Rise Time Fall Time Delay Tlme Delay Time
test Figure 1, CL = 1800pF test Figure 1, CL = 1800pF test Ffigure 1, CL = 1800pF test Figure 1, CL = 1800pF
23 28 25 32 33 32 38 38
35 60 35 60 75 100 75 100
ns ns ns ns ns ns ns ns
Power Supply Current Power Supply Current
VIN = 3.0V (both inputs) VIN = 0.0V (both inputs)
1.5 2 0.15 0.2
2.5 3.5 0.25 0.3
mA mA mA mA
Exceeding the absolute maximum rating may damage the device. The device is not guaranteed to function outside its operating rating. Devices are ESD sensitive. Handling precautions recommended. ESD tested to human body model, 1.5k in series with 100pF. Switching times guaranteed by design.
January 1999
3
MIC4423/4424/4425
MIC4423/4424/4425
Micrel
Test Circuit
VS = 18V VS = 18V
0.1F
4.7F
0.1F
4.7F
INA
A MIC4423
OUTA 1800pF
INA
A MIC4424
OUTA 1800pF
INB
B
OUTB 1800pF
INB
B
OUTB 1800pF
INPUT
5V 90% 10% 0V VS 90% tD1 tPW
2.5V tPW 0.5s tF tD2 tR
INPUT
5V 90% 10% 0V VS 90% tD1 tPW tR
2.5V tPW 0.5s tD2 tF
OUTPUT 10% 0V
OUTPUT 10% 0V
Figure 1a. Inverting Driver Switching Time
Figure 1b. Noninverting Driver Switching Time
MIC4423/4424/4425
4
January 1999
MIC4423/4424/4425
Micrel
Typical Characteristic Curves
Rise Time vs. Supply Voltage
4700pF 80 1800pF
TFALL (ns)
100
100 80
Fall Time vs. Supply Voltage
4700pF
100 80
Rise Time vs. Capacitive Load
5V 12V
1800pF 1000pF 60 40 20 1000pF
TRISE (ns)
TRISE (ns)
60 40 20
3300pF 2200pF
3300pF 2200pF
60 40 20
18V
470pF 0 4 6 8 10 12 14 VSUPPLY (V) 16 18 0 4
470pF 6 8 10 12 14 VSUPPLY (V) 16 18 0 100 1000 CLOAD (pF) 10000
100 80
Fall Time vs. Capacitive Load
5V TIME (ns) 12V
40
Rise and Fall Time vs. Temperature
VS = 18V CLOAD = 1800pF
50 40 30 20 10 0
Propagation Delay vs. Input Amplitude
VS = 18V CLOAD = 1800pF TD2 TD1
30
TF T (ns)
TFALL (ns)
60 40 20 0 100
20 TR 10
18V
1000 CLOAD (pF)
10000
0 -75 -30 15 60 105 150 JUNCTION TEMPERATURE (C)
0
2
4
6 8 INPUT (V)
10
12
100 90 80 70 60 50 40 30 20 10
Supply Current vs. Capacitive Load
VSUPPLY = 18V
100 90 80 ISUPPLY (mA) 70 60 50 40 30 20 10
Supply Current vs. Frequency
VSUPPLY = 18V 10000pF
100 90 80 ISUPPLY (mA) 70 60 50 40 30 20 10
Supply Current vs. Capacitive Load
VSUPPLY = 12V 2MHz 500kHz
ISUPPLY (mA)
500kHz 20kHz 100kHz
1000pF 100pF
3300pF
20kHz 100kHz 1000 CLOAD (pF) 10000
0 100
1000 CLOAD (pF)
10000
0 10
100 FREQUENCY (kHz)
1000
0 100
100 90 80 70 60 50 40 30 20 10 0 10
Supply Current vs. Frequency
VSUPPLY = 12V 10000pF
100 90 80 ISUPPLY (mA) 70 60 50 40 30 20 10
Supply Current vs. Capacitive Load
VSUPPLY = 5V
100 90 80 ISUPPLY (mA) 70 60 50 40 30 20 10 0 10
Supply Current vs. Frequency
VSUPPLY = 5V 10000pF 4700pF 2200pF 1000pF 100pF
ISUPPLY (mA)
1000pF 100pF 3300pF
2MHz 100kHz
500kHz
100 FREQUENCY (kHz)
1000
0 100
1000 CLOAD (pF)
10000
100 FREQUENCY (kHz)
1000
January 1999
5
MIC4423/4424/4425
MIC4423/4424/4425
Micrel
60 50 40 T (ns) 30 20 10 0 4 6
Delay Time vs. Supply Voltage
CLOAD = 2200 pF
60 50
Delay Time vs. Temperature
CLOAD = 2200 pF
IQUIESCENT (mA)
10
Quiescent Supply Current vs. Voltage
TJ = 25C BOTH INPUTS = 1
40
T (ns)
1
TD2 TD1
TD2 30 20 10 TD1
BOTH INPUTS = 0 0.1
8
12 14 VSUPPLY (V)
10
16
18
0 -55
-25 5 35 65 95 TEMPERATURE (C)
125
0.01
4
6
8
10 12 14 VSUPPLY (V)
16
18
1.4 1.2
Quiescent Current vs. Temperature
VS = 10V
6 5 RDS(ON) ()
Output Resistance (Output High) vs. Supply Voltage
6 5
Output Resistance (Output Low) vs. Supply Voltage
125C
IQUIESCENT (mA)
0.8 0.6 0.4 0.2 0 -55 INPUTS = 0
125C 25C
RDS(ON) ()
1.0
INPUTS = 1
4 3 2 1 0 4 6 8
4 3 2 1 25C
-25 5 35 65 95 TEMPERATURE (C)
125
10 12 14 VSUPPLY (V)
16
18
0
4
6
8
10 12 14 VSUPPLY (V)
16
18
MIC4423/4424/4425
6
January 1999
MIC4423/4424/4425
Micrel
requires attention to the ground path. Two things other than the driver affect the rate at which it is possible to turn a load off: The adequacy of the grounding available for the driver, and the inductance of the leads from the driver to the load. The latter will be discussed in a separate section. Best practice for a ground path is obviously a well laid out ground plane. However, this is not always practical, and a poorly-laid out ground plane can be worse than none. Attention to the paths taken by return currents even in a ground plane is essential. In general, the leads from the driver to its load, the driver to the power supply, and the driver to whatever is driving it should all be as low in resistance and inductance as possible. Of the three paths, the ground lead from the driver to the logic driving it is most sensitive to resistance or inductance, and ground current from the load are what is most likely to cause disruption. Thus, these ground paths should be arranged so that they never share a land, or do so for as short a distance as is practical. To illustrate what can happen, consider the following: The inductance of a 2cm long land, 1.59mm (0.062") wide on a PCB with no ground plane is approximately 45nH. Assuming a dl/dt of 0.3A/ns (which will allow a current of 3A to flow after 10ns, and is thus slightly slow for our purposes) a voltage of 13.5 Volts will develop along this land in response to our postulated . For a 1cm land, (approximately 15nH) 4.5 Volts is developed. Either way, anyone using TTL-level input signals to the driver will find that the response of their driver has been seriously degraded by a common ground path for input to and output from the driver of the given dimensions. Note that this is before accounting for any resistive drops in the circuit. The resistive drop in a 1.59mm (0.062") land of 2oz. Copper carrying 3A will be about 4mV/cm (10mV/in) at DC, and the resistance will increase with frequency as skin effect comes into play. The problem is most obvious in inverting drivers where the input and output currents are in phase so that any attempt to raise the driver's input voltage (in order to turn the driver's load off) is countered by the voltage developed on the common ground path as the driver attempts to do what it was supposed to. It takes very little common ground path, under these circumstances, to alter circuit operation drastically. Output Lead Inductance The same descriptions just given for PCB land inductance apply equally well for the output leads from a driver to its load, except that commonly the load is located much further away from the driver than the driver's ground bus. Generally, the best way to treat the output lead inductance problem, when distances greater than 4cm (2") are involved, requires treating the output leads as a transmission line. Unfortunately, as both the output impedance of the driver and the input impedance of the MOSFET gate are at least an order of magnitude lower than the impedance of common coax, using coax is seldom a cost-effective solution. A twisted pair works about as well, is generally lower in cost, and allows use of a wider variety of connectors. The second wire of the twisted pair should carry common from as close as possible 7 MIC4423/4424/4425
Application Information
Although the MIC4423/24/25 drivers have been specifically constructed to operate reliably under any practical circumstances, there are nonetheless details of usage which will provide better operation of the device. Supply Bypassing Charging and discharging large capacitive loads quickly requires large currents. For example, charging 2000pF from 0 to 15 volts in 20ns requires a constant current of 1.5A. In practice, the charging current is not constant, and will usually peak at around 3A. In order to charge the capacitor, the driver must be capable of drawing this much current, this quickly, from the system power supply. In turn, this means that as far as the driver is concerned, the system power supply, as seen by the driver, must have a VERY low impedance. As a practical matter, this means that the power supply bus must be capacitively bypassed at the driver with at least 100X the load capacitance in order to achieve optimum driving speed. It also implies that the bypassing capacitor must have very low internal inductance and resistance at all frequencies of interest. Generally, this means using two capacitors, one a high-performance low ESR film, the other a low internal resistance ceramic, as together the valleys in their two impedance curves allow adequate performance over a broad enough band to get the job done. PLEASE NOTE that many film capacitors can be sufficiently inductive as to be useless for this service. Likewise, many multilayer ceramic capacitors have unacceptably high internal resistance. Use capacitors intended for high pulse current service (in-house we use WIMATM film capacitors and AVX RamguardTM ceramics; several other manufacturers of equivalent devices also exist). The high pulse current demands of capacitive drivers also mean that the bypass capacitors must be mounted very close to the driver in order to prevent the effects of lead inductance or PCB land inductance from nullifying what you are trying to accomplish. For optimum results the sum of the lengths of the leads and the lands from the capacitor body to the driver body should total 2.5cm or less. Bypass capacitance, and its close mounting to the driver serves two purposes. Not only does it allow optimum performance from the driver, it minimizes the amount of lead length radiating at high frequency during switching, (due to the large I) thus minimizing the amount of EMI later available for system disruption and subsequent cleanup. It should also be noted that the actual frequency of the EMI produced by a driver is not the clock frequency at which it is driven, but is related to the highest rate of change of current produced during switching, a frequency generally one or two orders of magnitude higher, and thus more difficult to filter if you let it permeate your system. Good bypassing practice is essential to proper operation of high speed driver ICs. Grounding Both proper bypassing and proper grounding are necessary for optimum driver operation. Bypassing capacitance only allows a driver to turn the load ON. Eventually (except in rare circumstances) it is also necessary to turn the load OFF. This January 1999
MIC4423/4424/4425
to the ground pin of the driver directly to the ground terminal of the load. Do not use a twisted pair where the second wire in the pair is the output of the other driver, as this will not provide a complete current path for either driver. Likewise, do not use a twisted triad with two outputs and a common return unless both of the loads to be driver are mounted extremely close to each other, and you can guarantee that they will never be switching at the same time. For output leads on a printed circuit, the general rule is to make them as short and as wide as possible. The lands should also be treated as transmission lines: i.e. minimize sharp bends, or narrowings in the land, as these will cause ringing. For a rough estimate, on a 1.59mm (0.062") thick G-10 PCB a pair of opposing lands each 2.36mm (0.093") wide translates to a characteristic impedance of about 50. Half that width suffices on a 0.787mm (0.031") thick board. For accurate impedance matching with a MIC4423/24/25 driver, on a 1.59mm (0.062") board a land width of 42.75mm (1.683") would be required, due to the low impedance of the driver and (usually) its load. This is obviously impractical under most circumstances. Generally the tradeoff point between lands and wires comes when lands narrower than 3.18mm (0.125") would be required on a 1.59mm (0.062") board. To obtain minimum delay between the driver and the load, it is considered best to locate the driver as close as possible to the load (using adequate bypassing). Using matching transformers at both ends of a piece of coax, or several matched lengths of coax between the driver and the load, works in theory, but is not optimum. Driving at Controlled Rates Occasionally there are situations where a controlled rise or fall time (which may be considerably longer than the normal rise or fall time of the driver's output) is desired for a load. In such cases it is still prudent to employ best possible practice in terms of bypassing, grounding and PCB layout, and then reduce the switching speed of the load (NOT the driver) by adding a noninductive series resistor of appropriate value between the output of the driver and the load. For situations where only rise or only fall should be slowed, the resistor can be paralleled with a fast diode so that switching in the other direction remains fast. Due to the Schmitt-trigger action of the driver's input it is not possible to slow the rate of rise (or fall) of the driver's input signal to achieve slowing of the output. Input Stage The input stage of the MIC4423/24/25 consists of a singleMOSFET class A stage with an input capacitance of 38pF. This capacitance represents the maximum load from the driver that will be seen by its controlling logic. The drain load on the input MOSFET is a -2mA current source. Thus, the quiescent current drawn by the driver varies, depending on the logic state of the input. Following the input stage is a buffer stage which provides ~400mV of hysteresis for the input, to prevent oscillations when slowly-changing input signals are used or when noise is present on the input. Input voltage switching threshold is
Micrel
approximately 1.5V which makes the driver directly compatible with TTL signals, or with CMOS powered from any supply voltage between 3V and 15V. The MIC4423/24/25 drivers can also be driven directly by the SG1524/25/26/27, TL494/95, TL594/95, NE5560/61/62/68, TSC170, MIC38C42, and similar switch mode power supply ICs. By relocating the main switch drive function into the driver rather than using the somewhat limited drive capabilities of a PWM IC. The PWM IC runs cooler, which generally improves its performance and longevity, and the main switches switch faster, which reduces switching losses and increase system efficiency. The input protection circuitry of the MIC4423/24/25, in addition to providing 2kV or more of ESD protection, also works to prevent latchup or logic upset due to ringing or voltage spiking on the logic input terminal. In most CMOS devices when the logic input rises above the power supply terminal, or descends below the ground terminal, the device can be destroyed or rendered inoperable until the power supply is cycled OFF and ON. The MIC4423/24/25 drivers have been designed to prevent this. Input voltages excursions as great as 5V below ground will not alter the operation of the device. Input excursions above the power supply voltage will result in the excess voltage being conducted to the power supply terminal of the IC. Because the excess voltage is simply conducted to the power terminal, if the input to the driver is left in a high state when the power supply to the driver is turned off, currents as high as 30mA can be conducted through the driver from the input terminal to its power supply terminal. This may overload the output of whatever is driving the driver, and may cause other devices that share the driver's power supply, as well as the driver, to operate when they are assumed to be off, but it will not harm the driver itself. Excessive input voltage will also slow the driver down, and result in much longer internal propagation delays within the drivers. TD2, for example, may increase to several hundred nanoseconds. In general, while the driver will accept this sort of misuse without damage, proper termination of the line feeding the driver so that line spiking and ringing are minimized, will always result in faster and more reliable operation of the device, leave less EMI to be filtered elsewhere, be less stressful to other components in the circuit, and leave less chance of unintended modes of operation. Power Dissipation CMOS circuits usually permit the user to ignore power dissipation. Logic families such as 4000 series and 74Cxxx have outputs which can only source or sink a few milliamps of current, and even shorting the output of the device to ground or VCC may not damage the device. CMOS drivers, on the other hand, are intended to source or sink several Amps of current. This is necessary in order to drive large capacitive loads at frequencies into the megahertz range. Package power dissipation of driver ICs can easily be exceeded when driving large loads at high frequencies. Care must therefore be paid to device dissipation when operating in this domain. The Supply Current vs Frequency and Supply Current vs Load characteristic curves furnished with this data sheet aid 8 January 1999
MIC4423/4424/4425
MIC4423/4424/4425
in estimating power dissipation in the driver. Operating frequency, power supply voltage, and load all affect power dissipation. Given the power dissipation in the device, and the thermal resistance of the package, junction operating temperature for any ambient is easy to calculate. For example, the thermal resistance of the 8-pin plastic DIP package, from the datasheet, is 150C/W. In a 25C ambient, then, using a maximum junction temperature of 150C, this package will dissipate 960mW. Accurate power dissipation numbers can be obtained by summing the three sources of power dissipation in the device: * Load power dissipation (PL) * Quiescent power dissipation (PQ) * Transition power dissipation (PT) Calculation of load power dissipation differs depending on whether the load is capacitive, resistive or inductive.
Micrel
on resistance of the driver when its output is in the high state, or its on resistance when the driver is in the low state, depending on how the inductor is connected, and this is still only half the story. For the part of the cycle when the inductor is forcing current through the driver, dissipation is best described as PL2 = I VD (1 - D) where VD is the forward drop of the clamp diode in the driver (generally around 0.7V). The two parts of the load dissipation must be summed in to produce PL PL = PL1 + PL2
Quiescent Power Dissipation Quiescent power dissipation (PQ, as described in the input section) depends on whether the input is high or low. A low input will result in a maximum current drain (per driver) of 0.2mA; a logic high will result in a current drain of 2.0mA. Quiescent power can therefore be found from:
PQ = VS [D IH + (1 - D) IL] where: IH = IL = D= VS = quiescent current with input high quiescent current with input low fraction of time input is high (duty cycle) power supply voltage
Resistive Load Power Dissipation Dissipation caused by a resistive load can be calculated as:
PL = I2 RO D where: I = the current drawn by the load RO = the output resistance of the driver when the output is high, at the power supply voltage used (See characteristic curves) D = fraction of time the load is conducting (duty cycle)
Capacitive Load Power Dissipation Dissipation caused by a capacitive load is simply the energy placed in, or removed from, the load capacitance by the driver. The energy stored in a capacitor is described by the equation:
E = 1/2 C V2 As this energy is lost in the driver each time the load is charged or discharged, for power dissipation calculations the 1/2 is removed. This equation also shows that it is good practice not to place more voltage in the capacitor than is necessary, as dissipation increases as the square of the voltage applied to the capacitor. For a driver with a capacitive load: PL = f C (VS)2 where: f = Operating Frequency C = Load Capacitance VS = Driver Supply Voltage
Transition Power Dissipation Transition power is dissipated in the driver each time its output changes state, because during the transition, for a very brief interval, both the N- and P-channel MOSFETs in the output totem-pole are ON simultaneously, and a current is conducted through them from VS to ground. The transition power dissipation is approximately:
PT = f VS (A*s) where (A*s) is a time-current factor derived from Figure 2. Total power (PD) then, as previously described is just PD = PL + PQ +PT Examples show the relative magnitude for each term. EXAMPLE 1: A MIC4423 operating on a 12V supply driving two capacitive loads of 3000pF each, operating at 250kHz, with a duty cycle of 50%, in a maximum ambient of 60C. First calculate load power loss: PL = f x C x (VS)2 PL = 250,000 x (3 x 10-9 + 3 x 10-9) x 122 = 0.2160W Then transition power loss: PT = f x VS x (A*s) = 250,000 * 12 * 2.2 x 10-9 = 6.6mW Then quiescent power loss: PQ = VS x [D x IH + (1 - D) x IL] 9 MIC4423/4424/4425
Inductive Load Power Dissipation For inductive loads the situation is more complicated. For the part of the cycle in which the driver is actively forcing current into the inductor, the situation is the same as it is in the resistive case:
PL1 = I2 RO D However, in this instance the RO required may be either the January 1999
MIC4423/4424/4425
= 12 x [(0.5 x 0.0035) + (0.5 x 0.0003)] = 0.0228W Total power dissipation, then, is: PD = 0.2160 + 0.0066 + 0.0228 = 0.2454W Assuming an SOIC package, with an JA of 120C/W, this will result in the junction running at: 0.2454 x 120 = 29.4C above ambient, which, given a maximum ambient temperature of 60C, will result in a maximum junction temperature of 89.4C. EXAMPLE 2: A MIC4424 operating on a 15V input, with one driver driving a 50 resistive load at 1MHz, with a duty cycle of 67%, and the other driver quiescent, in a maximum ambient temperature of 40C: PL = I2 x RO x D First, IO must be determined. IO = VS / (RO + RLOAD) Given RO from the characteristic curves then, IO = 15 / (3.3 + 50) IO = 0.281A and: PL = (0.281)2 x 3.3 x 0.67 = 0.174W PT = F x VS x (A*s)/2 (because only one side is operating) = (1,000,000 x 15 x 3.3 x 10-9) / 2 = 0.025 W and: PQ = 15 x [(0.67 x 0.00125) + (0.33 x 0.000125) + (1 x 0.000125)] (this assumes that the unused side of the driver has its input grounded, which is more efficient) = 0.015W then: PD = 0.174 + 0.025 + 0.0150 RO= Output resistance of a driver in Ohms. VS= Power supply voltage to the IC in Volts. = 0.213W
Micrel
In a ceramic package with an JA of 100C/W, this amount of power results in a junction temperature given the maximum 40C ambient of: (0.213 x 100) + 40 = 61.4C The actual junction temperature will be lower than calculated both because duty cycle is less than 100% and because the graph lists RDS(on) at a TJ of 125C and the RDS(on) at 61C TJ will be somewhat lower.
Definitions CL = Load Capacitance in Farads.
D = Duty Cycle expressed as the fraction of time the input to the driver is high. f = Operating Frequency of the driver in Hertz IH = Power supply current drawn by a driver when both inputs are high and neither output is loaded. IL = Power supply current drawn by a driver when both inputs are low and neither output is loaded. ID = Output current from a driver in Amps. PD = Total power dissipated in a driver in Watts. PL = Power dissipated in the driver due to the driver's load in Watts. PQ = Power dissipated in a quiescent driver in Watts. PT = Power dissipated in a driver when the output changes states ("shoot-through current") in Watts. NOTE: The "shoot-through" current from a dual transition (once up, once down) for both drivers is stated in the graph on the following page in ampere-nanoseconds. This figure must be multiplied by the number of repetitions per second (frequency to find Watts).
MIC4423/4424/4425
10
January 1999
MIC4423/4424/4425
Micrel
10-8 A*s (Ampere-seconds)
Crossover Energy Loss
10-9
10-10 0
2
4
6
8 10 12 14 16 18 VIN
NOTE: THE VALUES ON THIS GRAPH REPRESENT THE LOSS SEEN BY BOTH DRIVERS IN A PACKAGE DURING ONE COMPLETE CYCLE. FOR A SINGLE DRIVER DIVIDE THE STATED VALUES BY 2. FOR A SINGLE TRANSITION OF A SINGLE DRIVER, DIVIDE THE STATED VALUE BY 4.
Figure 2.
1250
MAXIMUM PACKAGE POWER DISSIPATION (mW)
1000 SOIC 750 500 250 0 25 50 75 100 125 150 AMBIENT TEMPERATURE (C) PDIP
January 1999
11
MIC4423/4424/4425
MIC4423/4424/4425
Micrel
Package Information
PIN 1 DIMENSIONS: INCH (MM)
0.380 (9.65) 0.370 (9.40)
0.135 (3.43) 0.125 (3.18)
0.255 (6.48) 0.245 (6.22) 0.300 (7.62)
0.013 (0.330) 0.010 (0.254) 0.018 (0.57) 0.100 (2.54) 0.130 (3.30) 0.0375 (0.952) 0.380 (9.65) 0.320 (8.13)
8-Pin DIP (N)
0.026 (0.65) MAX) PIN 1
0.157 (3.99) 0.150 (3.81)
DIMENSIONS: INCHES (MM)
0.050 (1.27) TYP
0.020 (0.51) 0.013 (0.33) 0.0098 (0.249) 0.0040 (0.102) 0-8 SEATING PLANE 45 0.010 (0.25) 0.007 (0.18)
0.064 (1.63) 0.045 (1.14)
0.197 (5.0) 0.189 (4.8)
0.050 (1.27) 0.016 (0.40) 0.244 (6.20) 0.228 (5.79)
8-Pin SOIC (M)
PIN 1
0.301 (7.645) 0.297 (7.544)
DIMENSIONS: INCHES (MM)
0.027 (0.686) 0.031 (0.787)
0.103 (2.616) 0.050 (1.270) 0.016 (0.046) 0.099 (2.515) TYP TYP
0.094 (2.388) 0.090 (2.286)
0.409 (10.389) 0.405 (10.287)
7 TYP 0.015 R (0.381) 0.015 (0.381) SEATING MIN PLANE
0.297 (7.544) 0.293 (7.442)
0.022 (0.559) 0.018 (0.457) 5 TYP 10 TYP
0.330 (8.382) 0.326 (8.280) 0.032 (0.813) TYP 0.408 (10.363) 0.404 (10.262)
16-Pin Wide SOIC (WM)
MICREL INC. 1849 FORTUNE DRIVE SAN JOSE, CA 95131
TEL
USA
+ 1 (408) 944-0800
FAX
+ 1 (408) 944-0970
WEB
http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. (c) 1999 Micrel Incorporated
MIC4423/4424/4425
12
January 1999


▲Up To Search▲   

 
Price & Availability of MIC4423

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X