Part Number Hot Search : 
EN6387B NTE1881 EG01CV KDEC12 CLL4692 PNZ155 VM73LFS 74LS0
Product Description
Full Text Search
 

To Download MIC2290 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC2290
Micrel
MIC2290
2mm x 2mm PWM Boost Regulator with Internal Schotty Diode
General Description
The MIC2290 is a 1.2MHz , PWM, boost-switching regulator housed in the small size 2mm x 2mm MLFTM-8 package. The MIC2290 features an internal Schottky diode that reduces circuit board area and total solution cost. High power density is achieved with the MIC2290's internal 34V/0.5A switch, allowing it to power large loads in a tiny footprint. The MIC2290 implements a constant frequency 1.2MHz PWM control scheme. The high frequency operation saves board space by reducing external component sizes. The fixed frequency PWM topology also reduces switching noise and ripple to the input power source. The MIC2290's wide 2.5V to 10V input voltage allows direct operation from 3- to 4-cell NiCad/NiMH/Alkaline batteries, 1and 2-cell Li Ion batteries, as well as fixed 3.3V and 5V systems. The MIC2290 is available in a low-profile 2mm x 2mm 8-pin MLFTM leadless package and operates from a junction temperature range of -40C to +125C. All support documentation can be found on Micrel's web site at www.micrel.com.
Features
* * * * * * * * * * * * * * Internal Schottky diode 2.5V to 10V input voltage Output voltage adjustable to 34V Over 500mA switch current 1.2MHz PWM operation Stable with ceramic capacitors <1% line and load regulation Low input and output ripple <1A shutdown current UVLO Output overvoltage protection Over temperature protection 2mm x 2mm 8-pin MLFTM package -40C to +125C junction temperature range
Applications
* * * * * Organic EL power supply TFT LCD bias supply 12V DSL power supply CCD bias supply SEPIC converters
Typical Application
VIN L1 10H VOUT 12V
85
12VOUT Efficiency
VIN = 4.2V
2
VIN EN
SW OUT FB
7
EFFICIENCY (%)
MIC2290BML R1
1 6
80 75 70 65 60 0 VIN = 3.2V VIN = 3.6V
Li Ion Battery
3
C1 1F
GND
4, 8
C2 10F R2
0.02 0.04 0.06 0.08 LOAD CURRENT (A)
0.1
Simple 12V Boost Regulator
MicroLeadFrame and MLF are trademarks of Amkor Technology, Inc.
Micrel, Inc. * 1849 Fortune Drive * San Jose, CA 95131 * USA * tel + 1 (408) 944-0800 * fax + 1 (408) 474-1000 * http://www.micrel.com
August 2004
1
M9999-081104
MIC2290
Micrel
Ordering Information
Part Number MIC2290BML MIC2290YML Marking Code SRC SRC Output Voltage Adjustable Adjustable Overvoltage Protection 34V 34V Junction Temp. Range -40C to 125C -40C to 125C Package 2x2 8-pin MLFTM 2x2 8-pin MLFTM Lead Finish Standard Lead Free
Pin Configuration
OUT VIN EN AGND
1 2 3 4 8 7 6 5
PGND SW FB NC
8-Pin MLFTM (ML) (Top View) Fused Lead Frame
Pin Description
Pin Number 1 Pin Name OUT Pin Function Output pin (Output): Output voltage. Connect to FB resistor divider. This pin has an internal 34V output overvoltage clamp. See "Block Diagram" and "Applications" section for more information. Supply (Input): 2.5V to 10V input voltage. Enable (Input): Logic high enables regulator. Logic low shuts down regulator. Analog ground. No connect (no internal connection to die). Feedback (Input): Output voltage sense node. Connect feedback resistor network to this pin. VOUT = 1.24V 1+ 7 8 EP SW PGND GND
R1 R2
2 3 4 5 6
VIN EN AGND NC FB
Switch node (Input): Internal power Bipolar collector. Power ground. Ground (Return): Exposed backside pad.
M9999-081104
2
August 2004
MIC2290
Micrel
Absolute Maximum Ratings(1)
Supply Voltage (VIN) ..................................................... 12V Switch Voltage (VSW) ..................................... -0.3V to 34V Enable Pin Voltage (VEN) ................................... -0.3 to VIN FB Voltage (VFB) ............................................................. 6V Switch Current (ISW) ....................................................... 2A Storage Temperature (TS) ....................... -65C to +150C ESD Rating(3) ................................................................ 2kV
Operating Ratings(2)
Supply Voltage (VIN) ........................................ 2.5V to 10V Junction Temperature Range (TJ) ........... -40C to +125C Package Thermal Impedance 2mm x 2mm MLFTM (JA) .................................... 93C/W
Electrical Characteristics(4)
TA = 25C, VIN = VEN = 3.6V, VOUT = 10V, IOUT = 20mA, unless otherwise noted. Bold values indicate -40C TJ 125C. Symbol VIN VUVLO IVIN ISD VFB IFB Parameter Supply Voltage Range Undervoltage Lockout Quiescent Current Shutdown Current Feedback Voltage Feedback Input Current Line Regulation Load Regulation DMAX ISW VSW ISW VEN IEN fSW VD IRD VOVP TJ
Notes: 1. Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(max), the junction-to-ambient thermal resistance, JA, and the ambient temperature, TA. The maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. 2. This device is not guaranteed to operate beyond its specified operating rating. 3. IC devices are inherently ESD sensitive. Handling precautions required. Human body model rating: 1.5K in series with 100pF. 4. Specification for packaged product only. 5. ISD = IVIN.
Condition
Min 2.5 1.8
Typ
Max 10
Units V V mA A V V nA
2.1 2.5 0.2
2.4 5 1 1.252 1.265
VFB = 2V, (not switching) VEN = 0V(5) 1.227 1.215 (1%) (2%) (Over Temp) VFB = 1.24V 3V VIN 5V 5mA IOUT 20mA 85
1.24 -450 0.1 0.2 90 0.75
1 1
% % % A mV A V V A MHz V A V C C
Maximum Duty Cycle Switch Current Limit Switch Saturation Voltage Switch Leakage Current Enable Threshold Enable Pin Current Oscillator Frequency Schottky Forward Drop Schottky Leakage Current Overvoltage Protection Overtemperature Threshold Shutdown ID = 150mA VR = 30V (nominal voltage) Hysteresis ISW = 0.5A VEN = 0V, VSW = 10V Turn on Turn off VEN = 10V
450 0.01 1.5 0.4 20 1.05 1.2 0.8 40 1.35 1 4 30 32 150 10 34 5
August 2004
3
M9999-081104
MIC2290
Micrel
Typical Characteristics
Feedback Voltage vs. Temperature
90 85 EFFICIENCY (%) 80 75 70 65 60 55 50 0
Efficiency at VOUT = 12V
OUTPUT VOLTAGE (V)
12.1 12.08 12.06 12.04 12.02 12 11.98 11.96 11.94 11.92 11.9 0
Load Regulation
FEEDBACK VOLTAGE (V)
1.26 1.26 1.25 1.25 1.24 1.24 1.23 1.23
VIN = 4.2V
VIN = 3.6V VIN = 3.3V
VIN = 3.6V 20 40 60 LOAD (mA) 80
25 50 75 100 OUTPUT CURRENT (mA)
1.22 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
0.9 0.8 CURRENT LIMIT (A) 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 2.5
1.0
CURRENT LIMIT (A)
SWITCH SATURATION VOLTAGE (mV)
Current Limit vs. Supply Voltage
Current Limit vs. Temperature
540 530 520 510 500 490 480 470 460 450 2.5
Switch Saturation vs. Supply Voltage
0.8 0.6 0.4 0.2 0 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
ISW = 500mA 4 5.5 7 8.5 SUPPLY VOLTAGE (V) 10
4 5.5 7 8.5 SUPPLY VOLTAGE (V)
10
SWITCH SATURATION VOLTAGE (mV)
700 600 500 400 300 200 100 0 0
SWITCH SATURATION VOLTAGE (mV)
Switch Saturation vs. Current
700 600
Switch Saturation Voltage vs. Temperature
1.4 1.35 FREQUENCY (MHz) 1.3 1.25 1.2 1.15 1.1 1.05
Frequency vs. Temperature
500 400 300 200 100 VIN = 3.6V I = 500mA
SW
VIN = 3.6V 100 200 300 400 500 SWITCH CURRENT (mA)
0 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
1 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
100
Maximum Duty Cycle vs. Supply Voltage
MAXIMUM DUTY CYCLE (%)
99 97 95 93 91 89 87
Maximum Duty Cycle vs. Temperature
FEEDBACK CURRENT (nA)
700 600 500 400 300 200 100
FB Pin Current vs. Temperature
MAXIMUM DUTY CYCLE (%)
98 96 94 92 90 88 86 84 82 80 2.5
VIN = 3.6V
4 5.5 7 8.5 SUPPLY VOLTAGE (V)
10
85 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
0 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
M9999-081104
4
August 2004
MIC2290
Micrel
1.3 ENABLE THRESHOLD (V) 1.28 1.26 1.24 1.22 1.2 1.18 1.16 1.14 1.12 1.1 2.5
Enable Threshold vs. Supply Voltage
FEEDBACK CURRENT (nA)
700 600 500 400 300 200 100
Schottky Diode Leakage vs. Temperature
REVERSE CURRENT (nA)
100 90 80 70 60 50 40 30 20 10 0
Schottky Reverse Leakage vs. Reverse Voltage
VR = 15V
4 5.5 7 8.5 SUPPLY VOLTAGE (V)
10
0 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C)
0
5 10 15 20 25 30 REVERSE VOLTAGE (V)
35
August 2004
5
M9999-081104
MIC2290
Micrel
Function Characteristics
Enable Characteristics
INPUT VOLTAGE OUTPUT VOLTAGE (2V/div) (100mV/div) AC-Coupled
Line Transient Response
ENABLE VOLTAGE (2V/div)
OUTPUT VOLTAGE (5V/div)
3.6VIN 12VOUT 150mA Load Time (400s/div)
12VOUT 150mA Load Time (400s/div)
Load Transient Response
OUTPUT VOLTAGE (50mV/div) LOAD CURRENT OUTPUT VOLTAGE (50mA/div) (100mV/div) AC-Coupled
Switching Waveforms
Output Voltage
INDUCTOR CURRENT (500mA/div)
Inductor Current (10H)
SWITCH SATURATION (5V/div)
3.6VIN 12VOUT COUT = 10F Time (400s/div)
3.6VIN 12VOUT 60mA
VSW
Time (400ns/div)
M9999-081104
6
August 2004
MIC2290
Micrel
Functional Diagram
VIN
FB
EN
OUT
OVP SW gm VREF 1.24V CA PWM Generator
1.2MHz Oscillator
Ramp Generator
GND
Figure 1. MIC2290 Block Diagram
Functional Description
The MIC2290 is a constant frequency, PWM current mode boost regulator. The block diagram is shown in Figure 1. The MIC2290 is composed of an oscillator, slope compensation ramp generator, current amplifier, gm error amplifier, PWM generator, and a 0.5A bipolar output transistor. The oscillator generates a 1.2MHz clock. The clock's two functions are to trigger the PWM generator that turns on the output transistor, and to reset the slope compensation ramp generator. The current amplifier is used to measure the switch current by amplifying the voltage signal from the internal sense resistor. The output of the current amplifier is summed with the output of the slope compensation ramp generator. This summed current-loop signal is fed to one of the inputs of the PWM generator.
The gm error amplifier measures the feedback voltage through the external feedback resistors and amplifies the error between the detected signal and the 1.24V reference voltage. The output of the gm error amplifier provides the voltage-loop signal that is fed to the other input of the PWM generator. When the current-loop signal exceeds the voltage-loop signal, the PWM generator turns off the bipolar output transistor. The next clock period initiates the next switching cycle, maintaining the constant frequency current-mode PWM control.
August 2004
7
M9999-081104
MIC2290
Micrel
Applications Information
DC-to-DC PWM Boost Conversion The MIC2290 is a constant frequency boost converter. It operates by taking a DC input voltage and regulating a higher DC output voltage. Figure 2 shows a typical circuit. Boost regulation is achieved by turning on an internal switch, which draws current through the inductor (L1). When the switch turns off, the inductor's magnetic field collapses, causing the current to be discharged into the output capacitor through an internal Schottky diode (D1). Voltage regulation is achieved through pulse-width modulation (PWM).
VIN L1 10H VOUT
Component Selection
Inductor Inductor selection is a balance between efficiency, stability, cost, size, and rated current. For most applications, a 10H is the recommended inductor value; it is usually a good balance between these considerations. Large inductance values reduce the peak-to-peak ripple current, affecting efficiency. This has an effect of reducing both the DC losses and the transition losses. There is also a secondary effect of an inductor's DC resistance (DCR). The DCR of an inductor will be higher for more inductance in the same package size. This is due to the longer windings required for an increase in inductance. Since the majority of input current (minus the MIC2290 operating current) is passed through the inductor, higher DCR inductors will reduce efficiency. To maintain stability, increasing inductor size will have to be met with an increase in output capacitance. This is due to the unavoidable "right half plane zero" effect for the continuous current boost converter topology. The frequency at which the right half plane zero occurs can be calculated as follows:
Frhpz = VIN
2
MIC2290BML VIN C1 2.2F EN GND GND SW OUT FB R2 GND R1 C2 10F
Figure 2. Typical Application Circuit Duty Cycle Considerations Duty cycle refers to the switch on-to-off time ratio and can be calculated as follows for a boost regulator:
D = 1- VIN VOUT
VOUT x L x IOUT x 2
The duty cycle required for voltage conversion should be less than the maximum duty cycle of 85%. Also, in light load conditions where the input voltage is close to the output voltage, the minimum duty cycle can cause pulse skipping. This is due to the energy stored in the inductor causing the output to overshoot slightly over the regulated output voltage. During the next cycle, the error amplifier detects the output as being high and skips the following pulse. This effect can be reduced by increasing the minimum load or by increasing the inductor value. Increasing the inductor value reduces peak current, which in turn reduces energy transfer in each cycle. Overvoltage Protection For the MLFTM package option, there is an overvoltage protection function. If the feedback resistors are disconnected from the circuit or the feedback pin is shorted to ground, the feedback pin will fall to ground potential. This will cause the MIC2290 to switch at full duty cycle in an attempt to maintain the feedback voltage. As a result, the output voltage will climb out of control. This may cause the switch node voltage to exceed its maximum voltage rating, possibly damaging the IC and the external components. To ensure the highest level of protection, the MIC2290 OVP pin will shut the switch off when an overvoltage condition is detected, saving itself and other sensitive circuitry downstream.
The right half plane zero has the undesirable effect of increasing gain, while decreasing phase. This requires that the loop gain is rolled off before this has significant effect on the total loop response. This can be accomplished by either reducing inductance (increasing RHPZ frequency) or increasing the output capacitor value (decreasing loop gain). Output Capacitor Output capacitor selection is also a trade-off between performance, size, and cost. Increasing output capacitance will lead to an improved transient response, but also an increase in size and cost. X5R or X7R dielectric ceramic capacitors are recommended for designs with the MIC2290. Y5V values may be used, but to offset their tolerance over temperature, more capacitance is required. The following table shows the recommended ceramic (X5R) output capacitor value vs. output voltage. Output Voltage Recomended Output Capacitance <6V 22F <16V 10F <34V 4.7F Table 1. Output Capacitor Selection Input capacitor A minimum 1F ceramic capacitor is recommended for designing with the MIC2290. Increasing input capacitance will improve performance and greater noise immunity on the source. The input capacitor should be as close as possible to the inductor and the MIC2290, with short traces for good noise performance.
M9999-081104
8
August 2004
MIC2290
Feedback Resistors The MIC2290 utilizes a feedback pin to compare the output to an internal reference. The output voltage is adjusted by selecting the appropriate feedback resistor values. The desired output voltage can be calculated as follows:
R1 VOUT = VREF x + 1 R2
Micrel
where VREF is equal to 1.24V.
August 2004
9
M9999-081104
MIC2290
Micrel
Application Circuits
VIN 3.3V L1 4.7H VOUT 5V @ 180mA VIN 3V to 4.2V L1 10H VOUT 15V @ 45mA
MIC2290BML C1 2.2F 6.3V VIN SW OUT EN GND GND FB R2 100k R1 5.62k C2 10F 6.3V C1 2.2F 6.3V
MIC2290BML VIN SW OUT EN GND GND GND FB R2 5k R1 54.9k C2 10F 16V
GND
C1 C2 L1
2.2F, 6.3V, 0805 X5R Ceramic Capacitor 10F, 6.3V, 0805 X5R Ceramic Capacitor 4.7H, 450mA Inductor
08056D475MAT 08056D106MAT LQH32CN4R7N11
AVX AVX Murata
C1 C2 L1
2.2F, 6.3V, 0603 X5R Ceramic Capacitor 10F, 16V, 1206 X5R Ceramic Capacitor 10H, 450mA Inductor
06036D225MAT 1206YD106MAT LQH32CN100K11
AVX AVX Murata
Figure 3. 3.3VIN to 5VOUT @ 180mA
Figure 6. 3.3VIN - 4.2VIN to 15VOUT @ 45mA
VIN 3V to 4.2V
L1 10H
VOUT 9V @ 80mA
VIN 5V
L1 10H
VOUT 9V @ 160mA
MIC2290BML C1 2.2F 6.3V VIN SW OUT EN GND GND FB R2 5k R1 31.6k C2 10F 16V
MIC2290BML C1 2.2F 6.3V VIN SW OUT EN GND
GND
R1 31.6k
FB R2 5k
C2 10F 16V
GND
GND
C1 C2 L1
2.2F, 6.3V, 0603 X5R Ceramic Capacitor 10F, 16V, 1206 X5R Ceramic Capacitor 10H, 450mA Inductor
06036D225MAT 1206YD106MAT LQH32CN100K11
AVX AVX Murata
C1 C2 L1
2.2F, 6.3V, 0603 X5R Ceramic Capacitor 10F, 16V, 1206 X5R Ceramic Capacitor 10H, 450mA Inductor
06036D225MAT 1206YD106MAT LQH32CN100K11
AVX AVX Murata
Figure 4. 3.3VIN - 4.2VIN to 9VOUT @ 80mA
Figure 7. 5VIN to 9VOUT @ 160mA
VIN 3V to 4.2V
L1 10H
VOUT 12V @ 50mA
VIN 5V
L1 10H
VOUT 12V @ 110mA
MIC2290BML C1 2.2F 6.3V VIN SW OUT EN GND GND FB R2 5k R1 43.2k C2 10F 16V C1 2.2F 6.3V
MIC2290BML VIN SW OUT EN GND GND GND FB R2 5k R1 43.2k C2 10F 16V
GND
C1 C2 L1
2.2F, 6.3V, 0603 X5R Ceramic Capacitor 10F, 16V, 1206 X5R Ceramic Capacitor 10H, 450mA Inductor
06036D225MAT 1206YD106MAT LQH32CN100K11
AVX AVX Murata
C1 C2 L1
2.2F, 6.3V, 0603 X5R Ceramic Capacitor 10F, 16V, 1206 X5R Ceramic Capacitor 10H, 450mA Inductor
06036D225MAT 1206YD106MAT LQH32CN100K11
AVX AVX Murata
Figure 5. 3.3VIN - 4.2VIN to 12VOUT @ 50mA
Figure 8. 5VIN to 12VOUT @ 110mA
M9999-081104
10
August 2004
MIC2290
VIN 5V L1 10H VOUT 24V @ 40mA
Micrel
MIC2290BML C1 2.2F 6.3V VIN SW OUT EN GND GND FB R2 1k R1 18.2k C2 4.7F 25V
GND
C1 C2 L1
2.2F, 6.3V, 0603 X5R Ceramic Capacitor 4.7F, 25V, 1206 X5R Ceramic Capacitor 10H, 450mA Inductor
06036D225MAT 12063D475MAT LQH32CN100K11
AVX AVX Murata
Figure 9. 5VIN to 24VOUT @ 40mA
August 2004
11
M9999-081104
MIC2290
Micrel
Package Information
8-Pin MLFTM (ML)
MICREL, INC. 1849 FORTUNE DRIVE SAN JOSE, CA 95131
TEL
USA
+ 1 (408) 944-0800
FAX
+ 1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2004 Micrel, Incorporated. M9999-081104
12
August 2004


▲Up To Search▲   

 
Price & Availability of MIC2290

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X