Part Number Hot Search : 
244R7 PD5616S MUPTB10 2N684 AN311 GT15J101 BH6513F HAL220
Product Description
Full Text Search
 

To Download MGP7N60E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MGP7N60E/D
Designer'sTM Data Sheet
Insulated Gate Bipolar Transistor
N-Channel Enhancement-Mode Silicon Gate
This Insulated Gate Bipolar Transistor (IGBT) uses an advanced termination scheme to provide an enhanced and reliable high voltage-blocking capability. Its new 600 V IGBT technology is specifically suited for applications requiring both a high temperature short circuit capability and a low VCE(on). It also provides fast switching characteristics and results in efficient operation at high frequencies. This new E-series introduces an energy efficient, ESD protected, and short circuit rugged device. * * * * * * Industry Standard TO-220 Package High Speed: Eoff = 60 mJ/A typical at 125C High Voltage Short Circuit Capability - 10 ms minimum at 125C, 400 V Low On-Voltage 2.0 V typical at 5.0 A, 125C Robust High Voltage Termination ESD Protection Gate-Emitter Zener Diodes
MGP7N60E
IGBT IN TO-220 9.0 A @ 90C 10 A @ 25C 600 VOLTS SHORT CIRCUIT RATED LOW ON-VOLTAGE
C
G C G E
CASE 221A-09 TO-220AB E
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Collector-Emitter Voltage Collector-Gate Voltage (RGE = 1.0 M) Gate-Emitter Voltage -- Continuous Collector Current -- Continuous @ TC = 25C Collector Current -- Continuous @ TC = 90C Collector Current -- Repetitive Pulsed Current (1) Total Power Dissipation @ TC = 25C Derate above 25C Operating and Storage Junction Temperature Range Short Circuit Withstand Time (VCC = 400 Vdc, VGE = 15 Vdc, TJ = 125C, RG = 20 ) Thermal Resistance -- Junction to Case - IGBT Thermal Resistance -- Junction to Ambient Maximum Lead Temperature for Soldering Purposes, 1/8 from case for 5 seconds Mounting Torque, 6-32 or M3 screw (1) Pulse width is limited by maximum junction temperature. Repetitive rating.
Designer's Data for "Worst Case" Conditions -- The Designer's Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit curves -- representing boundaries on device characteristics -- are given to facilitate "worst case" design.
Symbol VCES VCGR VGE IC25 IC90 ICM PD TJ, Tstg tsc RJC RJA TL
Value 600 600 20 10 7.0 14 81 0.65 - 55 to 150 10 1.5 65 260 10 lbfSin (1.13 NSm)
Unit Vdc Vdc Vdc Adc Apk Watts W/C C
ms
C/W C
Designer's is a trademark of Motorola, Inc.
(c) Motorola IGBT Device Motorola, Inc. 1997
Data
1
MGP7N60E
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector-to-Emitter Breakdown Voltage (VGE = 0 Vdc, IC = 25 Adc) Temperature Coefficient (Positive) Emitter-to-Collector Breakdown Voltage (VGE = 0 Vdc, IEC = 100 mAdc) Zero Gate Voltage Collector Current (VCE = 600 Vdc, VGE = 0 Vdc) (VCE = 600 Vdc, VGE = 0 Vdc, TJ = 125C) Gate-Body Leakage Current (VGE = 20 Vdc, VCE = 0 Vdc) ON CHARACTERISTICS (1) Collector-to-Emitter On-State Voltage (VGE = 15 Vdc, IC = 2.5 Adc) (VGE = 15 Vdc, IC = 2.5 Adc, TJ = 125C) (VGE = 15 Vdc, IC = 5.0 Adc, TJ = 125C) Gate Threshold Voltage (VCE = VGE, IC = 1.0 mAdc) Threshold Temperature Coefficient (Negative) Forward Transconductance (VCE = 10 Vdc, IC = 5.0 Adc) DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Transfer Capacitance SWITCHING CHARACTERISTICS (1) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-Off Switching Loss Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-Off Switching Loss Gate Charge (VCC = 360 Vdc, IC = 5 0 Adc Vdc 5.0 Adc, VGE = 15 Vdc) INTERNAL PACKAGE INDUCTANCE Internal Emitter Inductance (Measured from the emitter lead 0.25 from package to emitter bond pad) (1) Pulse Test: Pulse Width 300 s, Duty Cycle 2%. LE -- 7.5 -- nH (VCC = 360 Vdc, IC = 5 0 Ad Vd 5.0 Adc, VGE = 15 Vdc, L = 300 mH, Vd H RG = 20 , TJ = 125C) 125 C) Energy losses include "tail" (VCC = 360 Vdc, IC = 5 0 Ad Vd 5.0 Adc, VGE = 15 Vdc, L = 300 mH, Vd H RG = 20 , TJ = 25 C) 25C) Energy losses include "tail" td(on) tr td(off) tf Eoff td(on) tr td(off) tf Eoff QT Q1 Q2 -- -- -- -- -- -- -- -- -- -- -- -- -- 22 24 64 196 0.20 31 24 195 220 0.38 27.2 7.0 13.7 -- -- -- -- 0.34 -- -- -- -- -- -- -- -- mJ nC mJ ns ns (VCE = 25 Vdc, VGE = 0 Vdc, Vdc Vdc f = 1.0 MHz) Cies Coes Cres -- -- -- 610 60 10 -- -- -- pF VCE(on) -- -- -- VGE(th) 4.0 -- gfe -- 6.0 10 2.5 8.0 -- -- 1.6 1.5 2.0 1.9 -- 2.4 Vdc mV/C Mhos Vdc V(BR)CES 600 -- V(BR)ECS ICES -- -- IGES -- -- -- -- 10 200 50 15 -- 870 -- -- -- -- Vdc mV/C Vdc Adc Symbol Min Typ Max Unit
mAdc
2
Motorola IGBT Device Data
MGP7N60E
20 20 V IC , COLLECTOR CURRENT (AMPS) TJ = 25C 15 12.5 V 10 17.5 V IC , COLLECTOR CURRENT (AMPS) 15 V 20 20 V TJ = 125C 15 12.5 V 10 17.5 V 15 V
5
VGE = 10 V
5
VGE = 10 V
0 0 1 2 3 4 5 6 7 8 VCE(on), COLLECTOR-TO-EMITTER VOLTAGE (VOLTS)
0 0 1 2 3 4 5 6 7 8 VCE, COLLECTOR-TO-EMITTER VOLTAGE (VOLTS)
Figure 1. Output Characteristics
Figure 2. Output Characteristics
VCE(on), COLLECTOR-TO-EMITTER ON-STATE VOLTAGE (VOLTS)
12 IC , COLLECTOR CURRENT (AMPS) 10 8 6 TJ = 125C 4 2 0 5 6 7 8 9 10 11 12 13 VGE, GATE-TO-EMITTER VOLTAGE (VOLTS) 25C VCE = 100 V 5 mS PULSE WIDTH
2.2 IC = 5.0 A 2.0 1.8 1.6 1.4 1.2 1.0 -50 -25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) VGE = 15 V 80 mS PULSE WIDTH 3.75 A
2.5 A
Figure 3. Transfer Characteristics
Figure 4. VCE versus Junction Temperature
1000 C, CAPACITANCE (pF) 800 600 400 Coes 200 Cres 0 0 5 10 15 Cies
VGE = 0 V TJ = 25C
VGE, GATE-TO-EMITTER VOLTAGE (VOLTS)
1200
20
16
QT
12
Q1
Q2
8 TJ = 25C IC = 5.0 A
4 0 0 5 10 15 20 25
20
25
30
35
VCE, COLLECTOR-TO-EMITTER VOLTAGE (VOLTS)
Qg, TOTAL GATE CHARGE (nC)
Figure 5. Capacitance Variation
Figure 6. VGE versus Total Charge
Motorola IGBT Device Data
3
MGP7N60E
0.5 Eoff , TURN-OFF ENERGY LOSSES (mJ) Eoff , TURN-OFF ENERGY LOSSES (mJ) VCC = 360 V VGE = 15 V TJ = 125C 0.5 VCC = 360 V VGE = 15 V RG = 20 W
0.4
IC = 5.0 A
0.4
IC = 5.0 A
0.3
3.75 A
0.3 3.75 A 0.2 2.5 A 0.1 0
0.2
2.5 A
0.1 0 10 15 20 25 30 35 40 45 50 GATE RESISTANCE (W)
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (C)
Figure 7. Turn-Off Losses versus Gate Resistance
Figure 8. Turn-Off Losses versus Junction Temperature
0.6 Eoff , TURN-OFF ENERGY LOSSES (mJ) 0.5 0.4 0.3 0.2 0.1 0 0 1 2 3 4 5 6 7 8 IC, COLLECTOR CURRENT (AMPS) IC , COLLECTOR CURRENT (AMPS) VCC = 360 V VGE = 15 V RG = 20 W TJ = 125C
100
10
VGE = 15 V RGE = 20 W TJ = 125C 1 1 10 100 1000 VCE, COLLECTOR-TO-EMITTER VOLTAGE (VOLTS)
Figure 9. Turn-Off Energy Losses versus Collector Current
Figure 10. Reverse Biased Safe Operating Area
4
Motorola IGBT Device Data
MGP7N60E
PACKAGE DIMENSIONS
-T- B
4
SEATING PLANE
F T S
C
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED. DIM A B C D F G H J K L N Q R S T U V Z INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.095 0.105 0.110 0.155 0.018 0.025 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 0.045 --- --- 0.080 STYLE 9: PIN 1. 2. 3. 4. MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.07 4.82 0.64 0.88 3.61 3.73 2.42 2.66 2.80 3.93 0.46 0.64 12.70 14.27 1.15 1.52 4.83 5.33 2.54 3.04 2.04 2.79 1.15 1.39 5.97 6.47 0.00 1.27 1.15 --- --- 2.04
Q
123
A U K
H Z L V G D N R J
GATE COLLECTOR EMITTER COLLECTOR
CASE 221A-09 TO-220AB ISSUE Z
Motorola IGBT Device Data
5
MGP7N60E
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Customer Focus Center: 1-800-521-6274 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 - http://sps.motorola.com/mfax/ HOME PAGE: http://motorola.com/sps/ JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 141, 4-32-1 Nishi-Gotanda, Shagawa-ku, Tokyo, Japan. 03-5487-8488
6
MGP7N60E/D Motorola IGBT Device Data


▲Up To Search▲   

 
Price & Availability of MGP7N60E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X