Part Number Hot Search : 
MBP10 2SD209 V031Y 5976RF HJ772 PE3227 STTA506F FEN30DP
Product Description
Full Text Search
 

To Download MCM6206BB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MCM6206BB/D
Product Preview
MCM6206BB
32K x 8 Bit Fast Static RAM
The MCM6206BB is a 262,144 bit static random access memory organized as 32,768 words of 8 bits. Static design eliminates the need for external clocks or timing strobes, while CMOS circuitry reduces power consumption and provides for greater reliability. This device meets JEDEC standards for functionality and pinout, and is available in plastic small-outline J-leaded packages. * * * * * Single 5 V 10% Power Supply Fully Static -- No Clock or Timing Strobes Necessary Fast Access Times: 12/15/20/25 ns Equal Address and Chip Enable Access Times Output Enable (G) Feature for Increased System Flexibility and to Eliminate Bus Contention Problems * Low Power Operation: 125 - 140 mA Maximum AC * Fully TTL Compatible -- Three State Output
J PACKAGE 300 MIL SOJ CASE 810B-03
PIN ASSIGNMENT
A A A A A 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 V CC W A A A A G A E DQ DQ DQ DQ DQ
BLOCK DIAGRAM
A A A A A A A A ROW DECODER MEMORY MATRIX VCC VSS
A A A A A DQ DQ DQ VSS
PIN NAMES
A A . . . . . . . . . . . . . . . . . . . . Address Input DQ . . . . . . . . . . Data Input/Data Output W . . . . . . . . . . . . . . . . . . . . Write Enable G . . . . . . . . . . . . . . . . . . . Output Enable E . . . . . . . . . . . . . . . . . . . . . . Chip Enable VCC . . . . . . . . . . . Power Supply (+ 5 V) VSS . . . . . . . . . . . . . . . . . . . . . . . Ground
DQ DQ
INPUT DATA CONTROL
. . .
COLUMN I/O COLUMN DECODER
E W G
A CIRCUIT CONTROL
A
A
A
A
A
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice. 6/4/97
(c) Motorola, Inc. 1997 MOTOROLA FAST SRAM
MCM6206BB 1
TRUTH TABLE (X = Don't Care)
E H L L L G X H L X W X H H L Mode Not Selected Output Disabled Read Write VCC Current ISB1, ISB2 ICCA ICCA ICCA Output High-Z High-Z Dout High-Z Cycle - - Read Cycle Write Cycle
ABSOLUTE MAXIMUM RATINGS
Rating Power Supply Voltage Voltage Relative to VSS For Any Pin Except VCC Output Current Power Dissipation Temperature Under Bias Ambient Temperature Symbol VCC Vin, Vout Iout PD Tbias TA Value - 0.5 to + 7.0 - 0.5 to VCC + 0.5 20 1.0 - 10 to + 85 0 to + 70 Unit V V mA W C C This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than maximum rated voltages to this high-impedance circuit. This CMOS memory circuit has been designed to meet the dc and ac specifications shown in the tables, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow of at least 500 linear feet per minute is maintained.
Storage Temperature--Plastic Tstg - 55 to + 125 C NOTE: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to RECOMMENDED OPERATING CONDITIONS. Exposure to higher than recommended voltages for extended periods of time could affect device reliability.
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V 10%, TA = 0 to 70C, Unless Otherwise Noted) RECOMMENDED OPERATING CONDITIONS
Parameter Supply Voltage (Operating Voltage Range) Input High Voltage Input Low Voltage Symbol VCC VIH VIL Min 4.5 2.2 - 0.5* Typ 5.0 -- -- Max 5.5 VCC + 0.3** 0.8 Unit V V V
* VIL (min) = - 0.5 V dc; VIL (min) = - 2.0 V ac (pulse width 20 ns) ** VIH (max) = VCC + 0.3 V dc; VIH (max) = VCC + 2.0 V ac (pulse width 20 ns)
DC CHARACTERISTICS
Parameter Input Leakage Current (All Inputs, Vin = 0 to VCC) Output Leakage Current (E = VIH or G = VIH, Vout = 0 to VCC) Output High Voltage (IOH = - 4.0 mA) Output Low Voltage (IOL = 8.0 mA) Symbol Ilkg(I) Ilkg(O) VOH VOL Min -- -- 2.4 -- Max 1 1 -- 0.4 Unit A A V V
POWER SUPPLY CURRENTS
Parameter AC Active Supply Current (Iout = 0 mA, VCC = Max, f = fmax) AC Standby Current (E = VIH, VCC = Max, f = fmax) CMOS Standby Current (VCC = Max, f = 0 MHz, E VCC - 0.2 V Vin VSS + 0.2 V, or VCC - 0.2 V) Symbol ICCA ISB1 ISB2 - 12 140 40 10 - 15 135 35 10 - 20 130 35 10 - 25 125 30 10 Unit mA mA mA
CAPACITANCE (f = 1 MHz, dV = 3 V, TA = 25C, Periodically sampled rather than 100% tested)
Characteristic Address Input Capacitance Control Pin Input Capacitance (E, G, W) I/O Capacitance Symbol Cin Cin CI/O Max 6 8 8 Unit pF pF pF
MCM6206BB 2
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V 10%, TA = 0 to + 70C, Unless Otherwise Noted)
Input Timing Measurement Reference Level . . . . . . . . . . . . . . . 1.5 V Input Pulse Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to 3.0 V Input Rise/Fall Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 ns Output Timing Measurement Reference Level . . . . . . . . . . . . . 1.5 V Output Load . . . . . . . . . . . . . . . . . . Figure 1 Unless Otherwise Noted
READ CYCLE (See Note 1)
- 12 Parameter Read Cycle Time Address Access Time Enable Access Time Output Enable Access Time Output Hold from Address Change Enable Low to Output Active Enable High to Output High-Z Output Enable Low to Output Active Output Enable High to Output High-Z Power Up Time Power Down Time Symbol tAVAV tAVQV tELQV tGLQV tAXQX tELQX tEHQZ tGLQX tGHQZ tELICCH tEHICCL Min 12 -- -- -- 3 4 -- 0 -- 0 -- Max -- 12 12 6 -- -- 7 -- 6 -- 12 Min 15 -- -- -- 3 4 -- 0 -- 0 -- - 15 Max -- 15 15 8 -- -- 8 -- 7 -- 15 Min 20 -- -- -- 3 4 -- 0 -- 0 -- - 20 Max -- 20 20 10 -- -- 9 -- 8 -- 20 Min 25 -- -- -- 3 4 -- 0 -- 0 -- - 25 Max -- 25 25 12 -- -- 10 -- 10 -- 25 Unit ns ns ns ns ns ns ns ns ns ns ns 4,5,6 4,5,6 4,5,6 4,5,6 4,5,6 3 Notes 2
NOTES: 1. W is high for read cycle. 2. All timings are referenced from the last valid address to the first transitioning address. 3. Addresses valid prior to or coincident with E going low. 4. At any given voltage and temperature, tEHQZ (max) is less than tELQX (min), and tGHQZ (max) is less than tGLQX (min), both for a given device and from device to device. 5. Transition is measured 500 mV from steady-state voltage. 6. This parameter is sampled and not 100% tested. 7. Device is continuously selected (E = VIL, G = VIL).
TIMING LIMITS
Z0 = 50 OUTPUT 50 VL = 1.5 V The table of timing values shows either a minimum or a maximum limit for each parameter. Input requirements are specified from the external system point of view. Thus, address setup time is shown as a minimum since the system must supply at least that much time. On the other hand, responses from the memory are specified from the device point of view. Thus, the access time is shown as a maximum since the device never provides data later than that time.
Figure 1. AC Test Loads
MOTOROLA FAST SRAM
MCM6206BB 3
READ CYCLE 1 (See Note 7)
tAVAV A (ADDRESS) tAXQX Q (DATA OUT) PREVIOUS DATA VALID tAVQV DATA VALID
READ CYCLE 2 (See Note 3)
tAVAV A (ADDRESS) tAVQV E (CHIP ENABLE) tELQX G (OUTPUT ENABLE) tGLQV tGLQX Q (DATA OUT) HIGH Z DATA VALID HIGH Z tGHQZ tELQV tEHQZ
VCC SUPPLY CURRENT ISB
ICC
tELICCH
tEHICCL
MCM6206BB 4
MOTOROLA FAST SRAM
WRITE CYCLE 1 (W Controlled, See Notes 1 and 2)
- 12 Parameter Write Cycle Time Address Setup Time Address Valid to End of Write Write Pulse Width Write Pulse Width, G High Data Valid to End of Write Data Hold Time Write Low to Output High-Z Write High to Output Active Write Recovery Time Symbol tAVAV tAVWL tAVWH tWLWH, tWLEH tWLWH, tWLEH tDVWH tWHDX tWLQZ tWHQX tWHAX Min 12 0 10 10 10 6 0 -- 2 0 Max -- -- -- -- -- -- -- 6 -- -- Min 15 0 12 12 10 7 0 -- 2 0 - 15 Max -- -- -- -- -- -- -- 7 -- -- Min 20 0 15 15 12 8 0 -- 2 0 - 20 Max -- -- -- -- -- -- -- 8 -- -- Min 25 0 20 20 15 10 0 -- 2 0 - 25 Max -- -- -- -- -- -- -- 10 -- -- Unit ns ns ns ns ns ns ns ns ns ns 5,6,7 5,6,7 4 Notes 3
NOTES: 1. A write occurs during the overlap of E low and W low. 2. If G goes low coincident with or after W goes low, the output will remain in a high impedance state. 3. All timings are referenced from the last valid address to the first transitioning address. 4. If G VIH, the output will remain in a high impedance state. 5. At any given voltage and temperature, tWLQZ (max) is less than tWHQX (min), both for a given device and from device to device. 6. Transition is measured 500 mV from steady-state voltage. 7. This parameter is sampled and not 100% tested.
WRITE CYCLE 1 (W Controlled, See Notes 1 and 2)
tAVAV A (ADDRESS) tAVWH E (CHIP ENABLE) tWLWH tWLEH W (WRITE ENABLE) tAVWL D (DATA IN) tWLQZ Q (DATA OUT) HIGH Z HIGH Z tDVWH DATA VALID tWHQX tWHDX tWHAX
MOTOROLA FAST SRAM
MCM6206BB 5
WRITE CYCLE 2 (E Controlled, See Note 1)
- 12 Parameter Write Cycle Time Address Setup Time Address Valid to End of Write Enable to End of Write Data Valid to End of Write Data Hold Time Write Recovery Time Symbol tAVAV tAVEL tAVEH tELEH, tELWH tDVEH tEHDX tEHAX Min 12 0 10 9 6 0 0 Max -- -- -- -- -- -- -- Min 15 0 12 10 7 0 0 - 15 Max -- -- -- -- -- -- -- Min 20 0 15 12 8 0 0 - 20 Max -- -- -- -- -- -- -- Min 25 0 20 15 10 0 0 - 25 Max -- -- -- -- -- -- -- Unit ns ns ns ns ns ns ns 3,4 Notes
NOTES: 1. A write occurs during the overlap of E low and W low. 2. All timings are referenced from the last valid address to the first transitioning address. 3. If E goes low coincident with or after W goes low, the output will remain in a high impedance state. 4. If E goes high coincident with or before W goes high, the output will remain in a high impedance state.
WRITE CYCLE 2 (E Controlled, See Note 1)
tAVAV A (ADDRESS) tAVEH E (CHIP ENABLE) tAVEL tWLEH W (WRITE ENABLE) tDVEH D (DATA IN) DATA VALID tEHDX tELEH tELWH tEHAX
Q (DATA OUT)
HIGH Z
MCM6206BB 6
MOTOROLA FAST SRAM
ORDERING INFORMATION
(Order by Full Part Number) MCM 6206BB
Motorola Memory Prefix Part Number
EJ
XX
X
Shipping Method (R = Tape and Reel, Blank = Rails) Speed (12 = 12 ns, 15 = 15 ns, 20 = 20 ns, 25 = 25 ns) Package (J = 300 mil SOJ, E = Evolutionary Pinout)
Full Part Numbers -- MCM6206BBEJ12 MCM6206BBEJ15 MCM6206BBEJ20 MCM6206BBEJ25
MCM6206BBEJ12R MCM6206BBEJ15R MCM6206BBEJ20R MCM6206BBEJ25R
MOTOROLA FAST SRAM
MCM6206BB 7
PACKAGE DIMENSIONS
CASE 810B-03 300 MIL SOJ 28 LEAD
F DETAIL Z
28 15
N D 24 PL 0.18 (0.007)
M
1 14
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. DIMENSION A & B DO NOT INCLUDE MOLD PROTRUSION. MOLD PROTRUSION SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 3. CONTROLLING DIMENSION: INCH. 4. DIM R TO BE DETERMINED AT DATUM -T-. S INCHES MIN MAX 0.720 0.730 0.295 0.305 0.128 0.148 0.015 0.020 0.088 0.098 0.026 0.032 0.050 BSC 0.020 -- 0.035 0.045 0.025 BSC 0 10 0.030 0.045 0.330 0.340 0.260 0.270 0.030 0.040 MILLIMETERS MIN MAX 18.29 18.54 7.74 7.50 3.75 3.26 0.50 0.39 2.48 2.24 0.81 0.67 1.27 BSC 0.50 -- 1.14 0.89 0.64 BSC 0 10 1.14 0.76 8.64 8.38 6.86 6.60 1.01 0.77
TA
S
-AL G M
H BRK
0.18 (0.007) P -BM
T
B
S
E 0.10 (0.004) K DETAIL Z -TSEATING PLANE
C
R 0.25 (0.010)
S
S RAD TB
S
DIM A B C D E F G H K L M N P R S
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
MCM6206BB 8
MOTOROLA MCM6206BB/D FAST SRAM


▲Up To Search▲   

 
Price & Availability of MCM6206BB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X