Part Number Hot Search : 
TL594 LTC1703 BPC250 P4KE10 AC2626L6 EUM6804 035PT MP100
Product Description
Full Text Search
 

To Download MC74LCX16646 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Advance Information
Low-Voltage CMOS 16-Bit Transceiver/Registered Transceiver
With 5V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
The MC74LCX16646 is a high performance, non-inverting 16-bit transceiver/registered transceiver operating from a 2.7 to 3.6V supply. The device is byte controlled. Each byte has separate control inputs which can be tied together for full 16-bit operation. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5V allows MC74LCX16646 inputs to be safely driven from 5V devices. The MC74LCX16646 is suitable for memory address driving and all TTL level bus oriented transceiver applications. Data on the A or B bus will be clocked into the registers as the appropriate clock pin goes from a LOW-to-HIGH logic level. Output Enable (OEn) and Direction Control (DIRn) pins are provided to control the transceiver outputs. In the transceiver mode, data present at the high impedance port may be stored in either the A or the B register or in both. The select controls (SBAn, SABn) can multiplex stored and real-time (transparent mode) data. The DIR determines which bus will receive data when OE is active LOW. In the isolation mode (OE HIGH), A data may be stored in the B register or B data may be stored in the A register. Only one of the two buses, A or B, may be driven at one time.
MC74LCX16646
LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER
DT SUFFIX PLASTIC TSSOP PACKAGE CASE 1202-01
* * * * * * * * *
Designed for 2.7 to 3.6V VCC Operation 5.2ns Maximum tpd 5V Tolerant -- Interface Capability With 5V TTL Logic Supports Live Insertion and Withdrawal IOFF Specification Guarantees High Impedance When VCC = 0V LVTTL Compatible LVCMOS Compatible 24mA Balanced Output Sink and Source Capability Near Zero Static Supply Current in All Three Logic States (20A) Substantially Reduces System Power Requirements * Latchup Performance Exceeds 500mA * ESD Performance: Human Body Model >2000V; Machine Model >200V
PIN NAMES
Pins A0-A15 B0-B15 CABn, CBAn SABn, SBAn DIRn, OEn Function Side A Inputs/Outputs Side B Inputs/Outputs Clock Pulse Inputs Select Control Inputs Output Enable Inputs
This document contains information on a new product. Specifications and information herein are subject to change without notice. 11/96
(c) Motorola, Inc. 1996
1
REV 0.2
MC74LCX16646
DIR1 1 CAB1 2 SAB1 3 GND 4 A0 5 A1 6 VCC 7 A2 8 A3 9 A4 10 GND 11 A5 12 A6 13 A7 14 A8 15 A9 16 A10 17 GND 18 A11 19 A12 20 A13 21 VCC 22 A14 23 A15 24 GND 25 SAB2 26 CAB2 27 DIR2 28
56 OE1 55 CBA1 54 SBA1 53 GND 52 B0 51 B1 50 VCC 49 B2 48 B3 47 B4 46 GND 45 B5 44 B6 43 B7 42 B8 41 B9 40 B10 39 GND 38 B11 37 B12 36 B13 35 VCC 34 B14 33 B15 32 GND 31 SBA2 30 CBA2 29 OE2
MOTOROLA
2
LCX DATA BR1339 -- REV 3
MC74LCX16646
CBA1 DIR1 OE1
55 1 56
LOGIC DIAGRAM
SBA1 SAB1 CAB1
54 3 2
C A0:7 Q D
C Q D B0:7
1 of 8 Channels
To 7 Other Channels CBA2 DIR2 OE2 30 28 29
SBA2 SAB2 CAB2
31 26 27
C A8:15 Q D
C Q D B8:15
1 of 8 Channels
To 7 Other Channels
LCX DATA BR1339 -- REV 3
3
MOTOROLA
MC74LCX16646
BUS APPLICATIONS
Real Time Transfer - Bus B to Bus A
Real Time Transfer - Bus A to Bus B
BUS B
OE L
DIR L
CAB X
CBA X
SAB X
SBA L
OE L
DIR H
CAB X
CBA X
SAB L
Store Data from Bus A, Bus B or Busses A and B
Transfer Storage Data to Bus A or Bus B
BUS B
OE X X H
DIR X X X
CAB X
CBA X
SAB X X X
SBA X X X
OE L L
DIR L H
CAB X H or L
CBA H or L X
SAB X H
MOTOROLA
4
LCX DATA BR1339 -- REV 3
BUS B SBA H X
BUS A
BUS A
BUS B SBA X
BUS A
BUS A
MC74LCX16646
FUNCTION TABLE
Inputs OEn H DIRn X X X X X CABn CBAn SABn SBAn An Input X l h X X Input X* L H X* L H L L X* X X X* X X L H L H X X X X L H X l h L H Output L H QB L H QB QB Data Ports Bn Input X X X l h Output L H QA L H QA QA Input L H X l h L H Real Time B Data to A Bus Stored B Data to A Bus Real Time B Data to A Bus; Store B Data Clock B Data to A Bus; Store B Data Real Time A Data to B Bus Stored A Data to B Bus Real Time A Data to B Bus; Store A Data Clock A Data to B Bus; Store A Data Isolation, Hold Storage Store A and/or B Data Operating Mode
L
H
H = High Voltage Level; h = High Voltage Level One Setup Time Prior to the Low-to-High Clock Transition; L = Low Voltage Level; l = Low Voltage Level One Setup Time Prior to the Low-to-High Clock Transition; X = Don't Care; = Low-to-High Clock Transition; = NOT Low-to-High Clock Transition; QA = A input storage register; QB = B input storage register; * = The clocks are not internally gated with either the Output Enables or the Source Inputs. Therefore, data at the A or B ports may be clocked into the storage registers, at any time. For ICC reasons, Do Not Float Inputs.
ABSOLUTE MAXIMUM RATINGS*
Symbol VCC VI VO Parameter DC Supply Voltage DC Input Voltage DC Output Voltage Value -0.5 to +7.0 -0.5 VI +7.0 -0.5 VO +7.0 -0.5 VO VCC + 0.5 IIK IOK DC Input Diode Current DC Output Diode Current -50 -50 +50 IO ICC IGND TSTG DC Output Source/Sink Current DC Supply Current Per Supply Pin DC Ground Current Per Ground Pin Storage Temperature Range 50 100 100 -65 to +150 Output in 3-State Note 1. VI < GND VO < GND VO > VCC Condition Unit V V V V mA mA mA mA mA mA C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied. 1. Output in HIGH or LOW State. IO absolute maximum rating must be observed.
LCX DATA BR1339 -- REV 3
5
MOTOROLA
MC74LCX16646
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO IOH IOL IOH IOL TA t/V Supply Voltage Input Voltage Output Voltage (HIGH or LOW State) (3-State) Parameter Operating Data Retention Only Min 2.0 1.5 0 0 0 Typ 3.3 3.3 Max 3.6 3.6 5.5 VCC 5.5 -24 24 -12 12 -40 0 +85 10 Unit V V V mA mA mA mA C ns/V
HIGH Level Output Current, VCC = 3.0V - 3.6V LOW Level Output Current, VCC = 3.0V - 3.6V HIGH Level Output Current, VCC = 2.7V - 3.0V LOW Level Output Current, VCC = 2.7V - 3.0V Operating Free-Air Temperature Input Transition Rise or Fall Rate, VIN from 0.8V to 2.0V, VCC = 3.0V
DC ELECTRICAL CHARACTERISTICS
TA = -40C to +85C Symbol VIH VIL VOH Characteristic HIGH Level Input Voltage (Note 2.) LOW Level Input Voltage (Note 2.) HIGH Level Output Voltage Condition 2.7V VCC 3.6V 2.7V VCC 3.6V 2.7V VCC 3.6V; IOH = -100A VCC = 2.7V; IOH = -12mA VCC = 3.0V; IOH = -18mA VCC = 3.0V; IOH = -24mA VOL LOW Level Output Voltage 2.7V VCC 3.6V; IOL = 100A VCC = 2.7V; IOL= 12mA VCC = 3.0V; IOL = 16mA VCC = 3.0V; IOL = 24mA II IOZ IOFF ICC Input Leakage Current 3-State Output Current Power-Off Leakage Current Quiescent Supply Current 2.7V VCC 3.6V; 0V VI 5.5V 2.7 VCC 3.6V; 0V VO 5.5V; VI = VIH or V IL VCC = 0V; VI or VO = 5.5V 2.7 VCC 3.6V; VI = GND or VCC 2.7 VCC 3.6V; 3.6 VI or VO 5.5V ICC Increase in ICC per Input 2.7 VCC 3.6V; VIH = VCC - 0.6V 2. These values of VI are used to test DC electrical characteristics only. VCC - 0.2 2.2 2.4 2.2 0.2 0.4 0.4 0.55 5.0 5.0 10 20 20 500 A A A A A A V Min 2.0 0.8 Max Unit V V V
MOTOROLA
6
LCX DATA BR1339 -- REV 3
MC74LCX16646
AC CHARACTERISTICS (Note 3.; tR = tF = 2.5ns; CL = 50pF; RL = 500)
Limits TA = -40C to +85C VCC = 3.0V to 3.6V Symbol fmax tPLH tPHL tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ ts th tw tOSHL tOSLH Parameter Clock Pulse Frequency Propagation Delay Input to Output Propagation Delay Clock to Output Propagation Delay Select to Output Output Enable Time to High and Low Level Output Disable Time From High and Low Level Setup Time, HIGH or LOW Data to Clock Hold Time, HIGH or LOW Data to Clock Clock Pulse Width, HIGH or LOW Output-to-Output Skew (Note 4.) Waveform 3 1 3 1 2 2 3 3 3 Min 170 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 2.5 1.5 3.0 1.0 1.0 5.2 5.2 6.0 6.0 6.0 6.0 7.5 7.5 6.5 6.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 2.5 1.5 3.0 6.0 6.0 7.0 7.0 7.0 7.0 8.5 8.5 7.5 7.5 Max VCC = 2.7V Min Max Unit MHz ns ns ns ns ns ns ns ns ns
3. These AC parameters are preliminary and may be modified prior to release. 4. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH); parameter guaranteed by design.
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25C Symbol VOLP Characteristic Dynamic LOW Peak Voltage (Note 5.) Condition VCC = 3.3V, CL = 50pF, VIH = 3.3V, VIL = 0V Min Typ 0.8 Max Unit V
VOLV Dynamic LOW Valley Voltage (Note 5.) VCC = 3.3V, CL = 50pF, VIH = 3.3V, VIL = 0V 0.8 V 5. Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH-to-LOW or LOW-to-HIGH. The remaining output is measured in the LOW state.
CAPACITIVE CHARACTERISTICS
Symbol CIN CI/O CPD Parameter Input Capacitance Input/Output Capacitance Power Dissipation Capacitance Condition VCC = 3.3V, VI = 0V or VCC VCC = 3.3V, VI = 0V or VCC 10MHz, VCC = 3.3V, VI = 0V or VCC Typical 7 8 20 Unit pF pF pF
LCX DATA BR1339 -- REV 3
7
MOTOROLA
MC74LCX16646
2.7V An, Bn, SBAn, SABn 1.5V 0V tPLH, tPHL VOH Bn, An 1.5V VOL WAVEFORM 1 - SAB to B and SBA to A, An to Bn PROPAGATION DELAYS tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns
OEn 1.5V DIRn tPZH An, Bn 1.5V tPHZ 1.5V
2.7V
0V
VOH - 0.3V 0V tPZL 1.5V VOL + 0.3V WAVEFORM 2 - OE/DIR to An/Bn OUTPUT ENABLE AND DISABLE TIMES tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns tPLZ 3.0V
An, Bn
Figure 1. AC Waveforms
MOTOROLA
8
LCX DATA BR1339 -- REV 3
MC74LCX16646
2.7V An, Bn 1.5V 0V ts CABn, CBAn 1.5V th 2.7V tw 1.5V 0V fmax tPLH, tPHL VOH Bn, An 1.5V VOL WAVEFORM 3 - CLOCK to Bn/An PROPAGATION DELAYS, CLOCK MINIMUM PULSE WIDTH, An/Bn to CLOCK SETUP AND HOLD TIMES tR = tF = 2.5ns, 10% to 90%; f = 1MHz; tW = 500ns except when noted
NEGATIVE PULSE
tw 1.5V 1.5V
POSITIVE PULSE
1.5V tw WAVEFORM 4 - INPUT PULSE DEFINITION tR = tF = 2.5ns, 10% to 90% of 0V to 2.7V
1.5V
Figure 1. AC Waveforms (continued)
VCC 6V OPEN GND
PULSE GENERATOR RT
DUT CL
R1 RL
TEST tPLH, tPHL tPZL, tPLZ Open Collector/Drain tPLH and tPHL tPZH, tPHZ
SWITCH Open 6V 6V GND
CL = 50pF or equivalent (Includes jig and probe capacitance) RL = R1 = 500 or equivalent RT = ZOUT of pulse generator (typically 50)
Figure 2. Test Circuit
LCX DATA BR1339 -- REV 3
9
MOTOROLA
MC74LCX16646
OUTLINE DIMENSIONS
DT SUFFIX PLASTIC TSSOP PACKAGE CASE 1202-01 ISSUE A
56X
K REF 0.12 (0.005)
M
TU
S
V
S
K K1 J J1
56
29
0.254 (0.010)
L
B -U-
1 28
SECTION N-N
N
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 5. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 6. DIMENSIONS A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 13.90 14.10 6.00 6.20 --- 1.10 0.05 0.15 0.50 0.75 0.50 BSC 0.12 --- 0.09 0.20 0.09 0.16 0.17 0.27 0.17 0.23 7.95 8.25 0_ 8_ INCHES MIN MAX 0.547 0.555 0.236 0.244 --- 0.043 0.002 0.006 0.020 0.030 0.0197 BSC 0.005 --- 0.004 0.008 0.004 0.006 0.007 0.011 0.007 0.009 0.313 0.325 0_ 8_
PIN 1 IDENT.
A -V- N F DETAIL E M 0.25 (0.010)
D 0.076 (0.003) -T- SEATING
PLANE
C DETAIL E G H
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-800-441-2447 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MOTOROLA 10
EEE CCC EEE CCC
M
TU
S
-W-
MC74LCX16646/D LCX DATA BR1339 -- REV 3


▲Up To Search▲   

 
Price & Availability of MC74LCX16646

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X