Part Number Hot Search : 
3B94B ISL43111 BFP193T ZMM5224 MAXQ615 XP05534 MA150 PDSP1
Product Description
Full Text Search
 

To Download MC33171 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by MC33171/D
MC33171 MC33172 Low Power, Single Supply Operational Amplifiers
DUAL Quality bipolar fabrication with innovative design concepts are employed for the MC33171/72/74 series of monolithic operational amplifiers. These devices operate at 180 A per amplifier and offer 1.8 MHz of gain bandwidth product and 2.1 V/s slew rate without the use of JFET device technology. Although this series can be operated from split supplies, it is particularly suited for single supply operation, since the common mode input voltage includes ground potential (VEE). With a Darlington input stage, these devices exhibit high input resistance, low input offset voltage and high gain. The all NPN output stage, characterized by no deadband crossover distortion and large output voltage swing, provides high capacitance drive capability, excellent phase and gain margins, low open loop high frequency output impedance and symmetrical source/sink AC frequency response. The MC33171/72/74 are specified over the industrial/ automotive temperature ranges. The complete series of single, dual and quad operational amplifiers are available in plastic as well as the surface mount packages. * Low Supply Current: 180 A (Per Amplifier)
MC33174
8 1
8 1
P SUFFIX PLASTIC PACKAGE CASE 626
D SUFFIX PLASTIC PACKAGE CASE 751 (SO-8)
PIN CONNECTIONS
Offset Null Inv. Input Noninv. Input VEE NC VCC Output Offset Null
1 2 3 4
8
- +
7 6 5
* * * * * * * * * * * *
Wide Supply Operating Range: 3.0 V to 44 V or 1.5 V to 22 V Wide Input Common Mode Range, Including Ground (VEE) Wide Bandwidth: 1.8 MHz High Slew Rate: 2.1 V/s Low Input Offset Voltage: 2.0 mV Large Output Voltage Swing: -14.2 V to +14.2 V (with 15 V Supplies) Large Capacitance Drive Capability: 0 pF to 500 pF Low Total Harmonic Distortion: 0.03% Excellent Phase Margin: 60C Excellent Gain Margin: 15 dB Output Short Circuit Protection ESD Diodes Provide Input Protection for Dual and Quad
14 1
(Single, Top View) Output 1 Inputs 1 VEE
1 2 3 4 8
- +
1 2 - +
7 6
VCC Output 2 Inputs 2
5
(Top View)
QUAD
14 1
P SUFFIX PLASTIC PACKAGE CASE 646
D SUFFIX PLASTIC PACKAGE CASE 751A (SO-14)
PIN CONNECTIONS ORDERING INFORMATION
Op Amp Function Single Dual Quad Device MC33171D MC33171P MC33172D MC33172P MC33174D MC33174P Operating Temperature Range TA = -40 to +85C TA = -40 to +85C TA = -40 to +85C TA = -40 to +85C TA = -40 to +85C TA = -40 to +85C Package SO-8 Plastic DIP SO-8 Plastic DIP SO-14 Plastic DIP Output 1 Inputs 1 VCC Inputs 2 Output 2
1 2 3 4 5 6 7 14
Output 4 Inputs 4
- +
1
4
- +
13 12 11
VEE Inputs 3 Output 3
+ 2 -
3
+ -
10 9 8
(Top View)
(c) Motorola, Inc. 1996
Rev 0
MOTOROLA ANALOG IC DEVICE DATA
1
MC33171 MC33172 MC33174
MAXIMUM RATINGS
Rating Supply Voltage Input Differential Voltage Range Input Voltage Range Output Short Circuit Duration (Note 2) Operating Ambient Temperature Range Operating Junction Temperature Storage Temperature Range Symbol VCC/VEE VIDR VIR tSC TA TJ Tstg Value 22 (Note 1) (Note 1) Indefinite -40 to +85 +150 -65 to +150 Unit V V V sec C C C
NOTES: 1. Either or both input voltages must not exceed the magnitude of VCC or VEE. 2. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not exceeded.
Representative Schematic Diagram (Each Amplifier)
VCC Q3 Q1 Q2 R1 Bias - Inputs + C2 Q15 D3 Q19 Q13 Q12 D1 R5 R3 R4 Q14 Q16 Q8 Q9 Q10 Q11 C1 R2 D2 R6 R7 R8 Q17 Q18 Output Q4 Q5 Q6 Q7
Current Limit
VEE/Gnd Offset Null (MC33171)
2
MOTOROLA ANALOG IC DEVICE DATA
MC33171 MC33172 MC33174
DC ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = -15 V, RL connected to ground, TA = Tlow to Thigh [Note 3],
unless otherwise noted.) Characteristics Input Offset Voltage (VCM = 0 V) VCC = +15 V, VEE = -15 V, TA = +25C VCC = +5.0 V, VEE = 0 V, TA = +25C VCC = +15 V, VEE = -15 V, TA = Tlow to Thigh Average Temperature Coefficient of Offset Voltage Input Bias Current (VCM = 0 V) TA = +25C TA = Tlow to Thigh Input Offset Current (VCM = 0 V) TA = +25C TA = Tlow to Thigh Large Signal Voltage Gain (VO = 10 V< RL = 10 k) TA = +25C TA = Tlow to Thigh Output Voltage Swing VCC = +5.0 V, VEE = 0 V, RL = 10 k, TA = +25C VCC = +15 V, VEE = -15 V, RL = 10 k, TA = +25C VCC = +15 V, VEE = -15 V, RL = 10 k, TA = Tlow to Thigh VCC = +5.0 V, VEE = 0 V, RL = 10 k, TA = +25C VCC = +15 V, VEE = -15 V, RL = 10 k, TA = +25C VCC = +15 V, VEE = -15 V, RL = 10 k, TA = Tlow to Thigh Output Short Circuit (TA = +25C) Input Overdrive = 1.0 V, Output to Ground Source Sink Input Common Mode Voltage Range TA = +25C TA = Tlow to Thigh Common Mode Rejection Ratio (RS 10 k) TA = +25C Power Supply Rejection Ratio (RS = 100 ) TA = +25C Power Supply Current (Per Amplifier) VCC = +5.0 V, VEE = 0 V, TA = +25C VCC = +15 V, VEE = -15 V, TA = +25C VCC = +15 V, VEE = -15 V, TA = Tlow to Thigh
NOTE: 3. Tlow = -40C Thigh = +85C
Symbol VIO
Min -- -- --
Typ 2.0 2.5 -- 10 20 -- 5.0 -- 500 -- 4.3 14.2 -- 0.05 -14.2 --
Max 4.5 5.0 6.5 -- 100 200
Unit mV
VIO/T IIB
-- -- --
V/C nA
IIO -- -- AVOL 50 25 VOH 3.5 13.6 13.3 VOL -- -- -- -- -- -- 0.15 -13.6 -13.3 -- -- 20 40
nA
V/mV
V
ISC 3.0 15 VICR VEE to (VCC -1.8) VEE to (VCC -2.2) CMRR PSRR ID -- -- -- 180 220 -- 250 250 300 80 80 90 100 -- -- 5.0 27 -- --
mA
V
dB dB A
MOTOROLA ANALOG IC DEVICE DATA
3
MC33171 MC33172 MC33174
AC ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = -15 V, RL connected to ground, TA = +25C, unless otherwise noted.)
Characteristics Slew Rate (Vin = -10 V to +10 V, RL = 10 k, CL = 100 pF) AV +1 AV -1 Gain Bandwidth Product (f = 100 kHz) Power Bandwidth AV = +1.0 RL = 10 k, VO = 20 Vpp, THD = 5% Phase Margin RL = 10 k RL = 10 k, CL = 100 pF Gain Margin RL = 10 k RL = 10 k, CL = 100 pF Equivalent Input Noise Voltage RS = 100 , f = 1.0 kHz Equivalent Input Noise Current (f = 1.0 kHz) Differential Input Resistance Vcm = 0 V Input Capacitance Total Harmonic Distortion AV = +10, RL = 10 k, 2.0 Vpp VO 20 Vpp, f = 10 kHz Channel Separation (f = 10 kHz) Open Loop Output Impedance (f = 1.0 MHz) Symbol SR 1.6 -- GBW BWp m -- -- Am -- -- en In Rin Ci THD CS zo -- -- -- -- -- -- -- 15 5.0 32 0.2 300 0.8 0.03 120 100 -- -- -- -- -- -- -- -- -- nV/ Hz pA/ Hz M pF % dB 60 45 -- -- 1.4 -- 2.1 2.1 1.8 35 -- -- -- -- MHz kHz Degree s dB Min Typ Max Unit V/s
V ICR , INPUT COMMON MODE VOLTAGE RANGE (V)
Figure 1. Input Common Mode Voltage Range versus Temperature
Vsat , OUTPUT SATURATION VOLTAGE (V) 0 VCC -0.8 -1.6 -2.4 0.1 VEE 0 -55 -25 0 25 50 75 TA, AMBIENT TEMPERATURE (C) 100 125 VCC/VEE = 1.5 V to 22 V VIO = 5.0 mV 0
Figure 2. Split Supply Output Saturation versus Load Current
VCC -1.0 Source VCC/VEE = 5.0 V to 22 V TA = 25C
1.0 Sink 0 VEE 0 1.0 2.0 3.0 IL, LOAD CURRENT (mA) 4.0
4
MOTOROLA ANALOG IC DEVICE DATA
MC33171 MC33172 MC33174
Figure 3. Open Loop Voltage Gain and Phase versus Frequency
A VOL , OPEN LOOP VOLTAGE GAIN (dB) m, PHASE MARGIN (DEGREES) 3 0 20 10 0 Phase Margin = 58 Gain 1 Margin = 15 dB 4 140 160 180 200 220 10 M 0 10 20 50 100 200 CL, LOAD CAPACITANCE (pF) 500 0 1.0 k 70 120 , EXCESS PAHSE (DEGREES) 60 50 40 30 20 10 % m
Figure 4. Phase Margin and Percent Overshoot versus Load Capacitance
70 %, PERCENT OVERSHOOT 25 60 VCC/VEE = 15 V 50 AVOL = +1.0 RL = 10 k VO = 20 mVpp 40 TA = 25C 30 20 10
2 VCC/VEE = 15 V RL = 10 k Vout = 0 V 3 -10 TA = 25C 1 -- Phase -20 2 -- Phase, CL = 100 pF 3 -- Gain 4 -- Gain, CL = 100 pF -30 100 k 1.0 M f, FREQUENCY (Hz)
Figure 5. Normalized Gain Bandwidth Product and Slew Rate versus Temperature
1.3 GBW AND SR (NORMALIZED) 1.2 GBW 1.1 1.0 SR 0.9 0.8 0.7 -55 10 V/DIV 0 VCC/VEE = 15 V RL = 10 k
Figure 6. Small and Large Signal Transient Response
5.0 s/DIV
0
VCC/VEE = 15 V VCM = 0 V VO = 0 V IO = 0.5 mA TA = 25C
-25
0
25
50
75
100
125 5.0 s/DIV
TA, AMBIENT TEMPERATURE (C)
Figure 7. Output Impedance and Frequency
VCC/VEE = 15 V AV = +1.0 RL = 10 k CL = 100 pF TA = 25C I D , I CC , POWER SUPPLY CURRENT (mA) 140 zo , OUTPUT IMPEDANCE ( ) 120 100 80 60 40 20 0 200 2.0 k 20 k f, FREQUENCY (Hz) 200 k 2.0 M AV = 10 AV = 1.0
50 mV/DIV
Figure 8. Supply Current versus Supply Voltage
1.1 1. TA = -55C 2. TA = 25C 0.9 3. TA = 125C 0.7 Dual 0.5 0.3 0.1 0 5.0 10 15 VCC/VEE, SUPPLY VOLTAGE (V) 20 Single 1 2 3 1 2 3 Quad 1 2 3
AV = 1000 AV = 100
MOTOROLA ANALOG IC DEVICE DATA
5
MC33171 MC33172 MC33174
APPLICATIONS INFORMATION - CIRCUIT DESCRIPTION/PERFORMANCE FEATURES Although the bandwidth, slew rate, and settling time of the voltage to approach within millivolts of VEE. For sink currents MC33171/72/74 amplifier family is similar to low power op (> 0.4 mA), diode D3 clamps the voltage across R4. Thus the amp products utilizing JFET input devices, these amplifiers negative swing is limited by the saturation voltage of Q15, offer additional advantages as a result of the PNP transistor plus the forward diode drop of D3 (VEE +1.0 V). Therefore differential inputs and an all NPN transistor output stage. an unprecedented peak-to-peak output voltage swing is Because the input common mode voltage range of this possible for a given supply voltage as indicated by the output input stage includes the VEE potential, single supply swing specifications. operation is feasible to as low as 3.0 V with the common If the load resistance is referenced to VCC instead of mode input voltage at ground potential. ground for single supply applications, the maximum possible The input stage also allows differential input voltages up to output swing can be achieved for a given supply voltage. For 44 V, provided the maximum input voltage range is not light load currents, the load resistance will pull the output to exceeded. Specifically, the input voltages must range VCC during the positive swing and the output will pull the load between VCC and VEE supply voltages as shown by the resistance near ground during the negative swing. The load maximum rating table. In practice, although not resistance value should be much less than that of the recommended, the input voltages can exceed the VCC feedback resistance to maximize pull-up capability. voltage by approximately 3.0 V and decrease below the VEE Because the PNP output emitter-follower transistor has voltage by 0.3 V without causing product damage, although been eliminated, the MC33171/72/74 family offers a 15 mA output phase reversal may occur. It is also possible to source minimum current sink capability, typically to an output voltage up to 5.0 mA of current from VEE through either inputs' of (VEE +1.8 V). In single supply applications the output can clamping diode without damage or latching, but phase directly source or sink base current from a common emitter reversal may again occur. If at least one input is within the NPN transistor for current switching applications. common mode input voltage range and the other input is In addition, the all NPN transistor output stage is inherently within the maximum input voltage range, no phase reversal faster than PNP types, contributing to the bipolar amplifier's will occur. If both inputs exceed the upper common mode improved gain bandwidth product. The associated high input voltage limit, the output will be forced to its lowest frequency low output impedance (200 typ @ 1.0 MHz) voltage state. allows capacitive drive capability from 0 pF to 400 pF without Since the input capacitance associated with the small oscillation in the noninverting unity gain configuration. The geometry input device is substantially lower (0.8 pF) than that 60C phase margin and 15 dB gain margin, as well as the of a typical JFET (3.0 pF), the frequency response for a given general gain and phase characteristics, are virtually input source resistance is greatly enhanced. This becomes independent of the source/sink output swing conditions. This evident in D-to-A current to voltage conversion applications allows easier system phase compensation, since output where the feedback resistance can form a pole with the input swing will not be a phase consideration. The AC capacitance of the op amp. This input pole creates a 2nd characteristics of the MC33171/72/74 family also allow Order system with the single pole op amp and is therefore excellent active filter capability, especially for low voltage detrimental to its settling time. In this context, lower input single supply applications. capacitance is desirable especially for higher values of Although the single supply specification is defined at 5.0 V, feedback resistances (lower current DACs). This input pole these amplifiers are functional to at least 3.0 V @ 25C. can be compensated for by creating a feedback zero with a However slight changes in parametrics such as bandwidth, capacitance across the feedback resistance, if necessary, to slew rate, and DC gain may occur. reduce overshoot. For 10 k of feedback resistance, the If power to this integrated circuit is applied in reverse MC33171/72/74 family can typically settle to within 1/2 LSB polarity, or if the IC is installed backwards in a socket, large of 8 bits in 4.2 s, and within 1/2 LSB of 12 bits in 4.8 s for unlimited current surges will occur through the device that a 10 V step. In a standard inverting unity gain fast settling may result in device destruction. configuration, the symmetrical slew rate is typically As usual with most high frequency amplifiers, proper lead 2.1 V/s. In the classic noninverting unity gain dress, component placement and PC board layout should configuration the typical output positive slew rate is also be exercised for optimum frequency performance. For 2.1 V/s, and the corresponding negative slew rate will example, long unshielded input or output leads may result in usually exceed the positive slew rate as a function of the fall unwanted input/output coupling. In order to preserve the time of the input waveform. relatively low input capacitance associated with these The all NPN output stage, shown in its basic form on the amplifiers, resistors connected to the inputs should be equivalent circuit schematic, offers unique advantages over immediately adjacent to the input pin to minimize additional the more conventional NPN/PNP transistor Class AB output stray input capacitance. This not only minimizes the input stage. A 10 k load resistance can typically swing within 0.8 V pole for optimum frequency response, but also minimizes of the positive rail (VCC) and negative rail (VEE), providing a extraneous "pick up" at this node. Supply decoupling with 28.4 Vpp swing from 15 V supplies. This large output swing adequate capacitance immediately adjacent to the supply pin becomes most noticeable at lower supply voltages. is also important, particularly over temperature, since many The positive swing is limited by the saturation voltage of types of decoupling capacitors exhibit great impedance the current source transistor Q7, the VBE of the NPN pull-up changes over temperature. transistor Q17, and the voltage drop associated with the The output of any one amplifier is current limited and thus short circuit resistance, R5. For sink currents less than protected from a direct short to ground. However, under such 0.4 mA, the negative swing is limited by the saturation conditions, it is important not to allow the device to exceed voltage of the pull-down transistor Q15, and the voltage drop the maximum junction temperature rating. Typically for 15 V across R4 and R5. For small valued sink currents, the above supplies, any one output can be shorted continuously to voltage drops are negligible, allowing the negative swing ground without exceeding the maximum temperature rating.
6
MOTOROLA ANALOG IC DEVICE DATA
MC33171 MC33172 MC33174
Figure 9. AC Coupled Noninverting Amplifier with Single +5.0 V Supply
2.2 k 510 k VCC Cin 100 k + - Vin 1.0 k AV = 101 BW ( -3.0 dB) = 20 kHz 100 k RL VO 0 CO VO 100 k Cin Vin AV = 10 BW ( -3.0 dB) = 200 kHz 100 k 10 k + - 10 k RL 100 k CO VO 3.6 Vpp 100 k VO 0 3.8 Vpp
Figure 10. AC Coupled Inverting Amplifier with Single +5.0 V Supply
VCC
Figure 11. DC Coupled Inverting Amplifier Maximum Output Swing with Single +5.0 V Supply
100 k 4.7 k 50 k RL VO 1.0 M VCC
Figure 12. Offset Nulling Circuit
VCC 3 2 7 6 5 1 10 k
+ -
+ - 4
100 k
V 2.5 V Vin O AV = 10 BW ( -3.0 dB) = 200 kHz
4.2 Vpp
VEE Offset Nulling range is approximately 80 mV with a 10 k potentiometer, MC33171 only.
Figure 13. Active High-Q Notch Filter
Vin 0.2 Vdc 16 k Vin R 0.01 C 16 k R - + VO Vin
Figure 14. Active Bandpass Filter
VCC fo = 30 kHz Q = 10 HO = 1.0 VO
R1 1.1 k
C 0.047
R3 2.2 k -
R2 5.6 k 2C 0.02 2R 32 k 2C 0.02 fo = 1.0 kHz 1 fo = 4 RC
C 0.047 0.4 VCC
+
Then: R1 =
R3 2 HO
R2 =
R1 R3 4Q2R1 -R3
Qo fo Q Given fo = center frequency R3 = < 0.1 Ao = Gain at center frequency foC GBW Choose Value fo, Q, Ao, C For less than 10% error for operational amplifier, where fo and GBW are expressed in Hz.
MOTOROLA ANALOG IC DEVICE DATA
7
MC33171 MC33172 MC33174
OUTLINE DIMENSIONS
P SUFFIX PLASTIC PACKAGE CASE 626-05 ISSUE K
8 5
-B-
1 4
NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10_ 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040
F
NOTE 2
-A- L
C -T-
SEATING PLANE
J N D K
M
M
H
G 0.13 (0.005) TA
M
B
M
D SUFFIX PLASTIC PACKAGE CASE 751-05 (SO-8) ISSUE R
A
8
D
5
C
E
1 4
H
0.25
M
B
M
h B C e A
SEATING PLANE
X 45 _
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETERS. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.18 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0_ 7_
q
L 0.10 A1 0.25 B
M
CB
S
A
S
q
8
MOTOROLA ANALOG IC DEVICE DATA
MC33171 MC33172 MC33174
OUTLINE DIMENSIONS
P SUFFIX PLASTIC PACKAGE CASE 646-06 ISSUE L
NOTES: 1. LEADS WITHIN 0.13 (0.005) RADIUS OF TRUE POSITION AT SEATING PLANE AT MAXIMUM MATERIAL CONDITION. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 4. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M N INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.300 BSC 0_ 10_ 0.015 0.039 MILLIMETERS MIN MAX 18.16 19.56 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.62 BSC 0_ 10_ 0.39 1.01
14
8
B
1 7
A F C N H G D
SEATING PLANE
L
J K M
D SUFFIX PLASTIC PACKAGE CASE 751A-03 (SO-14) ISSUE F -A-
14 8 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
-B-
1 7
P 7 PL 0.25 (0.010)
M
B
M
G C
R X 45 _
F
-T-
SEATING PLANE
D 14 PL 0.25 (0.010)
K
M
M
S
J
TB
A
S
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
MOTOROLA ANALOG IC DEVICE DATA
9
MC33171 MC33172 MC33174
NOTES
10
MOTOROLA ANALOG IC DEVICE DATA
MC33171 MC33172 MC33174
NOTES
MOTOROLA ANALOG IC DEVICE DATA
11
MC33171 MC33172 MC33174
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
12
*MC33171/D*
MOTOROLA ANALOG IC DEVICE DATA MC33171/D


▲Up To Search▲   

 
Price & Availability of MC33171

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X