Part Number Hot Search : 
APW7101 RLR7843 2SD24 ACT8939 1N1187AR MAX156 10ET3 74AC1
Product Description
Full Text Search
 

To Download MC1404P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by MC1404/D
MC1404 Voltage Reference Family
The MC1404 of ICs is a family of temperature-compensated voltage references for precision data conversion applications, such as A/D, D/A, V/F, and F/V. Advances in laser-trimming and ion-implanted devices, as well as monolithic fabrication techniques, make these devices stable and accurate to 12 bits over both military and commercial temperature ranges. In addition to excellent temperature stability, these parts offer excellent long-term stability and low noise. * Output Voltages: Standard, 5.0 V, 6.25 V, 10 V
PRECISION LOW DRIFT VOLTAGE REFERENCES
5.0, 6.25, and 10-VOLT OUTPUT VOLTAGES
* * * * * * * * * *
Trimmable Output: > 6% Wide Input Voltage Range: Vref + 2.5 V to 40 V Low Quiescent Current: 1.25 mA Typical Temperature Coefficient: 10 ppm/C Typical Low Output Noise: 12 V p-p Typical Excellent Ripple Rejection: > 80 dB Typical Voltage Reference for 8 to 12 Bit D/A Converters Low TC Zener Replacement High Stability Current Reference MPU D/A and A/D Applications
SEMICONDUCTOR TECHNICAL DATA
Typical Applications
8 1
P SUFFIX PLASTIC PACKAGE CASE 626
Figure 1. Voltage Output 8-Bit DAC Using MC1404P10
+ 5.0 5.0 k 0.05 + 15 2 6 MC1404P10
PIN CONNECTIONS
MSB
Ref In
NC 1 Vin 2 VTEMP 3
8 NC 7 NC 6 Vout 5 TRIM
4 Digital Inputs 8 Bit DAC 75 pF 5.0 k + 15 Out LSB 2 5.0 k 3 - 7 5 0 to + 10 V Device MC1404P5 MC1404P6 1 LF156A 4 - 15 - 15
Gnd 4
ORDERING INFORMATION
Operating Temperature Range Package Plastic DIP TA = 0 to +70C Plastic DIP Plastic DIP
+
MC1404P10
(c) Motorola, Inc. 1996
Rev 2
MOTOROLA ANALOG IC DEVICE DATA
1
MC1404
MAXIMUM RATINGS
Rating Input Voltage Storage Temperature Junction Temperature Operating Ambient Temperature Range Symbol Vin Tstg TJ TA Value 40 - 65 to + 150 + 175 0 to + 70 Unit V C C C
ELECTRICAL CHARACTERISTICS (Vin = 15 V, TA = 25C, and Trim Terminal not connected, unless otherwise noted.)
Characteristic Output Voltage (IO = 0 mA) MC1404P5 MC1404P6 MC1404P10 - VTRIM VO/T VO MC1404P5 MC1404P6 MC1404P10 Regline Regload IQ Isc - - - - - - - - - - - - 2.0 - 1.2 20 25 14 17.5 28 6.0 10 1.5 45 - mV mV mA mA ppm/1000 hrs Symbol VO 4.95 6.19 9.9 - 6.0 - 5.0 6.25 10 0.1 - 10 5.05 6.31 10.1 1.0 - 40 % % ppm/C mV Min Typ Max Unit V
Output Voltage Tolerance Output Trim Range (Figure 10) (RP = 100 k) Output Voltage Temperature Coefficient, Over Full Temperature Range Maximum Output Voltage Change Over Temperature Range
Line Regulation (Note 1) (Vin = Vout + 2.5 V to 40 V, Iout = 0 mA) Load Regulation (Note 1) (0 IO 10 mA)
pp
Quiescent Current (IO = 0 mA) Short Circuit Current Long Term Stability
NOTE: 1. Includes thermal effects.
DYNAMIC CHARACTERISTICS (Vin = 15 V, TA = 25C, all voltage ranges, unless otherwise noted.)
Characteristic Turn-On Settling Time (to 0.01%) Output Noise Voltage - P to P (Bandwidth 0.1 to 10 Hz) Small-Signal Output Impedance 120 Hz 500 Hz Power Supply Rejection Ratio Symbol tS Vn ro - - PSRR 70 0.15 0.2 80 - - - dB Min - - Typ 50 12 Max - - Unit s V
2
MOTOROLA ANALOG IC DEVICE DATA
MC1404
TYPICAL CHARACTERISTICS
Figure 2. Simplified Device Diagram
2 - + R 5.0 k TRIM R 3.75 k VTEMP 3 5.0 k 8.75 k Vo 5.0 V 6.25 V 10 V 1.25 k 4 5 6 Vout Vin Vout , LINE REGULATION (mV) 2.5 2.0 1.5 1.0 0.5 0 Vin = Vref + 2.5 V to 40 V Iout = 0 mA
Figure 3. Line Regulation versus Temperature
0
10
30 20 40 50 TA, AMBIENT TEMPERATURE (C)
60
70
Figure 4. Output Voltage versus Temperature MC1404P10
0.010 10.04 Vout , OUTPUT VOLTAGE (V) LOAD REGULATION (%/mA) 10.02 10.00 9.98 9.96 9.94 0.008 0.006
Figure 5. Load Regulation versus Temperature
Load Change 0 to 10 mA 0.004 0.002 0
0
0
10
20 30 40 50 TA, AMBIENT TEMPERATURE (C)
60
70
0
10
20 30 40 50 TA, AMBIENT TEMPERATURE (C)
60
70
PSRR, POWER SUPPLY REJECTION RATIO (dB)
Figure 6. Power Supply Rejection Ratio versus Frequency
90 I Q , QUIESCENT CURRENT (mA) 80 70 60 50 40 30 20 0.01
+ - 0.1 F HP209A 3.0 Vrms 500 F -+ 1.0 k 2 DUT 4 6
Figure 7. Quiescent Current versus Temperature
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 10 20 30 40 50 TA, AMBIENT TEMPERATURE (C) 60 70 Vin = 15 V Iout = 0 mA
21.3 V Set Node to 20 V Average
HP3400A
0.1
1.0
10
100
1000
f, FREQUENCY (kHz)
MOTOROLA ANALOG IC DEVICE DATA
3
MC1404
Figure 8. Short Circuit Current versus Temperature
40 35 30 25 20 15 10 5.0 0 0 10 20 30 40 50 TA, AMBIENT TEMPERATURE (C) 60 70 Vin = 15 V V TEMP , TEMPERATURE OUTPUT (V) I sc , SHORT CIRCUIT CURRENT (mA) 1.0 0.8 0.6 0.4 IVTEMP = 10 nA 0.2 0
Figure 9. VTEMP Output versus Temperature
0
10
20 30 40 50 TA, AMBIENT TEMPERATURE (C)
60
70
Figure 10. Output Trim Configuration
+ 15 V 2 Vin
Figure 11. Precision Supply Using MC1404
V+ 330
6 Vo 5 RP 100 k 2 Vin Output MPS-U51A
MC1404 TRIM Gnd 4
0.01 F
5.0, 6.25, 10 V @ 1/2 Amp
Output Adjustment
The MC1404 trim terminal can be used to adjust the output voltage over a 6.0% range. For example, the output can be set to 10.000 V or to 10.240 V for binary applications. For trimming, Bourns type 3059, 100 k or 200 k trimpot is recommended. Although Figure 10 illustrates a wide trim range, temperature coefficients may become unpredictable for trim > 6.0%.
Vo 6 MC1404 Gnd 4
Output Power Boosting
The addition of a power transistor, a resistor, and a capacitor converts the MC1404 into a precision supply with one ampere current capability. At V+ = 15 V, the MC1404 can carry in excess of 14 mA of load current with good regulation. If the power transistor current gain exceeds 75, a one ampere supply can be realized.
Figure 12. Ultra Stable Reference for MC1723 Voltage Regulator
Supply
2 MC1404P5 4 6 0.1 F 3(5) 2(4) + -
8(12)
7(11)
MC1723
6(10) 10(2) 1(3) 5(7) 9(13) 0.001 F
Rsc Vout V out Ro
+ 5.0 V Ro ) 4.7 k 4.7 k I omax [ 0.6 V R sc
4.7 k
4
MOTOROLA ANALOG IC DEVICE DATA
MC1404
Figure 13. 5.0 V, 6.0 Amp, 25 kHz Switching Regulator with Separate Ultra-Stable Reference
+ 10 to + 30 ln 2N5879 + - 1000 F 50 V 0.01 F 50 V Ceramic 33 1N3889
120 H + - 5000 F 6.8 V (Low ESR)
+5.0 V Out 200 mA to 6.0 Amps 0.01 F Ceramic
130 2 6
130 8 11 Motorola TL495CN 17 18 2.2 k 1 2 3 220 k 0.001 F 2.2 k - +
12
Pulse Width Modulator
MC1404P5 5 100 k TRIM (opt) + - 6 10 k 7 9 10 4 14
Oscillator 5
4
0.005 F
Figure 14. Reference for a High Speed DAC
12.5 to 40 V Input
2
6 R1 MC1404P10 4 10 V Reference Digital Inputs Ladder and Switches Analog Output 0.1 F R2
R1 and R2 values depend on the current requirements of the DAC.
High Speed DAC
MOTOROLA ANALOG IC DEVICE DATA
5
MC1404
OUTLINE DIMENSIONS
P1 SUFFIX PLASTIC PACKAGE CASE 626-05 ISSUE K
8 5
-B-
1 4
F
NOTE 2
NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10_ 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040
-A- L
C -T-
SEATING PLANE
J N D K
M
M
H
G 0.13 (0.005) TA
M
B
M
6
MOTOROLA ANALOG IC DEVICE DATA
MC1404
NOTES
MOTOROLA ANALOG IC DEVICE DATA
7
MC1404
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
8
MOTOROLA ANALOG IC DEVICE DATA MC1404/D
*MC1404/D*


▲Up To Search▲   

 
Price & Availability of MC1404P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X