![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MC14040B 12-Bit Binary Counter The MC14040B 12-stage binary counter is constructed with MOS P-channel and N-channel enhancement mode devices in a single monolithic structure. This part is designed with an input wave shaping circuit and 12 stages of ripple-carry binary counter. The device advances the count on the negative-going edge of the clock pulse. Applications include time delay circuits, counter controls, and frequency-driving circuits. http://onsemi.com MARKING DIAGRAMS 16 PDIP-16 P SUFFIX CASE 648 MC14040BCP AWLYYWW 1 16 SOIC-16 D SUFFIX CASE 751B 1 14040B AWLYWW * * * * * * Fully Static Operation Diode Protection on All Inputs Supply Voltage Range = 3.0 Vdc to 18 Vdc Capable of Driving Two Low-power TTL Loads or One Low-power Schottky TTL Load Over the Rated Temperature Range Common Reset Line Pin-for-Pin Replacement for CD4040B MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 2.) Symbol VDD Vin, Vout Iin, Iout PD TA Tstg TL Parameter DC Supply Voltage Range Input or Output Voltage Range (DC or Transient) Input or Output Current (DC or Transient) per Pin Power Dissipation, per Package (Note 3.) Ambient Temperature Range Storage Temperature Range Lead Temperature (8-Second Soldering) Value - 0.5 to +18.0 - 0.5 to VDD + 0.5 10 500 - 55 to +125 - 65 to +150 260 Unit V V TSSOP-16 DT SUFFIX CASE 948F 16 14 040B ALYW 1 mA mW C C C SOEIAJ-16 F SUFFIX CASE 966 1 A = Assembly Location WL or L = Wafer Lot YY or Y = Year WW or W = Work Week 16 MC14040B AWLYWW 2. Maximum Ratings are those values beyond which damage to the device may occur. 3. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/_C From 65_C To 125_C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS (Vin or Vout) VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open. ORDERING INFORMATION Device MC14040BCP MC14040BD MC14040BDR2 MC14040BDT MC14040BF MC14040BFEL Package PDIP-16 SOIC-16 SOIC-16 TSSOP-16 SOEIAJ-16 SOEIAJ-16 Shipping 2000/Box 2400/Box 2500/Tape & Reel 96/Rail See Note 1. See Note 1. v v 1. For ordering information on the EIAJ version of the SOIC packages, please contact your local ON Semiconductor representative. (c) Semiconductor Components Industries, LLC, 2000 1 March, 2000 - Rev. 3 Publication Order Number: MC14040B/D MC14040B PIN ASSIGNMENT Q12 Q6 Q5 Q7 Q4 Q3 Q2 VSS 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VDD Q11 Q10 Q8 Q9 R C Q1 TRUTH TABLE Clock Reset 0 0 1 Output State No Change Advance to next state All Outputs are low X X = Don't Care LOGIC DIAGRAM Q1 9 CLOCK 10 C C Q Q C C Q Q Q2 7 C C Q Q Q3 6 C C Q Q Q10 14 C C Q Q Q11 15 C C Q Q12 1 R R R R R R RESET 11 Q4 = PIN 5 Q5 = PIN 3 Q6 = PIN 2 Q7 = PIN 4 Q8 = PIN 13 Q9 = PIN 12 VDD = PIN 16 VSS = PIN 8 http://onsemi.com 2 III I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I I I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I III II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I II II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III I I I I I I I I I III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I III II IIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I I II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I I I I I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III III I I I I I I I I I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIII IIIIIIIIIIIIIIIII I II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII 4. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. 5. The formulas given are for the typical characteristics only at 25_C. 6. To calculate total supply current at loads other than 50 pF: where: IT is in A (per package), CL in pF, V = (VDD - VSS) in volts, f in kHz is input frequency, and k = 0.001. ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS) Total Supply Current (5.) (6.) (Dynamic plus Quiescent, Per Package) (CL = 50 pF on all outputs, all buffers switching) Quiescent Current (Per Package) Input Capacitance (Vin = 0) Input Current Output Drive Current (VOH = 2.5 Vdc) (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) Input Voltage "0" Level (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc) Output Voltage Vin = VDD or 0 (VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) (VO = 0.5 or 4.5 Vdc) (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc) Vin = 0 or VDD Characteristic IT(CL) = IT(50 pF) + (CL - 50) Vfk "1" Level "1" Level "0" Level Source Sink Symbol VOH VOL IOH VIH IDD Cin IOL VIL Iin IT VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 5.0 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 15 -- http://onsemi.com - 3.0 - 0.64 - 1.6 - 4.2 4.95 9.95 14.95 0.64 1.6 4.2 MinIII Max 3.5 7.0 11 MC14040B -- -- -- -- -- -- -- -- -- -- -- - 55_C 3 0.1 0.05 0.05 0.05 5.0 10 20 1.5 3.0 4.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- - 2.4 - 0.51 - 1.3 - 3.4 4.95 9.95 14.95 0.51 1.3 3.4 Min IT = (0.42 A/kHz) f + IDD IT = (0.85 A/kHz) f + IDD IT = (1.43 A/kHz) f + IDD 3.5 7.0 11 -- -- -- -- -- -- -- -- -- -- -- 0.00001 Typ (4.) - 4.2 - 0.88 - 2.25 - 8.8 0.005 0.010 0.015 25_C 0.88 2.25 8.8 2.75 5.50 8.25 2.25 4.50 6.75 5.0 5.0 10 15 0 0 0 -- -- -- -- -- -- -- -- -- -- -- -- -- 0.1 0.05 0.05 0.05 Max 5.0 10 20 7.5 1.5 3.0 4.0 - 1.7 - 0.36 - 0.9 - 2.4 4.95 9.95 14.95 0.36 0.9 2.4 Min 3.5 7.0 11 -- -- -- -- -- -- -- -- -- -- -- 125_C 1.0 0.05 0.05 0.05 Max 150 300 600 1.5 3.0 4.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- mAdc mAdc Adc Adc Adc Unit Vdc Vdc Vdc Vdc pF IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIII I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I IIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I I I I I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I III I I I I I IIIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I III I I I I I IIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII 7. The formulas given are for the typical characteristics only at 25_C. 8. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. SWITCHING CHARACTERISTICS (7.) (CL = 50 pF, TA = 25_C) Reset Removal Time Reset Pulse Width Clock Rise and Fall Time Clock Pulse Frequency Clock Pulse Width Propagation Delay Time Reset to Qn tPHL = (1.7 ns/pF) CL + 485 ns tPHL = (0.86 ns/pF) CL + 182 ns tPHL = (0.5 ns/pF) CL + 145 ns Clock to Q12 tPHL, tPLH = (1.7 ns/pF) CL + 2415 ns tPHL, tPLH = (0.66 ns/pF) CL + 867 ns tPHL, tPLH = (0.5 ns/pF) CL + 475 ns Propagation Delay Time Clock to Q1 tPHL, tPLH = (1.7 ns/pF) CL + 315 ns tPHL, tPLH = (0.66 ns/pF) CL + 137 ns tPHL, tPLH = (0.5 ns/pF) CL + 95 ns Output Rise and Fall Time TTLH, TTHL = (1.5 ns/pF) CL + 25 ns TTLH, TTHL = (0.75 ns/pF) CL + 12.5 ns TTLH, TTHL = (0.55 ns/pF) CL + 9.5 ns CLOCK Figure 1. Power Dissipation Test Circuit and Waveform PULSE GENERATOR 500 F 50% DUTY CYCLE Characteristic 90% 50% 10% 20 ns C Q1 Q2 Q Rn ID VDD VSS 0.01 F CERAMIC 20 ns CL CL VDD VSS CL http://onsemi.com tTLH, tTHL Symbol MC14040B tPLH, tPHL tTLH, tTHL tPHL trem tWH tWH fcl 4 VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 PULSE GENERATOR Figure 2. Switching Time Test Circuit and Waveforms CLOCK Min 130 50 30 960 360 270 385 150 115 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Q 20 ns No Limit Typ (8.) 1625 720 500 2.1 7.0 10.0 320 120 80 140 55 38 370 155 115 260 115 80 100 50 40 90% 50% 10% tTLH 65 25 15 C Q1 Q2 Q Rn tPLH VDD VSS tTHL 90% 50% 10% tWH 3250 1440 1000 Max 740 310 230 520 230 160 200 100 80 1.5 3.5 4.5 -- -- -- -- -- -- -- -- -- CL 20 ns tPHL CL MHz Unit ns ns ns ns ns ns ns ns CL MC14040B 1 CLOCK RESET Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q8 Q9 Q10 Q11 Q12 2 4 8 16 32 64 128 256 512 1024 2048 4096 Figure 3. Timing Diagram APPLICATIONS INFORMATION TIME-BASE GENERATOR A 60 Hz sinewave obtained through a 1.0 Megohm resistor connected directly to a standard 120 Vac power line is applied to the clock input of the MC14040B. By selecting outputs Q5, Q10, Q11, and Q12 division by 3600 is accomplished. The MC14012B decodes the counter outputs, produces a single output pulse, and resets the binary counter. The resulting output frequency is 1.0 pulse/minute. VDD 1.0 M 20 pF 120 Vac 60 Hz MC14040B Q5 C Q10 Q11 R Q12 1/2 MC14012B 1/2 MC14012B 1.0 PULSE/MINUTE OUTPUT VSS http://onsemi.com 5 MC14040B PACKAGE DIMENSIONS -A- 16 9 PDIP-16 P SUFFIX PLASTIC DIP PACKAGE CASE 648-08 ISSUE R B 1 8 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040 MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01 F S C L -T- H G D 16 PL SEATING PLANE K J TA M M 0.25 (0.010) M -A- SOIC-16 D SUFFIX PLASTIC SOIC PACKAGE CASE 751B-05 ISSUE J NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019 16 9 -B- 1 8 P 8 PL 0.25 (0.010) M B S G F K C -T- SEATING PLANE R X 45 _ M D 16 PL M J 0.25 (0.010) TB S A S DIM A B C D F G J K M P R http://onsemi.com 6 MC14040B PACKAGE DIMENSIONS SOEIAJ-16 F SUFFIX PLASTIC EIAJ SOIC PACKAGE CASE 966-01 ISSUE O LE Q1 E HE 1 8 16 9 M_ L DETAIL P Z D e A VIEW P NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.78 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.031 c b 0.13 (0.005) M A1 0.10 (0.004) http://onsemi.com 7 MC14040B PACKAGE DIMENSIONS TSSOP-16 DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948F-01 ISSUE O M 16X K REF 0.10 (0.004) 0.15 (0.006) T U S TU S V S K 16 2X L/2 9 J1 B -U- L PIN 1 IDENT. 1 8 SECTION N-N J N 0.25 (0.010) 0.15 (0.006) T U S A -V- N F DETAIL E C 0.10 (0.004) -T- SEATING PLANE H D G DETAIL E ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. PUBLICATION ORDERING INFORMATION NORTH AMERICA Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line: 303-675-2167 or 800-344-3810 Toll Free USA/Canada N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (M-F 1:00pm to 5:00pm Munich Time) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (M-F 1:00pm to 5:00pm Toulouse Time) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (M-F 12:00pm to 5:00pm UK Time) Email: ONlit@hibbertco.com EUROPEAN TOLL-FREE ACCESS*: 00-800-4422-3781 *Available from Germany, France, Italy, England, Ireland CENTRAL/SOUTH AMERICA: Spanish Phone: 303-308-7143 (Mon-Fri 8:00am to 5:00pm MST) Email: ONlit-spanish@hibbertco.com ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong & Singapore: 001-800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-8549 Phone: 81-3-5740-2745 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative. http://onsemi.com 8 CCC EEE CCC EEE CCC M K1 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.18 0.28 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.007 0.011 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_ -W- MC14040B/D |
Price & Availability of MC14040
![]() |