Part Number Hot Search : 
MMBD248C 2SC519 C2453 MC33371 T72V3 W91640B 2812D R65C51P1
Product Description
Full Text Search
 

To Download MC14028B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC14028B BCD-To-Decimal Decoder Binary-To-Octal Decoder
The MC14028B decoder is constructed so that an 8421 BCD code on the four inputs provides a decimal (one-of-ten) decoded output, while a 3-bit binary input provides a decoded octal (one-of-eight) code output with D forced to a logic "0". Expanded decoding such as binary-to-hexadecimal (one-of-16), etc., can be achieved by using other MC14028B devices. The part is useful for code conversion, address decoding, memory selection control, demultiplexing, or readout decoding.
http://onsemi.com
MARKING DIAGRAMS
16 PDIP-16 P SUFFIX CASE 648 MC14028BCP AWLYYWW 1 16 SOIC-16 D SUFFIX CASE 751B 1 14028B AWLYWW
* Diode Protection on All Inputs * Supply Voltage Range = 3.0 Vdc to 18 Vdc * Capable of Driving Two Low-power TTL Loads or One Low-power * * *
Schottky TTL Load Over the Rated Temperature Range Positive Logic Design Low Outputs on All Illegal Input Combinations Similar to CD4028B.
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 2.)
Symbol VDD Vin, Vout Iin, Iout PD TA Tstg TL Parameter DC Supply Voltage Range Input or Output Voltage Range (DC or Transient) Input or Output Current (DC or Transient) per Pin Power Dissipation, per Package (Note 3.) Ambient Temperature Range Storage Temperature Range Lead Temperature (8-Second Soldering) Value - 0.5 to +18.0 - 0.5 to VDD + 0.5 10 500 - 55 to +125 - 65 to +150 260 Unit V V mA mW C C C SOEIAJ-16 F SUFFIX CASE 966
16 MC14028B AWLYWW 1 A = Assembly Location WL or L = Wafer Lot YY or Y = Year WW or W = Work Week
ORDERING INFORMATION
Device MC14028BCP MC14028BD MC14028BDR2 MC14028BF MC14028BFEL Package PDIP-16 SOIC-16 SOIC-16 SOEIAJ-16 SOEIAJ-16 Shipping 2000/Box 2400/Box 2500/Tape & Reel See Note 1. See Note 1.
2. Maximum Ratings are those values beyond which damage to the device may occur. 3. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/_C From 65_C To 125_C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS (Vin or Vout) VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
v
v
1. For ordering information on the EIAJ version of the SOIC packages, please contact your local ON Semiconductor representative.
(c) Semiconductor Components Industries, LLC, 2000
1
March, 2000 - Rev. 3
Publication Order Number: MC14028B/D
MC14028B
PIN ASSIGNMENT
Q4 Q2 Q0 Q7 Q9 Q5 Q6 VSS 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VDD Q3 Q1 B C D A Q8
TRUTH TABLE
D C B A Q9 Q8 Q7 Q6 Q5 Q4 Q3 Q2 Q1 Q0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
BLOCK DIAGRAM
10 3-BIT BINARY INPUTS
A
8421 BCD INPUTS
13
B
12
C
11
D
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q8 Q9 VDD = PIN 16 VSS = PIN 8
3 14 2 15 1 6 7 4 9 5
OCTAL DECODED OUTPUTS
DECIMAL DECODED OUTPUTS
http://onsemi.com
2
MC14028B
III I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I I I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I III II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I II II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III I I I I I I I I I III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I III II IIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I I II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I I I I I II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III III I I I I I I I I I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIII IIIIIIIIIIIIIIIII I II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic Symbol VOL VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 5.0 10 15 5.0 10 15 15 -- - 55_C 25_C 125_C MinIII Max -- -- -- 0.05 0.05 0.05 -- -- -- Min -- -- -- Typ (4.) 0 0 0 Max Min -- -- -- Max Unit Vdc Output Voltage Vin = VDD or 0 "0" Level 0.05 0.05 0.05 -- -- -- 0.05 0.05 0.05 -- -- -- "1" Level Vin = 0 or VDD VOH 4.95 9.95 14.95 -- -- -- 4.95 9.95 14.95 -- -- -- 5.0 10 15 4.95 9.95 14.95 -- -- -- Vdc Input Voltage "0" Level (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc) "1" Level (VO = 0.5 or 4.5 Vdc) (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc) Vdc VIL 1.5 3.0 4.0 -- -- -- -- -- -- -- -- -- -- 2.25 4.50 6.75 2.75 5.50 8.25 1.5 3.0 4.0 -- -- -- -- -- -- -- -- -- -- 1.5 3.0 4.0 -- -- -- -- -- -- -- -- -- -- Vdc VIH 3.5 7.0 11 3.5 7.0 11 3.5 7.0 11 Output Drive Current (VOH = 2.5 Vdc) (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) (VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) mAdc Source IOH - 3.0 - 0.64 - 1.6 - 4.2 0.64 1.6 4.2 -- -- -- -- -- - 2.4 - 0.51 - 1.3 - 3.4 0.51 1.3 3.4 -- -- -- -- -- - 4.2 - 0.88 - 2.25 - 8.8 0.88 2.25 8.8 - 1.7 - 0.36 - 0.9 - 2.4 0.36 0.9 2.4 -- -- -- -- -- Sink mAdc IOL Iin Input Current 0.1 -- 0.00001 5.0 0.1 7.5 5.0 10 20 1.0 -- Adc pF Input Capacitance (Vin = 0) Cin Quiescent Current (Per Package) IDD 5.0 10 15 5.0 10 15 5.0 10 20 0.005 0.010 0.015 150 300 600 Adc Total Supply Current (5.) (6.) (Dynamic plus Quiescent, Per Package) (CL = 50 pF on all outputs, all buffers switching) IT IT = (0.3 A/kHz) f + IDD IT = (0.6 A/kHz) f + IDD IT = (0.9 A/kHz) f + IDD Adc 4. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. 5. The formulas given are for the typical characteristics only at 25_C. 6. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL - 50) Vfk where: IT is in A (per package), CL in pF, V = (VDD - VSS) in volts, f in kHz is input frequency, and k = 0.001.
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
SWITCHING CHARACTERISTICS (7.) (CL = 50 pF, TA = 25_C)
Characteristic Output Rise and Fall Time tTLH, tTHL = (1.5 ns/pF) CL + 25 ns tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns Propagation Delay Time tPLH, tPHL = (1.7 ns/pF) CL + 215 ns tPLH, tPHL = (0.66 ns/pF) CL + 97 ns tPLH, tPHL = (0.5 ns/pF) CL + 65 ns Symbol tTLH, tTHL VDD 5.0 10 15 5.0 10 15 Min -- -- -- -- -- -- Typ (8.) 100 50 40 300 130 90 Max 200 100 80 600 260 180 Unit ns tPLH, tPHL ns 7. The formulas given are for the typical characteristics only at 25_C. 8. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance.
http://onsemi.com
3
MC14028B
Inputs B, C, and D switching in respect to a BCD code. 20 ns INPUT A 10% 1/f 90% 50% VSS 20 ns VDD All outputs connected to respective CL loads. f in respect to a system clock.
20 ns INPUT C 10% Inputs A, B, and D low. tPLH 90% Q4 10% tTLH 90% 50%
20 ns VDD VSS tPHL VOH 50% VOL tTHL
Figure 1. Dynamic Signal Waveforms
LOGIC DIAGRAM
Q0 Q1 A Q2 Q3 B Q4 Q5 C Q6 Q7 D Q8 Q9
http://onsemi.com
4
MC14028B
APPLICATIONS INFORMATION Expanded decoding can be performed by using the MC14028B and other CMOS Integrated Circuits. The circuit in Figure 2 converts any 4-bit code to a decimal or hexadecimal code. The accompanying table shows the input binary combinations, the associated "output numbers" that go "high" when selected, and the "redefined output numbers" needed for the proper code. For example: For the combination DCBA = 0111 the output number 7 is redefined for the 4-bit binary, 4-bit gray, excess-3, or excess-3 gray codes as 7, 5, 4, or 2, respectively. Figure 3 shows a 6-bit binary 1-of-64 decoder using nine MC14028B circuits and two MC14069UB inverters. The MC14028B can be used in decimal digit displays, such as, neon readouts or incandescent projection indicators as shown in Figure 4.
D INPUTS C B A
D Q9 15
C
B
A Q0 -8
D Q9 15
C
B
A Q0 -0
MC14028B
MC14028B
OUTPUT NUMBERS
Figure 2. Code Conversion Circuit and Truth Table
Code and Redefined Output Numbers Hexadecimal Excess-3 4-Bit Binary 4-Bit Gray Inputs Output Numbers Decimal Excess-3 Gray Aiken 0 1 2 3 4 3 4 5 5 6 8 7 6 7 8 9 7 8 9 4221 0 1 2 5 6
D 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1
C 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1
B 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1
A 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
15 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
14 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0
13 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0
12 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0
11 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0
10 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0
9 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0
8 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0
7 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0
6 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0
5 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0
4 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0
3 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0
2 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0
1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0
0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
0 1 3 2 7 6 4 5 15 14 12 13 8 9 11 10
0 1 2 3 4 5 6 7 8 9
0 3 4 1 2
9
http://onsemi.com
5
MC14028B
INPUTS A B C D A Q0 E B F C MC14028B INHIBIT -D Q9 (NO SELECTION)
ABCD ABCD ABCD ABCD ABCD ABCD ABCD ABCD MC14028B MC14028B MC14028B MC14028B MC14028B MC14028B MC14028B MC14028B Q0 Q9 Q0 Q9 Q0 Q9 Q0 Q9 Q0 Q9 Q0 Q9 Q0 Q9 Q0 Q9 0 7 8 15 16 23 24 31 32 39 40 47 48 55 56 63
*1/6 MC14069UB
64 OUTPUTS (SELECTED OUTPUT IS HIGH)
Figure 3. Six-Bit Binary 1-of-64 Decoder
A B MC14028B C D
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q8 Q9
APPROPRIATE VOLTAGE NEON DISPLAY OR 0
APPROPRIATE VOLTAGE INCANDESCENT DISPLAY
9
9
2
1
0
Figure 4. Decimal Digit Display Application
http://onsemi.com
6
MC14028B
PACKAGE DIMENSIONS
-A-
16 9
PDIP-16 P SUFFIX PLASTIC DIP PACKAGE CASE 648-08 ISSUE R
B
1
8
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040 MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
-A-
SOIC-16 D SUFFIX PLASTIC SOIC PACKAGE CASE 751B-05 ISSUE J
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
16
9
-B-
1 8
P
8 PL
0.25 (0.010)
M
B
S
G F
K C -T-
SEATING PLANE
R
X 45 _
M D
16 PL M
J
0.25 (0.010)
TB
S
A
S
DIM A B C D F G J K M P R
http://onsemi.com
7
MC14028B
PACKAGE DIMENSIONS
SOEIAJ-16 F SUFFIX PLASTIC EIAJ SOIC PACKAGE CASE 966-01 ISSUE O
LE Q1 E HE
1 8
16
9
M_ L DETAIL P
Z D e A VIEW P
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.78 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.031
c
b 0.13 (0.005)
M
A1 0.10 (0.004)
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
NORTH AMERICA Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line: 303-675-2167 or 800-344-3810 Toll Free USA/Canada N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (M-F 1:00pm to 5:00pm Munich Time) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (M-F 1:00pm to 5:00pm Toulouse Time) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (M-F 12:00pm to 5:00pm UK Time) Email: ONlit@hibbertco.com EUROPEAN TOLL-FREE ACCESS*: 00-800-4422-3781 *Available from Germany, France, Italy, England, Ireland CENTRAL/SOUTH AMERICA: Spanish Phone: 303-308-7143 (Mon-Fri 8:00am to 5:00pm MST) Email: ONlit-spanish@hibbertco.com ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong & Singapore: 001-800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-8549 Phone: 81-3-5740-2745 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC14028B/D


▲Up To Search▲   

 
Price & Availability of MC14028B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X