Part Number Hot Search : 
NCP4545 HV5761 OZ6812 SMAZ10 NJU6214 SF509 LM317E3 03025001
Product Description
Full Text Search
 

To Download MC10E404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Quad Differential AND/NAND
The MC10E404/100E404 is a 4-bit differential AND/NAND device. The differential operation of the device makes it ideal for pulse shaping applications where duty cycle skew is critical. Special design techniques were incorporated to minimize the skew between the upper and lower level gate inputs. Because a negative 2-input NAND function is equivalent to a 2-input OR function, the differential inputs and outputs of the device also allow for its use as a fully differential 2 input OR/NOR function. The output RISE/FALL times of this device are significantly faster than most other standard ECLinPS devices resulting in an increased bandwidth. The differential inputs have clamp structures which will force the Q output of a gate in an open input condition to go to a LOW state. Thus, inputs of unused gates can be left open and will not affect the operation of the rest of the device. Note that the input clamp will take affect only if both inputs fall 2.5V below VCC.
MC10E404 MC100E404
QUAD DIFFERENTIAL AND/NAND
* * * * *
Differential D and Q 700ps Max. Propagation Delay High Frequency Outputs Extended 100E VEE Range of - 4.2V to - 5.46V Internal 75k Input Pulldown Resistors
D3a D2b D2b D2a VEE D2a D1b D1b 26 27 28 1 2 3 4 5 D1a 6 D1a 7 D0b 8 D0b 9 D0a 10 25 D3a 24 D3b 23 D3b VCCO Q3 22 21 20 Q3 19 18 17 16 Q2 Q2 VCC Q1 Q1 Q0 Q0 D0a D0a D0b D0b D1a D1a D1b D1b D2a D2a D2b D2b D3a D3a D3b D3b FN SUFFIX PLASTIC PACKAGE CASE 776-02
LOGIC DIAGRAM
Q0 Q0
Pinout: 28-Lead PLCC (Top View)
15 14 13 12 11
Q1 Q1
D0a VCCO
Q2 Q2
* All VCC and VCCO pins are tied together on the die.
PIN NAMES
Pin D[0:4], D[0:4] Q[0:4], Q[0:4] Function Differential Data Inputs Differential Data Outputs Q3 Q3
FUNCTION TABLE
Da L L H H
12/93
Db L H L H
Q L L L H
Da L L H H
Db L H L H
Q L H H H
(c) Motorola, Inc. 1996
2-1
REV 2
MC10E404 MC100E404
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0C Symbol IIH IEE Characteristic Input HIGH Current Power Supply Current 10E 100E Input Sensitivity 50 106 106 min typ max 150 127 127 50 106 106 min 25C typ max 150 127 127 50 106 122 min 85C typ max 150 127 146 mV 1 Unit A mA Condition
VPP(DC)
VCMR Common Mode Range -1.5 0 -1.5 0 -1.5 0 V 2 1. Differential input voltage required to obtain a full ECL swing on the outputs. 2. VCMR is referenced to the most positive side of the differential input signal. Normal operation is obtained when the input signals are within the VCMR range and the input swing is greater than VPP MIN and < 1.0V.
AC CHARACTERISTICS (VEE= VEE(min) to VEE(max); VCC = VCCO = GND)
0C Symbol tPLH tPHL Characteristic Propagation Delay to Output Da (Diff) Da (SE) Db (Diff) Db (SE) Within-Device Skew Minimum Input Swing Rise/Fall Time 20 - 80% 150 150 400 min 350 300 375 325 typ 475 475 500 500 50 150 150 400 max 650 700 675 725 min 350 300 375 325 25C typ 475 475 500 500 50 150 150 400 max 650 700 675 725 min 350 300 375 325 85C typ 475 475 500 500 50 max 650 700 675 725 ps mV ps 1 2 Unit ps Condition
tSKEW VPP(AC) tr tf
1. Within-device skew is defined as identical transitions on similar paths through a device. 2. Minimum input swing for which AC parameters are guaranteed.
MOTOROLA
2-2
ECLinPS and ECLinPS Lite DL140 -- Rev 4
MC10E404 MC100E404
OUTLINE DIMENSIONS
FN SUFFIX PLASTIC PLCC PACKAGE CASE 776-02 ISSUE D
0.007 (0.180) U T L -M
M
B -NY BRK
M
S
N
S S
0.007 (0.180)
T L -M
N
S
D Z -L-M-
W
28 1
D X VIEW D-D G1 0.010 (0.250)
S
V
T L -M
S
N
S
A Z R
0.007 (0.180) 0.007 (0.180)
M
T L -M T L -M
S
N N
S
H
S
0.007 (0.180)
M
T L -M
S
N
S
M
S
C
E G G1 0.010 (0.250)
S
K1 0.004 (0.100) J -TSEATING PLANE
K F VIEW S 0.007 (0.180)
M
VIEW S T L -M
S
T L -M
S
N
S
N
S
NOTES: 1. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 2. DIM G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 3. DIM R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5. CONTROLLING DIMENSION: INCH. 6. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635).
DIM A B C E F G H J K R U V W X Y Z G1 K1
INCHES MIN MAX 0.485 0.495 0.485 0.495 0.165 0.180 0.090 0.110 0.013 0.019 0.050 BSC 0.026 0.032 0.020 -- 0.025 -- 0.450 0.456 0.450 0.456 0.042 0.048 0.042 0.048 0.042 0.056 -- 0.020 2 10 0.410 0.430 0.040 --
MILLIMETERS MIN MAX 12.32 12.57 12.32 12.57 4.20 4.57 2.29 2.79 0.33 0.48 1.27 BSC 0.66 0.81 0.51 -- 0.64 -- 11.43 11.58 11.43 11.58 1.07 1.21 1.07 1.21 1.07 1.42 -- 0.50 2 10 10.42 10.92 1.02 --
ECLinPS and ECLinPS Lite DL140 -- Rev 4
2-3
MOTOROLA
MC10E404 MC100E404
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MOTOROLA 2-4
*MC10E404/D*
MC10E404/D ECLinPS and ECLinPS Lite DL140 -- Rev 4


▲Up To Search▲   

 
Price & Availability of MC10E404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X