Part Number Hot Search : 
AD712TQ LS161 P1020 203D5 S2060 M29F10 EFEPBF S2060
Product Description
Full Text Search
 

To Download MAX1840 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1716; Rev 0; 4/00
Low-Voltage SIM/Smart Card Level Translators in MAX
General Description
The MAX1840/MAX1841 subscriber identity module (SIM)/smart card level translators provide level shifting and electrostatic discharge (ESD) protection for SIM and smart card ports. These devices integrate two unidirectional level shifters for the reset and clock signals, a bidirectional level shifter for the serial data stream, and 10kV ESD protection on all card contacts. The MAX1840 includes a SHDN control input to aid insertion and removal of SIM and smart cards, while the MAX1841 includes a system-side data driver to support system controllers without open-drain outputs. The logic supply voltage range is +1.4V to +5.5V for the "controller side" and +1.7V to +5.5V for the "card side." Total supply current is 1.0A. Both devices automatically shut down when either power supply is removed. For a complete SIM card interface, combine the MAX1840/ MAX1841 with the MAX1686H 0V/3V/5V regulated charge pump. The MAX1840/MAX1841 are available in ultra-small 10-pin MAX packages that are only 1.09mm high and half the area of an 8-pin SO. The MAX1840/MAX1841 are compliant with GSM test specifications 11.11 and 11.12. o SIM/Smart Card Level Shifting o +1.4V to +5.5V Controller Voltage Range o +1.7V to +5.5V Card Voltage Range o 10kV ESD Card Socket Protection o Allows Level Translation with DVCC VCC or DVCC VCC o Automatically Shuts Down When Either Supply Is Removed o Card Contacts Actively Pulled Low During Shutdown o 1A Total Quiescent Supply Current o 0.01A Total Shutdown Supply Current o Ultra-Small 10-Pin MAX Package o Compliant with GSM Test Specifications 11.11 and 11.12
Features
MAX1840/MAX1841
Applications
SIM Interface in GSM Cellular Telephones Smart Card Readers Logic Level Translation SPITM/QSPITM/MICROWIRETM Level Translation
PART MAX1840EUB MAX1841EUB
Ordering Information
TEMP. RANGE -40C to +85C -40C to +85C PIN-PACKAGE 10 MAX 10 MAX
Typical Operating Circuit
DVCC DVCC DVCC RIN SYSTEM CONTROLLER VCC RST VCC VCC RST SIM OR SMART CARD
Pin Configuration
TOP VIEW
DATA DVCC CIN RIN SHDN (DDRV) 1 2 3 4 5 10 IO 9 VCC CLK RST GND
MAX1840 MAX1841
CIN DATA OPTIONAL OPTIONAL SHDN* DDRV* IO GND IO CLK CLK
MAX1840 MAX1841
8 7 6
MAX
( ) ARE FOR MAX1841.
GND
GND * SHDN FOR MAX1840 ONLY; DDRV FOR MAX1841 ONLY.
SPI and QSPI are trademarks of Motorola, Inc. MICROWIRE is a trademark of National Semiconductor Corp. 1
________________________________________________________________ Maxim Integrated Products
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800. For small orders, phone 1-800-835-8769.
Low-Voltage SIM/Smart Card Level Translators in MAX MAX1840/MAX1841
ABSOLUTE MAXIMUM RATINGS
DVCC, VCC to GND................................................-0.3V to +6.0V RIN, CIN, DATA, DDRV, SHDN to GND ......................................-0.3V to (DVCC + 0.3V) RST, CLK, IO to GND .................................-0.3V to (VCC + 0.3V) Continuous Power Dissipation (TA = +70C) 10-Pin MAX (derate 5.6mW/C above +70C) ...........444mW Operating Temperature Range ...........................-40C to +85C Storage Temperature Range .............................-65C to +150C Junction Temperature ......................................................+150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(Figure 1, DVCC = +1.8V; VCC = +1.8V, +3.0V, or +5.0V; SHDN = DVCC, CIN = RIN = GND or DVCC, IO = VCC, DATA = DDRV = DVCC, CIO = CCLK = CRST = CDATA = 30pF, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Note1) PARAMETER POWER SUPPLIES DVCC Operating Range VCC Operating Range DVCC VCC CIN static DVCC Operating Current IDVCC CIN clocked at 1.625MHz from GND to DVCC with 50% duty cycle CIN clocked at 3.25MHz from GND to DVCC with 50% duty cycle CIN static VCC Operating Current IVCC CIN clocked at 1.625MHz from GND to DVCC with 50% duty cycle CIN clocked at 3.25MHz from GND to DVCC with 50% duty cycle Total Shutdown Current ISHDN IOFF = IVCC + IDVCC, SHDN = GND (MAX1840 only), or DVCC = GND or VCC = GND 0.2 DVCC 0.7 DVCC 0.01 VOL VOH ISINK = 200A ISOURCE = 20A ISOURCE = 200A Between DATA and DVCC (Note 2) (Note 3) VCC = 5.0V 0.9 VCC 0.8 VCC 13 0.3 DVCC - 0.6 1 2 20 28 1 0.4 1.4 1.7 0.1 2.5 5 0.9 0.4 mA 0.8 3.0 A 5.5 5.5 0.5 A V V SYMBOL CONDITIONS MIN TYP MAX UNITS
0.01
1
A
CIN, RIN, SHDN, DDRV LOGIC INPUTS Digital Input Low Threshold Digital Input High Threshold Input Leakage Current CLK, RST OUTPUTS Digital Output Low Level Digital Output High Level DATA INPUT/OUTPUT DATA Pullup Resistance Input Low Threshold Input High Threshold Input Low Current Input High Current 2 RDATA VIL(DATA) VIH(DATA) IIL IIH k V V mA A V V VIL VIH V V A
_______________________________________________________________________________________
Low-Voltage SIM/Smart Card Level Translators in MAX
ELECTRICAL CHARACTERISTICS (continued)
(Figure 1, DVCC = +1.8V; VCC = +1.8V, +3.0V, or +5.0V; SHDN = DVCC, CIN = RIN = GND or DVCC, IO = VCC, DATA = DDRV = DVCC, CIO = CCLK = CRST = CDATA = 30pF, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Note1) PARAMETER Output Low Level Output High Level IO (INPUT/OUTPUT) IO Pullup Resistance Input Low Threshold Input High Threshold Input Low Current Input High Current Output Low Level Output High Level SHUTDOWN OUTPUT LEVELS ISINK = 200A, SHDN = GND, DATA = CIN = RIN = DVCC (MAX1840 only) Shutdown Output Levels (IO, CLK, RST) ISINK = 200A, DVCC = GND, SHDN (MAX1840) = DDRV (MAX1841) = DATA = CIN = RIN = DVCC ISINK = 200A, VCC = GND, SHDN (MAX1840) = DDRV (MAX1841) = DATA = CIN = RIN = DVCC TIMING Maximum CLK Frequency (Notes 4, 5) Note 1: Note 2: Note 3: Note 4: Note 5: VCC = 2.7V to 5.5V, DVCC = 1.4V to 2.7V fCLK VCC = 1.7V to 3.6V, DVCC = 1.4V to 2.25V 5 15 5 20 MHz 0.4 V RIO VIL(IO) VIH(IO) IIL IIH VOL(IO) VOH(IO) DATA = GND or DDRV = GND, ISINK = 200A ISOURCE = 20A 0.8 VCC Between IO and VCC IIL(MAX) = 1mA (Note 2) IIH(MAX) = 20A (Note 3) 6.5 0.3 0.7 VCC 1 20 0.4 10 14 k V V mA A V V SYMBOL VOL(DATA) VOH(DATA) CONDITIONS IO = GND, ISINK = 100A DVCC = 3.0V, IO = GND, ISINK = 200A ISOURCE = 10A DVCC = 3.0V, ISOURCE = 20A 0.7 DVCC 0.7 DVCC MIN TYP MAX 0.4 0.4 UNITS V V
MAX1840/MAX1841
0.4
V
0.4
V
Specifications to -40C are guaranteed by design, not production tested. VIL is defined as the voltage at which the output (DATA/IO) voltage equals 0.5V. VIH is defined as the voltage at which the output (DATA/IO) voltage exceeds the input (IO/DATA) voltage by 100mV. Timing specifications are guaranteed by design, not production tested. The maximum CLK frequency is defined as the output duty cycle remaining in the 40% to 60% range when the 50% CIN is applied. CIN has 5ns rise and fall times; levels are GND to DVCC. Input and output levels are measured at 50% of the waveform.
_______________________________________________________________________________________
3
Low-Voltage SIM/Smart Card Level Translators in MAX MAX1840/MAX1841
Typical Operating Characteristics
(Circuit of Figure 1, DVCC = 3.0V, VCC = +5.0V, DDRV or DATA = DVCC, RIN = CIN = GND, TA = +25C, unless otherwise noted.)
TOTAL OPERATING SUPPLY CURRENT vs. CARD-SIDE SUPPLY VOLTAGE (DATA STATIC)
MAX1840/1-02 MAX1840/1-01
TOTAL OPERATING SUPPLY CURRENT vs. CLOCK FREQUENCY (DATA STATIC)
3.0 SUPPLY CURRENT, IVCC + IDVCC (mA) 2.5 2.0 1.5 1.0 0.5 0 0 2 4 6 8 10 FREQUENCY (MHz) VCC = 1.8V VCC = 5V VCC = 3V SUPPLY CURRENT, IVCC + IDVCC (mA) DATA OR DDRV = DVCC CIN CLOCKED WITH A 0 TO DVCC SQUARE WAVE 2.0
TOTAL OPERATING SUPPLY CURRENT vs. TEMPERATURE (DATA STATIC)
fCIN = 5MHz VCC = 5V 1.2 SUPPLY CURRENT, IVCC + IDVCC (mA)
MAX1840/1-03
1.6
DATA OR DDRV = DVCC CIN CLOCKED WITH A 0 TO DVCC SQUARE WAVE fCIN = 5MHz
1.6
1.2 fCIN = 3.25MHz 0.8
0.8
VCC = 3V VCC = 1.8V
0.4 fCIN = 1.625MHz 0 1.5 2.5 3.5 VCC (V) 4.5 5.5
0.4 DATA OR DDRV = DVCC CIN CLOCKED WITH A 0 TO DVCC SQUARE WAVE 0 -40 -15 10 35 60 85 TEMPERATURE (C)
TOTAL OPERATING SUPPLY CURRENT vs. CLOCK FREQUENCY (DATA ACTIVE)
MAX1840/1-04
TOTAL OPERATING SUPPLY CURRENT vs. CARD-SIDE SUPPLY VOLTAGE (DATA ACTIVE)
MAX1840/1-05
TOTAL OPERATING SUPPLY CURRENT vs. TEMPERATURE (DATA ACTIVE)
fCIN = 5MHz VCC = 5V SUPPLY CURRENT, IVCC + IDVCC (mA)
MAX1840/1-06
3.0 SUPPLY CURRENT, IVCC + IDVCC (mA) 2.5 2.0
SUPPLY CURRENT, IVCC + IDVCC (mA)
fDATA OR fDDRV = fCIN/372 CIN CLOCKED WITH A 0 TO DVCC SQUARE WAVE
2.0
VCC = 5V
1.6
fDATA OR fDDRV = fCIN/372 CIN CLOCKED WITH A 0 TO DVCC SQUARE WAVE
2.0
fCIN = 5MHz
1.6
VCC = 3V 1.5 1.0 0.5 0 0 2 4 6 8 10 FREQUENCY (MHz) VCC = 1.8V
1.2
fCIN = 3.25MHz
1.2 VCC = 3V 0.8 VCC = 1.8V fDATA OR fDDRV = fCIN/372 CIN CLOCKED WITH A 0 TO DVCC SQUARE WAVE -40 -15 10 35 60 85
0.8
0.4 fCIN = 1.625MHz 0 1.5 2.5 3.5 VCC (V) 4.5 5.5
0.4
0 TEMPERATURE (C)
CIN TO CLK OR RIN TO RST WAVEFORM (3V TO 5V)
MAX1840/1-07
CIN TO CLK OR RIN TO RST WAVEFORM (3V TO 1.8V)
MAX1840/1-08
CIN TO CLK OR RIN TO RST WAVEFORM (1.8V TO 1.8V)
MAX1840/1-09
fCIN = 5MHz 3V CIN OR RIN 3V 2V/div 0
fCIN = 5MHz CIN OR RIN 1.8V 2V/div 0
fCIN = 5MHz CIN OR RIN 1V/div
0 5V
1.8V CLK OR RST 2V/div 0 20ns/div 0 20ns/div
CLK OR RST 1.8V 1V/div 0 20ns/div
CLK OR RST 1V/div
4
_______________________________________________________________________________________
Low-Voltage SIM/Smart Card Level Translators in MAX MAX1840/MAX1841
Typical Operating Characteristics (continued)
(Circuit of Figure 1, DVCC = 3.0V, VCC = +5.0V, DDRV or DATA = DVCC, RIN = CIN = GND, TA = +25C, unless otherwise noted.) UNDERVOLTAGE SHUTDOWN WAVEFORM
MAX1840/1-10
DDRV TO IO AND DATA WAVEFORM (MAX1841 ONLY)
MAX1840/1-11
3V
1.5V VCC 0.5V/div
0 3V 0 5V
DDRV 2V/div DATA 2V/div
0 1V CLK, RST, OR IO 0.5V/div 0 1ms/div
IO 2V/div 0 1s/div
Pin Description
PIN NAME MAX1840 MAX1841 System Controller Data Input/Output. An open-drain IO with a 20k pull-up resistor to DVCC. For bidirectional data transfer, connect to an open-drain controller output capable of sinking 1mA while pulling DATA low. If the controller is not open-drain, use DDRV to send data and DATA to receive data. Supply Voltage for System Controller Digital Pins. Set at +1.4V to +5.5V. System Controller Clock Input System Controller Reset Input Optional System Controller Data Input. Connect to controllers without an open-drain output. When not used, connect DDRV to DVCC. Shutdown Mode Input. Driving SHDN low reduces the total supply current to less than 1A. In shutdown mode, RST, CLK, and IO are actively pulled low and the transfer gate between DATA and IO is disabled. When not used, connect SHDN to DVCC. System Controller and Card Ground Reset Output to Card. Actively pulled low during shutdown. Clock Output to Card. Actively pulled low during shutdown. Supply Voltage for Card-Side Digital Pins. Set at +1.7V to +5.5V. Proper supply bypassing is required to meet 10kV ESD specifications. Card-Side Bidirectional Input/Output. An open-drain output with a 10k pull-up resistor to VCC. For bidirectional data transfer, connect to an open-drain card output capable of sinking 1mA while pulling IO low. Actively pulled low during shutdown. 5 FUNCTION
1
1
DATA
2 3 4 --
2 3 4 5
DVCC CIN RIN DDRV
5 6 7 8 9
-- 6 7 8 9
SHDN GND RST CLK VCC
10
10
IO
_______________________________________________________________________________________
Low-Voltage SIM/Smart Card Level Translators in MAX MAX1840/MAX1841
Detailed Description
The MAX1840/MAX1841 provide the necessary level translation for interfacing with SIMs and smart cards in multivoltage systems. These devices operate with logic supply voltages between +1.4V and +5.5V on the controller side (DVCC) and between +1.7V and +5.5V on the card side (VCC). The total supply current (IDVCC + IVCC) is 1A while operating in an idle state (see Electrical Characteristics). Figure 1 shows the MAX1840/MAX1841 test circuit. The Typical Application Circuit appears at the end of this data sheet.
MAX1840 MAX1841
+1.8V DVCC SHDN* RIN CIN DDRV* DATA 30pF VCC RST CLK IO 30pF GND 30pF 30pF +1.8V, +3.0V, OR +5.0V
Level Translation
The MAX1840/MAX1841 provide level translators for a clock input, a reset input, and a bidirectional data IO. The clock and reset inputs (CIN and RIN) are level shifted from the controller-side supply rails (DVCC to GND) to the card-side supply rails (VCC to GND). When connected to an open-drain controller output, DATA and IO provide bidirectional level translation. All level translation is valid for DV CC V CC or DV CC V CC . The MAX1840/MAX1841 contain internal pull up resistors from DATA to the controller-side supply (DVCC) and from IO to the card-side supply (VCC). For push-pull controller outputs, see the Data Driver section for bidirectional data translation.
* SHDN FOR MAX1840 ONLY; DDRV FOR MAX1841 ONLY. NOTE: ALL CAPACITANCES INCLUDE CAPACITIVE LOADS OF TEST PROBES AND BOARD LAYOUT.
Figure 1. MAX1840/MAX1841 Test Circuit
driving SHDN (MAX1840 only) low. If specific sequencing is desired, pull IO low by driving either DATA or DDRV (MAX1841 only) low, and pull CLK and RST low by driving CIN and RIN low, respectively.
Data Driver (MAX1841 Only)
When using a microcontroller (C) without an open-drain output, use the data driver (DDRV) input to send data to the SIM/smart card, while DATA provides the controllerside output for bidirectional data transfer. When not used, connect DDRV to DVCC to reduce total supply current.
ESD Protection
As with all Maxim devices, ESD-protection structures on all pins protect against ESDs encountered during handling and assembly. For further protection during card insertion and removal, the pins that connect to the card socket (CLK, RST, IO, VCC, and GND) provide protection against 10kV of ESD. The ESD structures withstand high ESD in all states: normal operation, shutdown, and power-down. After an ESD event, the MAX1840/MAX1841 continue working without latchup. A 1F bypass capacitor from VCC to GND is required to exceed 10kV ESD specifications.
Shutdown Mode
For the MAX1840, drive SHDN low to activate shutdown. Connect SHDN to DVCC or drive high for normal operation. To allow for card insertion and removal, shutdown mode actively pulls CLK, RST, and IO low; it also disconnects the internal 10k pull up resistor from VCC to prevent excessive current draw. Shutdown mode reduces the total supply current (I DVCC + I VCC ) to 0.01A.
ESD Test Conditions
ESD performance depends on a variety of conditions. Contact Maxim for a reliability report documenting test setup, test methodology, and test results.
SIM/Smart Card Insertion/Removal
The SIM/smart card specifications require that the cardside pins (VCC, CLK, RST, IO) be at ground potential prior to inserting the SIM/smart card. For applications using the MAX1686H (Figure 3), the easiest way to achieve this is by shutting down the MAX1686H or by
Applications Information
SIM/Smart Card Interface
To provide 5V when interfacing with a 5V SIM/smart card, +3V systems require a DC-DC converter. The MAX1686H +5V regulating charge pump for SIM cards provides
6
_______________________________________________________________________________________
Low-Voltage SIM/Smart Card Level Translators in MAX MAX1840/MAX1841
+3.0V CXN DVCC CXP 3.0V OR 5.0V IN MAX1686 OUT DVCC +3.3V IN OUT +5.0V
MAX1686H
3/5 SHDN
GND
MAX8867 MAX8860
SHDN SIM OR SMART CARD
SET PGND
PGND
SYSTEM CONTROLLER
MAX1840 MAX1841
DVCC RIN CIN DATA OPTIONAL OPTIONAL SHDN* DDRV* GND VCC RST CLK IO
SYSTEM CONTROLLER
MAX1840 MAX1841
DVCC RIN CIN DATA OPTIONAL SHDN* DDRV* GND VCC RST CLK IO
SPI/QSPI/ MICROWIRE SYSTEM VCC CS SCLK DOUT DIN GND
VCC RST CLK IO
GND
GND
OPTIONAL GND
* SHDN FOR MAX1840 ONLY; DDRV FOR MAX1841 ONLY.
* SHDN FOR MAX1840 ONLY; DDRV FOR MAX1841 ONLY.
Figure 2. Using MAX1840/MAX1841 and MAX1686/MAX1686H Charge Pump for SIM Card Applications
Figure 3. MAX1840/MAX1841 with SPI/QSPI/MICROWIRE Interfaces
0V/3V/5V for full compatibility with SIM/smart-card specifications. Figure 2 shows the charge pump for SIM card applications. Alternatively, the MAX619 generates a regulated 5V from input voltages as low as 2V.
level shifters transfer chip select and clock signals to the slave device(s), while the bidirectional level shifter transfers data.
SPI/QSPI/MICROWIRE Interface
The MAX1840/MAX1841 are also useful as 3V/5V level shifters in SPI, QSPI, and MICROWIRE applications (Figure 3). On the slave side, connect CLK to SCLK, RST to CS, and IO to DOUT and DIN. The unidirectional
___________________Chip Information
TRANSISTOR COUNT: 211
_______________________________________________________________________________________
7
Low-Voltage SIM/Smart Card Level Translators in MAX MAX1840/MAX1841
Typical Application Circuit
DVCC DVCC 1F CLK DVCC RIN VCC RST 1F VCC VCC RST
CIN SYSTEM CONTROLLER DATA
CLK SIM OR SMART CARD
20k
10k IO
IO
OPTIONAL
SHDN*
SHUTDOWN CONTROL
OPTIONAL
DDRV* GND
GND
MAX1840 MAX1841
GND
* SHDN FOR MAX1840 ONLY; DDRV FOR MAX1841 ONLY.
Packaging Information
10LUMAX.EPS
Note: The MAX1840/MAX1841 do not have an exposed pad.
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2000 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX1840

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X