Part Number Hot Search : 
VSC870 ADP5042 ST2050AX MB39A12 BSP280 MP6TP 02241 NTH1209M
Product Description
Full Text Search
 

To Download MAX1617A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-4508; Rev 0; 1/99
L MANUA ION KIT ALUAT DATA SHEET EV WS FOLLO
Remote/Local Temperature Sensor with SMBus Serial Interface
____________________________Features
o Two Channels: Measures Both Remote and Local Temperatures o No Calibration Required o SMBus 2-Wire Serial Interface o Programmable Under/Overtemperature Alarms o Supports SMBus Alert Response o Supports Manufacturer and Device ID Codes o Accuracy 2C (+60C to +100C, local) 3C (-40C to +125C, local) 3C (+60C to +100C, remote) o 3A (typ) Standby Supply Current o 70A (max) Supply Current in Auto-Convert Mode o +3V to +5.5V Supply Range o Small 16-Pin QSOP Package
________________General Description
The MAX1617A (patents pending) is a precise digital thermometer that reports the temperature of both a remote sensor and its own package. The remote sensor is a diode-connected transistor--typically a low-cost, easily mounted 2N3904 NPN type--that replaces conventional thermistors or thermocouples. Remote accuracy is 3C for multiple transistor manufacturers, with no calibration needed. The remote channel can also measure the die temperature of other ICs, such as microprocessors, that contain an on-chip, diode-connected transistor. The 2-wire serial interface accepts standard System Management Bus (SMBus(R)) Write Byte, Read Byte, Send Byte, and Receive Byte commands to program the alarm thresholds and to read temperature data. The data format is 7 bits plus sign, with each bit corresponding to 1C, in two's complement format. Measurements can be done automatically and autonomously, with the conversion rate programmed by the user or programmed to operate in a single-shot mode. The adjustable rate allows the user to control the supply-current drain. The MAX1617A is nearly identical to the popular MAX1617, but has improved SMBus timing specifications, improved bus collision immunity, software manufacturer and device identification available via the serial interface, and a poweron reset function that can force a reset of the slave address via the serial interface.
MAX1617 A
Ordering Information
PART* MAX1617AMEE TEMP. RANGE -55C to +125C PIN-PACKAGE 16 QSOP
________________________Applications
Desktop and Notebook Computers Smart Battery Packs LAN Servers Industrial Controls Central Office Telecom Equipment Test and Measurement Multichip Modules
*U.S. and foreign patents pending.
Typical Operating Circuit
0.1F 3V TO 5.5V 200 VCC STBY 10k EACH
___________________Pin Configuration
TOP VIEW
N.C. 1 VCC 2 DXP 3 DXN 4 N.C. 5 ADD1 6 GND 7 GND 8 16 N.C. 15 STBY 14 SMBCLK
MAX1617A
DXP SMBCLK SMBDATA 2N3904 DXN 2200pF ALERT CLOCK DATA INTERRUPT TO C
MAX1617A
13 N.C. 12 SMBDATA 11 ALERT 10 ADD0 9 N.C.
ADD0 ADD1 GND
QSOP
SMBus is a registered trademark of Intel Corp.
Patents Pending 1
________________________________________________________________ Maxim Integrated Products
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800. For small orders, phone 1-800-835-8769.
Remote/Local Temperature Sensor with SMBus Serial Interface MAX1617A
ABSOLUTE MAXIMUM RATINGS
VCC to GND ..............................................................-0.3V to +6V DXP, ADD_ to GND ....................................-0.3V to (VCC + 0.3V) DXN to GND ..........................................................-0.3V to +0.8V SMBCLK, SMBDATA, ALERT, STBY to GND ...........-0.3V to +6V SMBDATA, ALERT Current .................................-1mA to +50mA DXN Current .......................................................................1mA ESD Protection (SMBCLK, SMBDATA, ALERT, Human Body Model) ......................................... 4000V ESD Protection (other pins, Human Body Model)..............2000V Continuous Power Dissipation (TA = +70C) QSOP (derate 8.30mW/C above +70C) .....................667mW Operating Temperature Range .........................-55C to +125C Junction Temperature ......................................................+150C Storage Temperature Range .............................-65C to +165C Lead Temperature (soldering, 10sec) .............................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VCC = +3.3V, TA = 0C to +85C, unless otherwise noted.) PARAMETER ADC AND POWER SUPPLY Temperature Resolution (Note 1) Initial Temperature Error, Local Diode (Note 2) Temperature Error, Remote Diode (Notes 2 and 3) Temperature Error, Local Diode (Notes 1 and 2) Supply-Voltage Range Undervoltage Lockout Threshold Undervoltage Lockout Hysteresis Power-On Reset Threshold POR Threshold Hysteresis Logic inputs forced to VCC or GND SMBus static Hardware or software standby, SMBCLK at 10kHz 0.25 conv/sec 2.0 conv/sec 94 -25 High level Low level 80 8 100 10 0.7 ADD0, ADD1; momentary upon power-on reset 160 VCC, falling edge 1.0 VCC input, disables A/D conversion, rising edge Monotonicity guaranteed TA = +60C to +100C TA = 0C to +85C TR = +60C to +100C TR = -55C to +125C Including long-term drift TA = +60C to +100C TA = 0C to +85C 8 -2 -3 -3 -5 -2.5 -3.5 3.0 2.60 2.80 50 1.7 50 3 4 35 120 125 70 A 180 156 25 120 12 ms % A V A 10 A 2.5 2 3 3 5 2.5 3.5 5.5 2.95 Bits C C C V V mV V mV CONDITIONS MIN TYP MAX UNITS
Standby Supply Current
Average Operating Supply Current Conversion Time Conversion Rate Timing Error Remote-Diode Source Current DXN Source Voltage Address Pin Bias Current
Auto-convert mode, average measured over 4sec. Logic inputs forced to VCC or GND.
From stop bit to conversion complete (both channels) Auto-convert mode DXP forced to 1.5V
2
_______________________________________________________________________________________
Remote/Local Temperature Sensor with SMBus Serial Interface
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.3V, TA = 0C to +85C, unless otherwise noted.) PARAMETER SMBus INTERFACE Logic Input High Voltage Logic Input Low Voltage Logic Output Low Sink Current ALERT Output High Leakage Current Logic Input Current SMBus Input Capacitance SMBus Clock Frequency SMBCLK Clock Low Time SMBCLK Clock High Time SMBus Start-Condition Setup Time SMBus Repeated Start-Condition Setup Time SMBus Start-Condition Hold Time SMBus Stop-Condition Setup Time SMBus Data Valid to SMBCLK Rising-Edge Time SMBus Data-Hold Time SMBCLK Falling Edge to SMBus Data-Valid Time tSU:STA, 90% to 90% points tHD:STA, 10% of SMBDATA to 90% of SMBCLK tSU:STO, 90% of SMBCLK to 10% of SMBDATA tSU:DAT, 10% or 90% of SMBDATA to 10% of SMBCLK tHD:DAT (Note 5) Master clocking in data STBY, SMBCLK, SMBDATA; VCC = 3V to 5.5V STBY, SMBCLK, SMBDATA; VCC = 3V to 5.5V ALERT, SMBDATA forced to 0.4V ALERT forced to 5.5V Logic inputs forced to VCC or GND SMBCLK, SMBDATA (Note 4) tLOW, 10% to 10% points tHIGH, 90% to 90% points DC 4.7 4 4.7 500 4 4 250 0 1 -1 5 100 6 1 1 2.2 0.8 V V mA A A pF kHz s s s ns s s ns s s CONDITIONS MIN TYP MAX UNITS
MAX1617A
ELECTRICAL CHARACTERISTICS
(VCC = +3.3V, TA = -55C to +125C, unless otherwise noted.) (Note 6) PARAMETER ADC AND POWER SUPPLY Temperature Resolution (Note 1) Initial Temperature Error, Local Diode (Note 2) Temperature Error, Remote Diode (Notes 2 and 3) Supply-Voltage Range Conversion Time Conversion Rate Timing Error From stop bit to conversion complete (both channels) Auto-convert mode Monotonicity guaranteed TA = +60C to +100C TA = -55C to +125C TR = +60C to +100C TR = -55C to +125C 8 -2 -3 -3 -5 3.0 94 -25 125 2 3 3 5 5.5 156 25 Bits C C V ms % CONDITIONS MIN TYP MAX UNITS
_______________________________________________________________________________________
3
Remote/Local Temperature Sensor with SMBus Serial Interface MAX1617A
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.3V, TA = -55C to +125C, unless otherwise noted.) (Note 6) PARAMETER SMBus INTERFACE Logic Input High Voltage Logic Input Low Voltage Logic Output Low Sink Current ALERT Output High Leakage Current Logic Input Current STBY, SMBCLK, SMBDATA VCC = 3V VCC = 5.5V 2.2 2.4 0.8 6 1 -2 2 V V mA A A CONDITIONS MIN TYP MAX UNITS
STBY, SMBCLK, SMBDATA; VCC = 3V to 5.5V ALERT, SMBDATA forced to 0.4V ALERT forced to 5.5V Logic inputs forced to VCC or GND
Note 1: Guaranteed but not 100% tested. Note 2: Quantization error is not included in specifications for temperature accuracy. For example, if the MAX1617A device temperature is exactly +66.7C, the ADC may report +66C, +67C, or +68C (due to the quantization error plus the +1/2C offset used for rounding up) and still be within the guaranteed 1C error limits for the +60C to +100C temperature range (Table 2). Note 3: A remote diode is any diode-connected transistor from Table 1. TR is the junction temperature of the remote diode. See Remote Diode Selection for remote diode forward voltage requirements. Note 4: The SMBus logic block is a static design that works with clock frequencies down to DC. While slow operation is possible, it violates the 10kHz minimum clock frequency and SMBus specifications, and may monopolize the bus. Note 5: Note that a transition must internally provide at least a hold time in order to bridge the undefined region (300ns max) of SMBCLK's falling edge. Note 6: Specifications from -55C to +125C are guaranteed by design, not production tested.
__________________________________________Typical Operating Characteristics
(TA = +25C, unless otherwise noted.)
TEMPERATURE ERROR vs. PC BOARD RESISTANCE
MAX1617ATOC01
TEMPERATURE ERROR vs. REMOTE-DIODE TEMPERATURE
MAX1617ATOC02
TEMPERATURE ERROR vs. POWER-SUPPLY NOISE FREQUENCY
VIN = SQUARE WAVE APPLIED TO VCC WITH NO 0.1F VCC CAPACITOR TEMPERATURE ERROR (C) 9 VIN = 250mVp-p REMOTE DIODE
MAX1617ATOC04
20
2
12
TEMPERATURE ERROR (C)
10
TEMPERATURE ERROR (C)
PATH = DXP TO GND
1 ZETEX FMMT3904 0 MOTOROLA MMBT3904 SAMSUNG KST3904 -1 RANDOM SAMPLES -2
0
6 VIN = 250mVp-p LOCAL DIODE 3 VIN = 100mVp-p REMOTE DIODE
-10 PATH = DXP TO VCC (5V) -20 1 3 10 30 100 LEAKAGE RESISTANCE (M)
0 -50 0 50 TEMPERATURE (C) 100 150 50 500 5k 50k 500k 5M 50M FREQUENCY (Hz)
4
_______________________________________________________________________________________
Remote/Local Temperature Sensor with SMBus Serial Interface
____________________________Typical Operating Characteristics (continued)
(TA = +25C, unless otherwise noted.)
TEMPERATURE ERROR vs. COMMON-MODE NOISE FREQUENCY
MAX1617ATOC05
MAX1617A
TEMPERATURE ERROR vs. DIFFERENTIAL-MODE NOISE FREQUENCY
MAX1617ATOC03
TEMPERATURE ERROR vs. DIFFERENTIAL-MODE NOISE FREQUENCY
VIN = 10mVp-p SQUARE WAVE APPLIED TO DXP-DXN TEMPERATURE ERROR (C) 5
MAX1617ATOC06
30 VIN = SQUARE WAVE AC COUPLED TO DXN TEMPERATURE ERROR (C) VIN = 100mVp-p 20
5
10
TEMPERATURE ERROR (C)
0
10
VIN = 50mVp-p VIN = 25mVp-p
0
VIN = 3mVp-p SQUARE WAVE APPLIED TO DXP-DXN 0 50 500 5k 50k 500k 5M 50M FREQUENCY (Hz) -5 50 500 5k 50k 500k 5M 50M FREQUENCY (Hz) -5 50 500 5k 50k 500k 5M 50M FREQUENCY (Hz)
TEMPERATURE ERROR vs. DXP-DXN CAPACITANCE
MAX1617ATOC07
STANDBY SUPPLY CURRENT vs. CLOCK FREQUENCY
MAX1617ATOC08
STANDBY SUPPLY CURRENT vs. SUPPLY VOLTAGE
ADD0, ADD1 = GND 60 SUPPLY CURRENT (A)
MAX1617ATOC09
20 VCC = 5V TEMPERATURE ERROR (C)
35 30 SUPPLY CURRENT (A) 25
SMBCLK IS DRIVEN RAIL-TO-RAIL(R)
100
VCC = 5V 20 15 10 VCC = 3.3V 5
20
10
ADD0, ADD1 = HIGH-Z
6
3
0 0 20 40 60 80 100 DXP-DXN CAPACITANCE (nF)
0 1k 10k 100k 1000k SMBCLK FREQUENCY (Hz)
0 0 1 2 3 4 5 SUPPLY VOLTAGE (V)
OPERATING SUPPLY CURRENT vs. CONVERSION RATE
MAX1617ATOC10
RESPONSE TO THERMAL SHOCK
MAX1617ATOC11
500 VCC = 5V AVERAGED MEASUREMENTS 400 SUPPLY CURRENT (A)
125
100 TEMPERATURE (C)
300
75
200
50
100
25 16-QSOP IMMERSED IN +115C FLUORINERT BATH
0 0 0.0625 0.125 0.25 0.5 1 2 4 8 CONVERSION RATE (Hz)
0 -2 0 2 4 TIME (sec) 6 8 10
Rail-to Rail is a registered trademark of Nippon Motorola, Ltd. _______________________________________________________________________________________
5
Remote/Local Temperature Sensor with SMBus Serial Interface MAX1617A
Pin Description
PIN 1, 5, 9, 13, 16 2 NAME N.C. VCC FUNCTION No Connection. Not internally connected. May be used for PC board trace routing. Supply Voltage Input, 3V to 5.5V. Bypass to GND with a 0.1F capacitor. A 200 series resistor is recommended but not required for additional noise filtering. Combined Current Source and A/D Positive Input for Remote-Diode Channel. Do not leave DXP floating; tie DXP to DXN if no remote diode is used. Place a 2200pF capacitor between DXP and DXN for noise filtering. Combined Current Sink and A/D Negative Input. DXN is normally biased to a diode voltage above ground. SMBus Address Select Pin (Table 8). ADD0 and ADD1 are sampled upon power-up. Excess capacitance (>50pF) at the address pins when floating may cause address-recognition problems. Ground SMBus Slave Address Select Pin SMBus Alert (interrupt) Output, Open Drain SMBus Serial-Data Input/Output, Open Drain SMBus Serial-Clock Input Hardware Standby Input. Temperature and comparison threshold data are retained in standby mode. Low = standby mode, high = operate mode.
3
DXP
4 6 7, 8 10 11 12 14 15
DXN ADD1 GND ADD0 ALERT SMBDATA SMBCLK STBY
General Description
The MAX1617A (patents pending) is a temperature sensor designed to work in conjunction with an external microcontroller (C) or other intelligence in thermostatic, process-control, or monitoring applications. The C is typically a power-management or keyboard controller, generating SMBus serial commands by "bitbanging" general-purpose input/output (GPIO) pins or via a dedicated SMBus interface block. Essentially an 8-bit serial analog-to-digital converter (ADC) with a sophisticated front end, the MAX1617A contains a switched current source, a multiplexer, an ADC, an SMBus interface, and associated control logic (Figure 1). Temperature data from the ADC is loaded into two data registers, where it is automatically compared with data previously stored in four over/undertemperature alarm registers.
ADC and Multiplexer
The ADC is an averaging type that integrates over a 60ms period (each channel, typical) with excellent noise rejection. The multiplexer automatically steers bias currents through the remote and local diodes, measures their forward voltages, and computes their temperatures. Both channels are automatically converted once the conversion process has started, either in free-running or single-shot mode. If one of the two channels is not used, the device still performs both measurements, and the user can simply ignore the results of the unused channel. If the remote diode channel is unused, tie DXP to DXN rather than leaving the pins open. The DXN input is biased at 0.65V above ground by an internal diode to set up the analog-to-digital (A/D) inputs for a differential measurement. The worst-case DXP-DXN differential input voltage range is 0.25V to 0.95V.
6
_______________________________________________________________________________________
VCC
MAX1617A
STBY
ADD0
ADD1
MUX
2 + LOCAL READ DIODE FAULT 8 8 WRITE 7 + REMOTE + -
ADDRESS DECODER
Figure 1. Functional Diagram
DXP
DXN
ADC CONTROL LOGIC SMBUS
SMBDATA SMBCLK
GND
8 REMOTE TEMPERATURE DATA REGISTER LOCAL TEMPERATURE DATA REGISTER
8
COMMAND BYTE (INDEX) REGISTER
8 HIGH-TEMPERATURE THRESHOLD (REMOTE THIGH)
HIGH-TEMPERATURE THRESHOLD 8 (LOCAL THIGH)
STATUS BYTE REGISTER
LOW-TEMPERATURE THRESHOLD (REMOTE TLOW) 8 8
LOW-TEMPERATURE THRESHOLD (LOCAL TLOW)
CONFIGURATION BYTE REGISTER
DIGITAL COMPARATOR (REMOTE)
DIGITAL COMPARATOR (LOCAL)
CONVERSION RATE REGISTER
ALERT
Q R
MAX1617A
_______________________________________________________________________________________
S SELECTED VIA SLAVE ADD = 0001 100 ALERT RESPONSE ADDRESS REGISTER
Remote/Local Temperature Sensor with SMBus Serial Interface
7
*
Remote/Local Temperature Sensor with SMBus Serial Interface MAX1617A
Excess resistance in series with the remote diode causes about +1/2C error per ohm. Likewise, 200V of offset voltage forced on DXP-DXN causes about 1C error.
Table 1. Remote-Sensor Transistor Manufacturers
MANUFACTURER Central Semiconductor (USA) Motorola (USA) National Semiconductor (USA) Rohm Semiconductor (Japan) Samsung (Korea) Siemens (Germany) Zetex (England) MODEL NUMBER CMPT3904 MMBT3904 MMBT3904 SST3904 KST3904-TF SMBT3904 FMMT3904CT-ND
A/D Conversion Sequence
If a Start command is written (or generated automatically in the free-running auto-convert mode), both channels are converted, and the results of both measurements are available after the end of conversion. A BUSY status bit in the status byte shows that the device is actually performing a new conversion; however, even if the ADC is busy, the results of the previous conversion are always available.
Remote-Diode Selection
Temperature accuracy depends on having a good-quality, diode-connected small-signal transistor. Accuracy has been experimentally verified for all of the devices listed in Table 1. The MAX1617A can also directly measure the die temperature of CPUs and other integrated circuits having on-board temperature-sensing diodes. The transistor must be a small-signal type with a relatively high forward voltage; otherwise, the A/D input voltage range can be violated. The forward voltage must be greater than 0.25V at 10A; check to ensure this is true at the highest expected temperature. The forward voltage must be less than 0.95V at 100A; check to ensure this is true at the lowest expected temperature. Large power transistors don't work at all. Also ensure that the base resistance is less than 100. Tight specifications for forward-current gain (+50 to +150, for example) indicate that the manufacturer has good process controls and that the devices have consistent VBE characteristics. For heatsink mounting, the 500-32BT02-000 thermal sensor from Fenwal Electronics is a good choice. This device consists of a diode-connected transistor, an aluminum plate with screw hole, and twisted-pair cable (Fenwal Inc., Milford, MA, 508-478-6000).
Note: Transistors must be diode-connected (base shorted to collector).
Self-heating does not significantly affect measurement accuracy. Remote-sensor self-heating due to the diode current source is negligible. For the local diode, the worst-case error occurs when auto-converting at the fastest rate and simultaneously sinking maximum current at the ALERT output. For example, at an 8Hz rate and with ALERT sinking 1mA, the typical power dissipation is VCC * 450A plus 0.4V * 1mA. Package theta J-A is about 150C/W, so with VCC = 5V and no copper PC board heatsinking, the resulting temperature rise is: dT = 2.7mW * 150C/W = 0.4C Even with these contrived circumstances, it is difficult to introduce significant self-heating errors.
ADC Noise Filtering
The ADC is an integrating type with inherently good noise rejection, especially of low-frequency signals such as 60Hz/120Hz power-supply hum. Micropower operation places constraints on high-frequency noise rejection; therefore, careful PC board layout and proper external noise filtering are required for high-accuracy remote measurements in electrically noisy environments. High-frequency EMI is best filtered at DXP and DXN with an external 2200pF capacitor. This value can be increased to about 3300pF (max), including cable capacitance. Higher capacitance than 3300pF introduces errors due to the rise time of the switched current source. Nearly all noise sources tested cause the ADC measurements to be higher than the actual temperature, typically by +1C to +10C, depending on the frequency and amplitude (see Typical Operating Characteristics).
Thermal Mass and Self-Heating
Thermal mass can seriously degrade the MAX1617A's effective accuracy. The thermal time constant of the QSOP-16 package is about 140sec in still air. For the MAX1617A junction temperature to settle to within +1C after a sudden +100C change requires about five time constants or 12 minutes. The use of smaller packages for remote sensors, such as SOT23s, improves the situation. Take care to account for thermal gradients between the heat source and the sensor, and ensure that stray air currents across the sensor package do not interfere with measurement accuracy.
8
_______________________________________________________________________________________
Remote/Local Temperature Sensor with SMBus Serial Interface
PC Board Layout
1) Place the MAX1617A as close as practical to the remote diode. In a noisy environment, such as a computer motherboard, this distance can be 4 in. to 8 in. (typical) or more as long as the worst noise sources (such as CRTs, clock generators, memory buses, and ISA/PCI buses) are avoided. 2) Do not route the DXP-DXN lines next to the deflection coils of a CRT. Also, do not route the traces across a fast memory bus, which can easily introduce +30C error, even with good filtering. Otherwise, most noise sources are fairly benign. 3) Route the DXP and DXN traces in parallel and in close proximity to each other, away from any highvoltage traces such as +12VDC. Leakage currents from PC board contamination must be dealt with carefully, since a 20M leakage path from DXP to ground causes about +1C error. 4) Connect guard traces to GND on either side of the DXP-DXN traces (Figure 2). With guard traces in place, routing near high-voltage traces is no longer an issue. 5) Route through as few vias and crossunders as possible to minimize copper/solder thermocouple effects. 6) When introducing a thermocouple, make sure that both the DXP and the DXN paths have matching thermocouples. In general, PC board-induced thermocouples are not a serious problem. A copper-solder thermocouple exhibits 3V/C, and it takes about 200V of voltage error at DXP-DXN to cause a +1C measurement error. So, most parasitic thermocouple errors are swamped out. 7) Use wide traces. Narrow ones are more inductive and tend to pick up radiated noise. The 10 mil widths and spacings recommended in Figure 2 aren't absolutely necessary (as they offer only a minor improvement in leakage and noise), but try to use them where practical. 8) Keep in mind that copper can't be used as an EMI shield, and only ferrous materials, such as steel, work well. Placing a copper ground plane between the DXP-DXN traces and traces carrying high-frequency noise signals does not help reduce EMI.
GND 10 MILS 10 MILS DXP MINIMUM 10 MILS DXN 10 MILS GND
MAX1617A
Figure 2. Recommended DXP/DXN PC Traces
* Use guard traces flanking DXP and DXN and connecting to GND. * Place the noise filter and the 0.1F V CC bypass capacitors close to the MAX1617A. * Add a 200 resistor in series with VCC for best noise filtering (see Typical Operating Circuit).
Twisted Pair and Shielded Cables
For remote-sensor distances longer than 8 in., or in particularly noisy environments, a twisted pair is recommended. Its practical length is 6 feet to 12 feet (typical) before noise becomes a problem, as tested in a noisy electronics laboratory. For longer distances, the best solution is a shielded twisted pair like that used for audio microphones. For example, the Belden 8451 works well for distances up to 100 feet in a noisy environment. Connect the twisted pair to DXP and DXN and the shield to GND, and leave the shield's remote end unterminated. Excess capacitance at DX_ limits practical remote sensor distances (see Typical Operating Characteristics). For very long cable runs, the cable's parasitic capacitance often provides noise filtering, so the 2200pF capacitor can often be removed or reduced in value. Cable resistance also affects remote-sensor accuracy; 1 series resistance introduces about +1/2C error.
Low-Power Standby Mode
Standby mode disables the ADC and reduces the supply-current drain to less than 10A. Enter standby mode by forcing the STBY pin low or via the RUN/STOP bit in the configuration byte register. Hardware and software standby modes behave almost identically: all data is retained in memory, and the SMB interface is alive and listening for reads and writes. The only difference is that in hardware standby mode, the one-shot command does not initiate a conversion. Standby mode is not a shutdown mode. With activity on the SMBus, extra supply current is drawn (see Typical Operating Characteristics). In software standby mode,
9
PC Board Layout Checklist
* Place the MAX1617A close to a remote diode. * Keep traces away from high voltages (+12V bus). * Keep traces away from fast data buses and CRTs. * Use recommended trace widths and spacings. * Place a ground plane under the traces.
_______________________________________________________________________________________
Remote/Local Temperature Sensor with SMBus Serial Interface MAX1617A
the MAX1617A can be forced to perform A/D conversions via the one-shot command, despite the RUN/STOP bit being high. Activate hardware standby mode by forcing the STBY pin low. In a notebook computer, this line may be connected to the system SUSTAT# suspend-state signal. The STBY pin low state overrides any software conversion command. If a hardware or software standby command is received while a conversion is in progress, the conversion cycle is truncated, and the data from that conversion is not latched into either temperature reading register. The previous data is not changed and remains available. Supply-current drain during the 125ms conversion period is always about 450A. Slowing down the conversion rate reduces the average supply current (see Typical Operating Characteristics). Between conversions, the instantaneous supply current is about 25A due to the current consumed by the conversion rate timer. In standby mode, supply current drops to about 3A. At very low supply voltages (under the power-onreset threshold), the supply current is higher due to the address pin bias currents. It can be as high as 100A, depending on ADD0 and ADD1 settings.
Write Byte Format
S ADDRESS 7 bits Slave Address: equivalent to chip-select line of a 3-wire interface WR ACK COMMAND 8 bits Command Byte: selects which register you are writing to ACK DATA 8 bits ACK P 1
SMBus Digital Interface
From a software perspective, the MAX1617A appears as a set of byte-wide registers that contain temperature data, alarm threshold values, or control bits. A standard SMBus 2-wire serial interface is used to read temperature data and write control bits and alarm threshold data. Each A/D channel within the device responds to the same SMBus slave address for normal reads and writes. The MAX1617A employs four standard SMBus protocols: Write Byte, Read Byte, Send Byte, and Receive Byte (Figure 3). The shorter Receive Byte protocol allows quicker transfers, provided that the correct data register was previously selected by a Read Byte instruction. Use caution with the shorter protocols in multi-master systems, since a second master could overwrite the command byte without informing the first master. The temperature data format is 7 bits plus sign in two's complement form for each channel, with each data bit representing 1C (Table 2), transmitted MSB first. Measurements are offset by +1/2C to minimize internal rounding errors; for example, +99.6C is reported as +100C.
Data Byte: data goes into the register set by the command byte (to set thresholds, configuration masks, and sampling rate)
Read Byte Format
S ADDRESS 7 bits Slave Address: equivalent to chip-select line WR ACK COMMAND 8 bits Command Byte: selects which register you are reading from ACK S ADDRESS 7 bits Slave Address: repeated due to change in dataflow direction RD ACK DATA 8 bits Data Byte: reads from the register set by the command byte /// P
Send Byte Format
S ADDRESS 7 bits WR ACK COMMAND 8 bits Command Byte: sends command with no data, usually used for one-shot command ACK P
Receive Byte Format
S ADDRESS 7 bits RD ACK DATA 8 bits Data Byte: reads data from the register commanded by the last Read Byte or Write Byte transmission; also used for SMBus Alert Response return address /// P
S = Start condition P = Stop condition
Shaded = Slave transmission /// = Not acknowledged
Figure 3. SMBus Protocols
10 ______________________________________________________________________________________
Remote/Local Temperature Sensor with SMBus Serial Interface MAX1617A
Table 2. Data Format (Two's Complement)
TEMP. (C) +130.00 +127.00 +126.50 +126.00 +25.25 +0.50 +0.25 0.00 -0.25 -0.50 -0.75 -1.00 -25.00 -25.50 -54.75 -55.00 -65.00 -70.00 ROUNDED TEMP. (C) +127 +127 +127 +126 +25 +1 0 0 0 0 -1 -1 -25 -26 -55 -55 -65 -65 DIGITAL OUTPUT DATA BITS SIGN 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 MSB 111 111 111 111 001 000 000 000 000 000 111 111 110 110 100 100 011 011 LSB 1111 1111 1111 1110 1001 0001 0000 0000 0000 0000 1111 1111 0111 0110 1001 1001 1111 1111
Table 3. Read Format for Alert Response Address (0001100)
BIT 7 (MSB) 6 5 4 3 2 1 0 (LSB) NAME ADD7 ADD6 ADD5 ADD4 ADD3 ADD2 ADD1 1 Logic 1 Provide the current MAX1617A slave address that was latched at POR (Table 8) FUNCTION
the T HIGH or T LOW alarms at their POR settings. In applications that are never subjected to 0C in normal operation, a 0000 0000 result can be checked to indicate a fault condition in which DXP is accidentally short circuited. Similarly, if DXP is short circuited to VCC, the ADC reads +127C for both remote and local channels, and the device alarms.
ALERT Interrupts
The ALERT interrupt output signal is latched and can only be cleared by reading the Alert Response address. Interrupts are generated in response to THIGH and TLOW comparisons and when the remote diode is disconnected (for continuity fault detection). The interrupt does not halt automatic conversions; new temperature data continues to be available over the SMBus interface after ALERT is asserted. The interrupt output pin is open-drain so that devices can share a common interrupt line. The interrupt rate can never exceed the conversion rate. The interface responds to the SMBus Alert Response address, an interrupt pointer return-address feature (see Alert Response Address section). Prior to taking corrective action, always check to ensure that an interrupt is valid by reading the current temperature.
Alarm Threshold Registers
Four registers store alarm threshold data, with hightemperature (THIGH) and low-temperature (TLOW) registers for each A/D channel. If either measured temperature equals or exceeds the corresponding alarm threshold value, an ALERT interrupt is asserted. The power-on-reset (POR) state of both THIGH registers is full scale (0111 1111, or +127C). The POR state of both TLOW registers is 1100 1001 or -55C.
Diode Fault Alarm
There is a continuity fault detector at DXP that detects whether the remote diode has an open-circuit condition. At the beginning of each conversion, the diode fault is checked, and the status byte is updated. This fault detector is a simple voltage detector; if DXP rises above V CC - 1V (typical) due to the diode current source, a fault is detected. Note that the diode fault isn't checked until a conversion is initiated, so immediately after power-on reset the status byte indicates no fault is present, even if the diode path is broken. If the remote channel is shorted (DXP to DXN or DXP to GND), the ADC reads 0000 0000 so as not to trip either
Alert Response Address
The SMBus Alert Response interrupt pointer provides quick fault identification for simple slave devices that lack the complex, expensive logic needed to be a bus master. Upon receiving an ALERT interrupt signal, the host master can broadcast a Receive Byte transmission to the Alert Response slave address (0001 100). Then any slave device that generated an interrupt attempts to identify itself by putting its own address on the bus (Table 3).
11
______________________________________________________________________________________
Remote/Local Temperature Sensor with SMBus Serial Interface MAX1617A
Table 4. Command-Byte Bit Assignments
REGISTER RLTS RRTE RSL RCL RCRA RLHN RLLI RRHI RRLS WCA WCRW WLHO WLLM WRHA WRLN OSHT SPOR MFGID DEVID COMMAND 00h 01h 02h 03h 04h 05h 06h 07h 08h 09h 0Ah 0Bh 0Ch 0Dh 0Eh 0Fh FCh FEh FFh POR STATE 0000 0000* 0000 0000* N/A 0000 0000 0000 0010 0111 1111 1100 1001 0111 1111 1100 1001 N/A N/A N/A N/A N/A N/A N/A N/A 0100 1101 00000001 FUNCTION Read local temperature: returns latest temperature Read remote temperature: returns latest temperature Read status byte (flags, busy signal) Read configuration byte Read conversion rate byte Read local THIGH limit Read local TLOW limit Read remote THIGH limit Read remote TLOW limit Write configuration byte Write conversion rate byte Write local THIGH limit Write local TLOW limit Write remote THIGH limit Write remote TLOW limit One-shot command (use send-byte format) Write software POR Read manufacturer ID code Read device ID code
*If the device is in hardware standby mode at POR, both temperature registers read 0C.
The Alert Response can activate several different slave devices simultaneously, similar to the I2CTM General Call. If more than one slave attempts to respond, bus arbitration rules apply, and the device with the lower address code wins. The losing device does not generate an acknowledge and continues to hold the ALERT line low until serviced (implies that the host interrupt input is level-sensitive). Successful reading of the alert response address clears the interrupt latch.
command is ignored. If a one-shot command is received in auto-convert mode (RUN/STOP bit = low) between conversions, a new conversion begins, the conversion rate timer is reset, and the next automatic conversion takes place after a full delay elapses.
Configuration Byte Functions
The configuration byte register (Table 5) is used to mask (disable) interrupts and to put the device in software standby mode. The lower six bits are internally set to (XX1111), making them "don't care" bits. Write zeros to these bits. This register's contents can be read back over the serial interface.
Command Byte Functions
The 8-bit command byte register (Table 4) is the master index that points to the various other registers within the MAX1617A. The register's POR state is 0000 0000, so that a Receive Byte transmission (a protocol that lacks the command byte) that occurs immediately after POR returns the current local temperature data. The one-shot command immediately forces a new conversion cycle to begin. In software standby mode (RUN/STOP bit = high), a new conversion is begun, after which the device returns to standby mode. If a conversion is in progress when a one-shot command is received, the
Status Byte Functions
The status byte register (Table 6) indicates which (if any) temperature thresholds have been exceeded. This byte also indicates whether or not the ADC is converting and whether there is an open circuit in the remote diode DXP-DXN path. After POR, the normal state of all the flag bits is zero, assuming none of the alarm conditions are present. The status byte is cleared by any
I2C is a trademark of Phillips Corp. 12 ______________________________________________________________________________________
Remote/Local Temperature Sensor with SMBus Serial Interface MAX1617A
Table 5. Configuration-Byte Bit Assignments
BIT 7 (MSB) NAME MASK POR STATE 0 FUNCTION Masks all ALERT interrupts when high. Standby mode control bit. If high, the device immediately stops converting and enters standby mode. If low, the device converts in either one-shot or timer mode. Reserved for future use
Table 7. Conversion-Rate Control Byte
DATA 00h 01h 02h 03h 04h 05h 06h 07h 08h to FFh CONVERSION RATE (Hz) 0.0625 0.125 0.25 0.5 1 2 4 8 RFU AVERAGE SUPPLY CURRENT (A typ, at VCC = 3.3V) 30 33 35 48 70 128 225 425 --
6
RUN/ STOP
0
5-0
RFU
0
Table 6. Status-Byte Bit Assignments
BIT 7 (MSB) 6 5 4 3 2 1 0 (LSB) NAME BUSY LHIGH* LLOW* RHIGH* RLOW* OPEN* RFU RFU FUNCTION A high indicates that the ADC is busy converting. A high indicates that the local hightemperature alarm has activated. A high indicates that the local lowtemperature alarm has activated. A high indicates that the remote hightemperature alarm has activated. A high indicates that the remote lowtemperature alarm has activated. A high indicates a remote-diode continuity (open-circuit) fault. Reserved for future use (returns 0) Reserved for future use (returns 0)
Conversion Rate Byte
The conversion rate register (Table 7) programs the time interval between conversions in free-running auto-convert mode. This variable rate control reduces the supply current in portable-equipment applications. The conversion rate byte's POR state is 02h (0.25Hz). The MAX1617A looks only at the 3 LSB bits of this register, so the upper 5 bits are "don't care" bits, which should be set to zero. The conversion rate tolerance is 25% at any rate setting. Valid A/D conversion results for both channels are available one total conversion time (125ms nominal, 156ms maximum) after initiating a conversion, whether conversion is initiated via the RUN/STOP bit, hardware STBY pin, one-shot command, or initial power-up. Changing the conversion rate can also affect the delay until new results are available (Table 8).
Manufacturer and Device ID Codes
Two ROM registers provide manufacturer and device ID codes (Table 4). Reading the manufacturer ID returns 4Dh, which is the ASCII code "M" (for Maxim). Reading the device ID returns 01h, indicating a MAX1617A device. If READ WORD 16-bit SMBus protocol is employed (rather than the 8-bit READ BYTE), the least significant byte contains the data and the most significant byte contains 00h in both cases.
*These flags stay high until cleared by POR, or until the status byte register is read.
successful read of the status byte, unless the fault persists. Note that the ALERT interrupt latch is not automatically cleared when the status flag bit is cleared. When auto-converting, if the THIGH and TLOW limits are close together, it's possible for both high-temp and lowtemp status bits to be set, depending on the amount of time between status read operations (especially when converting at the fastest rate). In these circumstances, it's best not to rely on the status bits to indicate reversals in long-term temperature changes and instead use a current temperature reading to establish the trend direction.
Slave Addresses
The MAX1617A appears to the SMBus as one device having a common address for both ADC channels. The device address can be set to one of nine different values by pin-strapping ADD0 and ADD1 so that more than one MAX1617A can reside on the same bus without address conflicts (Table 9).
13
______________________________________________________________________________________
Remote/Local Temperature Sensor with SMBus Serial Interface MAX1617A
Table 8. RLTS and RRTE Temp Register Update Timing Chart
OPERATING MODE Auto-Convert Auto-Convert Auto-Convert Auto-Convert Auto-Convert Auto-Convert Auto-Convert Auto-Convert Auto-Convert Auto-Convert Auto-Convert Hardware Standby Software Standby Software Standby CONVERSION INITIATED BY: Power-on reset 1-shot command, while idling between automatic conversions 1-shot command that occurs during a conversion Rate timer Rate timer Rate timer Rate timer Rate timer Rate timer Rate timer Rate timer STBY pin RUN/STOP bit 1-shot command NEW CONVERSION RATE (CHANGED VIA WRITE TO WCRW) n/a (0.25Hz) n/a n/a 0.0625Hz 0.125Hz 0.25Hz 0.5Hz 1Hz 2Hz 4Hz 8Hz n/a n/a n/a TIME UNTIL RLTS AND RRTE ARE UPDATED 156ms max 156ms max When current conversion is complete (1-shot is ignored) 20sec 10sec 5sec 2.5sec 1.25sec 625ms 312.5ms 237.5ms 156ms 156ms 156ms
The address pin states are checked at POR and SPOR only, and the address data stays latched to reduce quiescent supply current due to the bias current needed for high-Z state detection. The MAX1617A also responds to the SMBus Alert Response slave address (see the Alert Response Address section).
Table 9. Slave Address Decoding (ADD0 and ADD1)
ADD0 GND GND GND High-Z High-Z High-Z VCC VCC VCC ADD1 GND High-Z VCC GND High-Z VCC GND High-Z VCC ADDRESS 0011 000 0011 001 0011 010 0101 001 0101 010 0101 011 1001 100 1001 101 1001 110
POR and UVLO
The MAX1617A has a volatile memory. To prevent ambiguous power-supply conditions from corrupting the data in memory and causing erratic behavior, a POR voltage detector monitors VCC and clears the memory if VCC falls below 1.7V (typical, see Electrical Characteristics table). When power is first applied and VCC rises above 1.75V (typical), the logic blocks begin operating, although reads and writes at VCC levels below 3V are not recommended. A second VCC comparator, the ADC UVLO comparator, prevents the ADC from converting until there is sufficient headroom (VCC = 2.8V typical). The SPOR software POR command can force a power-on reset of the MAX1617A registers via the serial interface. Use the SEND BYTE protocol with COMMAND = FCh. This is most commonly used to reconfigure the slave address of the MAX1617A "on the fly," where external hardware has forced new states at the ADD0 and ADD1 address pins prior to the software POR. The new address takes effect less than 100s after the SPOR transmission stop condition.
14
Note: High-Z means that the pin is left unconnected and floating.
Power-Up Defaults: * Interrupt latch is cleared. * Address select pins are sampled. * ADC begins auto-converting at a 0.25Hz rate. * Command byte is set to 00h to facilitate quick remote Receive Byte queries. * THIGH and TLOW registers are set to max and min limits, respectively.
______________________________________________________________________________________
Remote/Local Temperature Sensor with SMBus Serial Interface MAX1617A
A
tLOW
B
tHIGH
C
D
E
F
G
H
I
J
K
L
M
SMBCLK
SMBDATA
tSU:STA
tHD:STA
tSU:DAT
tHD:DAT
tSU:STO tBUF
A = START CONDITION B = MSB OF ADDRESS CLOCKED INTO SLAVE C = LSB OF ADDRESS CLOCKED INTO SLAVE D = R/W BIT CLOCKED INTO SLAVE E = SLAVE PULLS SMBDATA LINE LOW
F = ACKNOWLEDGE BIT CLOCKED INTO MASTER G = MSB OF DATA CLOCKED INTO SLAVE H = LSB OF DATA CLOCKED INTO SLAVE I = SLAVE PULLS SMBDATA LINE LOW
J = ACKNOWLEDGE CLOCKED INTO MASTER K = ACKNOWLEDGE CLOCK PULSE L = STOP CONDITION, DATA EXECUTED BY SLAVE M = NEW START CONDITION
Figure 4. SMBus Write Timing Diagram
A tLOW
B tHIGH
C
D
E
F
G
H
I
J
K
SMBCLK
SMBDATA
tSU:STA tHD:STA A = START CONDITION B = MSB OF ADDRESS CLOCKED INTO SLAVE C = LSB OF ADDRESS CLOCKED INTO SLAVE D = R/W BIT CLOCKED INTO SLAVE
tSU:DAT E = SLAVE PULLS SMBDATA LINE LOW F = ACKNOWLEDGE BIT CLOCKED INTO MASTER G = MSB OF DATA CLOCKED INTO MASTER H = LSB OF DATA CLOCKED INTO MASTER
tSU:STO I = ACKNOWLEDGE CLOCK PULSE J = STOP CONDITION K = NEW START CONDITION
tBUF
Figure 5. SMBus Read Timing Diagram
______________________________________________________________________________________
15
Remote/Local Temperature Sensor with SMBus Serial Interface MAX1617A
Listing 1. Pseudocode Example
16 ______________________________________________________________________________________
Remote/Local Temperature Sensor with SMBus Serial Interface MAX1617A
Listing 1. Pseudocode Example (continued)
Programming Example: Clock-Throttling Control for CPUs
Listing 1 gives an untested example of pseudocode for proportional temperature control of Intel mobile CPUs via a power-management microcontroller. This program consists of two main parts: an initialization routine and an interrupt handler. The initialization routine checks for SMBus communications problems and sets up the MAX1617A configuration and conversion rate. The interrupt handler responds to ALERT signals by reading the current temperature and setting a CPU clock duty factor proportional to that temperature. The relationship between clock duty and temperature is fixed in a lookup table contained in the microcontroller code.
Note: Thermal management decisions should be made based on the latest temperature obtained from the MAX1617A rather than the value of the Status Byte. The MAX1617A responds very quickly to changes in its environment due to its sensitivity and its small thermal mass. High and low alarm conditions can exist in the Status Byte due to the MAX1617A correctly reporting environmental changes around it.
______________________________________________________________________________________
17
Remote/Local Temperature Sensor with SMBus Serial Interface MAX1617A
Listing 1. Pseudocode Example (continued)
18 ______________________________________________________________________________________


▲Up To Search▲   

 
Price & Availability of MAX1617A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X