Part Number Hot Search : 
106M16 MP622 019013 BDW93 M1602 IL6965N FN3116 NCV8769
Product Description
Full Text Search
 

To Download M35045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
DESCRIPTION
The M35045-XXXSP/FP is a TV screen display control IC. It uses a silicon gate CMOS process and is housed in a 20-pin shrink DIP package (M35045-XXXSP) or a 20-pin shrink SOP package (M35045-XXXFP). For M35045-001SP/FP that is a standard ROM version of M35045XXXSP/FP respectively, the character pattern is also mentioned.
PIN CONFIGURATION (TOP VIEW)
CPOUT 1 VIR 2
FEATURES
AC 3 CS 4 SCK 5 SIN 6 TCK 7 VDD1 8 P6 9 P7 10
VDD2 19 VERT 18 HOR 20 17 P5/B 16 P4 15 P3/G 14 P2 13 P1/R 12 P0/BLNK0 11 VSS
M35045 - XXXSP
* Screen composition .................................... 24 columns x 12 lines * Number of characters displayed ................................... 288 (Max.) * Character composition ...................................... 12 x 18 dot matrix * Characters available .............................................. 256 characters * Character sizes available ..................... 4 (horizontal) x 4 (vertical) * Display locations available * * *
Horizontal direction .............................................. 1000 locations Vertical direction .................................................. 1023 locations Blinking .................................................................. Character units Cycle : division of vertical synchronization signal into 64 or 32 Duty : 25%, 50%, or 75% Data input .................................. By the 16-bit serial input function Coloring Character color ..................................................... Character unit Background coloring ............................................. Character unit Matrix-outline (shadow) coloring .............. 8 colors (RGB output) Specified by register Border coloring ......................................... 8 colors (RGB output) Specified by register Raster coloring ......................................... 8 colors (RGB output) Specified by register Blanking Blanking off Character size blanking Border size blanking Matrix-outline blanking All blanking (all raster area) Output ports 4 shared output ports (toggled between RGB output) 4 dedicated output ports Display RAM erase function Display input frequency range ................... FOSC = 30MHz-80MHz
Outline 20P4B
CPOUT 1 VIR 2
20
AC 3 CS 4 SCK 5 SIN 6 TCK 7 VDD1 8 P6 9 P7 10
VDD2 19 VERT 18 HOR 17 P5/B 16 P4 15 P3/G 14 P2 13 P1/R 12 P0/BLNK0 11 VSS
M35045 - XXXFP
*
Outline 20P2Q-A
* * *
APPLICATION
Monitor
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PIN DESCRIPTION
Pin Number 1 Symbol CPOUT Pin name Phase difference Input/ Output Output Connect loop filter to this pin.
1pin 2.4k1 0.1F2 CPOUT
Function
4700pF 2
1 Use at 1% precision 2 Use at 10% precision
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
VIR
__
Frequency control Auto-clear input Chip select input Serial clock input Serial data input Test clock Power pin Port P6 output Port P7 output Earthing pin Port P0 output Port P1 output Port P2 output Port P3 output Port P4 output Port P5 output Horizontal synchronization signal input Vertical synchronization signal input Power pin
- Input Input Input Input Input - Output Output - Output Output Output Output Output Output Input Input -
Connect to GND. When "L", this pin resets the internal IC circuit. Hysteresis input. Includes built-in pull-up resistor. This is the chip select pin, and when serial data transmission is being carried out, it goes to "L". Hysteresis input. Includes built-in pull-up resistor.
__
AC
__
CS SCK SIN TCK VDD1 P6 P7 VSS P0/BLNK0 P1/R P2 P3/G P4 P5/B HOR VERT VDD2
When CS pin is "L", SIN serial data is taken in when SCK rises. Hysteresis input. Built-in pull-up resistor is included. This is the pin for serial input of data and addresses for the display control register and the display data memory. Hysteresis input. Includes built-in pull-up resistor. Input for test. Please connect to GND using circuit earthing pin. Please connect to +5V with the power pin. This is the output port. Port data is set by PTD6. This is the output port. Port data is set by PTD7. Please connect to GND using circuit earthing pin. This pin can be toggled between port pin output and BLNK0 signal output. This pin can be toggled between port pin output and R signal output. This is the output port. Port data is set by PTD2. This pin can be toggled between port pin output and G signal output. This is the output port. Port data is set by PTD4. This pin can be toggled between port pin output and B signal output. This pin inputs the horizontal synchronization signal. Hysteresis input. This pin inputs the vertical synchronization signal. Hysteresis input. Please connect to +5V with the power pin.
2
BLOCK DIAGRAM
CPOUT 1 18 19
HOR
VERT
CS Clock oscillation circuit for display Polarity switching circuit
4
SCK
5
Input control circuit
SIN Synchronous signal switching circuit
6
VDD1 H counter
8
Data control circuit Timing generator
Address control circuit
VDD2 20
AC
3
Display control register
Display location detection circuit
12 P0/BLNK0 13 P1/R Polarity switching circuti 15 P3/G 17 P5/B
VSS 11
VIR
2
Display RAM Blinking circuit
Reading address control circuit
14 P2
16 P4 Port output control circuit Display control circuit 9 P6
TCK Shift register
7
Display character ROM
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35045-XXXSP/FP
10 P7
MITSUBISHI MICROCOMPUTERS
3
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MEMORY CONSTITUTION
Address 00016 to 11F16 are assigned to the display RAM, address 12016 to 12816 are assigned to the display control registers. The internal circuit is reset and all display control registers (address 12016 to 12816) are set to "0" and display RAM (address 00016 to 11F16) __ are set to "FF16" when the AC pin level is "L". Memory constitution is shown in Figure 1.
SCREEN CONSTITUTION
The screen lines and rows are determined from each address of the display RAM. The screen constitution is shown in Figure 2.
DAF 00016 ......... 11F16 12016 12116 12216 12316 12416 12516 12616 12716 12816 Row Line 1 2 3 4 5 6 7 8 9 10 11 12 1 00016 01816 03016 04816 06016 07816 09016 0A816 0C016 4 0 ......... 0 0 0 0 0 0 0 0 0 0
DAE BB
DAD BG
DAC BR
DAB BLINK Blinking
DAA B
DA9 G
DA8 R
DA7 C7
DA6 C6
DA5 C5
DA4 C4
DA3 C3
DA2 C2
DA1 C1
DA0 C0
Background coloring BB 0 0 0 0 0 0 0 0 0 BG BR
Character color
Character code
BLINK
B
G DIV9
R DIV8
C7 DIV7
C6 DIV6
C5 DIV5
C4 DIV4
C3 DIV3
C2 DIV2
C1 DIV1
C0 DIV0
DIVS2 DIVS1 DIVS0 DIV10 PTD7 PTD6 PTD5
PTD4 PTD3 PTD2 PTD1 PTD0 PTC5 PTC4 PTC3 PTC2 PTC1 PTC0 HP9 VP9 HP8 VP8 HP7 VP7 HP6 VP6 HP5 VP5 HP4 VP4 HP3 VP3 HP2 VP2 HP1 VP1 HP0 VP0
SPACE2 SPACE1 SPACE0 TEST9 TEST3 TEST2 TEST1 TEST0
TEST5 TEST4 DSP11 DSP10 DSP9 DSP8 DSP7 DSP6 DSP5 DSP4 DSP3 DSP2 DSP1 DSP0 VSZ1H1 VSZ1H0 VSZ1L1 VSZ1L0 V1SZ1 V1SZ0 LIN9 LIN8 LIN7 LIN6 LIN5 LIN4 LIN3 LIN2
VSZ2H1 VSZ2H0 VSZ2L1 VSZ2L0 V18SZ1 V18SZ0 LIN17 LIN16 LIN15 LIN14 LIN13 LIN12 LIN11 LIN10 HSZ21 HSZ20 HSZ11 HSZ10 BETA14 TEST8 TEST7 TEST6 BLINK2 BLINK1 BLINK0 DSPON STOP RAMERS SYAD BLK1 FB FG FR RB RG
__
RR BCOL
BLK0 POLH POLV VMASK
B/F
Fig. 1 Memory constitution
2 00116 01916 03116 04916 06116 07916 09116 0A916 0C116
3 00216 01A16 03216 04A16 06216 07A16 09216 0AA16 0C216
4 00316 01B16 03316 04B16 06316 07B16 09316 0AB16 0C316
5 00416 01C16 03416 04C16 06416 07C16 09416 0AC16 0C416
6 00516 01D16 03516 04D16 06516 07D16 09516 0AD16 0C516
7 00616 01E16 03616 04E16 06616 07E16 09616 0AE16 0C616
8 00716 01F16 03716 04F16 06716 07F16 09716 0AF16 0C716
9 00816 02016 03816 05016 06816 08016 09816 0B016 0C816
10 00916 02116 03916 05116 06916 08116 09916 0B116 0C916
11 00A16 02216 03A16 05216 06A16 08216 09A16 0B216 0CA16
12 00B16 02316 03B16 05316 06B16 08316 09B16 0B316 0CB16
13 00C16 02416 03C16 05416 06C16 08416 09C16 0B416 0CC16
14 00D16 02516 03D16 05516 06D16 08516 09D16 0B516 0CD16
15 00E16 02616 03E16 05616 06E16 08616 09E16 0B616 0CE16
16 00F16 02716 03F16 05716 06F16 08716 09F16 0B716 0CF16
17 01016 02816 04016 05816 07016 08816 0A016 0B816 0D016
18 01116 02916 04116 05916 07116 08916 0A116 0B916 0D116
19 01216 02A16 04216 05A16 07216 08A16 0A216 0BA16 0D216
20 01316 02B16 04316 05B16 07316 08B16 0A316 0BB16 0D316
21 01416 02C16 04416 05C16 07416 08C16 0A416 0BC16 0D416
22 01516 02D16 04516 05D16 07516 08D16 0A516 0BD16 0D516
23 01616 02E16 04616 05E16 07616 08E16 0A616 0BE16 0D616
24 01716 02F16 04716 05F16 07716 08F16 0A716 0BF16 0D716
0D816 0D916 0DA16 0DB16 0DC16 0DD16 0DE16 0DF16 0E016 0E116 0E216 0E316 0E416 0E516 0E616 0E716 0E816 0E916 0EA16 0EB16 0EC16 0ED16 0EE16 0EF16 0F016 0F116 0F216 0F316 0F416 0F516 0F616 0F716 0F816 0F916 0FA16 0FB16 0FC16 0FD16 0FE16 0FF16 10016 10116 10216 10316 10416 10516 10616 10716 10816 10916 10A16 10B16 10C16 10D16 10E16 10F16 11016 11116 11216 11316 11416 11516 11616 11716 11816 11916 11A16 11B16 11C16 11D16 11E16 11F16
* The hexadecimal numbers in the boxes show the display RAM address.
Fig. 2 Screen constitution
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
REGISTERS DESCRIPTION
(1) Address 12016 Contents DA Register Status 0 0 DIV0 1 FOSC = fH x N1 0 1 DIV1 1 0 2 DIV2 1 0 3 DIV3 1 0 4 DIV4 1 0 5 DIV5 1 0 6 DIV6 1 0 7 DIV7 1 0 8 DIV8 1 0 9 DIV9 1 0 A DIV10 1 0 B DIVS0 1 0 C DIVS1 1 0 D DIVS2 1 Can not be used.
__
Remarks Function Set multiply value (frequency value) of horizontal synchronous frequency. Display frequency is computed as shown below.
10
N1 =
n=0
(DIVn x 2n)
FOSC [MHz] : Display frequency : Horizontal synchronous fH [kHz] signal frequency to HOR pin. N1 : Shown left Set display frequency FOSC to within 30MHz to 80MHz range. When display frequency FOSC, set frequency value N2 in association with DIVS0 and DIVS1.
N1: frequency value
Set frequency value N2
DIVS 1 0 0 1 1 0 0 1 0 1 Frequency value N2 Division into 2 Division into 3 Division into 4 Do not set
Set frequency value N2 in association with display frequency range.
Display frequency 55 ~ 80 40 ~ 55 30 ~ 40 Frequency value N2 Division into 2 Division into 3 Division into 4
It should be fixed to "0".
Note: The mark around the status value means the reset status by the "L" level is input to AC pin.
5
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
(2) Address 12116 Contents DA Register Status 0 0 PTC0 1 0 1 PTC1 1 0 2 PTC2 1 0 3 PTC3 1 0 4 PTC4 1 0 5 PTC5 1 0 6 PTD0 1 0 7 PTD1 1 0 8 PTD2 1 0 9 PTD3 1 0 A PTD4 1 0 B PTD5 1 0 C PTD6 1 0 D PTD7 1 "H" output (P7 output). "H" output (P6 output). "L" output (P7 output). P7 pin exclusive port output state control. "H" output (P5 output) or positive polarity output (B signal output). "L" output (P6 output). P6 pin exclusive port output state control. "H" output (P2 output). "L" output (P5 output) or negative polarity output (B signal output). P5 pin data control. "H" output (P3 output) or positive polarity output (G signal output). "L" output (P2 output). P4 pin exclusive port output state control. "H" output (P2 output). "L" output (P3 output) or negative polarity output (G signal output). P3 pin data control. "H" output (P1 output) or positive polarity output (R signal output). "L" output (P2 output). P2 pin exclusive port output state control. "H" output (P0 output) or positive polarity output (BLNK0 output). "L" output (P1 output) or negative polarity output (R signal output). P1 pin data control. B signal output. Polarity is set by PTD5. "L" output (P0 output) or negative polarity output (BLNK0 output). P0 pin data control. Do not set. P5 output (port P5). Port data is set by PTD5. G signal output. Polarity is set by PTD3. P4 output (port P4). Port data is set by PTD4. Do not set. P3 output (port P3). Port data is set by PTD3. R signal output. Polarity is set by PTD1. P2 output (port P2). Port data is set by PTD2. BLNK0 output. Polarity is set by PTD0. P1 output (port P1). Port data is set by PTD1. Function P0 output (port P0). Port data is set by PTD0. BLNK0 outputs blanking signal. Blanking status is determined by BLK0, BLK1, and DSP0 to DSP11 settings. Remarks
6
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
(3) Address 12216 Contents DA Register Status HP0 (LSB) 0 1 0 1 HP1 1 0 2 HP2 1 0 3 HP3 1 0 4 HP4 1 0 5 HP5 1 0 6 HP6 1 0 7 HP7 1 0 8 HP8 1 HP9 (MSB) 0 1 0 A TEST9 1 0 B SPACE0 1 0 C SPACE1 1 0 D SPACE2 1
2 0 0 0 0 1 1 1 1
Remarks Function If HS is the horizontal display start location, HS = T x ( 2nHPn + N).
n=0 9
0
T: The cycle of display frequency
HSZ11 HSZ21 0 0 1 1 HSZ10 HSZ20 0 1 0 1 N 6 7 8 9
Horizontal display start location is specified using the 10 bits from HP9 to HP0. Note: HP9 to 0 = (00000000002) and (00000101112) setting is forbidden
1000 settings are possible.
9
It should be fixed to "0". Can not be used.
SPACE 1 0 0 1 1 0 0 1 1 Number of Lines and Space (I represents space) 12 1 I 10 I 1 2I 8 I2 3I 6 I3 4I 4 I4 5I 2 I5 6I6 6II6
0 0 1 0 1 0 1 0 1
Leave one line worth of space in the vertical direction. For example, 6 I 6 indicates two sets of 6 lines with a line of spaces between lines 6 and 7. A line is 18 x N horizontal scan lines. N is determined by the character size in the vertical direction as follows: x1 N = 1 x2 N = 2 x3 N = 3 x4 N = 4
I represents one line worth of spaces.
7
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
(4) Address 12316 Contents DA Register Status VP0 (LSB) 0 1 0 1 VP1 1
HOR
Remarks Function If VS is the vertical display start location, VS = H x ( The vertical start location is specified using the 10 bits from VP9 to VP0. VP9 to VP0 = (00000000002) setting is forbidden. _ Note 1: In case of B/F register is "0".
0
n=0
2nVPn).
9
H: Cycle with the horizontal synchronizing pulse 1023 settings are possible.
0 2 VP2 1
VP
0 3 VP3
VERT
1 0 4 VP4 1 0 5 VP5 1 0 6 VP6 1 0 7 VP7 1 0 8 VP8 1 VP9 (MSB) 0 1 0 A TEST0 1 0 B TEST1 1 0 C TEST2 1 0 D TEST3 1
HP Character displaying area
9
It should be fixed to "0". Can not be used. It should be fixed to "0". Can not be used. It should be fixed to "0". Can not be used. It should be fixed to "0". Can not be used.
8
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
(5) Address 12416 Contents DA Register Status 0 0 DSP0 1 0 1 DSP1 1 0 2 DSP2 1 0 3 DSP3 1 0 4 DSP4 1 0 5 DSP5 1 0 6 DSP6 1 0 7 DSP7 1 0 8 DSP8 1 0 9 DSP9 1 0 A DSP10 1 0 B DSP11 1 0 C TEST4 1 0 D TEST5 1 Can not be used. Can not be used. It should be fixed to "0". Blanking is in the display mode specified by except BLK0 and BLK1. It should be fixed to "0". Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. Sets the display mode of line 12. Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. Sets the display mode of line 11. Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. (Note) Sets the display mode of line 10. Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. (Note) Sets the display mode of line 9. Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. (Note) Sets the display mode of line 8. Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. (Note) Sets the display mode of line 7. Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. (Note) Sets the display mode of line 6. Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. (Note) Sets the display mode of line 5. Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. (Note) Sets the display mode of line 4. Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. (Note) Sets the display mode of line 3. Blanking is in the display mode specified by except BLK0 and BLK1. Blanking is in the display mode specified by BLK0 and BLK1. (Note) Sets the display mode of line 2. Function Blanking is in the display mode specified by BLK0 and BLK1. (Note) Sets the display mode of line 1. Remarks
Note: Refer to DISPLAY FORM1.
9
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
(6) Address 12516 Contents DA Register Status 0 0 LIN2 1 0 1 LIN3 1 0 2 LIN4 1 0 3 LIN5 1 0 4 LIN6 1 0 5 LIN7 1 0 6 LIN8 1 0 7 LIN9 1 0 8 V1SZ0 1 0 9 V1SZ1 1 0 A VSZ1L0 1 0 B VSZ1L1 1 0 C VSZ1H0 1 0 D VSZ1H1 1 Function The first line is set by VSZ1L0 and VSZ1L1. The second to 12th lines are set by VSZ2L0 and VSZ2L1. The first line is set by VSZ1H0 and VSZ1H1. The second to 12th lines are set by VSZ2H0 and VSZ2H1. The first line is set by VSZ1L0 and VSZ1L1. The second to 12th lines are set by VSZ2L0 and VSZ2L1. The first line is set by VSZ1H0 and VSZ1H1. The second to 12th lines are set by VSZ2H0 and VSZ2H1. The first line is set by VSZ1L0 and VSZ1L1. The second to 12th lines are set by VSZ2L0 and VSZ2L1. The first line is set by VSZ1H0 and VSZ1H1. The second to 12th lines are set by VSZ2H0 and VSZ2H1. The first line is set by VSZ1L0 and VSZ1L1. The second to 12th lines are set by VSZ2L0 and VSZ2L1. The first line is set by VSZ1H0 and VSZ1H1. The second to 12th lines are set by VSZ2H0 and VSZ2H1. The first line is set by VSZ1L0 and VSZ1L1. The second to 12th lines are set by VSZ2L0 and VSZ2L1. The first line is set by VSZ1H0 and VSZ1H1. The second to 12th lines are set by VSZ2H0 and VSZ2H1. The first line is set by VSZ1L0 and VSZ1L1. The second to 12th lines are set by VSZ2L0 and VSZ2L1. The first line is set by VSZ1H0 and VSZ1H1. The second to 12th lines are set by VSZ2H0 and VSZ2H1. The first line is set by VSZ1L0 and VSZ1L1. The second to 12th lines are set by VSZ2L0 and VSZ2L1. The first line is set by VSZ1H0 and VSZ1H1. The second to 12th lines are set by VSZ2H0 and VSZ2H1. The first line is set by VSZ1L0 and VSZ1L1. The second to 12th lines are set by VSZ2L0 and VSZ2L1. The first line is set by VSZ1H0 and VSZ1H1. The second to 12th lines are set by VSZ2H0 and VSZ2H1. H: Cycle with the horizontal synchronizing pulse
V1SZ1 V1SZ0 0 0 0 1 1 0 1 1 Vertical direction size 1H/dot 2H/dot 3H/dot 4H/dot
Remarks
Character size setting in the vertical direction for the 2nd line.
Character size setting in the vertical direction for the 3rd line.
Character size setting in the vertical direction for the 4th line.
Character size setting in the vertical direction for the 5th line.
Character size setting in the vertical direction for the 6th line.
Character size setting in the vertical direction for the 7th line.
Character size setting in the vertical direction for the 8th line.
Character size setting in the vertical direction for the 9th line.
Character size setting in the vertical direction for the 1st line. (display monitor 1 ~ 12 line)
H: Cycle with the horizontal synchronizing pulse
VSZ1L1 VSZ1L0 Vertical direction size 0 0 1H/dot 0 1 2H/dot 1 0 3H/dot 1 1 4H/dot
Character size setting in the vertical direction (display monitor 1 line) at "0" state in register LIN2 ~ LIN17.
H: Cycle with the horizontal synchronizing pulse
VSZ1H1 VSZ1H0 Vertical direction size 1H/dot 0 0 2H/dot 0 1 3H/dot 1 0 4H/dot 1 1
Character size setting in the vertical direction (display monitor 1 line) at "1" state in register LIN2 ~ LIN17.
10
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
(7) Address 12616 Contents DA Register Status 0 0 LIN10 1 0 1 LIN11 1 0 2 LIN12 1 0 3 LIN13 1 0 4 LIN14 1 0 5 LIN15 1 0 6 LIN16 1 0 7 LIN17 1 0 8 V18SZ0 1 0 9 V18SZ1 1 0 A VSZ2L0 1 0 B VSZ2L1 1 0 C VSZ2H0 1 0 D VSZ2H1 1 Function The first line is set by VSZ1L0 and VSZ1L1. The second to 12th lines are set by VSZ2L0 and VSZ2L1. The first line is set by VSZ1H0 and VSZ1H1. The second to 12th lines are set by VSZ2H0 and VSZ2H1. The first line is set by VSZ1L0 and VSZ1L1. The second to 12th lines are set by VSZ2L0 and VSZ2L1. The first line is set by VSZ1H0 and VSZ1H1. The second to 12th lines are set by VSZ2H0 and VSZ2H1. The first line is set by VSZ1L0 and VSZ1L1. The second to 12th lines are set by VSZ2L0 and VSZ2L1. The first line is set by VSZ1H0 and VSZ1H1. The second to 12th lines are set by VSZ2H0 and VSZ2H1. The first line is set by VSZ1L0 and VSZ1L1. The second to 12th lines are set by VSZ2L0 and VSZ2L1. The first line is set by VSZ1H0 and VSZ1H1. The second to 12th lines are set by VSZ2H0 and VSZ2H1. The first line is set by VSZ1L0 and VSZ1L1. The second to 12th lines are set by VSZ2L0 and VSZ2L1. The first line is set by VSZ1H0 and VSZ1H1. The second to 12th lines are set by VSZ2H0 and VSZ2H1. The first line is set by VSZ1L0 and VSZ1L1. The second to 12th lines are set by VSZ2L0 and VSZ2L1. The first line is set by VSZ1H0 and VSZ1H1. The second to 12th lines are set by VSZ2H0 and VSZ2H1. The first line is set by VSZ1L0 and VSZ1L1. The second to 12th lines are set by VSZ2L0 and VSZ2L1. The first line is set by VSZ1H0 and VSZ1H1. The second to 12th lines are set by VSZ2H0 and VSZ2H1. The first line is set by VSZ1L0 and VSZ1L1. The second to 12th lines are set by VSZ2L0 and VSZ2L1. The first line is set by VSZ1H0 and VSZ1H1. The second to 12th lines are set by VSZ2H0 and VSZ2H1. H: Cycle with the horizontal synchronizing pulse
V18SZ1 V18SZ0 Vertical direction size 1H/dot 0 0 2H/dot 0 1 3H/dot 1 0 4H/dot 1 1
Remarks
Character size setting in the vertical direction for the 10th line.
Character size setting in the vertical direction for the 11th line.
Character size setting in the vertical direction for the 12th line.
Character size setting in the vertical direction for the 13th line.
Character size setting in the vertical direction for the 14th line.
Character size setting in the vertical direction for the 15th line.
Character size setting in the vertical direction for the 16th line.
Character size setting in the vertical direction for the 17th line.
Character size setting in the vertical direction for the 18th line. (display monitor 1 ~ 12 line)
H: Cycle with the horizontal synchronizing pulse
VSZ2L1 VSZ2L0 Vertical direction size 0 0 1H/dot 0 1 2H/dot 1 0 3H/dot 1 1 4H/dot
Character size setting in the vertical direction (display monitor for 2 ~ 12 line) at "0" state in register LIN2 ~ LIN17.
H: Cycle with the horizontal synchronizing pulse
VSZ2H1 VSZ2H0 Vertical direction size 1H/dot 0 0 2H/dot 0 1 3H/dot 1 0 4H/dot 1 1
Character size setting in the vertical direction (display monitor for 2 ~ 12 line) at "1" state in register LIN2 ~ LIN17.
11
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
(8) Address 12716 Contents DA Register Status 0 0 RR 1 0 1 RG 1 0 2 RB 1 0 3 FR 1 0 4 FG 1 0 5 FB 1 0 6 TEST6 1 0 7 TEST7 1 0 8 TEST8 1 0 9 BETA14 1 0 A HSZ10 1 0 B HSZ11 1 0 C HSZ20 1 0 D HSZ21 1 Matrix-outline display (14 x 18 dot) T: Display frequency cycle
HSZ11 0 0 1 1 HSZ10 0 1 0 1 Vertical direction size 1T/dot 2T/dot 3T/dot 4T/dot BB 0 0 0 0 1 1 1 1 BG 0 0 1 1 0 0 1 1 BR 0 1 0 1 0 1 0 1 Color Black Red Green Yellow Blue Magenta Cyan White RB 0 0 0 0 1 1 1 1 RG 0 0 1 1 0 0 1 1 RR 0 1 0 1 0 1 0 1
Remarks Function
Color Black Red Green Yellow Blue Magenta Cyan White
Sets the color of all blankings.
Sets the blanking color of the Border size, or the shadow size.
It should be fixed to "0". Can not be used. It should be fixed to "0". Can not be used. It should be fixed to "0". Can not be used. Matrix-outline display (12 x 18 dot) Set this register to the character font set by display RAM BR, BG and BB.
Character size setting in the vertical direction for the first line.
T: Display frequency cycle
VSZ21 0 0 1 1 HSZ20 0 1 0 1 Vertical direction size 1T/dot 2T/dot 3T/dot 4T/dot
Character size setting in the vertical direction for the 2nd line to 12th line.
12
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
(9) Address 12816 Contents DA Register Status 0 0 BCOL 1
__
Remarks Function Blanking of BLK0, BLK1 All raster blanking Synchronize with the leading edge of horizontal synchronization. Synchronize with the trailing edge of horizontal synchronization. Do not mask by VERT input signal Mask by VERT input signal VERT pin polarity is negative electrode VERT pin polarity is positive electrode HOR pin polarity is negative electrode HOR pin polarity is positive electrode
BLK 1 0 0 1 1 0 0 1 0 1
Sets all raster blanking
0 1 0
1
B/F
Synchronize with the front porch or back porch of the horizontal synchronazation signal. This register has or do not have mask at phase comparison operating.
2
VMASK 1 0
Set VERT pin polarity.
3
POLV 1 0
Set HOR pin polarity.
4
POLH 1 0
5
BLK0 1 0
Blanking mode Matrix-outline size Character size Border size Matrix-outline size
Set blanking mode. (Note 1) An example of blanking mode at BCOL = "0", DSPn = "0" (n = 0 ~ 11) shown left.
6
BLK1 1 0
Border display of character Shadow display of character RAM not erased RAM erased Oscillation of clock for display Stop the oscillation of clock for display Display OFF Display ON
BLINK 1 0 0 1 1 0 0 1 0 1
(Note 2)
7
SYAD 1 0
8
RAMERS 1 0
There is no need to reset because there is no register for this bit.
9
STOP 1 0
R, G, B and BLNK0 output can be altered.
Display can be altered.
A
DSPON 1 0
Blinking duty ratio can be altered.
Duty Blinking OFF 25% 50% 75%
B
BLINK0 1 0
C
BLINK1 1 0
Divided into 64 of vertical synchronous signal Divided into 32 of vertical synchronous signal
Blinking frequency can be altered.
D
BLINK2 1
Notes 1: Refer to DISPLAY FORM 1 2: Refer to DISPLAY FORM 3
13
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
DISPLAY FORM1
Table 1 shows display form of blanking.
Table 1. Display mode
Standard blanking BCOL BLK1 BLK0 When the all of registers DSPn (Note 2) are set to "0" Matrix-outline and border display. color set: FR, FG, FB or display RAM (Note 4) When some of registers DSPi are set to "1" DSPn = 0 Matrix-outline and border display. color set: FR, FG, FB or display RAM (Note 4) DSPn = 1 Matrix-outline display color set: display RAM (Note 3) Border display color set: display RAM (Note 3) Matrix-outline display color set: display RAM (Note 3) DSPn = "0" line Matrix-outline size DSPn = "1" line DSPn = "0" lineCharacter size DSPn = "1" lineBorder size DSPn = "0" lineBorder size DSPn = "1" lineMatrix-outline size DSPn = "0" lineMatrix-outline size Character DSPn = "1" lineCharacter size Matrix-outline display color set: display RAM (Note 3) Border display color set: display RAM (Note 3) All blanking size 1 0 Border display color set: display RAM (Note 3) Matrix-outline display color set: display RAM (Note 3) Border display color set: display RAM (Note 3) Matrix-outline display color set: display RAM (Note 3) Matrix-outline display color set: display RAM (Note 3) BLNK0 output
0
0
0 0 1
1
Character
Character
0
Border display color set: display RAM (Note 3) Matrix-outline display color set: display RAM (Note 3) Matrix-outline and border display. color set: FR, FG, FB or display RAM (Note 4)
Border display color set: display RAM (Note 3) Matrix-outline display color set: display RAM (Note 3) Matrix-outline and border display. color set: FR, FG, FB or display RAM (Note 4)
1
1
0
0
0 1 (Note 1)
1
Character
Character
1
1
Character
Notes 1: Color setting of raster area is set by register RR, RG and RB. 2: DSPn (n = 0 ~ 11) 3: Set by BR, BG and BB of display RAM. 4: Set border by register FR, FG and FB. Set matrix-outline by BR, BG and BB of display RAM.
14
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
Display form 2
M35045-XXXSP has the following four display forms. (1) Character size : Blanking same as the character size. (2) Border size : Blanking the background as a size from character. (3) Matrix-outline size : Blanking the background 12 x 18 dot. When set register BETA14 to "1", setting of blanking the background 14 x 18 dot is possible. (4) All blanking size : When set register BCOL to "1", all raster area is blanking.
Register BCOL = "0" 12dots 12dots 12dots 12dots
Scanning
Set character color by display RAM1 (address 0 to 11F16)
Set border color by display RAM1
Set matrix - outline color by display RAM3
Set border color by register FR,FG and FB
R,G or B output Set matrix - outline color by RAM for display3 BLNK0 output (1) Character display (character size)2 (2) Border display (border size) (3) Matrix - outline display (matrix-outline size) (4) Matrix - outline and border display (matrix-outline size)
Register BCOL = "1" 12dots 12dots 12dots 12dots
Scanning
Set character color by display RAM1 (address 0 to 11F16)
Set raster area color by register RR,RG and RB
Set matrix - outline color by display RAM3
Set border color by register FR,FG and FB
R,G or B output Set border color by display RAM1 Set matrix - outline color by display RAM3
"H" level BLNK0 output GND level (1) Character display (all blanking size)2
(2) Border display (all blanking size)
(3) Matrix - outline display (all blanking size)
(4) Matrix - outline and border display (all blanking size)
1 Red,Blue,Yellow,Green,Magenta,Cyan, White and Black are set possible. 2 ( ) is blanking mode. 3 All matrix - outline horizontal direction size is able to set to 14dots by register BETA14
(BLNK0 output by 14dots).
Fig. 3 Display form
15
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
Display form 3
When border display mode, if set SYAD = "0" to "1", it change to shadow display mode. Border and shadow display are shown below.
Border display
Shadow display
Fig. 4 Border and shadow display
Set shadow display color by display RAM or register FR, FG and FB.
16
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
DATA INPUT EXAMPLE
Data of display RAM and display control registers can be set by the serial input function. Example of data setting is shown in Figure 5.
Example of data setting by the serial input function (M35045-XXXSP/FP)
DAF DAE DAD DAC DAB DAA DA9 DA8 DA7 DA6 DA5 DA4 DA3 DA2 DA1 DA0 200 msec hold 1 2 3 4 5 6 7 8 9 address 12016 data data data data data data data data 12016 12116 12216 12316 12416 12516 12616 12716 12816 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 0 0 0 0 0 Addition System set-up Address set
Setting frequency DIVS1 DIVS0 DIV10 DIV9 DIV8 DIV7 DIV6 DIV5 DIV4 DIV3 DIV2 DIV1 DIV0 dividing value (Note 1) 1 0 0 0 0 0 0 0 PTD4 0 0 0 0 0 0 0 1 PTD2 1 1 1 0 1 0 1 1 Output setting
PTD7 PTD6 0 0 0 0 0 0 0 0 0 0 0 0 0 0
HP9 HP8 HP7 HP6 HP5 HP4 HP3 HP2 HP1 HP0 Horizontal display location setting VP9 VP8 VP7 VP6 VP5 VP4 VP3 VP2 VP1 VP0 Vertical display location setting 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 1 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Display form setting Character size setting Character size setting Color, character size setting Display OFF, display form (Note 2)
10 data
POLH POLV
200 msec hold 11 data 12 ......... 297 298 data 11F16 0 0 0 BB 0 0 BG 0 0 BR BLINK 0 0 0 0 B 0 1 G 0 0 R 1 0 C7 0 0 C6 0 1 C5 1 1 C4 0 C3 1 C2 0 0 C1 0 0 C0 0 0 Address setting Display ON, display form (Note 2) 300 data 00016 ............ 12816 0 ............ BB BG BR BLINK B G R C7 C6 C5 C4 C3 C2 C1 C0
Character background color
Blinking
Character color
Character code
Character setting
299 address 12816
POLH POLV
Notes 1: Input horizontal synchronous signal to HOR pin. 2: Matrix-outline display in this data. Fig. 5 Example of data setting by the serial input function
17
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
SERIAL DATA INPUT TIMING
(1) (2) (3) (4) Serial data should be input with the LSB first. The address consists of 16 bits. The data consists of 16 bits. __ The 16 bits in the SCK after the CS signal has fallen are the address, and for succeeding input data, the address is incremented every 16 bits.
CS
SCK
SIN LSB Address(16 bits) MSB LSB Data(16 bits) N MSB LSB Data(16 bits) N+1 N = 1,2,3......... MSB
Fig. 6 Serial input timing
18
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
CHARACTER FONT
Images are composed on a 12 x 18 dot matrix, and characters can be linked vertically and horizontally with other characters to allow the display the continuous symbols.
12 dots
18 dots
When the character extends to the top line of the matrix, no border is left at the top.
When the character extends to the bottom(18th) line of the matrix, no border is left at the bottom. Note : Hatching represents border.
Fig. 7 Example for displaying a continuous pattern after combining characters in the horizontal or vertical direction
Character code FF16 is fixed as a blank without background. Therefore, you cannot register a character font in this code.
19
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
TIMING REQUIREMENTS (Ta = -20C to + 85C, VDD = 50.25V, unless otherwise noted)
Symbol tw(SCK) __ tsu(CS) __ th(CS) tsu(SIN) th(SIN) tword SCK width
__
Parameter
CS setup time __ CS hold time SIN setup time SIN hold time 1 word writing time
Min. 200 200 2 200 200 10
Limits Typ. -- -- -- -- -- --
Max. -- -- -- -- -- --
Unit ns ns s ns ns s
Remarks
See Figure 8
tw(CS) 1ms(min.) CS
tsu(CS)
tw(SCK)
tw(SCK)
th(CS)
SCK
tsu(SIN)
th(SIN)
SIN
CS tword more than 2 s SCK 1 2 ... 12 13 14 15 16 1 ... 12 13 14 15 16
Fig. 8 Serial input timing requirements
20
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
EXAMPLE OF THE M35045-XXXSP/FP CLOCK PERIPHERAL CIRCUIT
Horizontal synchronous signal (5V) Synchronous signal generator Vertical synchronous signal (5V) + 5V
1 2.4k(Note1) 0.1mF(Note2) 4700pF(Note2) +- 1F Microcomputer 2 3 4 5 6 7 8 9 10 + 5V
CPOUT VIR AC CS SCK SIN TCK VDD1 P6 P7 100F +- 1F 0.01F
VDD2 VERT HOR P5/B P4 P3/G P2 P1/R
20 19 18 17 16 15 14 13 12 11 100F -+ 1F 0.01F G Mixing video pre - amp R BLNK0 B
M35045 - XXXSP
P0/BLNK0 VSS
Note 1 : Use this 1% precision element. Note 2 : Use this 10% precision element.
Fig. 9 Example of the M35045-XXXSP peripheral circuit (M35045-XXXFP peripheral circuit is same as that of M35045-XXXSP)
Note for waveform timing of the horizontal signals to the HOR pin.
Set horizontal synchronous signal edge waveform timing to under 5ns and input to HOR pin. _ Set only the side which set by B/F register waveform timing under 5ns and input to HOR pin. _ : Set front porch edge or back porch edge by B/F register.
tf
tr
90% Horizontal synchronous signal input 10%
21
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
ABSOLUTE MAXIMUM RATINGS
Symbol VDD VI VO Pd Topr Tstg Supply voltage Input voltage Output voltage Power dissipation Operating temperature Storage temperature Ta = 25C Parameter Conditions With respect to VSS. Ratings -0.3 to +6.0 VSS -0.3 < VI < VDD +0.3 VSS < VO < VDD 300 -20 to +85 -40 to +125 Unit V V V mW C C
RECOMMENDED OPERATING CONDITIONS (VDD = 5V, Ta = -20 to +85C, unless otherwise noted)
Symbol VDD VIH VIL FOSC Supply voltage Parameter
__ __ __ __
Min. 4.75 0.8VDD 0 30.0
Limits Typ. 5.0 VDD 0 --
Max. 5.25 VDD 0.2VDD 80.0
Unit V V V MHz
"H" level input voltage SIN, SCK, CS, AC HOR, VERT "L" level input voltage SIN, SCK, CS, AC HOR, VERT Oscillating frequency for display
ELECTRICAL CHARACTERISTICS (VDD = 5V, Ta = 25C, unless otherwise noted)
Symbol VDD IDD VOH VOL RI Supply voltage Supply current P0 ~ P7 "H" level output voltage "L" level output voltage
__
Parameter
Test conditions Ta = -20 to +85C VDD = 5.25V VDD = 4.75V, IOH = 0.4mA VDD = 4.75V, IOH = 0.05mA VDD = 4.75V, IOL = 0.4mA VDD = 4.75V, IOL = 0.05mA VDD = 5.0V CPOUT P0 ~ P7 CPOUT
Min. 4.75 -- 3.5 -- 10
Limits Typ. 5.0 30 -- -- 30
Max. 5.25 50 -- 0.4 100
Unit V mA V V k
__
Pull-up resistance SCK, AC, CS, SIN
22
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
Note for Supplying Power __
Timing of power supplying to AC pin The internal circuit of M35045-XXXSP/FP is reset when the level of __ the auto clear input pin AC is "L". This pin in hysteresis input with the __ pull-up resistor. The timing about power supplying of AC pin is shown in Figure 10. Timing of power supplying to VDD1 and VDD2. Supply power to VDD1 and VDD2 at the same time.
Voltage [V]
VDD Supply voltage 0.8 x VDD VAC (AC pin input voltage)
0.2 x VDD
tW more than 1ms
tS
Time t [s]
Fig. 10 Timing of power supplying to AC pin
After supplying the power (VDD and VSS) to M35045-XXXSP/FP and the supply voltage__ becomes more than 0.8 x VDD, it needs to keep VIL time; tw of the AC pin for more than 1ms. __ Start inputting from microcomputer after AC pin supply voltage becomes more than 0.8 ! VDD and keeping 200ms wait time.
PRECAUTION FOR USE
Notes on noise and latch-up In order to avoid noise and latch-up, connect a bypass capacitor (0.1F) directly between the VDD1 pin and VSS pin, and the VDD2 pin and VSS pin using a heavy wire.
DATA REQUIRED FOR MASK ROM ORDERING
Please send the following data for mask orders. (1) M35045-XXXSP/FP mask ROM order confirmation form (2) 20P4B mask specification form (3) ROM data (EPROM 3 sets) (4) Floppy disks containing the character font generating program + character data
23
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
STANDARD ROM TYPE : M35045-002SP/FP
M35045-002SP/FP is a standard ROM type of M35045-XXXSP/FP. The character patterns are fixed to the contents of Figure 11 to 16. 0016 0116 0216 0316 0416 0516 0616 0716
0816
0916
0A16
0B16
0C16
0D16
0E16
0F16
1016
1116
1216
1316
1416
1516
1616
1716
1816
1916
1A16
1B16
1C16
1D16
1E16
1F16
2016
2116
2216
2316
2416
2516
2616
2716
2816
2916
2A16
2B16
2C16
2D16
2E16
2F16
3016
3116
3216
3316
3416
3516
3616
3716
3816
3916
3A16
3B16
3C16
3D16
3E16
3F16
Fig. 11 M35045-002SP/FP character patterns (1)
24
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
4016
4116
4216
4316
4416
4516
4616
4716
4816
4916
4A16
4B16
4C16
4D16
4E16
4F16
5016
5116
5216
5316
5416
5516
5616
5716
5816
5916
5A16
5B16
5C16
5D16
5E16
5F16
6016
6116
6216
6316
6416
6516
6616
6716
6816
6916
6A16
6B16
6C16
6D16
6E16
6F16
7016
7116
7216
7316
7416
7516
7616
7716
7816
7916
7A16
7B16
7C16
7D16
7E16
7F16
Fig. 12 M35045-002SP/FP character patterns (2)
25
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
8016
8116
8216
8316
8416
8516
8616
8716
8816
8916
8A16
8B16
8C16
8D16
8E16
8F16
9016
9116
9216
9316
9416
9516
9616
9716
9816
9916
9A16
9B16
9C16
9D16
9E16
9F16
A016
A116
A216
A316
A416
A516
A616
A716
A816
A916
AA16
AB16
AC16
AD16
AE16
AF16
B016
B116
B216
B316
B416
B516
B616
B716
B816
B916
BA16
BB16
BC16
BD16
BE16
BF16
Fig. 13. M35045-002SP/FP character patterns (3)
26
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
C016
C116
C216
C316
C416
C516
C616
C716
C816
C916
CA16
CB16
CC16
CD16
CE16
CF16
D016
D116
D216
D316
D416
D516
D616
D716
D816
D916
DA16
DB16
DC16
DD16
DE16
DF16
E016
E116
E216
E316
E416
E516
E616
E716
E816
E916
EA16
EB16
EC16
ED16
EE16
EF16
F016
F116
F216
F316
F416
F516
F616
F716
F816
F916
FA16
FB16
FC16
FD16
FE16
FF16 blank
Fig. 14 M35045-002SP/FP character patterns (4)
27
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
GZZ-SH00-36B<65AO>
MASK ROM ORDER CONFIRMATION FORM SCREEN DISPLAY IC M35045-XXXSP/FP MITSUBISHI ELECTRIC
Mask ROM number
Data : Receipt
Section head Supervisor signature signature
Note : Please fill in all items marked g,
.
g Customer
( Date :
)
Data issued g
Program version name
M045R
V
g Remarks q Return the Character Font Preparation Program after use. q Three EPROMs are required. Specify the type of EPROMs submitted. (All the three EPROMs must be same types. Check @ in the appropriate box.) 27256 27512
(1) The font data prepared by the Character Font Preparation Program is saved as a binary type object file (addresses 0000h to 7FFFh). Three sets of these EPROMs are required. (2) Attach the erase protect seals on three EPROMs. Each seal bears the type name (M35045), and ROM No. (-...SP/FP). q Write the checksum code (hexadecimal notation) for entire EPROM areas. Checksum q Select the marking type (Check @ in the appropriate box). Special mark Standard Mark q The package type ....... SDIP type (M35045-XXXSP) ....... SSOP type (M35045-XXXFP) g q Comments ....... Fill in the Mark Specification Form (20P4B for M35045-XXXSP, 20P2Q-A for M35045-XXXFP) and attach to the Mask ROM Order Confirmation Form. ....... No writing is required.
(1/6)
28
Issuance signature
Company name
TEL
Responsible officer
Supervisor
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
GZZ-SH00-36B<65AO> Mask ROM number
g2. Character patterns (The patterns with the mark "#" are test patterns)
# # # # # # # #
(See the next page)
(2/6)
29
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
0016
0116
0216
0316
0416
0516
0616
0716
0816
0916
0A16
0B16
0C16
0D16
0E16
0F16
1016
1116
1216
1316
1416
1516
1616
1716
1816
1916
1A16
1B16
1C16
1D16
1E16
1F16
2016
2116
2216
2316
2416
2516
2616
2716
2816
2916
2A16
2B16
2C16
2D16
2E16
2F16
3016
3116
3216
3316
3416
3516
3616
3716
3816
3916
3A16
3B16
3C16
3D16
3E16
3F16
(3/6)
30
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
4016
4116
4216
4316
4416
4516
4616
4716
4816
4916
4A16
4B16
4C16
4D16
4E16
4F16
5016
5116
5216
5316
5416
5516
5616
5716
5816
5916
5A16
5B16
5C16
5D16
5E16
5F16
6016
6116
6216
6316
6416
6516
6616
6716
6816
6916
6A16
6B16
6C16
6D16
6E16
6F16
7016
7116
7216
7316
7416
7516
7616
7716
7816
7916
7A16
7B16
7C16
7D16
7E16
7F16
(4/6)
31
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
8016
8116
8216
8316
8416
8516
8616
8716
8816
8916
8A16
8B16
8C16
8D16
8E16
8F16
9016
9116
9216
9316
9416
9516
9616
9716
9816
9916
9A16
9B16
9C16
9D16
9E16
9F16
A016
A116
A216
A316
A416
A516
A616
A716
A816
A916
AA16
AB16
AC16
AD16
AE16
AF16
B016
B116
B216
B316
B416
B516
B616
B716
B816
B916
BA16
BB16
BC16
BD16
BE16
BF16
(5/6)
32
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
C016
C116
C216
C316
C416
C516
C616
C716
C816
C916
CA16
CB16
CC16
CD16
CE16
CF16
D016
D116
D216
D316
D416
D516
D616
D716
D816
D916
DA16
DB16
DC16
DD16
DE16
DF16
E016
E116
E216
E316
E416
E516
E616
E716
E816
E916
EA16
EB16
EC16
ED16
EE16
EF16
F016
F116
F216
F316
F416
F516
F616
F716
F816
F916
FA16
FB16
FC16
FD16
FE16
FF16 Blank
(6/6)
33
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
20P2Q-A (20-PIN SHRINK SOP) MARK SPECIFICATION FORM
34
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
20P4B (20-PIN DIP) MARK SPECIFICATION FORM
35
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PACKAGE OUTLINE 20P4B
20P2Q-A
36
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI DATA BOOK SINGLE-CHIP 4-BIT MICROCOMPUTERS
Dec. First Edition 1996 H-DF463-A
Enlarged edition
Editioned by Committee of editing of Mitsubishi Semiconductor Data Book Published by Mitsubishi Electric Corp., Semiconductor Division This book, or parts thereof, may not be reproduced in any form without permission of Mitsubishi Electric Corporation. (c)1996 MITSUBISHI ELECTRIC CORPORATION Printed in Japan


▲Up To Search▲   

 
Price & Availability of M35045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X