Part Number Hot Search : 
CRCW1210 ER208 SHD12 AN6612S HVC202A 6ST8272 43618 DN135
Product Description
Full Text Search
 

To Download LP62S1664C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LP62S1664C Series
Preliminary
Document Title 64K X 16 BIT LOW VOLTAGE CMOS SRAM Revision History
Rev. No.
0.0
64K X 16 BIT LOW VOLTAGE CMOS SRAM
History
Initial issue
Issue Date
February 19, 2002
Remark
Preliminary
PRELIMINARY
(February, 2002, Version 0.0)
AMIC Technology, Inc.
LP62S1664C Series
Preliminary
Features
n Operating voltage: 2.7V to 3.6V n Access times: 55/70 ns (max.) n Current: LP62S1664C-55 series: Operating: 50mA (max.) Standby: 5A (max.) LP62S1664C-70 series: Operating: 40mA (max.) Standby: 5A (max.) n Extended operating temperature range : -40C to 85C for -LLI series n Full static operation, no clock or refreshing required n All inputs and outputs are directly TTL-compatible n Common I/O using three-state output n Data retention voltage: 2V (min.) n Available in 44-pin TSOP and 48-ball Mini BGA (6X8) packages.
64K X 16 BIT LOW VOLTAGE CMOS SRAM
General Description
The LP62S1664C is a low operating current 1,048,576bit static random access memory organized as 65,536 words by 16 bits and operates on low power supply voltage from 2.7V to 3.6V. It is built using AMIC's high performance CMOS process. Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures. The chip enable input is provided for POWER-DOWN, device enable. Two byte enable inputs and an output enable input are included for easy interfacing. Data retention is guaranteed at a power supply voltage as low as 2V.
Product Family Product Family
LP62S1664C Operating Temperature -40C ~ +85C VCC Range 2.7V~3.6V
Power Dissipation Speed
55ns / 70ns Data Retention (ICCDR, Typ.) 0.2A Standby (ISB1, Typ.) 0.3A Operating (ICC2, Typ.) 3mA
Package Type 44L TSOP 48B MBGA
1. Typical values are measured at VCC = 3.0V, TA = 25C and not 100% tested. 2. Data retention current VCC = 2.0V.
Pin Configuration
n TSOP (Type II)
A4 A3 A2 A1 A0 CE I/O0 I/O1 I/O2 I/O3 VCC GND I/O4 I/O5 I/O6 I/O7 WE A15 A14 A13 A12 NC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 A5 A6 A7 OE HB LB I/O15 I/O14 I/O13 I/O12 GND VCC I/O11 I/O10 I/O9 I/O8 NC A8 A9 A10 A11 NC
n Mini BGA (6X8) Top View 1 A B C D E F G H LB I/O8 I/O9 VSS VCC I/O14 I/O15 NC 2 OE 3 A0 A3 A5 NC NC A14 A12 A9 4 A1 A4 A6 A7 NC A15 A13 A10 5 A2 6 NC I/O0 I/O2 VCC VSS I/O6 I/O7 NC
HB
I/O10 I/O11 I/O12 I/O13 NC A8
CS
I/O1 I/O3 I/O4 I/O5 WE A11
LP62S1664CV
LP62S1664CU
PRELIMINARY
(February, 2002, Version 0.0)
1
AMIC Technology, Inc.
LP62S1664C Series
Block Diagram
A0
VCC GND 512 X 2048 DECODER
A14
MEMORY ARRAY
A15
I/O0 COLUMN I/O INPUT DATA CIRCUIT
I/O8
INPUT DATA CIRCUIT
I/O7
I/O15
CE LB HB OE WE
CONTROL CIRCUIT
PRELIMINARY
(February, 2002, Version 0.0)
2
AMIC Technology, Inc.
LP62S1664C Series
Pin Description - TSOP
Pin No. 1 - 5, 18 - 21, 24 - 27,42 - 44 6 7 - 10, 13 - 16, 29 - 32, 35 - 38 17 39 40 41 11, 33 12, 34 22 , 23, 28 Symbol A0 - A15 CE I/O0 - I/O15 WE LB HB OE VCC GND NC Description Address Inputs Chip Enable Input
Data Input/Outputs Write Enable Input Byte Enable Input (I/O0 to I/O7) Byte Enable Input (I/O8 to I/O15) Output Enable Input Power Ground No Connection
Recommended DC Operating Conditions
(TA = -25C to + 85C for -LLT or -40C to 85C for -LLI) Symbol VCC GND VIH VIL CL TTL Parameter Supply Voltage Ground Input High Voltage Input Low Voltage Output Load Output Load Min. 2.7 0 2.2 -0.3 Typ. 3.0 0 Max. 3.6 0 VCC + 0.3 +0.6 30 1 Unit V V V V pF -
PRELIMINARY
(February, 2002, Version 0.0)
3
AMIC Technology, Inc.
LP62S1664C Series
Absolute Maximum Ratings*
VCC to GND . . . . . . . . . . . . . . . . . . . . . -0.5V to +4.6V IN, IN/OUT Volt to GND . . . . . . . . -0.5V to VCC + 0.5V Operating Temperature, Topr . . . . . . . . -40C to +85C Storage Temperature, Tstg . . . . . . . . . -55C to +125C Power Dissipation, PT . . . . . . . . . . . . . . . . . . . . . 0.7W Soldering Temp. & Time . . . . . . . . . . . . 260C, 10 sec
*Comments
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to this device. These are stress ratings only. Functional operation of this device at these or any other conditions above those indicated in the operational sections of this specification is not implied or intended. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
DC Electrical Characteristics
(TA = -25C to + 85C for -LLT or -40C to + 85C for -LLI, VCC = 2.7V to 3.6V, GND = 0V) Symbol Parameter LP62S1664C-55LLT/LLI Min. ILI Input Leakage Current Output Leakage Current Max. 1 LP62S1664C-70LLT/LLI Min. Max. 1 A VIN = GND to VCC CE = VIH or OE = VIH or LB = HB = VIH or WE = VIL VI/O = GND to VCC CE = VIL, II/O = 0mA Min. Cycle, Duty = 100% CE = VIL, II/O = 0mA CE = VIL, VIH = VCC, VIL = 0V, f = 1MHz, II/O = 0 mA CE = VIH CE VCC - 0.2V VIN 0V IOL = 2.1mA IOH = -1.0mA Unit Conditions
ILO
-
1
-
1
A
ICC ICC1
Active Power Supply Current
-
5
-
5
mA
ICC2
Dynamic Operating Current
-
50
-
40
mA
-
5
-
5
mA
ISB ISB1 Standby Power Supply Current Output Low Voltage Output High Voltage
-
0.3 5
-
0.3 5
mA A V V
VOL VOH
2.2
0.4 -
2.2
0.4 -
PRELIMINARY
(February, 2002, Version 0.0)
4
AMIC Technology, Inc.
LP62S1664C Series
Truth Table
CE H OE X WE X LB X L L L H L H L L X L L H L L H H X X X X H L H High - Z Not selected High - Z Not selected ICC1, ICC2, ICC ISB1, ISB HB X L H L L H L X I/O0 to I/O7 Mode Not selected Read Read High - Z Write Write Not Write/Hi - Z High - Z I/O8 to I/O15 Mode Not selected Read High - Z Read Write Not Write/Hi - Z Write High - Z VCC Current ISB1, ISB ICC1, ICC2, ICC ICC1, ICC2, ICC ICC1, ICC2, ICC ICC1, ICC2, ICC ICC1, ICC2, ICC ICC1, ICC2, ICC ICC1, ICC2, ICC
Note: X = H or L
Capacitance (TA = 25C, f = 1.0MHz)
Symbol CIN* CI/O* Parameter Input Capacitance Input/Output Capacitance Min. Max. 6 8 Unit pF pF Conditions VIN = 0V VI/O = 0V
* These parameters are sampled and not 100% tested.
PRELIMINARY
(February, 2002, Version 0.0)
5
AMIC Technology, Inc.
LP62S1664C Series
AC Characteristics (TA = -25C to +85C for -LLT or -40C to +85C for -LLI, VCC = 2.7V to 3.6V)
Symbol Parameter LP62S1664C-55LLT/LLI Min. Read Cycle tRC tAA tACE tBE tOE tCLZ tBLZ tOLZ tCHZ tBHZ tOHZ tOH Write Cycle tWC tCW tBW tAS tAW tWP tWR tWHZ tDW tDH tOW Write Cycle Time Chip Enable to End of Write Byte Enable to End of Write Address Setup Time Address Valid to End of Write Write Pulse Width Write Recovery Time Write to Output in High Z Data to Write Time Overlap Data Hold from Write Time Output Active from End of Write 55 50 50 0 50 40 0 25 0 5 25 70 60 60 0 60 50 0 30 0 5 30 ns ns ns ns ns ns ns ns ns ns ns Read Cycle Time Address Access Time Chip Enable Access Time Byte Enable Access Time Output Enable to Output Valid Chip Enable to Output in Low Z Byte Enable to Output in Low Z Output Enable to Output in Low Z Chip Disable to Output in High Z Byte Disable to Output in High Z Output Disable to Output in High Z Output Hold from Address Change 55 10 5 5 5 55 55 55 30 20 20 20 70 10 5 5 10 70 70 70 35 25 25 25 ns ns ns ns ns ns ns ns ns ns ns ns Max. LP62S1664C-70LLT/LLI Min. Max. Unit
Note: tCHZ, tBHZ and tOHZ and tWHZ are defined as the time at which the outputs achieve the open circuit condition and are not referred to output voltage levels.
PRELIMINARY
(February, 2002, Version 0.0)
6
AMIC Technology, Inc.
LP62S1664C Series
Timing Waveforms
Read Cycle 1
(1, 2, 4)
tRC Address
tAA tOH tOH
DOUT
Read Cycle 2
(1, 2, 3)
tRC Address
tAA
CE tACE tCLZ 5 tBE
tCHZ 5
HB, LB
tBLZ 5
tBHZ 5
OE tOHZ 5
tOE tOLZ 5 DOUT
Notes:
1. WE is high for Read Cycle. 2. Device is continuously enabled CE = VIL, HB = VIL and, or LB = VIL. 3. Address valid prior to or coincident with CE and ( HB and, or LB ) transition low. 4. OE = VIL. 5. Transition is measured 500mV from steady state. This parameter is sampled and not 100% tested.
PRELIMINARY
(February, 2002, Version 0.0)
7
AMIC Technology, Inc.
LP62S1664C Series
Timing Waveforms (continued)
Write Cycle 1 (Write Enable Controlled)
tWC Address tAW tCW CE tWR3
tBW HB, LB
tAS1
tWP2
WE
tDW DATA IN tWHZ 4
tDH
tOW DATA OUT
PRELIMINARY
(February, 2002, Version 0.0)
8
AMIC Technology, Inc.
LP62S1664C Series
Timing Waveforms (continued)
Write Cycle 2 (Chip Enable Controlled)
tWC Address tAW tAS1 CE tCW2 tWR3
tBW HB, LB
tWP
WE
tDW DATA IN tWHZ 4
tDH
tOW DATA OUT
PRELIMINARY
(February, 2002, Version 0.0)
9
AMIC Technology, Inc.
LP62S1664C Series
Timing Waveforms (continued)
Write Cycle 3 (Byte Enable Controlled)
tWC Address
tAW tCW CE tWR3
tAS1
tBW2
HB, LB
tWP WE
tDW
tDH
DATA IN tWHZ 4 tOW DATA OUT
Notes: 1. tAS is measured from the address valid to the beginning of Write. 2. A Write occurs during the overlap (tWP, tBW) of a low CE , WE and ( HB and, or LB ). 3. tWR is measured from the earliest of CE or WE or ( HB and, or LB ) going high to the end of the Write cycle. 4. OE level is high or low. 5. Transition is measured 500mV from steady state. This parameter is sampled and not 100% tested.
PRELIMINARY
(February, 2002, Version 0.0)
10
AMIC Technology, Inc.
LP62S1664C Series
AC Test Conditions
Input Pulse Levels Input Rise And Fall Time Input and Output Timing Reference Levels Output Load 0V to 2.4V 5 ns 1.5V See Figures 1 and 2
TTL
TTL
CL 30pF
CL 5pF
* Including scope and jig.
* Including scope and jig.
Figure 1. Output Load
Figure 2. Output Load for tCLZ, tOLZ, tCHZ, tOHZ, tWHZ, and tOW
Data Retention Characteristics (TA = -25C to 85C for -LLT or -40C to 85C for -LLI)
Symbol VDR Parameter VCC for Data Retention Min. 2.0 Max. 3.6 Unit V Conditions CE VCC - 0.2V VCC = 2.0V, CE VCC - 0.2V VIN 0V
ICCDR
Data Retention Current
-
3*
A
tCDR tR tVR
Chip Disable to Data Retention Time Operation Recovery Time VCC Rise Time from Data Retention Voltage to Operating Voltage ICCDR: max.
0 tRC 5
-
ns ns ms See Retention Waveform
* LP62S1664C-55/70(LLT/LLI)
1A at TA = 0C to + 40C
PRELIMINARY
(February, 2002, Version 0.0)
11
AMIC Technology, Inc.
LP62S1664C Series
Low VCC Data Retention Waveform
DATA RETENTION MODE VCC 2.7V tCDR VDR 2V tVR CE VIH CE VDR - 0.2V VIH 2.7V tR
Ordering Information
Part No. LP62S1664CV-55LLT LP62S1664CV-55LLI 55 LP62S1664CU-55LLT LP62S1664CU-55LLI LP62S1664CV-70LLT LP62S1664CV-70LLI 70 LP62S1664CU-70LLT LP62S1664CU-70LLI LLT : for -25C ~ 85C LLI : for -40C ~ 85C 40 5 48B Mini BGA 48B Mini BGA 50 5 48B Mini BGA 48B Mini BGA 44L TSOP 44L TSOP Access Time (ns) Operating Current Max. (mA) Standby Current Max. (A) Package 44L TSOP 44L TSOP
PRELIMINARY
(February, 2002, Version 0.0)
12
AMIC Technology, Inc.
LP62S1664C Series
Package Information TSOP 44L (Type II) Outline Dimensions
unit: inches/mm
44
E1
E
L L1
1 D
A2
b ZD
Dimensions in inches
D
e
A
y
A1
L
L1
Dimensions in mm Min 0.05 0.95 0.30 0.12 18.28 11.56 10.03 0.49 Nom 1.00 18.41 0.805 REF 11.76 10.16 0.59 0.80 REF 0.80 BSC Max 1.20 0.15 1.05 0.45 0.21 18.54 11.96 10.29 0.69
Symbol
A A1 A2 b c D ZD E E1 L L1 e y
Min 0.002 0.037 0.012 0.005 0.720 0.455 0.395 0.019
Nom 0.039 0.725 0.032 REF 0.463 0.400 0.023 0.031 REF 0.031 BSC
Max 0.047 0.006 0.041 0.018 0.008 0.730 0.471 0.405 0.027
0
-
0.004 5
0
-
0.10 5
Notes: 1. The maximum value of dimension D includes end flash. 2. Dimension E1 does not include resin fins. 3. Dimension ZD includes end flash.
PRELIMINARY
(February, 2002, Version 0.0)
13
AMIC Technology, Inc.
c
LP62S1664C Series
Package Information Mini BGA 6X8 (48 BALLS) Outline Dimensions
unit : millimeter(mm)
Bottom View Pin A1 Index 654 321 Pin A1 Index
Top View
C1
E F G H
A
A B1 Diameter D Solder Ball
B
D
Symbol A B B1 C C1 D E E1 E2
Min 5.90 7.90 0.30 1.00 -
Typ 0.75 6.00 3.75 8.00 5.25 0.35 1.10 0.36 0.25
Max 6.10 8.10 0.40 1.20 -
PRELIMINARY
(February, 2002, Version 0.0)
14
AMIC Technology, Inc.
C E2 E
A B C D
0.10 E1


▲Up To Search▲   

 
Price & Availability of LP62S1664C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X